Part Number Hot Search : 
KBPC3504 74AHCT1 015020 X1692 MJ21195G RN1971FE M62370GP KA75270
Product Description
Full Text Search
 

To Download 90SERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 89 coating molded lead free vitreous enamel core ceramic terminals solder-coated copper clad axial. rohs solder composition is 96% sn, 3.5% ag, 0.5% cu derating linearly from 100% @ +25c to 0% @ +350c tolerance 5% (other tolerances available) power rating based on 25c free air rating (other wattages available*) maximum ohmic values see chart overload under 11 watts: 5 times rated wattage for 5 seconds. 11 watts: 10 times rated wattage for 5 seconds temperature coefficient 1 to 9.99: 100 ppm/c; 10 and over: 30 ppm/c dielectric withstanding voltage 500 vac: 1w rating; 1000 vac: 2, 3, 5 and 11w 90 series lead free vitreous enamel molded axial term. wirewound, 5% tolerance standard series wattage* ohms voltage 91 1.5 0.1 -3.6k 150 92 2.25 0.1 -3.5k 85 93 3.25 0.1 -10.5k 200 95 5.0 0.1 -25k 495 96 6.5 0.1 -50k 625 90 11.0 0.1 -91k 1080 * 2x power ratings by using heat-sink mounting clips shown on following page. note: due to space restrictions, parts are stamped with wattage ratings reduced to the nearest whole number. the actual wattage ratings are as published in this catalog. series wattage length diameter lead gauge 91 1.5 0.452 / 11.5 0.140 / 3.6 24 92 2.25 0.405 / 10.3 0.219 / 5.6 20 93 3.25 0.577 / 14.7 0.234 / 5.9 20 95 5.0 0.968 / 24.6 0.265 / 6.7 20 96 6.5 0.952 / 24.2 0.343 / 8.7 20 90 11.0 1.811 / 46.0 0.343 / 8.7 20 ld 1.5 in. / 38.1mm when you need the highest quality wirewound axial terminal resistors available, choose ohmites 90 series resistors. they are manufactured by a unique process that molds the vitreous enamel over the resistive ele - ment, helping to ensure consistent dimensions. this uniformity permits 90 series resistors to be mounted in clips, creating a heat-sinking benefit (see next page). the durable vitreous enamel coating, which is totally lead free, permits the 90 series resistors to maintain a hard coating while operating at high temperatures. mechanical integrity is enhanced by the all-welded construction. feature s ? molded construction provides consistent shape and size (permits mounting in clips which extends power rating). ? meets mil-r-26 requirements for insulated resis- tors. ? all-welded construction. ? flame resistant lead free vitreous enamel coating. ? higher ratings in smaller sizes. ? heat sink mounting clips available. ? rohs compliant; add e suffix to part number to specify. characteristics series specific ations dimensions (in./mm max.) (continued)
1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 90 standard part numbers for mounting clip feature s ? prevents severe vibration or mechanical shock to resistor ? increases resistor wattage up to 100% when mounted on metal surface (1.5 sq. in. by 0.040 in. thick min. per watt dissipated) ? holes in clip base permit fastening to chassis surface with machine screws, eyelets or rivets ? sold in bags of ten (10) m ounting clip resistor clip clip clip hole hole rating length width height no. of centers diameter part no. (watts) (in./mm) (in./mm) (in./mm) holes (in./mm) (in./mm) 5900 1.5 0.40 / 10.319 0.150 / 3.810 0.250 / 6.350 1 0.71 / 1.803 5902 2.25 0.35 / 8.890 0.217 / 5.500 0.275 / 6.980 2 0.156 / 3.969 0.71 / 1.803 5904 3.25 0.50 / 12.700 0.257 / 6.500 0.319 / 8.103 2 0.250 / 6.350 0.093 / 2.362 5906 5.0 0.90 / 22.860 0.237 / 6.019 0.284 / 7.214 2 0.400 / 10.160 0.103 / 2.616 5908 11.0 1.75 / 44.450 0.333 / 8.458 0.377 / 9.576 2 0.800 / 20.320 0.103 / 2.616 = most popular standard values = standard values = non-standard values subject to minimum handling charge per item standard part numbers for 90 series 1 CCC1r0 1.1 CCC1r1 1.2 CCC1r2 1.3 CCC1r3 1.5 CCC1r5 1.6 CCC1r6 1.8 CCC1r8 2 CCC2r0 2.2 CCC2r2 2.4 CCC2r4 2.7 CCC2r7 3 CCC3r0 3.3 CCC3r3 3.6 CCC3r6 3.9 CCC3r9 4 CCC4r0 4.3 CCC4r3 4.7 CCC4r7 5 CCC5r0 5.1 CCC5r1 5.6 CCC5r6 6.2 CCC6r2 6.8 CCC6r8 7.5 CCC7r5 8.2 CCC8r2 9.1 CCC9r1 10 CCC10r 11 CCC11r 12 CCC12r 13 CCC13r 15 CCC15r 16 CCC16r 18 CCC18r 20 CCC20r 22 CCC22r 24 CCC24r 25 CCC25r 27 CCC27r 30 CCC30r 33 CCC33r 35 CCC35r 36 CCC36r 39 CCC39r 40 CCC40r 43 CCC43r 47 CCC47r 50 CCC50r 51 CCC51r 56 CCC56r 62 CCC62r 68 CCC68r 75 CCC75r 82 CCC82r 91 CCC91r 100 CCC100 110 CCC110 120 CCC120 130 CCC130 150 CCC150 160 CCC160 180 CCC180 200 CCC200 220 CCC220 240 CCC240 250 CCC250 270 CCC270 300 CCC300 330 CCC330 350 CCC350 360 CCC360 390 CCC390 400 CCC400 430 CCC430 450 CCC450 470 CCC470 500 CCC500 510 CCC510 560 CCC560 600 CCC600 620 CCC620 680 CCC680 700 CCC700 750 CCC750 800 CCC800 820 CCC820 900 CCC900 910 CCC910 1,000 CCC1k0 1,100 CCC1k1 1,200 CCC1k2 1,300 CCC1k3 1,400 CCC1k4 1,500 CCC1k5 1,600 CCC1k6 1,800 CCC1k8 2,000 CCC2k0 2,200 CCC2k2 2,400 CCC2k4 2,500 CCC2k5 2,700 CCC 2k7 3,000 CCC3k0 3,300 CCC 3k3 3,500 CCC 3k5 3,600 CCC 3k6 3,900 CCC 3k9 4,000 CCC 4k0 4,300 CCC 4k3 4,500 CCC 4k5 4,700 CCC 4k7 5,000 CCC 5k0 5,100 CCC 5k1 5,600 CCC 5k6 6,000 CCC 6k0 6,200 CCC 6k2 6,800 CCC 6k8 7,000 CCC 7k0 7,500 CCC 7k5 8,000 CCC 8k0 8,200 CCC 8k2 9,000 CCC 9k0 9,100 CCC 9k1 10,000 CCC 10k 11,000 CCC 11k 12,000 CCC 12k 13,000 CCC 13k 14,000 CCC 14k 15,000 CCC 15k 16,000 CCC 16k 17,000 CCC 17k 18,000 CCC 18k 20,000 CCC 20k 22,000 CCC 22k 24,000 CCC 24k 25,000 CCC 25k 27,000 CCC 27k 30,000 CCC 30k 33,000 CCC 33k 35,000 CCC 35k 36,000 CCC 36k 39,000 CCC 39k 40,000 CCC 40k 43,000 CCC 43k 45,000 CCC 45k 47,000 CCC 47k 50,000 CCC 50k 51,000 CCC 51k = standard values = non-standard values subject to minimum handling charge per item shaded values involve very fine resistance wire and should not be used in critical applications without burn- in and/or thermal cycling. ohmic value 95jCCC 5 90jCCC 11 wattage part no. prefix suffix ohmic value 93jCCC 3.25 95jCCC 5 90jCCC 11 wattage part no. prefix suffix ohmic value 91jCCC 1.5 92jCCC 2.25 93jCCC 3.25 95jCCC 5 90jCCC 11 wattage part no. prefix suffix ohmic value 91jCCC 1.5 92jCCC 2.25 93jCCC 3.25 95jCCC 5 90jCCC 11 wattage part no. prefix suffix ohmic value 91jCCC 1.5 92jCCC 2.25 93jCCC 3.25 95jCCC 5 90jCCC 11 wattage part no. prefix suffix 91 n jr10e 90 series series-lead free v itreous enamel molded axial t erm. wirewound resistance v alue 1r0 = 1.0? 10r = 10.0? 25 0= 250? 1k0 = 1,000? 4k5 = 4,500? 51k =5 1,000? t olerance j= 5% w attage 1= 1.5w 2= 2.25w 3= 3.25w 5 =5 w 0= 11 w non-inductive winding optional (blank = std. winding) rohs compliant ordering inf ormation 90 series lead free vitreous enamel molded axial term. wirewound, 5% tolerance standard


▲Up To Search▲   

 
Price & Availability of 90SERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X