Part Number Hot Search : 
MBA0204 DP68H8B STRLP 1FM44 UPC592 LC552 E1500 LT1033CP
Product Description
Full Text Search
 

To Download 2SB560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang electronics technology co., ltd to-92mod plastic-encapsulate transistors 2SB560 transistor ( pnp ) features z high reverse voltage z low saturation voltage z suitable universal af power amplifier use maximum ratings (t a =25 unless otherwise noted) symbol parameter value unit v cbo collector-base voltage -100 v v ceo collector-emitter voltage -80 v v ebo emitter-base voltage -5 v i c collector current -continuous -0.7 a p c collector power dissipation 900 mw t j junction temperature 150 t stg storage temperature -55-150 electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions m in typ max unit collector-base breakdown voltage v (br)cbo i c = -10 ua, i e =0 -100 v collector-emitter breakdown voltage v (br)ceo i c = -1 ma, i b =0 -80 v emitter-base breakdown voltage v (br)ebo i e = -10 a, i c =0 -5 v collector cut-off current i cbo v cb = -20 v , i e =0 -1 a collector cut-off current i ebo v eb = -4v , i b =0 -1 a h fe(1) v ce = -5v, i c = -50ma 60 560 dc current gain h fe(2) v ce = -5v, i c = -500ma 30 collector-emitter saturation voltage v ce(sat) i c =-500 ma, i b = -50ma -0.3 -0.8 v base-emitter saturation voltage v be(sat) i c =-500 ma, i b = -50ma -0.85 -1.2 v transition frequency f t v ce =-10v, i c =-50ma 100 mhz out capacitance cob v cb = -10 v ,f=1mh z 15 pf classification of h fe(1) rank d e f g range 60 - 120 100 - 200 160 - 320 280 - 560 to-92mod 1. emitter 2. collector 3. base j c ( t www.cj-elec.com 1 www.cj-elec.com c,mar,2016 a,jun,2011
symbol dimensions in millimeters dimensions in inches min. max. min. max. a 4.800 5.000 0.189 0.197 a1 1.730 2.030 0.068 0.080 b 0.440 0.600 0.017 0.024 b1 0.940 1.100 0.037 0.043 c 0.350 0.450 0.014 0.018 d 5.900 6.100 0.232 0.240 d1 4.000 0.157 e 8.500 8.700 0.335 0.343 e 1.500 typ. 0.059 typ. e1 2.900 3.100 0.114 0.122 l 13.800 14.200 0.543 0.559 - 1.600 0.063 0.000 0.380 0.000 0.015 h www.cj-elec.com 2 a,jun,2014 www.cj-elec.com c,mar,2016
www.cj-elec.com 3 a,jun,2014 www.cj-elec.com c,mar,2016


▲Up To Search▲   

 
Price & Availability of 2SB560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X