Part Number Hot Search : 
1N415 2SC17 TC5020BP 02N03 1A101 SGM6130 XXXZFZ DG444DJ
Product Description
Full Text Search
 

To Download 2N3439U4E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lds -00 22 - 2, rev . 1 (111617) ?2011 microsemi corporation page 1 of 6 2n3439u4 thru 2n3440u4 c ompliant npn low power silicon transistor qualified per mil -prf- 19500/3 68 qualified levels : jan, jantx , jantxv and jans * (*2n3440u4 only) description t his family of 2n3439u4 through 2n3440u4 high - frequency, epitaxial planar transistors feature low saturation voltage. the u4 package is hermetically sealed and provides a low profile for minimizing board height. these devices are also available in ua, to -5 and to - 39 packaging. microsemi also offers numerous other transistor products to meet hi gher and lower power ratings with various switching speed requirements in both through - hole and surface- mount packages. u4 package also available in : ua packa ge (surface mount) 2n3439ua C 2n3440ua to - 5 package ( long leaded) 2n3439l C 2n3440l to - 39 packag e (leaded) 2n3439 C 2n3440 important: for the latest information, visit our website http://www.microsemi.com . features ? jedec regist ered 2n34 39 u4 through 2n34 40 u4 series. ? rohs compliant b y design . ? vce(sat) = 0.5 v @ ic = 50 ma . ? turn - on time t on = 1.0 s m ax @ i c = 20 ma, i b1 = 2.0 ma . ? turn - off time t off = 10 s m ax @ i c = 20 ma, i b1 = -i b2 = 2.0 ma . a pplications / benefits ? general purpose transistors for medium power applications requiring high frequency switching and low package profile. ? military and other high - reliability applications. m axim um ratings @ t c = +25c unless otherwise noted . msc C la w rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, e nnis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters / test conditions symbol 2n3439 u4 2n3 4 40 u4 unit collector - emitter voltage v ceo 350 250 v collector - base voltage v cbo 450 300 v emitter - base voltage v ebo 7.0 v collector current i c 1.0 a total power dissipation @ t a = +25 c (1) @ t c = + 25 c (2) p d 0.8 5.0 w operating & storage junction temperature range t j , t stg - 65 to +200 c notes : 1. derate linearly @ 4.57 mw/c for t a > +25 c. 2. derate linearly @ 28.5 mw/c for t c > +25 c. downloaded from: http:///
lds -00 22 - 2, rev . 1 (111617) ?2011 microsemi corporation page 2 of 6 2n3439u4 thru 2n3440u4 mechanical and packaging ? case: hermetically sealed, aluminum nitride (aln) ceramic body with gold over nickel plated kovar lid. ? terminals: gold over nickel plated surface mount terminations . ? marking: part number, d ate c ode, m anufacturers id . ? polarity: see package dimensions . ? tape & reel option: standard per eia - 481d. consult factory for quantities. ? w eight: 0 .125 grams (125 milligrams) . ? see p ackage d imensions on last page. part nomenclature jan 2n3439 u4 reliability level jan = jan level jantx = jantx level jantxv = jantxv level jans * = jans level (*2n3440u4 only) blank = c ommercial jedec type number (s e e electrical characteristics table ) surface mount package type symbols & definitions symbol definition c ibo c ommon - base open - circuit input capacitance . c obo c ommon - base open - circuit output capacitance . i ceo c ollector cutoff current, base open . i cex c ollector cutoff current, circui t between base and emitter . i ebo e mitter cutoff current, collector open . h fe c ommon - emitter static forward current transfer ratio . v be b ase - emitter voltage, dc . v ce c ollector - emitter voltage, dc . v ceo c ollector - emitter voltage, base open . v cbo c ollec tor - emitter voltage, emitter open . v eb e mitter - base voltage, dc . v ebo e mitter - base voltage, collector open . downloaded from: http:///
lds -00 22 - 2, rev . 1 (111617) ?2011 microsemi corporation page 3 of 6 2n3439u4 thru 2n3440u4 electrical characteristics @ t a = +25c, unless otherwise noted . off character is tics parameters / test conditions symbol min. max. unit collector - emitter breakdown voltage i c = 10 ma v (br)ceo 350 250 v r bb1 = 470 ? ; v bb1 = 6 v l = 25 mh (min); f = 30 C 60 hz 2n3439 u4 2n3440 u4 collector - emitter cutoff current i ceo 2.0 2.0 a v ce = 300 v v ce = 200 v 2n3439u4 2n3440 u4 emit ter - base cutoff current v eb = 7.0 v i ebo 10 a collector - emitter cutoff current i cex 5.0 5.0 a v ce = 450 v, v be = - 1.5 v v ce = 300 v, v be = - 1.5 v 2n3439u4 2n3440 u4 collector - base cutoff current i cbo 2.0 2.0 5.0 5.0 a v cb = 360 v v cb = 250 v v cb = 450 v v cb = 300 v 2n3439u4 2n3440 u4 2n3439u4 2n3440u4 on characteristics (1) parameters / test conditions symbol min. max. unit forward - current transfer ratio i c = 20 ma, v ce = 10 v i c = 2.0 ma, v ce = 10 v i c = 0.2 ma, v ce = 10 v h fe 40 30 10 160 collector - emitter saturation voltage i c = 50 ma, i b = 4.0 ma v ce(sat) 0.5 v base - emitter saturation voltage i c = 50 ma, i b = 4.0 ma v be(sat) 1.3 v dynamic characteristics parameters / test conditions symbol min. max. unit magnitude of common emitter small - signal short - circuit forward current transfer ratio i c = 10 ma, v ce = 10 v, f = 5.0 mhz |h fe | 3.0 15 forward current transfer ratio i c = 5.0 ma, v ce = 10v, f = 1.0 khz h fe 25 output capacitance v cb = 10 v, i e = 0, 100 khz f 1.0 mhz c obo 10 pf input capacitance v cb = 5.0 v, i e = 0, 100 khz f 1.0 mhz c ibo 75 pf (1 ) pulse test: pulse width = 300 s, d uty c ycle 2.0% . downloaded from: http:///
lds -00 22 - 2, rev . 1 (111617) ?2011 microsemi corporation page 4 of 6 2n3439u4 thru 2n3440u4 electrical characteristics @ t a = +25c, unless otherwise noted. ( continued ) switching c haracteristics parameters / test conditions symbol min. max. unit turn - on time v cc = 200 v; i c = 20 ma, i b1 = 2.0 ma t on 1.0 s turn - off time v cc = 200 v; i c = 20 ma, i b1 = -i b2 = 2.0 ma t off 10 s safe operating area (see graph below and reference mil - std - 750, method 3053 ) dc tests t c = +25 c, 1 cycle, t = 1.0 s test 1 v ce = 5.0 v, i c = 1.0 a both types test 2 v ce = 350 v, i c = 14 ma 2n3439 u4 test 3 v ce = 250 v, i c = 20 ma 2n3440 u4 v ce - collector to emitter voltage (v ) maximum safe operating area (continuous dc) i c C collector current ( ma ) downloaded from: http:///
lds -00 22 - 2, rev . 1 (111617) ?2011 microsemi corporation page 5 of 6 2n3439u4 thru 2n3440u4 graphs t c ( o c ) ( case ) figure 1 temperature - power derating curve notes: thermal resistance junction to case = 8.0 o c/w max fi nis h - alloy temp = 175 o c time (s) figure 2 maximum thermal impedance note: t c = +25 c, thermal resistance r jc = 8.0 c/w dc operation maximum rating (w) theta ( o c /w) downloaded from: http:///
lds -00 22 - 2, rev . 1 (111617) ?2011 microsemi corporation page 6 of 6 2n3439u4 thru 2n3440u4 package dimensions notes: 1. dimensions are in inches. 2. millimeter equivalents are given for general information only. 3. in accordance with asme y14.5m, diameters are equivalent to x symbology. dimensions ltr inches millimeters min max min max bl 0 .215 0 .225 5.46 5.72 bw 0 .145 0 .155 3.68 3.94 ch 0 .049 0 .075 1.24 1.91 lh 0.020 0.51 lw1 0 .135 0 .145 3.43 3.68 lw2 0 .047 0 .057 1.19 1.45 ll1 0.085 0 .125 2.16 3.17 ll2 0 .045 0.075 1.14 1.90 ls1 0 .070 0 .09 5 1.78 2.41 ls2 0.035 0 .048 0.89 1.21 q1 0.030 0 .070 0.76 1.78 q2 0.02 0 0 .035 0.51 0.89 terminal 1 collector 2 base 3 emitter downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2N3439U4E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X