Part Number Hot Search : 
MIK2152 ICE2QS03 K550C D102K 982A05RX ON1862 FB1002 M2073
Product Description
Full Text Search
 

To Download 1N3595 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (see reverse side) r1 1N3595 silicon low leakage diode jedec do-35 case description the central semiconductor 1N3595 is an epitaxial planar silicon diode designed for low leakage, high conductance applications. higher breakdown voltage devices are available on special order. maximum ratings: (t a =25c) symbol units peak repetitive reverse voltage v rrm 150 v peak working reverse voltage v rwm 125 v average forward current i o 150 ma forward steady-state current i f 225 ma recurrent peak forward current i f 600 ma peak forward surge current (1.0s pulse) i fsm 500 ma peak forward surge current (1.0s pulse) i fsm 4.0 a power dissipation p d 500 mw operating and storage junction temperature t j ,t stg -65 to +200 c electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i r v r =125v 1.0 na i r v r =125v, t a =125c 500 na i r v r =125v, t a =150c 3.0 a i r v r =30v, t a =125c 300 na bv r i r =100a 150 v v f i f =1.0ma 0.54 0.69 v v f i f =5.0ma 0.62 0.77 v v f i f =10ma 0.65 0.80 v v f i f =50ma 0.75 0.88 v v f i f =100ma 0.79 0.92 v v f i f =200ma 0.83 1.0 v c t v r =0, f=1.0mhz 8.0 pf t rr v r =3.5v, i f =10ma, r l =1.0k ? 3.0 s
1N3595 low leakage diode r1 jedec do-35 case - mechcanical outline a c b d d r1 marking code: c1N3595 min max min max a 0.018 0.022 0.46 0.56 b 0.120 0.200 3.05 5.08 c 0.060 0.090 1.52 2.29 d 1.000 - 25.40 - do-35 (rev: r0) dimensions symbol inches millimeters


▲Up To Search▲   

 
Price & Availability of 1N3595

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X