Part Number Hot Search : 
SMA592 XX1002 SMA592 HY5DV64 ENV50140 BU2506 1N6285A 30130
Product Description
Full Text Search
 

To Download 14001-00400100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10-65 micro-atx with intel? 6th generation core? processor, ddr4 dram, usb x 14 & iamt support imbm-q170a optional accessories part number description 1709100330 usb 2.0 cable (9p, 330mm, p=2.54mm, w/bracket) 170910020k usb 2.0 cable (9p, 200mm, p=2.54mm, w/o bracket) 175921156b cpu cooler (2-ball, push-pin type) 1759200172 cpu cooler (2-ball, screw with retention plate) tbd tpm module 6th gen. intel? core? lga1151 processor ddr4 dram support, 2133 mhz, max. 64gb three independent display: hdmi x 2, dvi-i port x 1 dual intel? gigabit ethernet, iamt support usb 3.0 port x 10, usb 2.0 port x 4 tpm support packing list ? 14001-00630100 sata 6g cable (7p, 180; 90, 500mm 2 in 1) ? 14001-00400100 com port cable (9p, 260mm, p=2.54mm w/bracket) ? i/o shield ? product cd ? imbm-q170a system processor intel? 6th generation(skylake-s) core? i7/i5/i3/pentium?/ celeron? 14nm lga1151 socket processor chipset intel? q170 express chipset memory 288-pin dimm x 4, max. 64gb, ddr4 2133/1867 mhz, non-ecc, un-buffered memory, dual channel memory architecture i/o chipset nct6791d, f81216hd ethernet lan 1: intel? phy i219lm giga lan (support intel? amt 11.0) x 1 lan 2: intel? i211at giga lan x 1, rj-45 x 2 audio realtek? alc887 (colay with alc886) tpm 20-1 pin header for tpm1.2/fw3.19 expansion slots pcie 3.0/2.0[x16] slot x 1, pcie 3.0/2.0[x4] slot(open edge) x 1, pcie 3.0/2.0[x1] slot (open edge) x 1, pci x 1 bios 128m bit flash rom x 1, ami bios h/w monitor temperature monitor on cpu/chassis, voltage monitor on vcore/5v/3.3v/12v, fan monitor on cpu/chassis watchdog timer 1~255 steps by software program smart fan control cpu fan/ chassis fan x 2 wake on lan/ pxe yes (wol/pxe) power state s3, s4, s5 graphics graphics chipset intel? hd graphics graphics multi display dvi-d+hdmi, hdmi+hdmi, vga+hdmi, dvi-d+hdmi+hdmi, vga+hdmi+hdmi vga up to 1920 x 1200 @60hz dvi up to 1920 x 1200 @60hz hdmi hdmi 1.4 up to 4096 x 2160 @24hz display port lvds edp backlight control environement & power & me battery lithium battery power requirement 24-pin atx connector x 1, 8 pin atx 12v power connector x 1 power compliance compliant with eup/ erp operating temperature 32f ~ 140f (0c ~ 60c) storage temperature -40f ~ 185f (-40c ~ 85c) operating humidity 0% ~ 90% rh, non-condensing certificate ce & fcc class a form factor micro-atx form factor, 9.6 x 9.6 (244mm x 244mm) weight 1.76 lb (0.8 kg) mtbf (hours) back panel i/o ports usb usb 3.0 ports x 10 display i/o dvi-i x 1, hdmi x 2 audio i/o audio jack x 3: line-in, mic-in, line-out lan i/o lan (rj-45) port x 2 serial port rs-232/422/485 db-9 connector x 1 (com1, supports 5/12v on ri pin) ps/2 port ps/2 combo port (keyboard & mouse) x 1 others internal i/o connectors storage sata3 (6.0gb/s) port x 6, supports raid 0/1/5/10 usb usb 2.0 port x 2 connectors support additional usb port x 4 display i/o audio i/o speaker header x 1 (line-out) serial port rs-232 header x 5 ps/2 port parallel port dio 8-bit digital i/o interface x 1 (in/out programmable) fan cpu fan connector(s) (4-pin) x 1, chassis fan connector(s) (4-pin) x 2 others front panel header x 1, clear cmos jumper x 1, tpm header x 1, bios flash header (2[x4]p p=1.27mm) x 1, chassis intrusion x 1 os os support windows? 7 32/64-bit, windows? 8.1 64-bit, windows? 10 64-bit, ,linux fedora 64bit com x 4 ddr 4 ram slot x 4, up to 64gb 6th gen. intel? core? lga1151 processor ps/2 combo hdmi x 2 com x 1 lan x 2 usb 3.0 x 2 line-in pci x 1 dio x 1 rs-232 x 1 tpm header usb 2.0 x 4 q170 pch sata 6.0 gb/s x 6 pci-e [x1] x 1 pci-e [x4] x 1 pci-e [x16] x 1 line-out mic-in dvi-i x 1 usb 3.0 x 6 note: all specifications are subject to change without notice. 10 features specifications industrial motherboards
10-66 imbm-q170a ordering information part number cpu ram fan/fanless display storage lvds lan usb rs-232 rs-232/422/485 expansion slot power tpm temp. imbm- q170a-a10 lga1151 socket ddr4 2133 fan dvi-i x 1, hdmi x 2 sata3 x6 - intel?gbe x 2 usb 3.0 x 10, usb 2.0 x 4 5 1 pcie[x16] x 1, pcie[x4] x 1, pcie[x1] x 1, pci x 1 atx 20-1 pin header 3 2 f ~ 1 4 0f (0c ~ 60c) www.aaeon.com note: all specifications are subject to change without notice. block diagram dimension unit: mm i n t el ? p c h q 1 7 0 s k yl a k e - s l g a 1 1 5 1 c p u p c i e i i i p c i - e x 1 6 g e n i i i c h an n e l a ddr 4 x 2 2 1 3 3 / 1 8 6 7 mhz d m i i i i us b 3 . 0 / 2 . 0 x 1 0 s a t a i i i x 6 a u d i o a l c 8 8 7 s p i ? as h p c i e i i i lp c 6 gp b s p c i e i i i i n t e l 2 1 9 l m i n t e l i 2 1 1 a t us b 2 . 0 x 4 p c i e i i i a s m1 0 8 3 p c i s i o n c t6 7 9 1 d tp m 1 . 2 p i n h e ad e r p c i e p c i - e x 4 p o r t b p o r t c p o r t e ddr 4 x 2 2 1 3 3 / 1 8 6 7 mhz f 8 1 2 1 6 hd c o m 3 ~ 6 f a n 1 ~ 3 p s/ 2 k b / m s c o m 1 ( w / 5 v , 1 2 v , r s - 2 3 2 / 4 2 2 / 4 8 5 ) & c o m 2 h w m o n it o r d i o 8 - b i t w a t c h d o g 2 4 m h z a sm 1 4 4 2 a sm 1 4 4 2 h d m i 1 a sm 1 4 4 2 h d m i 2 h d m i h d m i d v i r t d 2 1 6 8 r gb d vi-i p o r t d c h an n e l b p c i e i i i p c i - e r j- 4 5 r j- 4 5 a u d i o a mp i n t . sp kr 5 gb / s 4 8 0 m b / s 4 8 0 m b / s sp i lin e i n lin e o u t m ic i n


▲Up To Search▲   

 
Price & Availability of 14001-00400100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X