Part Number Hot Search : 
239007 C1506 035CT HX4N60C NTE1817 5LP01M 6KE350 D40F120
Product Description
Full Text Search
 

To Download WP7113LZGCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2017 kingbright. all rights reserved. spec no: dsan8291 / 1101033259 rev no: v.4b date: 07/07/2017 page 1 / 5 descriptions z the green source color devices are made with ingan on sapphire light emitting diode z electrostatic discharge and power surge could damage the leds z it is recommended to use a wrist band or anti-electrostatic glove when handling the leds z all devices, equipments an d machineries must be electrically grounded features z low power consumption z popular t-1 3/4 diameter package z general purpose leads z reliable and rugged z long life - solid state reliability z available on tape and reel z rohs compliant applications z status indicator z illuminator z signage applications z decorative and entertainment lighting z commercial and residential architectural lighting attention observe precautions for handling electrostatic discharge sensitive devices package dimensions WP7113LZGCK t-1 3/4 (5mm) solid state lamp notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical dat a described in the datasheet are subject to change without prior notice. selection guide notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value. 2. luminous intensity / luminous flux: +/-15%. 3. luminous intensity value is traceable to cie127-2007 standards. part number emitting color (material) lens type iv (mcd) @ 2ma [2] viewing angle [1] min. typ. 2 1/2 WP7113LZGCK green (ingan) water clear 1000 3000 20
? 2017 kingbright. all rights reserved. spec no: dsan8291 / 1101033259 rev no: v.4b date: 07/07/2017 page 2 / 5 absolute maximum ratings at t a =25c electrical / optical characteristics at t a =25c WP7113LZGCK notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. r th ja ,r th js results from mounting on pc board fr4 (pad size 16 mm 2 per pad). 3. 2mm below package base. 4. 5mm below package base. 5. relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static e lectricity ? ref jedec/jesd625-a and jedec/j-std-033. parameter symbol value unit power dissipation p d 102.5 mw reverse voltage v r 5 v junction temperature t j 115 c operating temperature t op -40 to +85 c storage temperature t stg -40 to +85 c dc forward current i f 25 ma peak forward current i fm [1] 150 ma electrostatic dischar ge threshold (hbm) - 450 v lead solder temperature [3] 260c for 3 seconds lead solder temperature [4] 260c for 5 seconds thermal resistance (junction / ambient) r th ja [2] 500 c/w thermal resistance (junction / solder point) r th js [2] 315 c/w parameter symbol emitting color value unit typ. max. wavelength at peak emission i f = 2ma peak green 515 - nm dominant wavelength i f = 2ma dom [1] green 525 - nm spectral bandwidth at 50% rel max i f = 2ma ? green 35 - nm capacitance c green 45 - pf forward voltage i f = 2ma v f [2] green 2.65 3.0 v reverse current (v r = 5v) i r green - 50 ua temperature coefficient of peak i f = 2ma, -10c t 85c tc peak green 0.05 - nm/c temperature coefficient of dom i f = 2ma, -10c t 85c tc dom green 0.03 - nm/c temperature coefficient of v f i f = 2ma, -10c t 85c tc v green -2.8 - mv/c min. - - - - 2.2 - - - - notes: 1. the dominant wavelength ( d) above is the setup value of the sorting machine. (tolerance d : 1nm. ) 2. forward voltage: 0.1v. 3. wavelength value is traceable to cie127-2007 standards. 4. excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradat ion or premature failure.
? 2017 kingbright. all rights reserved. spec no: dsan8291 / 1101033259 rev no: v.4b date: 07/07/2017 page 3 / 5 technical data green WP7113LZGCK recommended wave soldering profile notes: 1. recommend pre-heat temperature of 105c or less (as measured with a thermocouple attached to the led pins) prior to immersion in the solder wave with a maximum solder bath temperature of 260c 2. peak wave soldering temperature between 245c ~ 255c for 3 sec (5 sec max). 3. do not apply stress to the epoxy resin while the temperature is above 85c. 4. fixtures should not incur stress on the component when mounting and during soldering process. 5. sac 305 solder alloy is recommended. 6. no more than one wave soldering pass. packing & label specifications 0.5 0.5 0.0 -90 -75 -60 -45 -30 -15 75 60 45 30 0 15 90 1.0 1.0 t a = 25 c spatial distribution 0% 20% 40% 60% 80% 100% 350 400 450 500 550 600 650 700 750 800 t a = 25 c green wavelength (nm) relative intensity (a. u.) relative intensity vs. wavelength 0 2 4 6 8 10 2.3 2.5 2.7 2.9 3.1 3.3 t a = 25 c forward voltage (v) forward current (ma) 0.0 2.0 4.0 6.0 8.0 10.0 0246810 t a = 25 c forward current (ma) luminous intensity normalised at 2 ma 0 10 20 30 40 50 -40-20 0 20406080100 ambient temperature (c) permissible forward current (ma) 0.0 0.5 1.0 1.5 2.0 2.5 -40-200 20406080100 ambient temperature (c) luminous intensity normalised at t a = 25 c forward current vs. forward voltage luminous intensity vs. forward current forward current derating curve luminous intensity vs. ambient temperature
? 2017 kingbright. all rights reserved. spec no: dsan8291 / 1101033259 rev no: v.4b date: 07/07/2017 page 4 / 5 WP7113LZGCK precautions storage conditions 1. avoid continued exposure to the condensing moisture environm ent and keep the product away from rapid transitions in ambient temperature. 2. leds should be stored with temperature 30c and relative humidity < 60%. 3. product in the original sealed package is reco mmended to be assembled within 72 hours of opening. product in opened package for more than a week should be baked for 30 (+10/-0) hours at 85 ~ 100c. 2. when soldering wires to the led, each wire joint should be s eparately insulated with heat-shrink tube to prevent short-circu it contact. do not bundle both wires in one heat shrink tube to avoid pi nching the led leads. pinching stress on the led leads may damage t he internal structures and cause failure. 3. use stand-offs (fig.1) or spacers (fig.2) to securely position the led above the pcb. 4. maintain a minimum of 3mm clearance between the base of the led lens and the first lead bend (fig. 3 ,fig. 4) . 5. during lead forming, use tools or jigs to hold the leads securely so that the bending force will not be transmitted to the led lens and its internal structures. do not perform lead forming once the component has been mounted onto the pcb. (fig. 5 ) led mounting method 1. the lead pitch of t he led must match the pitch of the mounting holes on the pcb during component placement. lead-forming may be required to insure the lead pitch matches the hole pitch. refer to the figure below for proper lead forming procedures. note 1-3: do not route pcb trace in the contact area between the leadframe and the pcb to prevent short-circuits. " " correct mounting method " x " incorrect mounting method
? 2017 kingbright. all rights reserved. spec no: dsan8291 / 1101033259 rev no: v.4b date: 07/07/2017 page 5 / 5 WP7113LZGCK precautionary notes 1. the information included in this document reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without no tice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the product is being operated within the environmental and electrical limits specified in the datasheet. if customer usage exceeds the specified limits, kingbright will not be responsible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applications. if customer's application ha s special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes lead forming procedures 1. do not bend the leads more than twice. (fig. 6 ) 2. during soldering, component covers and holders should leave clearance to avoid placing damaging stress on the led during soldering. (fig. 7) 3. the tip of the soldering iron should never touch the lens epoxy. 4. through-hole leds are incompatible with reflow soldering. 5. if the led will undergo multiple soldering passes or face other processes where the part may be subjected to intense heat, please check with kingbright for compatibility.


▲Up To Search▲   

 
Price & Availability of WP7113LZGCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X