Part Number Hot Search : 
SS4036G B240010 Q68000 EPA3578 MIC809S VSC7924 15N50C1 FH601S
Product Description
Full Text Search
 

To Download WP7113LZGCK-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsan8291 rev no: v.2b date: jan/22/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101033259 t-1 3/4 (5mm) solid state lamp attention observe precautions for handling electrostatic discharge sensitive devices part number: wp7113lzgck green features z low power consumption. z popular t-1 3/4 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z low current if=2ma operating. z rohs compliant. descriptions z the green source color devices are made with ingan on sapphire light emitting diode. z electrostatic discharge and power surge could damage the leds. z it is recommended to use a wrist band or anti- electrostatic gl ove when handling the leds. z all devices, equipments and machineries must be electrically grounded. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsan8291 rev no: v.2b date: jan/22/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101033259 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2.forward voltage: +/-0.1v. 3.wavelength value is traceable to the cie127-2007 compliant national standards. 4.excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradation or premature failure. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 wp7113lzgck green (ingan) water clear 1000 3000 20 iv (mcd) [2] @ 2ma symbol parameter device typ. max. units test conditions peak peak wavelength green 515 nm i f =2ma d [1] dominant wavelength green 525 nm i f =2ma ? 1/2 spectral line half-width green 35 nm i f =2ma c capacitance green 45 pf v f =0v;f=1mhz v f [2] forward voltage green 2.65 3.0 v i f =2ma i r reverse current green 50 ua v r = 5v min. 2.2 parameter green units power dissipation 75 mw dc forward current 25 ma peak forward current [1] 150 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds
spec no: dsan8291 rev no: v.2b date: jan/22/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101033259 green wp7113lzgck
spec no: dsan8291 rev no: v.2b date: jan/22/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101033259 packing & label specifications wp7113lzgck terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the datas heet. if customer usage exceeds the specified limits, kingbright will not be resp onsible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
spec no: dsan8291 rev no: v.2b date: jan/22/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101033259
spec no: dsan8291 rev no: v.2b date: jan/22/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: l.q.xie e rp: 1101033259


▲Up To Search▲   

 
Price & Availability of WP7113LZGCK-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X