Part Number Hot Search : 
CPC19 BZX55C LT110 1N5453A ICX207AK 21FQ030 2SB80 BUK710
Product Description
Full Text Search
 

To Download US5K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  us5 a ? us5 m symbol us5 a us5 b us5 d us5 g us5 j us5 k us5 m unit us5 a ? us5 m c a se: smb/do-214aa,smc/do-214ab, molded plastic surge overload rating to 100a peak characteristi c cla ssification rating 94v-o ultra-fast recovery time ideally suited for automatic assembly low power loss -65 to +150 c 50 75 ns 35 70 140 280 420 560 800 v 50 100 200 400 600 800 1000 v 1.0 1.3 1. 7 v features ! ! lo w forward voltage drop, high efficiency ! ! ! ! plastic case material has ul flammability  mechanic al d ata ! ! te rminals: solder plated, solderable per mil-std-750, method 2026 ! polarity: cathode band or cathode notch ! marking: type number maximum r a tings and electrical characteristics @t a =25 c unless otherwise specified p eak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r rm s reverse voltage v r(rm s) av erage rectified output current @t l = 100 c i o 5.0 a non-repet i tive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 100 a forward vo ltage @i f = 5. 0a v fm pe a k reverse current @t a = 25 c a t rated dc blocking voltage @t a = 100 c i rm 10 500 a revers e rec overy time (note 1) t rr t y pical junction capacitance (note 2) c j 25 pf t y pical thermal resistance (note 3) r  jl 30 c /w operat i ng and storage temperature range t j, t stg note: 1. measured with i f = 0. 5a , i r = 1 .0a, i rr = 0.25a. see figure 5. 2. measured at 1.0 mhz and applied reverse voltage of 4.0 v dc. 3. mounted on p.c. board with 8.0mm 2 l and area. 1 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com smb smc dim min max min max a 3.30 3.94 5.59 6.22 b 4.06 4.57 6.60 7.11 c 1.96 2.21 2.75 3.18 d 0.15 0.31 0.15 0.31 e 5.00 5.59 7.75 8.13 g 0.10 0.20 0.10 0.20 h 0.76 1.52 0.76 1.52 j 2.00 2.62 2.00 2.62 all dimensions in mm a b c d g h e j ! ! lea d free: for rohs / lead free version weight: smb weight: 0.093 grams (approx.) smc weight: 0.20 grams (approx.) 5 .0a s urface mount ultrafast diode alldatasheet
2 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com 0.01 0.1 1.0 10 0.6 1.0 1.4 1.8 t = 25 c j pulse width = 300 s 2% duty cycle m v , inst antaneous forward voltage (v) fig. 2 typical forward characteristics f i , inst antaneous forward current (a) f 10 100 200 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 peak forward surge current 8.3ms single half sine-wave 50v dc approx 50 ni (non-inductive) w 10 ni w 1.0 ni w oscilloscope (note 1) pulse generator (note 2) device under t est t rr settimebasefor5/10ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2. rise time = 10ns max. input impedance = 50 . w w fig. 5 reverse recovery time characteristic and test circuit (+) (+) (-) (-) t , ambient temperature ( c) fig. 1 forward current derating curve a us5j-us5m us5g us5a-us5d 0.01 0.1 1.0 10 100 1000 0 20 40 60 80 100 120 140 i , inst antaneous reverse current (ma) r percent of ra ted peak reverse voltage (%) fig. 4 typical reverse characteristics t = 100 c j t = 25 c j us5 a ? us5 m us5 a ? us5 m 1 2 3 4 02 5 5 0 75 100 125 150 175 i , a verage fwd rectified current (a) (av) single phase half wave resistive or inductive load 5 alldatasheet


▲Up To Search▲   

 
Price & Availability of US5K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X