Part Number Hot Search : 
D70433GD 13008 AC12V MBR054 CA1JM221 AT54C 1N4475C WCS2750
Product Description
Full Text Search
 

To Download SB5100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SB5100L schottky barrier rectifier reverse voltage - 100 volts forward current - 5.0 amperes case: jedec do-201ad molded plastic body terminals : plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position : any weight :0.04 ounce, 1.10 grams the plastic package carries underwriters laboratory flammability classification 94v-0 construction utilizes void-free molded plastic technique low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375?(9.5mm) lead length, 5 lbs. (2.3kg) tension features mechanical data maximum ratings and electrical characteristics dimensions in inches and (millimeters) note:1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.thermal resistance from junction to ambient at 0.375? (9.5mm)lead length,p.c.b. mounted ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. do-201ad 0.210 (5.6) 0.197 (5.0) dia. dia. 1.0 (25.4) min. 0.375 (9.50) 0.285(7.20) 1.0 (25.4) min. volts volts volts symbols units amps amps volts vrrm vrms vdc i (av) ifsm vf 5.0 150.0 0.65 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375?(9.5mm) lead length(see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 5.0a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note 1) ir 0.5 rqja cj tj, tstg 25.0 400 pf c ma typical thermal resistance (note 2) c/w 100 70 100 SB5100L storage temperature range c -50 to +150 -50 to +150 10.0 0.052 (1.3) 0.048 (1.2) yxw catalog number www.szyxwkj.com a ll data sheet.com
ratings and characteristic curves SB5100L the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) ! 5 4 3 2 1 0 0 25 50 75 100 125 150 175 150 125 100 75 50 25 0.01 0.1 1 10 100 100 10 1 0.1 t,pulse dura tion,sec. fig. 6-typical transient thermal impedance number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve single phase half wave 60hz resistive or inductive load 1 10 100 8.3ms single half sine-w ave (jedec method) 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=25 c tj=100 c percent of peak reverse vol tage,% fig. 4-typical reverse characteristics ambient temperature, c tj=75 c 0.1 1.0 10 100 reverse vol tage,volts fig. 5-typical junction capacitance tj=25 c 10 100 1000 2000 0.2 0.4 0.6 0.8 1.0 1.1 fig. 3-typical instantaneous forward characteristics instantaneous forward voltage, volts 0.01 0.1 1 20 10 tj=25 c pulse width=300 ms 2%duty cycle peak for ward surge current, amperes inst antaneous reverse current, millamperes transient thermal impedance, c/w a verage forward rectified current, amperes junction capacitance, pf inst antaneous forward current,amperes www.szyxwkj.com a ll data sheet.com


▲Up To Search▲   

 
Price & Availability of SB5100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X