Part Number Hot Search : 
SZ3543 010959 OPT49LP 00BTZ 20N60SF ST230S 167BZI MC14501
Product Description
Full Text Search
 

To Download SB5100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 march 19,2015-rev.01 SB5100L features ? plastic package has underwriters laboratory flammability classification 94v-o utilizing flame retardant epoxy molding compound. ? exceeds environmental standards of mil-s-19500/228 ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications . ? lead free in compliance with eu rohs 2011/65/eu directive mechanical data ? case: do-201ad molded plastic ? terminals: axial leads, solderable per mil-std-750,method 2026 ? polarity: color band denotes cathode ? weight: 0.0403 ounces, 1.142 grams low vf schottky barrier rectifiers voltage 100 volt 5 ampere current maximum ratings(t a =25 o c unless otherwise noted) electrical characteristics(t a =25 o c unless otherwise noted) parameter symbol value unit maximum repetitive peak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum average forward rectified current i f(av) 5a peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 250 a typical thermal resistance r ja 45 o c/w operating junction temperature range t j -55 to + 150 o c storage temperature range t stg -55 to + 150 o c parameter symbol test conditions typ. max. unit breakdown voltage v br i r =0.5ma t j =25 o c100 - v instantaneous forward voltage v f i f =1a i f =3a i f =5a t j =25 o c 0.44 0.58 0.68 - - 0.70 v i f =1a i f =3a i f =5a t j =125 o c 0.35 0.49 0.56 - - 0.6 v reverse current i r v r =70v t j =25 o c10 - a v r =100v t j =25 o c t j =100 o c t j =125 o c - - - 50 10 50 a ma ma 1.0(25.4)min. 0.052(1.3) 0.048(1.2) 0.375(9.5) 0.285(7.2) 1.0(25.4)min. 0.210(5.3) 0.188(4.8)
page . 2 march 19,2015-rev.01 SB5100L fig.4 typical forward characteristics 10 100 1000 0.1 1 10 100 v r , reverse bias voltage (v) c j , junction capacitance (pf) fig.2 typical junction capacitance 0 1 2 3 4 5 0 25 50 75 100 125 150 t c , case temperature (c) i f , f orwar d c urrent (a) fig.1 forward current derating curve mounted on p.c.b with 10x10cm copper surface at 0.375" (9.5mm) lead length 0.001 0.01 0.1 1 10 20 40 60 80 100 t j = 25c t j = 100c t j = 75c t j =125c fig.3 typical reverse characteristics 0.1 1 10 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 v f , forward voltage (v) t j = 125c t j = 100c t j = 75c t j = 25c percent of rated peak reverse voltage (%) i r , reverse current (ma) i f , forward current (a)
page . 3 march 19,2015-rev.01 SB5100L part no_packing code_version SB5100L_ay_00001 SB5100L_ay_10001 SB5100L_b0_00001 SB5100L_b0_10001 SB5100L_r2_00001 SB5100L_r2_10001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 4 march 19,2015-rev.01 SB5100L disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of SB5100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X