rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 1 (3) stand juni 2016 rev 01 1) these are stress ratngs. exposure of devices to any of these conditons may adversely afect long-term reliability. 2) (1.5mm from case 10sec max.) 3) all specifcatons typical at ta= 25c, nominal input voltage and full load unless otherwise specifed. 4) the informaton and specifcaton contained in this data sheet are believed to be correct at tme of publicaton. however rsg accepts no responsibility for consequences arising from printng errors or inaccuracies. specifcatons are subject to change without notce. ? 8pin dil package ? 1000vdc isolaton ? up to 3000vdc isolaton ? low ripple and noise ? efciency up to 85% ? operatng temperature range: -40 ~ +85c ? non conductve black plastc case ? emi complies with en55022 class b dc/dc-converter rd1-d10 1.0w unregulated dual output we energize electronics! an acal group company we energize electronics! output specification voltage accuracy: 3% line regulaton: 1.2% (per 1%vin change) load regulation: 10% ( from 20 to 100%) load output 3.3v model: 20% ripple noise (20mhz bandwidth): 100mv pk-pk temperature coefcient: 0.02% c capacitor load: see table input specifications voltage range: 10% max. input current: see table no-load/full-load input current: see table input filter: capacitors input refected ripple current : 20ma pk-pk general specifications efciency: see table i/o isolaton voltage (60sec): 1000 ~ 3000vdc i/o isolaton capacitance: 60pf typ. i/o isolaton resistance: 1000m ohm switching frequency: variable 80khz humidity: 95% rel h reliability calculated mtbf : >1.121mhrs (mil-hdbk-217 f) safety standard: (designed to meet): iec 60950-1 environmental specification operatng temperature range: -40c ~+85c (see deratng curve) maximum case temperature: 100c storage temperature : -40c ~+125c cooling : nature convecton physical specifications: case material: non-conductve black plastc (ul94v-0 rated) pin material dip case: ? 0.5mm brass solder-coated potng material: epoxy (ul94v-0 rated) weight case-dip: 1.8g dimmension dip: 0.50 x 0.40 x 0.27 absolute maximum ratings input surge voltage (100ms)/ 3.3v models: 5vdc max 5 v models: 7vdc max 12v models: 15vdc max 15v models: 18vdc max 24v models: 28vdc max soldering temperature (1) : 260c max. emc specifications (2) radiated-/conducted emissions: en55022 class b esd: iec 61000-4-2 perf.criteria a rs: iec 61000-4-3 perf.criteria a eft: iec 61000-4-4 perf.criteria a surge: iec 61000-4-5 perf.criteria a cs: iec 61000-4-6 perf.criteria a pfmf iec 61000-4-8 perf.criteria a
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 2 (3) stand juni 2016 rev 01 rd1 - xx xx d 10 p ower (w) input 03=3.3v t ype a x code inter nal isolation (kvdc) rd1 - xx xx d 10 p ower (w) input 03=3.3v t ype a x code inter nal isolation (kvdc) dc/dc-converter d-d 1.0w unregulated dual output we energize electronics! an acal group company we energize electronics! rohs sufx ?3 means 3kvdc isolaton voltage model selection guide model number input input current output output current oltage ange o - oad ull oad oltage ull load ii apacitor dc m m dc m @ oadu - . 3.3 152 62 100 rd1 - 0305d10 ax 3.3 35 481 5 100 63 100 rd1 - 0307d10 ax 3.3 30 481 7.2 69 63 100 rd1 - 0309d10 ax 3.3 30 466 9 56 65 100 rd1 - 0312d10 ax 3.3 32 543 12 50 67 100 rd1 - 0315d10 ax 3.3 32 452 15 33 67 100 rd1 - 0318d10 ax 3.3 32 439 18 28 69 100 rd1 - 0324d10 ax 3.3 32 439 24 25 69 100 rd1 - 0503d10 ax 5 15 299 3.3 152 67 100 rd1 - 0505d10 ax 5 20 270 5 100 74 100 rd1 - 0507d10 ax 5 15 260 7.2 69 77 100 rd1 - 0509d10 ax 5 20 260 9 56 77 100 rd1 - 0512d10 ax 5 22 300 12 50 80 100 rd1 - 0515d10 ax 5 20 247 15 33 81 100 rd1 - 0518d10 ax 5 22 244 18 28 82 100 rd1 - 0524d10 ax 5 20 300 24 25 85 100 rd1 - 1203d10 ax 12 10 121 3.3 152 69 100 rd1 - 1205d10 ax 12 7 110 5 100 76 100 rd1 - 1207d10 ax 12 15 109 7.2 69 76 100 rd1 - 1209d10 ax 12 15 109 9 56 78 100 rd1 - 1212d10 ax 12 12 123 12 50 81 100 rd1 - 1215d10 ax 12 10 102 15 33 82 100 rd1 - 1218d10 ax 12 15 103 18 28 81 100 rd1 - 1224d10 ax 12 20 125 24 25 80 100 rd1 - 1503d10 ax 15 10 93 3.3 152 72 100 rd1 - 1505d10 ax 15 10 89 5 100 75 100 rd1 - 1507d10 ax 15 15 89 7.2 69 75 100 rd1 - 1509d10 ax 15 15 87 9 56 77 100 rd1 - 1512d10 ax 15 5 103 12 50 78 100 rd1 - 1515d10 ax 15 5 80 15 33 83 100 rd1 - 1518d10 ax 15 10 85 18 28 78 100 rd1 - 1524d10 ax 15 10 103 24 25 78 100 rd1 - 2403d10 ax 24 5 60 3.3 152 70 100 rd1 - 2405d10 ax 24 6 56 5 100 74 100 rd1 - 2407d10 ax 24 6 55 7.2 69 76 100 rd1 - 2409d10 ax 24 7 56 9 56 75 100 rd1 - 2412d10 ax 24 5 62 12 50 81 100 rd1 - 2415d10 ax 24 5 51 15 33 81 100 rd1 - 2418d10 ax 24 7 53 18 28 78 100 rd1 - 2424d10 ax 24 7 64 24 25 78 100 suffix ? 3 ? means 3kv dc isolation voltage the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e - mail t o : info@rsg - electronic.de
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 3 (3) stand juni 2016 rev 01 +vout +vin dc/dc converter - vin - vout c3 1. ripple/noise measured with 20mhz bandwidth. 2. tested by minimal vin and constant resistive load. 3. measured input reflected ripple current with a simulated source inductance of 12uh. 4. exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. 5. operation under no - load conditions will not damage these devices, however they may not meet all listed specifications. 6. input filter components are be required to help meet conducted emission class b, which application refer to the emi filter of design & feature configuration. 7. an external filter capacitor is required if the module has to meet iec61000 - 4 - 4 and iec61000 - 4 - 5. the filter capacitor rsg suggest: nippon - chemi - con ky series, 470uf/100v. l load c1 c2 5 models 12 models the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e - mail t o : info@rsg - electronic.de c1 l c2 c3 rd1 - 03 xx d10 ax 1210, 2.2uf/100v 18uh rd1 - 05xx d10 ax 1210, 2.2uf/100v 18uh rd1 - 12xx d10 ax 1210, 2.2uf/100v 18uh rd1 - 15xx d10 ax 1210, 2.2uf/100v 18uh rd1 - 24xx d10 ax 1210, 2.2uf/100v 18uh 1210, 2.2uf/100v 1206, 470pf/2kv rd1 - 48xxd10 ax electrolytic capacitor, 10uf/100v 18uh 1210, 2.2uf/100v 1206, 470pf/2kv lad v vlae 1 16 lo l./i oial/i hi l./i 13 10 10 20 30 40 50 60 70 80 0 100 loa lad v vlae 1 16 lo l./i oial/i hi l./i 13 10 10 20 30 40 50 60 70 80 0 100 loa utput voltae utput voltae vout vi dc/dc coerter - vi - vout c3 1. ripple/oie eaure it 20h ait. 2. ete y iial vi a cotat reitie loa. 3. eaure put relecte ripple curret it a iulate ource iuctace o 12uh. 4. eceei te aolute rati o te uit coul caue aae. t i ot alloe or cotiuou operati. 5. peratio uer o - loa coitio ill ot aae tee eice, oeer tey ay ot eet all lite peciicatio. 6. put ilter copoet are e reuire to elp eet coucte eiio cla , ic applicatio reer to te e filter o ei eature coiuratio. 7. a eteral ilter capacitor i reuire i te oule a to eet ec61000 - 4 - 4 a ec61000 - 4 - 5. e ilter capacitor r uet ippo - cei - co k erie, 470uf/100v. l loa c1 c2 5 oel 12 oel e oel lite aoe i ut or taar type. you ee te pecial peciicatio prouct, pleae cotact our erice eer y telepoe preete i ortor coer or e - ail t o ior - electroic.e c1 l c2 c3 rd1 - 03 xx d10 ax 1210, 2.2uf/100v 18uh rd1 - 05xx d10 ax 1210, 2.2uf/100v 18uh rd1 - 12xx d10 ax 1210, 2.2uf/100v 18uh rd1 - 15xx d10 ax 1210, 2.2uf/100v 18uh rd1 - 24xx d10 ax 1210, 2.2uf/100v 18uh 1210, 2.2uf/100v 1206, 470pf/2kv rd1 - 48xxd10 ax electrolytic capacitor, 10uf/100v 18uh 1210, 2.2uf/100v 1206, 470pf/2kv loading vs output voltage 19 16 lo l./iin nominal/iin hi l./iin 13 10 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% load loading vs output voltage 19 16 lo l./iin nominal/iin hi l./iin 13 10 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% load output voltage output voltage rd1-xxxxd10a1 dc/dc-converter d-d 1.0w unregulated dual output we energize electronics! an acal group company we energize electronics! the models listed here are just standard type. if you need a product with special specifcaton or you have questons regarding packing standards (tube oder tape/reel) as well as applicaton support, please contact our specialists: sales @ rsg-electronic.de or +49 69-984047-41/-28
|