Part Number Hot Search : 
31005 4C15T PS25451 2SK184BL 1N4148WT 0DPBF PNA4608M 4C15T
Product Description
Full Text Search
 

To Download PZTA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2011-07-25 1 PZTA42 1 2 3 4 npn silicon high-voltage transistors ? high breakdown voltage ? low collector-emitter saturation voltage ? complementary type: pzta92 (pnp) ? pb-free (rohs compliant) package ? qualified according aec q101 type marking pin configuration package PZTA42 PZTA42 1=b 2=c 3=e 4=c - - sot223 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 300 v collector-base voltage v cbo 300 emitter-base voltage v ebo 6 collector current i c 500 ma base current i b 100 total power dissipation- t s 124 c p tot 1.5 w junction temperature t j 150 c storage temperature t st g -65 ... 150 thermal resistance parameter symbol value unit junction - soldering point 1) r thjs 17 k/w 1 for calculation of r thja please refer to application note an077 (thermal resistance calculation)
2011-07-25 2 PZTA42 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 1 ma, i b = 0 v (br)ceo 300 - - v collector-base breakdown voltage i c = 100 a, i e = 0 v (br)cbo 300 - - emitter-base breakdown voltage i e = 100 a, i c = 0 v (br)ebo 6 - - collector-base cutoff current v cb = 200 v, i e = 0 v cb = 200 v, i e = 0 , t a = 150 c i cbo - - - - 0.1 20 a emitter-base cutoff current v eb = 5 v, i c = 0 i ebo - - 100 na dc current gain 1) i c = 1 ma, v ce = 10 v i c = 10 ma, v ce = 10 v i c = 30 ma, v ce = 10 v h fe 25 40 40 - - - - - - - collector-emitter saturation voltage 1) i c = 20 ma, i b = 2 ma v cesat - - 0.5 v base emitter saturation voltage 1) i c = 20 ma, i b = 2 ma v besat - - 0.9 ac characteristics transition frequency i c = 20 mhz, v ce = 10 v, f = 20 mhz f t - 70 - mhz collector-base capacitance v cb = 20 v, f = 1 mhz c cb - - 3 pf 1 pulse test: t < 300s; d < 2%
2011-07-25 3 PZTA42 dc current gain h fe = ? ( i c ) v ce = 10 v ehp00724 pzta 42/43 10 10 ma h c 10 5 fe 10 3 1 10 0 5 10 10 10 -1 0 1 2 3 5 10 2 555 2 collector current i c = ? ( v be ) v ce = 10v ehp00726 pzta 42/43 10 0 v be 1.5 c 10 3 1 10 -1 5 0.5 1.0 10 0 5 v ma 5 10 2 collector cutoff current i cbo = ? ( t a ) v cb = 200 v ehp00725 pzta 42/43 10 0 ?c a 150 na cbo 10 4 1 10 -1 5 50 100 5 10 2 10 0 5 t max typ 5 10 3 transition frequency f t = ? ( i c ) v ce = 10 v ehp00723 pzta 42/43 10 mhz 10 10 ma f c 10 10 t 555 0123 10 3 2 10 1 5
2011-07-25 4 PZTA42 collector-base capacitance c cb = ? ( v cb ) emitter-base capacitance c eb = ? ( v eb ) 0 4 8 12 16 v 22 v cb ( v eb 0 10 20 30 40 50 60 70 pf 90 c cb ( c eb ) ccb ceb total power dissipation p tot = ? ( t s ) 0 15 30 45 60 75 90 105 120 c 150 t s 0 0.3 0.6 0.9 1.2 w 1.8 p tot permissible pulse load p totmax / p totdc = ? ( t p ) 10 ehp00320 pzta 42/43 -6 0 10 5 d = 5 10 1 5 10 2 3 10 10 -5 10 -4 10 -3 10 -2 10 0 s 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 tot max tot p dc p p t t p = d t t p t
2011-07-25 5 PZTA42 package sot223 package outline foot print marking layout (example) packing reel ?180 mm = 1.000 pieces/reel reel ?330 mm = 4.000 pieces/reel 2005, 24 cw date code (yyww) bcp52-16 type code pin 1 12 3 3 4 0.1 0.0 4 0.5 min. 0.28 0.1 max. 15? max. 6.5 0.2 a 4.6 2.3 0.7 0.1 0.25 m a 1.6 0.1 7 0.3 b 0.25 m 0.2 3.5 b 3.5 1.4 4.8 1.4 1.1 1.2 8 0.3 max. 6.8 7.55 12 1.75 pin 1 manufacturer 0...10?
2011-07-25 6 PZTA42 edition 2009-11-16 published by infineon technologies ag 81726 munich, germany ? 2009 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office ( ). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of PZTA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X