Part Number Hot Search : 
P015DB 5C180 18000 SM125 PRMG253 SMBG150A DS240 APTGF
Product Description
Full Text Search
 

To Download PZTA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changjiang elec tronics technology co., ltd sot-223 plastic-encapsulate t ransistors PZTA42 transist or (npn) features high breakdown voltage low collector-emitter saturation voltage complementary type: pzta92(pnp) maximum ratings (t a =25 unless otherwis e noted) symbol para meter va lue unit v cbo collector-base voltage 300 v v ceo collector-emitter vo ltage 300 v v ebo emitter-base volt age 6 v i c collector curre nt -continuous 0. 2 a p c collector pow er dissipation 1 w t j junction te mperature 150 t stg storage t emperature -55~ 150 electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ m ax unit collector -base breakdown voltage v (br)cbo i c =100 a,i e =0 300 v collector -emitter breakdown voltage v (br)ceo i c =1ma,i b =0 300 v emitter-bas e breakdown voltage v (br) ebo i e =100 a,i c =0 6 v collector cut-off current i cbo v cb =200v,i e =0 0.1 a emitter cut-off current i ebo v eb =6v, i c =0 0.1 a h fe(1) v ce =10v,i c =1ma 25 h fe(2) v ce =10v,i c =10 ma 40 dc curren t gain h fe(3) v ce =10v,i c =30 ma 40 collector -emitter saturation voltage v ce(sat ) i c =20ma,i b =2ma 0.5 v base-emitte r saturation voltage v be(sat) i c =20ma,i b =2ma 0.9 v tra nsition frequency f t v ce =20v,i c =10 ma,f=100mhz 50 mhz collector output capacitance c ob v cb =20v,i e =0,f=1 mhz 3 pf sot-2 23 1. base 2. collecto r 3. emitter i cm collector curre nt - pulsed 0.5 a marking: www.cj-elec.com 1 e,jan,2017 solid dot = green molding compound device, if none,the normal device.
0 300 600 900 1200 0.1 1 10 100 0.1 1 10 100 10 100 0.1 1 10 100 300 600 900 0 25 50 75 100 125 150 0 200 400 600 800 1000 1200 0.1 1 10 100 10 100 0.1 1 10 100 10 100 1000 0.1 1 10 1 10 100 024681 0121416182022 0 2 4 6 8 10 12 14 16 18 comm on emitter v ce =10v v be i c ?? base-em miter voltage v be (mv) collector current i c (ma) t a = 2 5 t a = 1 0 0 i c f t ?? comm on emitter v ce =20v t a =25 collector current i c (ma) trans ition frequency f t (mhz) 300 =10 i c v be sat ?? base-emit ter saturation voltage v besa t (mv) collector curremt i c (ma) t a =100 t a =25 p c ?? t a ambient temperature t a ( ) collect or power dissipation p c (mw) t a =100 t a =25 =10 i c v ce sat ?? collector-emitter saturation volt age v ces at (mv) collector curremt i c (ma) 500 i c h fe ?? t a =100 t a =25 dc current gain h fe collector current i c (ma) comm on emitter v ce =10v c ib f=1mhz i e =0/i c =0 t a =25 v cb /v eb c ob /c ib ?? c ob reverse volt age v (v) capacitance c ( pf) 20 comm on emitter t a =25 90ua i b =10ua collector current i c (ma) collector-emitter voltage v ce (v) i c ?? v ce 20ua 30ua 40ua 50ua 60ua 70ua 80ua www.cj-elec.com 2 ty pical characteristics d,may,2015
min. max. min. max. a ?? 1.800 ?? 0.071 a1 0.020 0.100 0.001 0.004 a2 1.500 1.700 0.059 0.067 b 0.660 0.840 0.026 0.033 b1 2.900 3.100 0.114 0.122 c 0.230 0.350 0.009 0.014 d 6.300 6.700 0.248 0.264 e 6.700 7.300 0.264 0.287 e1 3.300 3.700 0.130 0.146 e l 0.750 ?? 0.030 ?? 0 10 0 10 symbol dimensions in millimeters dimensions in inches 2.300(bsc) 0.091(bsc) sot-223 package outline dimensions sot-223 suggested pad layout www.cj-elec.com 3 e,jan,2017
trailer tape leader tape 511 empty pockets 511 empty pockets components sot-223 embossed carrier tape sot-223 tape leader and trailer sot-223 reel pkg type sot-223 dimensions are in millimeter a b c d e f p0 p p1 w 6.765 7.335 1.88 ?1.50 1.75 5.50 4.00 8.00 2.00 12.00 packaging description: sot-223 parts are shipped in tape. the carrier tape is made from a dissipative (carbon filled) polycarbonate resin. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 2,500 units per 13" or 33.0cm diameter reel. the reels are clear in color and is made of polystyrene plastic (anti-static coated). p p0 p1 d e f w a a a a a-a c b a reel reel size box box size(mm) carton carton size(mm) g.w.(kg) 2,500 pcs 13 inch 2,500 pcs 33633648 20,000 pcs 445355365 d d1 w1 w2 reel option 13''dia dimensions are in millimeter d d1 d2 g h i w1 w2 ?330.00 100.00 13.00 r151.00 r56.00 r6.50 12.40 17.60 d2 i g h sot-223 tape and reel www.cj-elec.com 4 e , jan,2017


▲Up To Search▲   

 
Price & Availability of PZTA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X