Part Number Hot Search : 
5KE15 1A156 5KE15 DS310 LM150 1A156 DS310 E006854
Product Description
Full Text Search
 

To Download PICO-BSW1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PICO-BSW1 onboard intel? atom? x5-e8000 pentium?/celeron? n3000 series processor soc ddr3l 1600/1066 sodimm x 1, up to 8 gb lvds up to 48-bit (2ch) supports triple displays (optional) hdmi up to 3840 x 2160 (4k) resolution sata 3.0 x 1, msata (full size) x 1 or minicard x 1 (optional) gigabit ethernet x 1, rj-45 x 1 usb 3.0 x 2 rs-232 x 1, rs-232/422/485 x 1 mini-card x 1 (half-size) digital i/o 4-bit bio connector for daughter board (optional) pico-itx board with intel? atom? x5-e8000 pentium?/celeron? n3000 series processor soc system form factor pico-itx cpu intel? n3160 quad core 1.6ghz (6w), intel? n3060 dual core 1.6ghz (6w), intel? x5-e8000 quad core 1.04ghz (5w) cpu frequency up to 2.24 ghz chipset intel? n3160 quad core 1.6ghz (6w), intel? n3060 dual core 1.6ghz (6w), intel? x5-e8000 quad core 1.04ghz (5w) memory type 204-pin ddr3l sodimm x 1, ddr3l 1600, max. 8gb max. memory capacity up to 8gb bios ami/spi wake on lan yes watchdog timer 255 level power requirement +12v dc power supply type at/atx (default). lockable connector optional power consumption (typical) intel? pentium? n3160@ ddr3l-1600mhz 8gb, 0.91a@+12v system cooling heat-spreader; heat-sink & cooler (optional) dimension 3.94" x 2.84" (100mm x 72mm) gross weight 200g (0.44 lb) operating temperature 32?f ~ 140?f (0?c ~ 60?c) storage temperature -40?f ~ 176?f (-40?c ~ 80?c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 100,000 certification ce,fcc mini-card com x 2, audio backlight dio msata/ mini-card sata so-dimm lan lpc w/smbus or i2c bio (optional) front panel usb 3.0 x 2 lvds 2ch hdmi dc-in display chipset intel? n3160 quad core 1.6ghz (6w), intel? n3060 dual core 1.6ghz (6w), intel? x5-e8000 quad core 1.04ghz (5w) resolution 1. lvds (18/24bit 2ch) 1920 x 1200 2. hdmi up to 3840 x 2160 (4k) 3. ddi (optional by bio board) lcd interface 18/24-bit 2ch lvds i/o storage/ssd sata 6.0gb/s x 1, msata/minicard (full size) x 1 ethernet realtek rtl 8111e, 10/100/1000base-tx, rj-45 x 1 usb port usb 3.0 x 2 rear i/o serial port com1: rs-232 x 1, com2: rs-232/422/485 x 1 (ring/ +5v/ +12v) audio line-out x 1 dio 4-bit (2-in, 2-out) expansion slot mini card(half-size) x 1, bio x 1, i2c x 1 or smbus x 1, lpc sim tpm touch packing list ? m10bt01010 heat spreader ? 1703200153 com x 2, line-out cable ? product dvd ? PICO-BSW1 optional accessories part number description qty. 1709070500 (tf)sata cable.7p pitch 1.27mm.50cm 1 1702150155 (tf)sata power cable 1 17592bsw10 cooler for PICO-BSW1 1 m16bsw1000 heat-sink 1 pico-bt01-hsp01 heat-spreader ( standard package be included ) bio-st01-l1u2-a10-01 bio board, lan x 1, usb x 1, 2w audio amp. 1 bio-st01-m1u1-a10-01 bio board, minicard x 1, sim x 1, 2w audio amp. 1 bio-st01-c4m1-a10-01* bio board, com x 4, minicard x 1, sim x 1 1 * customized bios is required. 2017/02/6 05-3 05-4 www.aaeon.com www.aaeon.com note: all specifications are subject to change without notice. note: all specifications are subject to change without notice. pico-itx boards features specifications 05
i n t el ? b r a s w el l m / d s o c ddr 3 l s o - di mm d d i p o r t 1 us b 3 . 0 * 2 us b 3. 0 s a t a i i i r j - 4 5 r e a l t e k g be e t he r ne t r t l - 8111e p c i e [ x1] m s a t a / mi n i c ar d ( f u l l s i z e ) b i o s s p i c h a n n e l 0 mi n i - c ar d ( hal f - s i z e ) p c i e [ x1 ] / s a t a g b e f i n t e k s upe r i / o f 81801 d i o 4 b it c o m 1 ~ 2 ( c o m 2 s u p p o r t r s- 2 3 2 / 4 2 2 / 4 8 5 ) h w m o n it o r l p c l p c / s m b u s / g p i o o r p w g s a t a hdmi d p t o l v d s n x p p t n 3460 1 8 / 2 4 b it 2 ch l v d s l v d s r e a l t e k a udi o c ode c a l c 892 h d a u d i o l i n e o u t us b 2. 0 d d i p o r t 0 p c i e [ x1] b i o p c i e * 1 d d i p o r t 2 us b 3. 0 / us b 2. 0 us b 2. 0 us b 2. 0 l i n e - o u t s m b u s / i 2c s m b u s / i 2 c PICO-BSW1 ordering information part number cpu fan/fanless display lvds storage lan usb rs-232 rs-232/422/485 expansion slot power power temp others PICO-BSW1-a10-0001 n3160 heat-spreader lvds/hdmi 24bit,2ch sata x 1, msata x 1 (full-size) gbe x 1 usb3.0 x 2 1 1 minicard x 1 (half-size) 12v 0c ~ 60c bio x 1, dio x 4, line-out PICO-BSW1-a10-0002 x5-e8000 heat-spreader lvds/hdmi 24bit,2ch sata x 1, msata x 1 (full-size) gbe x 1 usb3.0 x 2 1 1 minicard x 1 (half-size) 12v 0c ~ 60c dio x 4, line-out 05-3 05-4 www.aaeon.com www.aaeon.com note: all specifications are subject to change without notice. note: all specifications are subject to change without notice. block diagram dimension unit: mm


▲Up To Search▲   

 
Price & Availability of PICO-BSW1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X