Part Number Hot Search : 
2SK409 SMC5K13A 333M0 02144 02822 R2A20117 1SV30407 OZ964GN
Product Description
Full Text Search
 

To Download MIMH3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice revision mimh081109l mimh series ? 5 x 7 ceramic oscillator ? 5 x 7 ceramic smd 4 pads oscillator ? wide frequency range ? -55c to +125c operation ? rohs compliant electrical specifications: frequency range 1.500mhz to 156.520mhz freq tolerance @ +25 c 25ppm freq stability (inclusive of temp., load, voltage, and aging) (see part number guide for options) operating temp range (see part number guide for options) storage temp. range -55c to +125c supply voltage (vdd) +3.3 vdc 5% +5.0 vdc 5% supply current 1.500mhz to 20.000mhz 12 ma max 20 ma max 21.000mhz to 50.000mhz 15 ma max 35 ma max 51.000mhz and above 40 ma max 60 ma max waveform hcmos logic ?0? 10% vdd max logic ?1? 90% vdd min symmetry (50% of wavefrom) (see part number guide for options) load 5 ttl gates or 30pf load max 10 ttl gates or 50pf load max rise / fall time (20% to 80%) 6 nsec max start time 10 msec max tri-state operation vih = 70% of vdd min to enable output vil = 30% max or grounded to disable output (high impedance) environmental/mechanical specifications: marking details: shock mil-std 883, method 2002, test condition b vibration mil-std 883, method 2007, test condition b +160 c for 120 sec max reflow solder +260 c for 10 sec. max hermeticity mil-std 883, method 1014, test condition c solderability mil-std 883, method 2003 (no aging) line 1 = mxxxxx m = mmd components xxxxx = frequency in mhz line 2 = syymml s = internal code yymm = 4 digit date code (year / month) l = denotes rohs compliant line 3 = xxxxx internal use only may vary with lots black dot to denote pin 1 mechanical dimensions: 7.20 [.283] max 5.20 [.205] max 1.70 [.067] max 5.08 [.200] 2.60 [.102] 1.30 [.051] 1.40 [.055] 2.88 [.113] 1.81 [.071] 2.00 [.079] 2.20 [.087] 1 2 34 marking external bypass capacitor is recommended dimension in brackets are in inches recommended land pattern pin 1 tri-state or n/c pin 2 case ground pin 3 output pin 4 supply voltage pin connections part numbering guide: 5 x 7 smd 4 pads mim frequency please consult with mmd sales department for any other parameters or options *25 ppm between -40c to +85c only operating temperature blank = 0c to +70c 48 = -40c to +85c 50 = -55c to +105c 55 = -55c to +125c h frequency stability 025 = 25 ppm* 050 = 50 ppm 100 = 100 ppm supply voltage 3 = +3.3 vdc 5 = +5.0 vdc output h = hcmos symmetry blank = 40/60% a = 45/55% pin 1 connection h = tri-state packaging blank = bulk t = tape and reel blank = n/c m = 100% screening over temperature blank = no screening special specs mmd components , 30400 esperanza, rancho santa margarita, ca, 92688 phone: (949) 709-5075, fax: (949) 709-3536, www.mmdcomp.com sales@mmdcomp.com


▲Up To Search▲   

 
Price & Availability of MIMH3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X