Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download MGA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 fuses MGA https://www.schurter.com /pg01_2 fuses solid state, thin film, smd 1206, super-quick-acting ff, 125 vac, 125 vdc, 150 c see below: approvals and compliances ul 248-14 125 vac 125 vdc super-quick-acting ff description - max. ambient temperature 150 c - impermeable to potting compound used to achieve hermetic seal for use in intrinsically safe applications according to atex and iecex re - quirements. unique selling proposition - hermetically sealed and robust construction - high breaking capacity up to 300 a - smallest size applications - applications where high reliability and availability is needed - medical equipment - offshore - defense references packaging details alternative: space version weblinks pdf datasheet, html-datasheet, general product information, packaging details, distributor-stock-check, detailed request for product technical data rated voltage 32 - 125 vac, 125 vdc rated current 0.2 - 5 a breaking capacity 50 a characteristic super-quick-acting ff mounting pcb,smt admissible ambient air temp. -55 c to 150 c climatic category 55/150/21 acc. to iec 60068-1 material: housing ceramic material: terminals tin-plated nickel unit weight 0.03 g storage conditions 0 c to 60 c, max. 70% r.h. product marking none soldering methods reflow, wave soldering profile solderability 245 c / 3 sec acc. to iec 60068-2-58, test td resistance to soldering heat 260 +0/-5 c / 30 sec acc. to ipc/je- dec j-std-020d, level 1 life test mil-std-202, method 108a 1000h @ 0.60 x in @ 70c load humidity test mil-std-202, method 103b 0.1 x in @ 0.85 r.h. @ 85c moisture resistance test mil-std-202, method 106e (50 cycles in a temp./mister chamber) terminal strength mil-std-202, method 211a (deflection of board 1 mm for 1 minute) thermal shock mil-std-202, method 107d (200 air-to-air cycles from -55 to +125c) resistance to solvents mil-std-202, method 215a flammability min. ul 94v-1 (acc. to eia/is-722, test 4.12) approvals and compliances detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in details about approvals approvals the approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products. approval reference type: MGA approval logo certificates certification body description ul approvals ul ul file number: e41599
2 fuses MGA https://www.schurter.com /pg01_2 fuses product standards product standards that are referenced organization design standard description designed according to ul 248-14 low voltage fuses - part 14: additional fuses designed according to csa22.2 no. 248.14 low-voltage fuses - part 14: supplemental fuses application standards application standards where the product can be used organization design standard description designed for applications acc. iec/ul 60950 iec 60950-1 includes the basic requirements for the safety of information technologyequipment. compliances the product complies with following guide lines identification details initiator description ce declaration of conformity schurter ag the ce marking declares that the product complies with the applicable requirements laid down in the harmonisation of community legislation on its affixing in accordance with eu regulation 765/2008. rohs schurter ag eu directive rohs 2011/65/eu china rohs schurter ag the law sj / t 11363-2006 (china rohs) has been in force since 1 march 2007. it is similar to the eu directive rohs. reach schurter ag on 1 june 2007, regulation (ec) no 1907/2006 on the registration, evaluation, authorization and restriction of chemicals 1 (abbreviated as "reach") entered into force. dimension [mm] 3.2 mm 3.2 0.51 .55 1.55 reflow soldering pads 1.5 1.1 2 derating curves 140 130 120 110 100 90 80 70 60 50 40 -60 -40 -20 0 20 40 60 80 100 120 140 160 23
3 fuses MGA https://www.schurter.com /pg01_2 fuses pre-arcing time rated current in 1.0 x in min. 2.5 x in max. 0.2 a - 5 a 4 h 5 s time-current-curves time in seconds 0.001 0.01 0.1 1 10 100 1000 10000 100000 1 10 multiple of rated current in all variants rated cur - rent [a] rated vol - tage [vac] rated vol - tage [vdc] breaking capacity voltage drop 1.0 in typ. [mv] cold resi - stance typ. [m? ] melting i2t 4.0 in typ. [a2s] order number 0.2 125 125 1) 258 1020 0.0008 l 3410.0021.01 0.2 125 125 1) 258 1020 0.0008 l 3410.0021.02 0.2 125 125 1) 258 1020 0.0008 l 3410.0021.03 0.2 125 125 1) 258 1020 0.0008 l 3410.0021.04 0.25 125 125 1) 250 800 0.0009 l 3410.0022.01 0.25 125 125 1) 250 800 0.0009 l 3410.0022.02 0.25 125 125 1) 250 800 0.0009 l 3410.0022.03 0.25 125 125 1) 250 800 0.0009 l 3410.0022.04 0.375 125 125 1) 165 361 0.0037 l 3410.0025.01 0.375 125 125 1) 165 361 0.0037 l 3410.0025.02 0.375 125 125 1) 165 361 0.0037 l 3410.0025.03 0.375 125 125 1) 165 361 0.0037 l 3410.0025.04 0.5 125 125 1) 150 247 0.0042 l 3410.0027.01 0.5 125 125 1) 150 247 0.0042 l 3410.0027.02 0.5 125 125 1) 150 247 0.0042 l 3410.0027.03 0.5 125 125 1) 150 247 0.0042 l 3410.0027.04 0.75 125 125 1) 100 115 0.01 l 3410.0029.01 0.75 125 125 1) 100 115 0.01 l 3410.0029.02 0.75 125 125 1) 100 115 0.01 l 3410.0029.03 0.75 125 125 1) 100 115 0.01 l 3410.0029.04 1 125 125 1) 124 98.7 0.035 l 3410.0031.01 1 125 125 1) 124 98.7 0.035 l 3410.0031.02 1 125 125 1) 124 98.7 0.035 l 3410.0031.03
4 fuses MGA https://www.schurter.com /pg01_2 fuses rated cur - rent [a] rated vol - tage [vac] rated vol - tage [vdc] breaking capacity voltage drop 1.0 in typ. [mv] cold resi - stance typ. [m? ] melting i2t 4.0 in typ. [a2s] order number 1 125 125 1) 124 98.7 0.035 l 3410.0031.04 1.5 125 125 1) 105 56 0.064 l 3410.0033.01 1.5 125 125 1) 105 56 0.064 l 3410.0033.02 1.5 125 125 1) 105 56 0.064 l 3410.0033.03 1.5 125 125 1) 105 56 0.064 l 3410.0033.04 2 125 125 1) 98 39 0.089 l 3410.0035.01 2 125 125 1) 98 39 0.089 l 3410.0035.02 2 125 125 1) 98 39 0.089 l 3410.0035.03 2 125 125 1) 98 39 0.089 l 3410.0035.04 2.5 125 125 1) 90 29.5 0.15 l 3410.0036.01 2.5 125 125 1) 90 29.5 0.15 l 3410.0036.02 2.5 125 125 1) 90 29.5 0.15 l 3410.0036.03 2.5 125 125 1) 90 29.5 0.15 l 3410.0036.04 3 125 125 1) 88 24.1 0.18 l 3410.0037.01 3 125 125 1) 88 24.1 0.18 l 3410.0037.02 3 125 125 1) 88 24.1 0.18 l 3410.0037.03 3 125 125 1) 88 24.1 0.18 l 3410.0037.04 4 63 125 2) 83.5 17 0.23 l 3410.0240.01 4 63 63 2) 83.5 17 0.23 l 3410.0240.02 4 63 63 2) 83.5 17 0.23 l 3410.0240.03 4 63 63 2) 83.5 17 0.23 l 3410.0240.04 5 32 125 3) 90 13.5 0.45 l 3410.0141.01 5 32 32 3) 90 13.5 0.45 l 3410.0141.02 5 32 32 3) 90 13.5 0.45 l 3410.0141.03 5 32 32 3) 90 13.5 0.45 l 3410.0141.04 most popular. availability for all products can be searched real-time: https://www.schurter.com/en/stock-check/stock-check-schurter 1) 50 a @ 125 vac / 300 a @ 125 vdc 2) 50 a @ 63 vac / 50 a @ 125 vdc / 300 a @ 32 vdc 3) 50 a @ 32 vac / 50 a @ 125 vdc / 300 a @ 32 vdc packaging unit .xx = .01 blister tape of 100 pcs. in plastic bag .xx = .02 blister tape 18 cm reel (750 pcs.) .xx = .03 blister tape 33 cm reel (3000 pcs.) .xx = .04 blister tape 33 cm reel (10000 pcs.) the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 26.02.2018


▲Up To Search▲   

 
Price & Availability of MGA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X