Part Number Hot Search : 
KBU8B 14ASB 80515 M3802 A6805M AKD5393 PR33MF51 067492
Product Description
Full Text Search
 

To Download MC74AC132DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 january, 2015 ? rev. 8 1 publication order number: mc74ac132/d mc74ac132, mc74act132 quad 2-input nand schmitt trigger high?performance silicon?gate cmos the mc74ac/74act132 contains four 2?input nand gates which are capable of transforming slowly changing input signals into sharply defined, jitter?free output signals. in addition, they have greater noise margin than conventional nand gates. each circuit contains a 2?input schmitt trigger. the schmitt trigger uses positive feedback to ef fectively speed?up slow input transitions, and provide different input threshold voltages for positive and negative-going transitions. this hysteresis between the positive?going and negative?going input threshold is determined by resistor ratios and is essentially insensitive to temperature and supply voltage variations. features ? schmitt trigger inputs ? outputs source/sink 24 ma ? act132 has ttl compatible inputs ? these are pb?free devices 13 14 12 11 10 9 8 2 1 34567 gnd v cc figure 1. pinout; 14?lead packages conductors (top view) function table inputs output a b y l l h l h h h l h h h l h = high voltage level l = low voltage level www. onsemi.com see detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ordering information marking diagram xxx = ac or act a = assembly location wl = wafer lot y = year ww = work week g = pb?free package soic?14 d suffix case 751a 1 14 xxx132g awlyww 1 14
mc74ac132, mc74act132 www. onsemi.com 2 maximum ratings symbol parameter value unit v cc dc supply voltage  0.5 to  7.0 v v i dc input voltage  0.5  v i  v cc  0.5 v v o dc output voltage (note 1)  0.5  v o  v cc  0.5 v i ik dc input diode current  20 ma i ok dc output diode current  50 ma i o dc output sink/source current  50 ma i cc dc supply current per output pin  50 ma i gnd dc ground current per output pin  50 ma t stg storage temperature range  65 to  150 c t l lead temperature, 1 mm from case for 10 seconds 260 c t j junction temperature under bias  150 c  ja thermal resistance (note 2) 125 c/w p d power dissipation in still air at 85 c 125 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 30% ? 35% ul 94 v?0 @ 0.125 in v esd esd withstand voltage human body model (note 3) machine model (note 4) charged device model (note 5) > 2000 > 200 > 1000 v i latch?up latch?up performance above v cc and below gnd at 85 c (note 6)  100 ma stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. i o absolute maximum rating must be observed. 2. the package thermal impedance is calculated in accordance with jesd51?7. 3. tested to eia/jesd22?a114?a. 4. tested to eia/jesd22?a115?a. 5. tested to jesd22?c101?a. 6. tested to eia/jesd78. recommended operating conditions symbol parameter min typ max unit v cc supply voltage ac 2.0 5.0 6.0 v act 4.5 5.0 5.5 v in , v out dc input voltage, output voltage (ref. to gnd) 0 ? v cc v t r , t f input rise and fall time (note 1) ac devices except schmitt inputs v cc @ 3.0 v ? 150 ? v cc @ 4.5 v ? 40 ? ns/v v cc @ 5.5 v ? 25 ? t r , t f input rise and fall time (note 2) act devices except schmitt inputs v cc @ 4.5 v ? 10 ? ns/v v cc @ 5.5 v ? 8.0 ? t j junction temperature (pdip) ? ? 140 c t a operating ambient temperature range ?40 25 85 c i oh output current ? high ? ? ?24 ma i ol output current ? low ? ? 24 ma functional operation above the stresses listed in the recommended operating ranges is not implied. extended exposure to stresse s beyond the recommended operating ranges limits may affect device reliability. 1. v in from 30% to 70% v cc ; see individual data sheets for devices that differ from the typical input rise and fall times. 2. v in from 0.8 v to 2.0 v; see individual data sheets for devices that differ from the typical input rise and fall times.
mc74ac132, mc74act132 www. onsemi.com 3 dc characteristics symbol parameter v cc (v) 74ac 74ac unit conditions t a = +25 c t a = ?40 c to +85 c typ guaranteed limits v oh minimum high level output voltage 3.0 2.99 2.9 2.9 i out = ?50  a 4.5 4.49 4.4 4.4 v 5.5 5.49 5.4 5.4 v *v in = v il or v ih 3.0 ? 2.56 2.46 ?12 ma 4.5 ? 3.86 3.76 i oh ?24 ma 5.5 ? 4.86 4.76 ?24 ma v ol maximum low level output voltage 3.0 0.002 0.1 0.1 i out = 50  a 4.5 0.001 0.1 0.1 v 5.5 0.001 0.1 0.1 v *v in = v il or v ih 3.0 ? 0.36 0.44 12 ma 4.5 ? 0.36 0.44 i ol 24 ma 5.5 ? 0.36 0.44 24 ma i in maximum input leakage current 5.5 ? 0.1 1.0  a v i = v cc , gnd i old ?minimum dynamic output current 5.5 ? ? 75 ma v old = 1.65 v max i ohd 5.5 ? ? ?75 ma v ohd = 3.85 v min i cc maximum quiescent supply current 5.5 ? 4.0 40  a v in = v cc or gnd product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. *all outputs loaded; thresholds on input associated with output under test. ?maximum test duration 2.0 ms, one output loaded at a time. note: i in and i cc @ 3.0 v are guaranteed to be less than or equal to the respective limit @ 5.5 v v cc . ac characteristics symbol parameter v cc * (v) 74ac 74ac unit fig. no. t a = +25 c c l = 50 pf t a = ?40 c to +85 c c l = 50 pf min typ max min max t plh propagation delay 3.3 2.0 ? 13.0 1.5 14.0 ns 3?5 5.0 2.0 ? 9.0 1.5 10.0 t phl propagation delay 3.3 2.0 ? 13.5 1.5 15.0 ns 3?5 5.0 2.0 ? 9.0 1.5 10.0 *voltage range 3.3 v is 3.3 v 0.3 v. voltage range 5.0 v is 5.0 v 0.5 v.
mc74ac132, mc74act132 www. onsemi.com 4 dc characteristics symbol parameter v cc (v) 74act 74act unit conditions t a = +25 c t a = ?40 c to +85 c typ guaranteed limits v oh minimum high level output voltage 4.5 4.49 4.4 4.4 v i out = ?50  a 5.5 5.49 5.4 5.4 *v in = v il or v ih 4.5 ? 3.86 3.76 v i oh ?24 ma 5.5 ? 4.86 4.76 ?24 ma v ol maximum low level output voltage 4.5 0.001 0.1 0.1 v i out = 50  a 5.5 0.001 0.1 0.1 *v in = v il or v ih 4.5 ? 0.36 0.44 v i ol 24 ma 5.5 ? 0.36 0.44 24 ma i in maximum input leakage current 5.5 ? 0.1 1.0  a v i = v cc , gnd  i cct additional max. i cc /input 5.5 0.6 ? 1.5 ma v i = v cc ? 2.1 v i old ?minimum dynamic output current 5.5 ? ? 75 ma v old = 1.65 v max i ohd 5.5 ? ? ?75 ma v ohd = 3.85 v min i cc maximum quiescent supply current 5.5 ? 4.0 40  a v in = v cc or gnd product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. *all outputs loaded; thresholds on input associated with output under test. ?maximum test duration 2.0 ms, one output loaded at a time. ac characteristics symbol parameter v cc * (v) 74act 74act unit fig. no. t a = +25 c c l = 50 pf t a = ?40 c to +85 c c l = 50 pf min typ max min max t plh propagation delay 5.0 3.0 ? 11.5 2.5 13.0 ns 3?6 t phl propagation delay 5.0 3.0 ? 11.0 2.5 12.5 ns 3?5 *voltage range 5.0 v is 5.0 v 0.5 v.
mc74ac132, mc74act132 www. onsemi.com 5 input characteristics (unless otherwise specified) symbol parameter v cc (v) 74ac 74act unit test conditions maximum positive threshold 3.0 2.2 v t + 4.5 3.2 2.0 v t a = worst case 5.5 3.9 minimum negative threshold 3.0 0.5 v t ? 4.5 0.9 0.8 v t a = worst case 5.5 1.1 3.0 1.2 v h(max) maximum hysteresis 4.5 1.4 1.2 v t a = worst case 5.5 1.6 3.0 0.3 v h(min) minimum hysteresis 4.5 0.4 0.4 v t a = worst case 5.5 0.5 capacitance symbol parameter value typ unit test conditions c in input capacitance 4.5 pf v cc = 5.0 v c pd power dissipation capacitance 30 pf v cc = 5.0 v ordering information device package shipping ? MC74AC132DG soic?14 (pb?free) 55 units/rail mc74ac132dr2g soic?14 (pb?free) 2500/tape & reel mc74act132dg soic?14 (pb?free) 55 units/rail mc74act132dr2g soic?14 (pb?free) 2500/tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc74ac132, mc74act132 www. onsemi.com 6 package dimensions soic?14 nb case 751a?03 issue k notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of at maximum material condition. 4. dimensions d and e do not include mold protrusions. 5. maximum mold protrusion 0.15 per side. h 14 8 7 1 m 0.25 b m c h x 45 seating plane a1 a m  s a m 0.25 b s c b 13x b a e d e detail a l a3 detail a dim min max min max inches millimeters d 8.55 8.75 0.337 0.344 e 3.80 4.00 0.150 0.157 a 1.35 1.75 0.054 0.068 b 0.35 0.49 0.014 0.019 l 0.40 1.25 0.016 0.049 e 1.27 bsc 0.050 bsc a3 0.19 0.25 0.008 0.010 a1 0.10 0.25 0.004 0.010 m 0 7 0 7 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.019  6.50 14x 0.58 14x 1.18 1.27 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mc74ac132/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer s hall indemnify and hold scillc and its officers , employees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of MC74AC132DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X