Part Number Hot Search : 
S3F9454 R5005CNJ 2SK42 MMBT2369 FR014 470M0 CSP1027 74458002
Product Description
Full Text Search
 

To Download KS8695PX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2005 1 m9999-091605 KS8695PX micrel functional diagram KS8695PX integrated multi-port pci gateway solution rev. 1.3 micrel, inc. ? 2180 fortune drive ? san jose, ca 95131 ? usa ? tel + 1 (408) 944-0800 ? fax + 1 (408) 474-1000 ? http://www.micrel.com xcelerouter is a trademark of micrel, inc. amd is a registered trademark of advanced micro devices, inc. arm is a trademark of advanced risc machines ltd. intel is a registered trademark of intel corporation. wince is a registered trademark of microsoft corporation. general description the centaur KS8695PX, multi-port pci gateway solution, delivers a new level of networking integration, performance, and overall bom cost savings, enabling original equipment manufacturers (oems) to provide customers with feature- rich, low-cost solutions for the residential gateway and small of?ce environment. ? integration of a pci arbiter supporting one external mas - ter. C allows incorporation of a variety of productivity en - hancing system interfaces, including the expanding 802.11 a/g/b wireless lan. ? high-performance arm tm cpu (arm9) with 8kb i-cache, 8kb d-cache, and a memory management unit (mmu) for linux and wince ? support. ? xcelerouter tm technology to accelerate packet process - ing. ? proven wire-speed switching technology that includes 802.1q tag-based vlan and quality of service (qos) support. ? five patented mixed-signal, low-powered fast ethernet transceivers with corresponding media access control (mac) units. ? advanced memory interface with programmable 8/16/32-bit data and 22-bit address bus with up to 64mb of total memory space for flash, rom, sram, sdram, and external peripherals. external i/o controller flash/rom/ sram controller phy tx/fx mac phy tx/fx mac phy tx/rx mac phy tx/rx mac phy tx/rx mac advanced peripheral bus (apb) sdram controller advanced memory controller interrupt controller 16 gpios uart timer/ watchdog switch registers centaur KS8695PX apb bridge high-performance non-blocking 5-port switch xcelerouter? arm9? high speed amba bus pci host bridge 1 external pci master 10/100 10/100 10/100 10/100 10/100 8kb i-cache 8kb d-cache mmu
m9999-091605 2 september 2005 KS8695PX micrel features the centaur KS8695PX featuring xcelerouter technology is a single-chip, multi-port pci "gateway-on-a-chip" with all the key components integrated for a high-performance and low-cost broadband gateway ? arm9 high-performance cpu core C arm9 core at 166mhz C 8kb i-cache and 8kb d-cache C memory management unit (mmu) for linux and wince C 32-bit arm and 16-bit thumb instruction sets for smaller memory footprints ? 33mhz 32-bit pci interface C version pci 2.1 C supports bus mastership or guest-mode C supports normal and memory-mapped i/o C support for minipci and cardbus peripherals ? integrated ethernet transceivers and switch engine C five 10/100 ethernet transceivers and ?ve macs (1p for wan interface, 4p for lan switching) C 100base-fx mode option on the wan port and one lan port C automatic mdi/mdi-x crossover on all ports C wire-speed, non-blocking switch C 802.1q tag-based vlan (16 vlans, full range vid) C port-based vlan C qos/cos packet prioritization support: per port, 802.1p, and diffserv-based C 64kb on-chip frame buffer sram C vlan id and 802.1p tag/untag option per port C 802.1d spanning tree protocol support C programmable rate-limiting per port: 0mbps to 100mbps, ingress and egress, rate options for high and low priority C extensive mib counter management support C igmp snooping for multicast packet ?ltering C dedicated 1k entry look-up engine C port mirroring/monitoring/snif?ng C broadcast and multicast storm protection with % control global and per port basis C full- and half-duplex ?ow control ? xcelerouter technology C tcp/udp/ip packet header checksum generation to of?oad cpu tasks C ipv4 packet ?ltering on checksum errors C automatic error packet discard C dma engine with burst-mode support for ef?cient wan/lan data transfers C fifos for back-to-back packet transfers ordering information part number temperature range package industrial standard pb (lead)-free KS8695PX ksz8695px 0c to +70c 289-pin pbga ? memory and external i/o interfaces C 8/16/32-bit wide shared data path for flash, rom, sram, sdram, and external i/o C total memory space up to 64mb C intel ? /amd ? - type flash support ? peripheral support C 8/16/32-bit external i/o interface supporting pcmcia or generic cpu/dsp host i/f C sixteen general purpose input/output (gpio) C two 32-bit timer counters (one watchdog) C interrupt controller ? system design C up to 166mhz cpu and 125mhz bus speed C 289 pbga package (19mm x 19mm) saving board real estate C two power supplies: 1.8v core and ethernet rx supply, 3.3v i/o and ethernet tx supply C built-in led controls ? debugging C arm9 jtag debug interface C uart for console port or modem back-up ? power management C cpu and system clock speed step-down options C low-power ethernet transceivers C per port power-down and ethernet transmit disable ? reference hardware and software evaluation kit C hardware evaluation board (passes class b emi) C board support package including ?rmware source codes, linux kernel, and software stacks C complete hardware and software reference designs available applications ? multi-port wireless voip gateway ? wireless mesh network node ? rg + combo 802.11 a/b/g/n access point ? multimedia gateway ? digital audio access point ? network storage element ? multi-port broadband gateway ? multi-port ?rewall and vpn appliances ? combination wireless and wireline gateway ? fiber-to-the-home managed cpe
september 2005 3 m9999-091605 KS8695PX micrel revision history revision date summary of changes 1.0 05/13/03 created. 1.1 07/06/04 copied to micrel format and updated system clock. 1.2 1/19/05 insert recommended reset circuit. 1.3 9/13/05 added pb-free speci?cation. edits to pin description table.
m9999-091605 4 september 2005 KS8695PX micrel contents system level applications ...............................? 5 pin description . ................................................ 6 pin con?guration ............................................. 14 functional description ..................................... 15 introduction ................................................ 15 cpu features ............................................ 15 pci to ahb bridge features ...................... 15 switch engine ............................................ 15 advanced memory controller features .... 16 direct memory access (dma) engines ..... 16 protocol engine and xcelerouter? technology ..................................................................................................................... 16 network interface ....................................... 16 peripherals ................................................. 16 other features ........................................... 16 signal description ............................................ 17 system level hardware interfaces ...........? 17 con?guration pins ...................................... 17 reset .......................................................... 17 system clock ............................................. 18 memory interface ....................................... 19 signal descriptions by group ................... 21 address map and register description ........l 31 memory map .............................................. 31 memory map example ............................... 31 register description ................................... 31 absolute maximum ratings ............................ 32 operating ratings ............................................ 32 electrical characteristics ................................. 32 timing diagrams .............................................. 34 package information ........................................ 38
september 2005 5 m9999-091605 KS8695PX micrel system level applications 8/16/32 bit memory + external i/o KS8695PX integrated multi-port pci gateway solution 4-port lan 10/100 tx/fx auto mdi-x homeplug wan i/f 10/100 tx/fx auto mdi-x cable dsl fiber satellite wireless console port 33mhz pci 802.11a/g/b/n sdram flash/rom/ sram pcmcia figure 1. KS8695PX pci gateway system options
m9999-091605 6 september 2005 KS8695PX micrel pin description signal list alphabetized by name pin number pin name type (1) pin function u4 addr0 o address bit. t4 addr1 o address bit. r3 addr10 o address bit. p1 addr11 o address bit. p2 addr12 o address bit. n1 addr13 o address bit. n2 addr14 o address bit. n3 addr15 o address bit. n4 addr16 o address bit. m1 addr17 o address bit. m2 addr18 o address bit. m3 addr19 o address bit. u3 addr2 o address bit p3 addr20/ba0 o address bit/bank address bit 0 for sdram interface. p4 addr2/ba1 o address bit/bank address bit 1 for sdram interface. t3 addr3 o address bit. u2 addr4 o address bit. u1 addr5 o address bit. t1 addr6 o address bit. t2 addr7 o address bit. r1 addr8 o address bit. r2 addr9 o address bit. e3 agnd gnd analog signal ground. h7 agnd gnd analog signal ground. j7 agnd gnd analog signal ground. k7 agnd gnd analog signal ground. l7 agnd gnd analog signal ground. d14 cben0 i/o pci commands and byte enable 0. active low. a11 cben1 i/o pci commands and byte enable 1. active low. b9 cben2 i/o pci commands and byte enable 2. active low. a6 cben3 i/o pci commands and byte enable 3. active low. b10 clkrunn i/o cardbus clock run request signal. active low. u15 data0 i/o external data bit. t15 data1 i/o external data bit. u12 data10 i/o external data bit. t12 data11 i/o external data bit. note: 1. gnd = ground. o = output. i/o = bidirectional.
september 2005 7 m9999-091605 KS8695PX micrel pin number pin name type (1) pin function r12 data12 i/o external data bit. p12 data13 i/o external data bit. u11 data14 i/o external data bit. t11 data15 i/o external data bit. r11 data16 i/o external data bit. p11 data17 i/o external data bit. u10 data18 i/o external data bit. t10 data19 i/o external data bit. u14 data2 i/o external data bit. r10 data20 i/o external data bit. p10 data21 i/o external data bit. u9 data22 i/o external data bit. t9 data23 i/o external data bit. r9 data24 i/o external data bit. p9 data25 i/o external data bit. u8 data26 i/o external data bit. t8 data27 i/o external data bit. r8 data28 i/o external data bit. p8 data29 i/o external data bit. t14 data3 i/o external data bit. r7 data30 i/o external data bit. p7 data31 i/o external data bit. r14 data4 i/o external data bit. p14 data5 i/o external data bit. u13 data6 i/o external data bit. t13 data7 i/o external data bit. r13 data8 i/o external data bit. p13 data9 i/o external data bit. c11 devseln i/o pci device select signal. active low. r16 ecsn0 o external i/o device chip select. active low. t16 ecsn1 o external i/o device chip select. active low. u16 ecsn2 o external i/o device chip select. active low. t17 eroen/ o/i rom/sram/flash and external i/o output enable. active low. wrsto wrstpls polarity select. wrstpls = 0, wrsto = active high; wrstpls = 1, active low. m17 erwen0/ o external i/o and rom/sram/flash write byte enable. active low. testack n17 erwen1/ o external i/o and rom/sram/flash write byte enable. active low. testreqb p17 erwen2/ o external i/o and rom/sram/flash write byte enable. active low. testreqa note: 1. o = output. i/o = bidirectional. o/i = output in normal mode; input pin during reset.
m9999-091605 8 september 2005 KS8695PX micrel pin number pin name type (1) pin function r17 erwen3/ o external i/o and rom/sram/flash write byte enable. active low. tictestenn p16 ewaitn i external wait. active low. d10 framen i/o pci bus frame signal. active low. a1 gnd gnd signal ground. g7 gnd gnd signal ground. g8 gnd gnd signal ground. g9 gnd gnd signal ground. g10 gnd gnd signal ground. g11 gnd gnd signal ground. h8 gnd gnd signal ground. h9 gnd gnd signal ground. h10 gnd gnd signal ground. h11 gnd gnd signal ground. j8 gnd gnd signal ground. j9 gnd gnd signal ground. j10 gnd gnd signal ground. j11 gnd gnd signal ground. k8 gnd gnd signal ground. k9 gnd gnd signal ground. k10 gnd gnd signal ground. k11 gnd gnd signal ground. l8 gnd gnd signal ground. l9 gnd gnd signal ground. l10 gnd gnd signal ground. l11 gnd gnd signal ground. c4 gnt1n o pci bus grant 1. active low. output for host bridge mode and guest bridge mode. c3 nc no connect c2 nc no connect g17 gpio0/eint0 i/o general purpose i/o pin. external interrupt request pin. g16 gpio1/eint1 i/o general purpose i/o pin. external interrupt request pin. k17 gpio10 i/o general purpose i/o pin. k16 gpio11 i/o general purpose i/o pin. k15 gpio12 i/o general purpose i/o pin. k14 gpio13 i/o general purpose i/o pin. l17 gpio14 i/o general purpose i/o pin. note: 1. gnd = ground. i = input. o = output. i/o = bidirectional.
september 2005 9 m9999-091605 KS8695PX micrel pin number pin name type (1) pin function l16 gpio15 i/o general purpose i/o pin. h17 gpio2/eint2 i/o general purpose i/o pin. external interrupt request pin. h16 gpio3/eint3 i/o general purpose i/o pin. external interrupt request pin. h15 gpio4/tout0 i/o general purpose i/o pin. timer 0 output pin. h14 gpio5/tout1 i/o general purpose i/o pin. timer 1 output pin. j17 gpio6 i/o general purpose i/o pin. j16 gpio7 i/o general purpose i/o pin. j15 gpio8 i/o general purpose i/o pin. j14 gpio9 i/o general purpose i/o pin. d7 idsel i initialization device select. active high. a9 irdyn i/o pci initiator ready signal. active low. f1 iset i set phy transmit output current. connect to ground with 3.01k ? 1% resistor. b17 l1led0 o lan port 1 led programmable indicator 0. active low. b16 l1led1 o lan port 1 led programmable indicator 1. active low. c17 l2led0 o lan port 2 led programmable indicator 0. active low. c16 l2led1 o lan port 2 led programmable indicator 1. active low. d17 l3led0 o lan port 3 led programmable indicator 0. active low. d16 l3led1 o lan port 3 led programmable indicator 1. active low. e17 l4led0 o lan port 4 led programmable indicator 0. active low. e16 l4led1 o lan port 4 led programmable indicator 1. active low. h4 lanrxm1 i lan port 1 phy receive signal C (differential). j4 lanrxm2 i lan port 2 phy receive signal C (differential). k4 lanrxm3 i lan port 3 phy receive signal C (differential). l4 lanrxm4 i lan port 4 phy receive signal C (differential). h3 lanrxp1 i lan port 1 phy receive signal + (differential). j3 lanrxp2 i lan port 2 phy receive signal + (differential). k3 lanrxp3 i lan port 3 phy receive signal + (differential). l3 lanrxp4 i lan port 4 phy receive signal + (differential). h2 lantxm1 o lan port 1 phy transmit signal C (differential). j2 lantxm2 o lan port 2 phy transmit signal C (differential). k2 lantxm3 o lan port 3 phy transmit signal C (differential). l2 lantxm4 o lan port 4 phy transmit signal C (differential). h1 lantxp1 o lan port 1 phy transmit signal + (differential). j1 lantxp2 o lan port 2 phy transmit signal + (differential). k1 lantxp3 o lan port 3 phy transmit signal + (differential). l1 lantxp4 o lan port 4 phy transmit signal + (differential). e4 m66en i pci 66 mhz enable. d2 mpciactn o minipci active signal. active low. a16 pad0 i/o pci address and data 0. note: 1. i = input. o = output. i/o = bidirectional.
m9999-091605 10 september 2005 KS8695PX micrel pin number pin name type (1) pin function a15 pad1 i/o pci address and data 1. b13 pad10 i/o pci address and data 10. d13 pad11 i/o pci address and data 11. a12 pad12 i/o pci address and data 12. c12 pad13 i/o pci address and data 13. b12 pad14 i/o pci address and data 14. d12 pad15 i/o pci address and data 15. c9 pad16 i/o pci address and data 16. a8 pad17 i/o pci address and data 17. d9 pad18 i/o pci address and data 18. b8 pad19 i/o pci address and data 19. c15 pad2 i/o pci address and data 2. d8 pad20 i/o pci address and data 20. a7 pad21 i/o pci address and data 21. c7 pad22 i/o pci address and data 22. b7 pad23 i/o pci address and data 23. c6 pad24 i/o pci address and data 24. b6 pad25 i/o pci address and data 25. d6 pad26 i/o pci address and data 26. a5 pad27 i/o pci address and data 27. c5 pad28 i/o pci address and data 28. b5 pad29 i/o pci address and data 29. b15 pad3 i/o pci address and data 3. d5 pad30 i/o pci address and data 30. a4 pad31 i/o pci address and data 31. d15 pad4 i/o pci address and data 4. a14 pad5 i/o pci address and data 5. c14 pad6 i/o pci address and data 6. b14 pad7 i/o pci address and data 7. a13 pad8 i/o pci address and data 8. c13 pad9 i/o pci address and data 9. c8 par i/o pci parity. d3 pbms i pci bridge mode select. 1 = host bridge mode. 0 = guest bridge mode. d4 pclk i pci bus clock. a2 pclkout0 o pci clock output 0. b1 pclkout1 o pci clock output 1. c1 nc no connect d1 nc no connect b11 perrn i/o pci parity error signal. active low. a3 prstn i pci reset. active low. notes: 1. i = input. o = output. i/o = bidirectional.
september 2005 11 m9999-091605 KS8695PX micrel pin number pin name type (1) pin function p15 rcsn0 o rom/sram/flash chip select. active low. r15 rcsn1 o rom/sram/flash chip select. active low. b4 req1n i pci bus request 1. active low. input for host bridge mode and guest bridge mode. b3 nc no connect b2 nc no connect a17 resetn i KS8695PX chip reset. active low. t5 sdcasn o sdram column address strobe. active low. p5 sdcsn0 o sdram chip select. active low chip select pins for sdram. r4 sdcsn1 o sdram chip select. active low chip select pins for sdram. t7 sdiclk i sdram clock in. u7 sdoclk o system/sdram clock out. u6 sdqm0 o sdram data input/output mask. t6 sdqm1 o sdram data input/output mask. r6 sdqm2 o sdram data input/output mask. p6 sdqm3 o sdram data input/output mask. r5 sdrasn o sdram row address strobe. active low. u5 sdwen o sdram write enable. active low. a10 serrn o pci system error signal. active low. d11 stopn i/o pci stop signal. active low. g14 tck i jtag test clock. f14 tdi i jtag test data in. f15 tdo o jtag test data out. m4 test1 i phy test pin (factory reserved test signal). f4 test2 i phy test pin (factory reserved test signal). f17 testen i chip test enable (factory reserved test signal). must be connected to gnd for normal operation g15 tms i jtag test mode select c10 trdyn i/o pci target ready signal. active low. f16 trstn i jtag test reset. active low. m14 uctsn/ i uart data set ready. active low. bist enable (factory reserved test signal). bisten l15 udcdn/ i uart data carrier detect. scan enable (factory reserved test signal). scanen m16 udsrn i uart data set ready. active low. n15 udtrn/ o/i uart data terminal ready. active low. debug enable (factory reserved test . dbgenn signal) l14 urin/tstrst i uart ring indicator/chip test reset (factory reserved test signal). m15 urtsn/ o/i uart request to send/cpu clock select. cpuclksel note: 1. i = input. o = output. i/o = bidirectional. o/i = output in normal mode; input pin during reset.
m9999-091605 12 september 2005 KS8695PX micrel pin number pin name type (1) pin function n16 urxd i uart receive data. n14 utxd o uart transmit data. e7 vdd1.8 p 1.8v digital core v dd . e8 vdd1.8 p 1.8v digital core v dd . e9 vdd1.8 p 1.8v digital core v dd . e10 vdd1.8 p 1.8v digital core v dd . f7 vdd1.8 p 1.8v digital core v dd . f8 vdd1.8 p 1.8v digital core v dd . f9 vdd1.8 p 1.8v digital core v dd . f10 vdd1.8 p 1.8v digital core v dd . m7 vdd1.8 p 1.8v digital core v dd . m8 vdd1.8 p 1.8v digital core v dd . m9 vdd1.8 p 1.8v digital core v dd . h12 vdd1.8 p 1.8v digital core v dd . h13 vdd1.8 p 1.8v digital core v dd . j12 vdd1.8 p 1.8v digital core v dd . j13 vdd1.8 p 1.8v digital core v dd . k12 vdd1.8 p 1.8v digital core v dd . k13 vdd1.8 p 1.8v digital core v dd . n7 vdd1.8 p 1.8v digital core v dd . n8 vdd1.8 p 1.8v digital core v dd . n9 vdd1.8 p 1.8v digital core v dd . e11 vdd3.3 p 3.3v digital i/o circuitry v dd . e12 vdd3.3 p 3.3v digital i/o circuitry v dd . e13 vdd3.3 p 3.3v digital i/o circuitry v dd . f11 vdd3.3 p 3.3v digital i/o circuitry v dd . f12 vdd3.3 p 3.3v digital i/o circuitry v dd . f13 vdd3.3 p 3.3v digital i/o circuitry v dd . g12 vdd3.3 p 3.3v digital i/o circuitry v dd . g13 vdd3.3 p 3.3v digital i/o circuitry v dd . l12 vdd3.3 p 3.3v digital i/o circuitry v dd . l13 vdd3.3 p 3.3v digital i/o circuitry v dd . m10 vdd3.3 p 3.3v digital i/o circuitry v dd . m11 vdd3.3 p 3.3v digital i/o circuitry v dd . m12 vdd3.3 p 3.3v digital i/o circuitry v dd . m13 vdd3.3 p 3.3v digital i/o circuitry v dd . n10 vdd3.3 p 3.3v digital i/o circuitry v dd . n11 vdd3.3 p 3.3v digital i/o circuitry v dd . n12 vdd3.3 p 3.3v digital i/o circuitry v dd . n13 vdd3.3 p 3.3v digital i/o circuitry v dd . notes: 1. p = power supply. i = input. o = output.
september 2005 13 m9999-091605 KS8695PX micrel pin number pin name type (1) pin function e5 vdda1.8 p 1.8v analog v dd . e6 vdda1.8 p 1.8v analog v dd . f5 vdda1.8 p 1.8v analog v dd . f6 vdda1.8 p 1.8v analog v dd . g5 vdda1.8 p 1.8v analog v dd . g6 vdda1.8 p 1.8v analog v dd . h5 vdda1.8 p 1.8v analog v dd . h6 vdda1.8 p 1.8v analog v dd . j5 vdda1.8 p 1.8v analog v dd . j6 vdda1.8 p 1.8v analog v dd . k5 vdda3.3 p 3.3v analog v dd . k6 vdda3.3 p 3.3v analog v dd . l5 vdda3.3 p 3.3v analog v dd . l6 vdda3.3 p 3.3v analog v dd . m5 vdda3.3 p 3.3v analog v dd . m6 vdda3.3 p 3.3v analog v dd . n5 vdda3.3 p 3.3v analog v dd . n6 vdda3.3 p 3.3v analog v dd . f2 wanfxsd i wan fiber signal detect. g4 wanrxm i wan phy receive signal C (differential). g3 wanrxp i wan phy receive signal + (differential). g2 wantxm o wan phy transmit signal C (differential). g1 wantxp o wan phy transmit signal + (differential). e15 wled0/ o/i wan led programmable indicator 0. bank 0 size bit 0. b0size0 e14 wled1/ o/i wan led programmable indicator 1. bank 0 size bit 1. b0size1 u17 wrsto o watchdog timer reset output. when eroen/wrstpls = 0, active high. when eroen/wrstpls = 1, active low. e1 xclk1 i external clock in. e2 xclk2 i external clock in (negative polarity). notes: 1. p = power supply. i = input. o = output. o/i = output in normal mode; input pin during reset.
m9999-091605 14 september 2005 KS8695PX micrel 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 a gnd pclkout0 prstn pad31 pad27 cben3 pad21 pad17 irdyn serrn cben1 pad12 pad8 pad5 pad1 pad0 resetn b pclkout1 req3n req2n req1n pad29 pad25 pad23 pad19 cben2 clkrunn perrn pad14 pad10 pad7 pad3 l1led1 l1led0 c pclkout2 gnt3n gnt2n gnt1n pad28 pad24 pad22 par pad16 trdyn devseln pad13 pad9 pad6 pad2 l2led1 l2led0 d pclkout3 mpciactn pmbs pclk pad30 pad26 i dsel pad20 pad18 framen stopn pad15 pad11 cben0 pad4 l3led1 l3led0 e xclk1 xclk2 agnd m66en vpll1.8 vdda1.8 vdd1.8 vdd1.8 vdd1.8 vdd1.8 vdd3.3 vdd3.3 vdd3.3 wled1 wled0/ b0size l4led1 l4led0 f iset wanfxsd lan fxsd1 test2 vdda1.8 vdda1.8 vdd1.8 vdd1.8 vdd1.8 vdd1.8 vdd3.3 vdd3.3 vdd3.3 tdi tdo trstn testen g wantxp wantxm wanrxp wanrxm vdda1.8 vdda1.8 gnd gnd gnd gnd gnd vdd3.3 vdd3.3 tck tms gpio1/ eint1 gpio0/ eint0 h lantxp1 lantxm1 lanrxp1 lanrxm1 vdda1.8 vdda1.8 agnd gnd gnd gnd gnd vdd1.8 vdd1.8 gpio5/ tout1 gpio4/ tout0 gpio3/ eint3 gpio2/ eint2 j lantxp2 lantxm2 lanrxp2 lanrxm2 vdda1.8 vdda1.8 agnd gnd gnd gnd gnd vdd1.8 vdd1.8 gpio9 gpio8 gpio7 gpio6 k lantxp3 lantxm3 lanrxp3 lanrxm3 vdda3.3 vdda3.3 agnd gnd gnd gnd gnd vdd1.8 vdd1.8 gpio13 gpio12 gpio11 gpio10 l lantxp4 lantxm4 lanrxp4 lanrxm4 vdda3.3 vdda3.3 agnd gnd gnd gnd gnd vdd3.3 vdd3.3 urin/ tstrst udcdn/ scanen gpio15 gpio14 m addr17 addr18 addr19 test1 vdda3.3 vdda3.3 vdd1.8 vdd1.8 vdd1.8 vdd3.3 vdd3.3 vdd3. 3 vdd3.3 uctsn/ bisten urtsn/ cpuclksel udsrn erwen0 n addr13 addr14 addr15 addr16 vdda3.3 vdda3.3 vdd1.8 vdd1.8 vdd1.8 vdd3.3 vdd3.3 vdd3.3 vdd3.3 utxd udtrn urxd erwen1 p addr11 addr12 addr20/ ba0 addr21/ ba1 sdcsn0 sdqm3 data31 data29 data25 data21 da ta17 data13 data9 data5 rcsn0 ewaitn erwen2 r addr8 addr9 addr10 sdcsn1 sdrasn sdqm2 data30 data28 data24 data20 data16 data12 data8 data4 rscn1 ecsn0 erwen3 t addr6 addr7 addr3 addr1 sdcasn sdqm1 sdiclk data27 data23 data19 data15 data11 data7 data3 dat a1 ecsn1 eroen/ wrstpls u addr5 addr4 addr2 addr0 sdwen sdqm0 sdoclk data26 data22 data18 data14 data10 data6 data2 data0 ecsn2 wrsto 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 pci signals led drivers vdd3.3 vdda3.3 uart signals memory interface vdda1.8 agnd jtag signals gpio vdd1.8 miscellaneous analog gnd figure 2. KS8695PX pin mapping (top view) pin con?guration
september 2005 15 m9999-091605 KS8695PX micrel functional description introduction micrel's KS8695PX, a member of the centaur line of integrated processors, is a high-performance router-on-a-chip solu - tion for ethernet and 802.11 a/g/b based embedded systems. designed for use in communication's routers, it integrates a pci to ahb bridge solution for interfacing with 32-bit pci, minipci, and cardbus devices. the KS8695PX combines a proven third generation 5-port managed switch, an arm9 risc processor with mmu, and ?ve physical layer transceivers (phys) including their corresponding mac units with micrel's xcelerouter technology . the KS8695PX is built around the 16/32-bit arm9 risc processor, which is a scalable, high-performance, microprocessor developed for highly integrated system-on-a-chip applications. it also offers a con?gurable 8kb i-cache and 8kb d-cache that reduces memory access latency for high-performance applications. the simple, elegant, and fully static design of the KS8695PX is especially suitable for cost-effective, power-sensitive applications. the KS8695PX contains ?ve 10/100 phys: four are for the local area network (lan) and one is for the wide area network (wan). connected to the phys are ?ve corresponding mac units with an integrated layer 2 managed switch. the combining of the switch and the analog phys make the KS8695PX an extremely prudent solution for soho router applications, saving both board space and bom costs. the layer 2 switch contains a 16kx32 sram on-chip memory for frame buffering. the embedded frame buffer memory is designed with a 1.4gbps on-chip memory bus. this allows the KS8695PX to perform full non-blocking frame switching and/or routing on the ?y for many applications for the media interface, the KS8695PX supports 10base-t and 100base-tx, as speci?ed by the ieee 802.3 standard, and 100 base-fx on the wan port and on one lan port the KS8695PX supports two modes of operation in the pci bus environment: host bridge mode and guest bridge mode. in the host bridge mode, the arm9 processor acts as the host of the entire system. it con?gures other pci devices and coordinates their transactions, including initiating transactions between the pci devices and ahb bus subsystem. an on-chip pci arbiter is included to determine the pci bus ownership among pci master devices. in host bridge mode, all i/o registers, including those for the embedded switch, are con?gured by the arm9 processor through the on-chip amba bus interface. in guest bridge mode, all of the i/o registers are programmed by either the external host cpu on the pci bus or the local arm9 host processor through the amba bus. the KS8695PX functions as a slave on the pci bus with the on-chip pci arbiter disabled. the KS8695PXx can be con?gured by either the arm9 cpu or the pci host cpu. in both cases, the KS8695PX memory subsystem is accessible from either the pci host or the arm9 cpu. communications between the external host cpu and the arm9 is accomplished through message passing or through shared memory. cpu features ? 166mhz arm9 risc processor core ? on-chip amba bus 2.0 interfaces ? 16-bit thumb programming to relax memory requirement ? 8kb i-cache and 8kb d-cache ? little-endian mode supported ? con?gurable memory management unit ? supports reduced cpu and system clock speed for power savings pci to ahb bridge features ? support 33mhz, 32-bit data pci bus ? integrated pci bridge support for interfacing with 32-bit minipci or cardbus devices ? independent ahb and pci clock speed ? supports 125mhz ahb speed ? supports pci revision 2.1 protocols ? supports ahb bus 2.0 interfaces ? supports both regular and memory-mapped i/o on the pci interface ? integrated pci arbiter with power-on option to enable or disable ? support round robin arbitration with three external pci devices and one internal device ? supports ahb burst transfers up to 16 data words ? con?gurable pci registers by host cpu arm9 ? supports bus mastership from pci to ahb or ahb to pci bus switch engine ? 5-port 10/100 integrated switch with one wan and four lan physical layer transceivers ? 16kx32 on-chip sram for frame buffering ? 1.4gbps on-chip memory bandwidth for wire-speed frame switching ? 10mbps and 100mbps modes of operation for both full and half duplex
m9999-091605 16 september 2005 KS8695PX micrel switch engine (continued) ? supports 802.1q tag-based vlan and port-based vlan ? supports 8.2,1p-based priority, diffserv priority, and post-based priority ? integrated address look-up engine, supports 1k absolute mac addresses ? automatic address learning, address aging, and address migration ? broadcast storm protection ? full-duplex ieee 802.3x ?ow control ? half-duplex back pressure ?ow control ? supports igmp snooping ? spanning tree protocol support advanced memory controller features ? supports glueless connection to two banks of rom/sram/flash memory with programmable 8/16/32 bit data bus and programmable access timing ? supports glueless connection to two sdram banks with programmable 8/16/32-bit data bus and programmable ras/cas latency ? supports three external i/o banks with programmable 8/16/32-bit data bus and programmable access timing ? programmable system clock speed for power management ? automatic address line mapping for 8/16/32-bit accesses on flash, rom, sram, and sdram interfaces direct memory access (dma) engines ? independent mac dma engine with programmable burst mode for wan port ? independent mac dma engine with programmable burst mode for lan ports ? supports little-endian byte ordering for memory buffers and descriptors ? contains large independent receive and transmit fifos (3kb receive/3kb transmit) for back-to-back packet receive, and guaranteed no under-run packet transmit ? data alignment logic and scatter gather capability protocol engine/xcelerouter technology ? supports ipv4 ip header/tcp/udp packet checksum generation for host cpu of?oading ? supports ipv4 packet ?ltering based on checksum errors network interface ? features ?ve mac units and ?ve phy units ? supports 10base-t and 100base-tx on all lan ports and one wan port. also supports 100base-fx on the wan port and on one lan port ? supports automatic crc generation and checking ? supports automatic error packet discard ? supports ieee 802.3 auto-negotiation algorithm of full-duplex and half-duplex operation for 10mbps and 100mbps ? supports full-/half-duplex operation on phy interfaces ? fully compliant with ieee 802.3 ethernet standards ? ieee 802.3 full-duplex ?ow control and half-duplex backpressure collision ?ow control ? supports mdi/mdi-x auto-crossover peripherals ? twenty-eight interrupt sources, including four external interrupt sources ? normal or fast interrupt mode (irq, fiq) supported ? prioritized interrupt handling ? sixteen programmable general purpose i/o. pins individually con?gurable to input, output, or i/o mode for dedicated signals. ? two programmable 32-bit timers with watchdog timer capability ? high-speed uart interface up to 115kbps other features ? integrated pll to generate cpu and system clocks ? jtag development interface for ice connection ? 19mm x 19mm 289-pin pbga ? 1.8v cmos for core and 3.3v for i/o
september 2005 17 m9999-091605 KS8695PX micrel system level hardware interfaces clock and reset jtag wan ethernet phy lan ethernet phy advanced memory interface uart gpio phy led drivers factory test power and ground ks8695p pci figure 3. system level interfaces at the system level the KS8695PX features the following interfaces: ? clock interface for crystal or external oscillator ? jtag development interface ? one wan ethernet physical interface ? four lan ethernet physical interfaces ? phy led drivers ? one high-speed uart interface ? sixteen gpio pins ? 33mhz, 32-bit pci interface supporting one external master ? advanced memory interface C programmable synchronous bus rate C programmable asynchronous interface timing C independently programmable data bus width for static and synchronous memory C glueless connection to sdram C glueless connection to ?ash memory or rom ? factory test ? power and ground con?guration pins the following pins are sampled as input during reset con?guration pin name pin # setting bank0 flash data width b0size[1:0] e14, e15 00= reserved 01 = byte wide 10 = half word wide (16 bits) 11 = word wide (32 bits) wrsto polarity eroen/wrstpls u17 0 = active high 1 = active low cpu clock select urtsn/cpuclksel m15 0 = normal mode (pll) '1 = bypass internal pll pci bridge mode pbms d3 0 = guest bridge mode 1 = host bridge mode cpuclksel urtsn/cpuclksel m15 0 = normal operation 1 = factory reserved debug enable udtrn/dbgenn n15 0 = factory reserved table 1. con?guration pins
m9999-091605 18 september 2005 KS8695PX micrel reset circuit diagram v cc r c power on reset circuit manual push button switch resetn a17 d1 wrsto eroen/ wrstpls r to memory set wrsto to active low to system system reset u17 t17 ks8695p v cc figure 4. example of a reset circuit vcc r 10k d2 c 10f d1 cpu/fpga rst_out_n ks8695p rst figure 5. recommended circuit for interfacing with cpu/fpga reset at power-on-reset, r, c,and d1 provide the necessary ramp rise time to reset the micrel device. the reset out from cpu/ fpga provides warm reset after power up following pins have second function as factory test of chip con?guration pin name pin # setting chip test enable testen f17 0 = normal operation 1 = factory reserved. used for factory test of chip and affects all signals listed in this table. erwen0/testack m17 erwen1/testreqb n17 erwen2/testreqa p17 erwen3/tictesttenn r17 uctsn/bisten m14 udcdn/scanen l15 urin/tstrst l14 test1 m4 test2 f4 table 2. con?guration pins reset the KS8695PX has a single reset input that can be driven by a system reset circuit or a simple power on reset circuit. the KS8695PX also features a reset output (wrsto) that can be used to reset other devices in the system. wrsto can be con?gured as either an active high reset or an active low reset through a strap-in option on pin u17, as shown in table 1. the KS8695PX also has a built in watchdog timer. when the watchdog timer is programmed and the timer setting expires, the KS8695PX resets itself and also asserts wrsto to reset the other devices in the system. figure 4 shows a typical system using the KS8695PX wrsto as the system reset.
september 2005 19 m9999-091605 KS8695PX micrel system clock the clock to the KS8695PX is supplied by either a 25mhz 50ppm crystal or by an oscillator. if an oscillator is used, it must be connected to the xclk1 input (pin e1) on the KS8695PX. if a crystal is used, it must be connected with a circuit similar to the one shown below. the 25mhz input clock is used by an internal pll to generate the programmable sdoclk. sdo - clk is the system clock and can be programmed from 25mhz to 125mhz using the system clock and bus control register at offset 0x0004. the cpuclksel strap-in option on pin m15 needs to be pulled low for normal operation. sdiclk is used to register the data read from the sdram back into the KS8695PX. the system designer must ensure that sdram timing is met when routing sdoclk back to sdiclk. 25mhz xtal 22pf 22pf xclk1 xclk2 e1 e2 sdoclk u7 to system 25mhz to 125mhz urtsn/ cpuclksel m15 1k ? ks8695p t7 sdiclk figure 6. typical clock circuit
m9999-091605 20 september 2005 KS8695PX micrel memory interface the KS8695PX has a glueless interface for sdram and static memory, i.e. rom, sram, and flash. it supports up to two banks of static memory (figure 7), up to two banks of sdram (figure 8), and three banks of external i/o (figure 9). the total address space for the KS8695PX is 64mb. this includes sdram, static memory, external i/o, and the KS8695PX's own 64kb of register space. the memory interface for the sdram and static memory has a special automatic address mapping feature. this allows the designer to connect address bit 0 on the memory to addr[0] on the KS8695PX and address bit 1 on the memory to addr[1] on the memory, regardless of whether the designer is trying to achieve word, half word, or byte addressing. the KS8695PX memory controller performs the address mapping internally. this permits the designer to use the maximum amount of address bits, instead of losing one or two bits because of address mapping. for external i/o, however, the designer still needs to take care of the address mapping (see figure 9). ks8695p byte wide static memory addr0 addr1 addr[21:2] a0 a1 a[21:2] data[7:0] d[7:0] 8 20 oe we ce rcsn0 eroen erwen0 ks8695p half word wide static memory addr0 addr1 addr[21:2] a0 a1 a[21:2] data[15:0] d[15:0] 16 20 oe we ce rcsn0 eroen erwen0 byte v dd figure 7. static memory interface examples sdoclk sdcke data[31..0] addr[11..0] sdrasn sdcasn sdqm[3..0] sdwen ks8695p sdram 4m x 32 clk cke cs# we# cas# ras# a[11..0] dq[31..0] sdcsn0 dqm[3..0] addr[21..20] ba[1..0] 32 12 2 4 sdiclk sdoclk sdcke data[15..0] addr[12..0] sdrasn sdcasn sdqm0 sdwen ks8695p sdram 16m x 16 clk cke cs# we# cas# ras# a[12..0] dq[15..0] sdcsn0 ldqm addr[21..20] ba[1..0] 16 13 2 sdiclk sdqm1 udqm half word wide word wide figure 8. sdram interface examples
september 2005 21 m9999-091605 KS8695PX micrel ks8695p byte wide external i/o addr[21:0] a[21:0] data[7:0] d[7:0] 8 22 oe we ce ecsn0 eroen erwen0 ks8695p half word wide external i/o addr[21:1] a[20:0] data[15:0] d[15:0] 16 21 oe we ce ecsn0 eroen erwen0 addr0 ks8695p word wide external i/o addr[21:2] a[19:0] data[31:0] d[31:0] 32 20 oe we ce ecsn0 eroen erwen0 addr0 addr1 nc nc nc figure 9. external i/o interface examples KS8695PX outputs erwen[3:0] as write strobes to byte wide, half-word wide, and word-wide memory port. the following ?gures show the most commonly implemented examples
m9999-091605 22 september 2005 KS8695PX micrel ks8695p byte wide erwen0 erwen1 erwen2 erwen3 we data[7:0] d[7:0] ks8695p half word wide data[15:0] d[15:0] ks8695p word wide data[31:0] d[31:0] nc nc nc erwen0 erwen1 erwen2 erwen3 we nc nc nc erwen0 erwen1 erwen2 erwen3 we nc nc nc ks8695p lsb half word wide msb half word wide erwen0 erwen1 erwen2 erwen3 we data[31:0] data[15:0] data[31:16] d[15:0] d[31:16] nc nc we figure 10 erwen[3:0] interface examples
m9999-091605 23 september 2005 KS8695PX micrel signal descriptions by group clock and reset pins pin name i/o type (1) description e1 xclk1/ i external clock in. this signal is used as the source clock for the transmit clock of the cpuclk internal mac and phy. the clock frequency is 25mhz 50ppm. the xclk1 signal is also used as the reference clock signal for the internal pll to generate the 125mhz internal system clock. e2 xclk2 i external clock in. used with xclk1 pin when another polarity of crystal is needed. this is unused for a normal clock input. m15 urtsn/ o/i normal mode: uart request to send. active low output. cpuclksel during reset: cpu clock select. select cpu clock source. cpuclksel=0 (normal mode), the internal pll clock output is used as the cpu clock source. cpuclksel=1 (factory reserved test signal). a17 resetn i KS8695PX chip reset. active low input asserted for at least 256 system clock (40ns) cycles to reset the KS8695PX. when in the reset state, all the output pins are tri- stated and all open drain signals are ?oating. u17 wrsto o watchdog timer reset output. this signal is asserted for at least 200ms if resetn is asserted or when the internal watchdog timer expires. t17 eroen/ o/i normal mode: rom/sram/flash and external i/o output enable. active low. when wrstpls asserted, this signal controls the output enable port of the speci?ed device. during reset: watchdog timer reset polarity setting. wrstpls=0, active high; wrstpls=1, active low. no default. jtag interface pins pin name i/o type (1) description g14 tck i jtag test clock. g15 tms i jtag test mode select. f14 tdi i jtag test data in. f15 tdo o jtag test data out. f16 trstn i jtag test reset. active low. wan ethernet physical interface pins pin name i/o type (1) description g1 wantxp o wan phy transmit signal + (differential). g2 wantxm o wan phy transmit signal C (differential). g3 wanrxp i wan phy receive signal + (differential). g4 wanrxm i wan phy receive signal C (differential). g5 wanfxsd i wan ?ber signal detect. signal detect input when the wan port is operated in 100base-fx 100mb ?ber mode. see application note 10. note: 1. i = input. o = output. o/i = output in normal mode; input pin during reset.
september 2005 24 m9999-091605 KS8695PX micrel lan ethernet physical interface pins pin name i/o type (1) description h1 lantxp1 i lan port[4:1] phy transmit signal + (differential). j1 lantxp2 k1 lantxp3 l1 lantxp4 h2 lantxm1 i lan port[4:1] phy transmit signal C (differential). j2 lantxm2 k2 lantxm3 l2 lantxm4 h3 lanrxp1 o lan port[4:1] phy receive signal + (differential). j3 lanrxp2 k3 lanrxp3 l3 lanrxp4 h4 lanrxm1 o lan port[4:1] phy receive signal C (differential). j4 lanrxm2 k4 lanrxm3 l4 lanrxm4 f1 iset i set phy transmit output current. connect to ground through a 3.01k ? 1% resistor. f3 lanfxsd1 i lan ? ber signal detect. signal detect input when the lan1 port is operated in 100base-fx 100mb ?ber mode. see application note 107. phy led drivers pin name i/o type (1) description e15 wled0/ o/i normal mode: wan led indicator 0. programmable via wan misc. control register b0size0 bits [2:0]. 000 = speed; 001 = link; 010 = full/half duplex; 011 = collision; 100 = tx/rx activity; 101 = full-duplex collision; 110 = link/activity. during reset: bank 0 data access size. bank 0 is used for the boot program. b0size[1:0] are used to specify the size of the bank 0 data bus width as follows: 01 = one byte, 10 = half-word, 11 = one word, and 00 = reserved. e14 wled1/ o/i normal mode: wan led indicator 1. programmable via wan misc. control register b0size1 bits [6:4]. 000 = speed; 001= link; 010 = full/half duplex; 011 = collision; 100 = tx/rx activity; 101 = full-duplex collision; 110 = link/activity. during reset: bank 0 data access size. bank 0 is used for the boot program. b0size[1:0] are used to specify the size of the bank 0 data bus width as follows: 01 = one byte, 10 = half-word, 11 = one word, and 00 = reserved. b17 l1led0 o lan port[4:1] led indicator 0. programmable via switch control 0 register bits c17 l2led0 [27:25]. d17 l3led0 000 = speed; 001 = link; 010 = full/half duplex; 011 = collision; e17 l4led0 '100 = tx/rx activity; 101 = full-duplex collision; 110 = link/activity. b16 l1led1 o lan port[4:1] led indicator 1. programmable via switch control 0 register bits c16 l2led1 [24:22]. d16 l3led1 000 = speed; 001 = link; 010 = full/half duplex; 011 = collision; e16 l4led1 100 = tx/rx activity; 101 = full-duplex collision; 110 = link/activity. note: 1. i = input. o = output. o/i = output in normal mode; input pin during reset.
m9999-091605 25 september 2005 KS8695PX micrel uart pins pin name i/o type (1) description n16 urxd i uart receive data. n14 utxd o uart transmit data. n15 udtrn/ o/i uart data terminal ready. active low. dbgenn dbgenn = 0 (factory reserved test signal) m16 udsrn i uart data set ready. active low. m15 urtsn/ o/i normal mode: uart request to send. active low output. cpuclksel during reset: cpu clock select. select cpu clock source. cpuclksel=0 (normal mode), the internal pll clock output is used as the cpu clock source. cpuclksel=1 (factory reserved test signal). m14 uctsn/ i uart clear to send. bist enable (factory reserved test signal). bisten l15 udcdn/ i uart data carrier detect. scan enable (factory reserved test signal). scanen l14 urin/ i uart ring indicator. chip test reset (factory reserved test signal). tstrst general purpose i/o pins pin name i/o type (1) description g17 gpio0/ i/o general purpose i/o pin. external interrupt request pin. eint0 g16 gpio1/ i/o general purpose i/o pin. external interrupt request pin. eint1 h17 gpio2/ i/o general purpose i/o pin. external interrupt request pin. eint2 h16 gpio3/ i/o general purpose i/o pin. external interrupt request pin. eint3 h15 gpio4/ i/o general purpose i/o pin. timer 0 output pin. tout0 h14 gpio5/ i/o general purpose i/o pin. timer 1 output pin. tout1 j17 gpio6 i/o general purpose i/o pin. j16 gpio7 i/o general purpose i/o pin. j15 gpio8 i/o general purpose i/o pin. j14 gpio9 i/o general purpose i/o pin. k17 gpio10 i/o general purpose i/o pin. k16 gpio11 i/o general purpose i/o pin. k15 gpio12 i/o general purpose i/o pin. k14 gpio13 i/o general purpose i/o pin. l17 gpio14 i/o general purpose i/o pin. l16 gpio15 i/o general purpose i/o pin. a3 prstn i pci reset. active low. this signal is an input used to reset the KS8695PX pci logic. if the KS8695PX is the host, use the resetn signal to drive this input. if the KS8695PX is a guest, use the system reset to drive this signal. note: 1. i = input. o = output. i/o = bidirectional. o/i = output in normal mode; input pin during reset.
september 2005 26 m9999-091605 KS8695PX micrel general purpose i/o pins (continued) pin name i/o type (1) description d4 pclk i pci bus clock.this signal provides the timing for the pci bus transactions. this signal is used to drive the pci bus interface and the internal pci logic. all pci bus signals are sampled on the rising edges of the pclk. pclk can operate from 20mhz to 33mhz. for host mode, use pclkout0 signal to drive this input. in guest mode, use the system pci clock to drive this input. c2 nc no connect c3 nc no connect c4 gnt1n o pci bus grant 1. active low. in host bridge mode, this is an output signal from the internal pci arbiter to grant pci bus access to the device connected to req1n. in guest bridge mode, this signal is an output to indicate that the KS8695PX is requesting to access the pci bus as a pci master. in guest bridge mode, this is basically the KS8695PXs request output. b2 nc no connect b3 nc no connect b4 req1n i pci bus request 1. active low. in host bridge mode, this is an input signal from the external pci device to request pci bus access. in guest bridge mode, this is an input signal from an external pci bus arbiter granting access to the bus. in guest bridge, this is basically the KS8695PX's grant input. a4 pad31 i/o 32-bit pci address and data. pci bus transactions consist of an address d5 pad30 phase followed by one or more data phases. address and data signals are multi- b5 pad29 plexed on the same pins. for a pci write transaction, the source of the data is the c5 pad28 KS8695PX. for a pci read transaction, the data source is the target. the a5 pad27 KS8695PX supports both read and write burst transactions. in the case of a read d6 pad26 transaction, a special data turn around cycle is needed between the address phase b6 pad25 and the data phase(s). c6 pad24 b7 pad23 c7 pad22 a7 pad21 d8 pad20 b8 pad19 d9 pad18 a8 pad17 c9 pad16 d12 pad15 b12 pad14 c12 pad13 a12 pad12 d13 pad11 b13 pad10 c13 pad9 a13 pad8 b14 pad7 c14 pad6 a14 pad5 d15 pad4 b15 pad3 note: 1. i = input. o = output. i/o = bidirectional.
m9999-091605 27 september 2005 KS8695PX micrel general purpose i/o pins (continued) pin name i/o type (1) description c15 pad2 i/o 32-bit pci address and data (continued from previous page). a15 pad1 a16 pad0 a6 cben3 i/o pci commands and byte enable. active low. b9 cben2 the pci command and byte enable signals are multiplexed on the same pins. during a11 cben1 the ? rst clock cycle of a pci transaction, the cben bus contains the command for d14 cben0 the transaction. the pci transaction consists of the address phases and one or more data phases. during the data phases of the transaction, the bus carries the byte enable for the current data phases. c8 par i/o parity. pci bus parity is even across pad[31:0] and cben[3:0]. the KS8695PX gener- ates par during the address phase and write data phases as a bus master and during read data phases as a target. it checks for correct par during the read data phase as a bus master, during every address phase as a bus slave, and during write data phases as a target. d10 framen i/o pci bus frame signal. active low. framen is an indication of an active pci bus cycle. it is asserted at the beginning of a pci transaction, i.e. the address phase, and deasserted before the ?nal transfer of the data phase of the transaction. a9 irdyn i/o pci initiator ready signal. active low. this signal is asserted by a pci master to indicate a valid data phase on the pad bus during data phases of a write transaction. during a read transaction, it indicates that the master is ready to accept data from the target. a target monitors the irdyn signal when a data phase is completed on any rising edge of the pci clock when both irdyn and trdyn are asserted. wait cycles are inserted until both irdyn and trdyn are asserted together. c10 trdyn i/o pci target ready signal. active low. this signal is asserted by a pci slave to indicate a valid data phase on the pad bus during a read transaction. during a write transaction, it indicates that the slave is ready to accept data from the target. a pci initiator monitors the trdyn signal when a data phase is completed on any rising edge of the pci clock when both irdyn and trdyn are asserted. wait cycles are inserted until both irdyn and trdyn are asserted together. c11 devseln i/o pci device select signal. active low. this signal is asserted when the KS8695PX is selected as a target during a bus transaction. when the KS8695PX is the initiator of the current bus access, it expects the target to assert devseln within ?ve pci bus cycles, con? rming the access. if the target does not assert devseln within the required bus cycles, the KS8695PX aborts the bus cycle. to meet the timing require- ment, the KS8695PX asserts this signal in a medium speed decode timing. ( two bus cycles). d7 idsel i initialization device select. active high. it is used as a chip select during con?gura- tion read and write transactions. d11 stopn i/o pci stop signal. active low. this signal is asserted by the pci target to indicate to the bus master that it is terminating the current transaction. the KS8695PX responds to the assertion of stopn when it is the bus master, either to disconnect, retry, or abort the transaction. b11 perrn i/o pci parity error signal. active low. the KS8695PX asserts perrn when it checks and detects a bus parity error. when it generates the par output, the KS8695PX monitors for any reported parity error on perrn. when the KS8695PX is the bus master and a parity error is detected, the KS8695PX sets error bits in the control sta - tus registers. it completes the current data burst transaction, and then stops the opera- tion. after the host clears the system error, the KS8695PX continues its operation. a10 serrn o pci system error signal. active low. if an address parity error is detected, the KS8695PX asserts the serrn signal two clocks after the failing address. e4 m66en i pci 66mhz enable. when asserted, this signal indicates the pci bus segment is operating at 66mhz. this pin is mainly used in guest bridge mode when the pclk is driven by an external host bridge. note: 1. i = input. o = output. i/o = bidirectional.
september 2005 28 m9999-091605 KS8695PX micrel general purpose i/o pins (continued) pin name i/o type( 1) description d1 nc no connect c1 nc no connect b1 pclkout1 o pci clock output 1. in host bridge mode driven as 33mhz in guest bridge mode, this signal is reserved a2 pclkout0 o pci clock output 0. in host bridge mode driven as 33mhz in guest bridge mode, this signal is reserved b10 clkrunn i/o this is a cardbus only signal. the clkrunn signal is used by portable cardbus devices to request that the system turn on the bus clock. output is always active in cardbus and minipci modes. d2 mpciactn o minipci active. this signal is asserted by the pci device to indicate that its current function requires full system performance. mpciactn is an open drain output signal. in minipci mode, this signal is always low. d3 pbms i pci bridge mode select. this selects the operating mode for the pci bridge. when pbms is high, the host bridge mode is selected and the on-chip pci bus arbiter is enabled. when pbms is low, the guest bridge mode is selected and the on-chip arbiter is disabled. advanced memory interface (sdram/rom/flash/sram/external i/o) pin name i/o type (1) description t7 sdiclk i sdram clock in: sdram clock input for the sdram memory controller interface. u7 sdoclk o system/sdram clock out: output of the internal system clock, it is also used as the clock signal for sdram interface. p4 addr21/ba1 o address bit 21/bank address input 1: address bit 21 for asynchronous accesses. bank address input bit 1 for sdram accesses. p3 addr20/ba0 o address bit 20/bank address input 0: address bit 20 for asynchronous accesses. bank address input bit 0 for sdram accesses. m3 addr[19] o address bus: the 22-bit address bus (including addr[21:20] above) covers 4m word m2 addr[18] memory space shared by rom/sram/flash, sdram, and external i/o banks. m1 addr[17] during the sdram cycles, the internal address bus is used to generate ras and n4 addr[16] cas addresses for the sdram. the number of column address bits in the sdram n3 addr[15] banks can be programmed from 8 to 11 bits via the sdram control registers. n2 addr[14] addr[12:0] are the sdram address and addr[21:20] are the sdram bank n1 addr[13] address. during other cycles, the addr[21:0] is the byte address of the data transfer. p2 addr[12] for sdram and flash/rom/sram, connect all address lines, i.e. a0 to a0, a1 to p1 addr[11] a1, etc. the memory controller automatically handles address line adjustments for the r3 addr[10] 8/16/32 bit accesses. for external i/o devices, the user needs to connect address r2 addr[9] lines for 8/16/32 bit accesses. r1 addr[8] t2 addr[7] t1 addr[6] u1 addr[5] u2 addr[4] t3 addr[3] u3 addr[2] t4 addr[1] u4 addr[0] note: 1. i = input. o = output. i/o = bidirectional.
m9999-091605 29 september 2005 KS8695PX micrel advanced memory interface (sdram/rom/flash/sram/external i/o) pin name i/o type (1) description p7 data[31] i/o external data bus. 32-bit bi-directional data bus for data transfer. the KS8695PX r7 data[30] also supports 8-bit and 16-bit data bus widths. p8 data[29] r8 data[28] t8 data[27] u8 data[26] p9 data[25] r9 data[24] t9 data[23] u9 data[22] p10 data[21] r10 data[20] t10 data[19] u10 data[18] p11 data[17] r11 data[16] t11 data[15] u11 data[14] p12 data[13] r12 data[12] t12 data[11] u12 data[10] p13 data[9] r13 data[8] t13 data[7] u13 data[6] p14 data[5] r14 data[4] t14 data[3] u14 data[2] t15 data[1] u15 data[0] r4 sdcsn[1] o sdram chip select: active low chip select pins for sdram. the KS8695PX sup - ports p5 sdcsn[0] up to two sdram banks. one sdcsn output is provided for each bank. r5 sdrasn o sdram row address strobe: active low. the row address strobe pin for sdram. t5 sdcasn o sdram column address strobe: active low. the column address strobe pin for sdram. u5 sdwen o sdram write enable: active low. the write enable signal for sdram. p6 sdqm[3] o sdram data input/output mask: data input/output mask signals for sdram. the r6 sdqm[2] sdqm is sampled high and is an output mask signal for write accesses and an t6 sdqm[1] output enable signal for read accesses. input data are masked during a write cycle. u6 sdqm[0] the sdqm0/1/2/3 correspond to data[7:0], data[15:8], data[23:16] and data[31:24], respectively. u16 ecsn[2] o external i/o device chip select: active low. three external i/o banks are provided t16 ecsn[1] for external memory mapped i/o operations. each i/o bank stores up to 16kb. r16 ecsn[0] the ecsnx signals indicate which of the three i/o banks is selected. p16 ewaitn i external wait: active low. this signal is asserted when an external i/o device or a rom/sram/flash bank needs more access cycles than those de?ned in the corresponding control register. r15 rcsn[1] o rom/sram/flash chip select: active low. the KS8695PX can access up to two p15 rcsn[0] external rom/sram/flash memory banks. the rcsn pins can be controlled to map the cpu addresses into physical memory banks. note: 1. i = input. o = output. i/o = bidirectional.
september 2005 30 m9999-091605 KS8695PX micrel pin name i/o type (1) description t17 eroen/ o/i normal mode: external i/o and rom/sram/flash output enable: active low. wrstpls when asserted, this signal controls the output enable port of the speci?ed memory device. during reset: watchdog timer reset polarity setting. wrstpls=0, active low; wrstpls = 1, active high. no default. m17 erwen0/ o external i/o and rom/sram/flash write byte enable: active low. when asserted, testack the erwenx controls the byte write enable of the memory device (except sdram). arm cpu test signal (factory reserved test signal). n17 erwen1/ o external i/o and rom/sram/flash write byte enable: active low. when asserted, testreqb the erwenx controls the byte write enable of the memory device (except sdram). arm cpu test signal (factory reserved test signal). p17 erwen2/ o external i/o and rom/sram/flash write byte enable: active low. when asserted, testreqa the erwenx controls the byte write enable of the memory device except sdram). arm cpu test signal (factory reserved test signal). r17 erwen3/ o external i/o and rom/sram/flash write byte enable. active low. when asserted, tictestenn the erwenx controls the byte write enable of the memory device (except sdram). arm cpu test signal (factory reserved test signal). e15 wled0/ o/i normal mode: wan led indicator 0: programmable via wan misc. control register b0size0 bits [2:0]. 000 = speed; 001 = link; 010 = full/half duplex; 011 = collision; 100 = tx/rx activity; 101 = full-duplex collision; 110 = link/activity. during reset: bank 0 data access size. bank 0 is used for the boot program. b0size[1:0] are used to specify the size of the bank 0 data bus width as follows: 01 = one byte, 10 = half-word, 11 = one word, and 00 = reserved. e14 wled1/ o/i normal mode: wan led indicator 1: programmable via wan misc. control register b0size1 bits [6:4]. 000 = speed; 001 = link; 010 = full/half duplex; 011 = collision; 100 = tx/rx activity; 101 = full-duplex collision; 110 = link/activity. during reset: bank 0 data access size. bank 0 is used for the boot program. b0size[1:0] are used to specify the size of the bank 0 data bus width as follows: 01 = one byte, 10 = half-word, 11 = one word, and 00 = reserved. factory test pins pin name i/o type (1) description f7 testen i factory test signal. pull-down or direct connect to gnd required. m4 test1 i factory test signal. no connect for normal operation. f4 test2 i factory test signal. no connect for normal operation. note: 1. i = input. o = output. o/i = output in normal mode; input pin during reset.
m9999-091605 31 september 2005 KS8695PX micrel power and ground pins pin name i/o type (1) description e5 vdda1.8 p 1.8v analog v dd . e6 f5 f6 g5 g6 h5 h6 j5 j6 e7 vdd1.8 p 1.8v digital core v dd . e8 e9 e10 f7 f8 f9 f10 m7 m8 m9 h12 h13 j12 j13 k12 k13 n7 n8 n9 k5 vdda3.3 p 3.3v analog v dd . k6 l5 l6 m5 m6 n5 n6 e11 vdd3.3 p 3.3v digital i/o v dd . e12 e13 f11 f12 f13 g12 g13 l12 l13 m10 m11 m12 m13 n10 n11 n12 n13 note: 1. p = power supply.
september 2005 32 m9999-091605 KS8695PX micrel pin name i/o type (1) description e3 agnd gnd analog ground. h7 j7 k7 l7 a1 gnd gnd ground. g7 g8 g9 g10 g11 h8 h9 h10 h11 j8 j9 j10 j11 k8 k9 k10 k11 l8 l9 l10 l11 note: 1. gnd = ground.
m9999-091605 33 september 2005 KS8695PX micrel address range register type 0x0000 C 0x0004 system registers 0x2000 C 0x2224 pci-ahb bridge con?guration 0x4000 C 0x4040 memory controller interface 0x6000 C 0x60fc wan dma 0x8000 C 0x80fc lan dma 0xa000 C 0xa0fc reserved 0xe000 C 0xa0fc uart registers 0xe200 C 0xe234 interrupt controller 0xe400 C 0xe410 timer registers 0xe600 C 0xe608 general purpose i/o 0xe800 C 0xe850 switch engine con?guration 0xea00 C 0xea18 miscellaneous registers address map and register description memory map upon power up, the KS8695PX memory map is con?gured as shown below. address range region description 0x03ff0000-0x03ffffff 64kb KS8695PX system con?guration register space 0x02000000-0x03feffff 32mb not con?gured 0x00000000-0x01ffffff 32mb flash bank 0 memory map example the default base address for the KS8695PX system con?guration registers is 0x03ff0000. after power up, the user is free to remap the memory for their speci?c application. the following is an example of the memory space remapped for opera - tion. address range region description 0x03ff0000-0x03ffffff 64kb KS8695PX system con?guration register space 0x03e00000-0x03feffff 2mb disabled, not used 0x03200000-0x036fffff 5mb space (external i/o) 0x02c00000-0x031fffff 6mb reserved flash space, not used 0x02800000-0x02bfffff 4mb flash 0x02000000-0x027fffff 8mb disabled, not used 0x00000000-0x01ffffff 32mb sdram register description the KS8695PX system con?guration registers (scrs) are located in a block of 64kb in the host memory address space. after power up and initialization, the user can remap the scrs to a desired offset. the scrs are 32 bits wide. they are 32 bit word-aligned and must be accessed using word instructions. the ahb-pci bridge con?guration registers are also included in the scrs. a subset of the ahb-pci bridge con?guration registers is also accessible to an external pci host when the KS8695PX is con?gured in pci guest mode. refer to the detailed register description document for additional information, including bit de?nitions. if you dont have this document, contact your local micrel field application engineer or salesperson. register type address range system con?guration 0x03ffffff C 0x03feffff external i/o bank 2 0x03feffff C 0x039fffff external i/o bank 1 0x039fffff C 0x035fffff external i/o bank 0 0x035fffff C 0x031fffff not used 0x031fffff C 0x02ffffff flash bank 0 C 4mb 0x02ffffff C 0x027fffff not used 0x027fffff C 0x00ffffff sdram 16mb 0x00ffffff C 0x00000000
september 2005 34 m9999-091605 KS8695PX micrel electrical characteristics (5) symbol parameter condition min typ max units total supply current (including tx output driver current) 100base-tx operation: all ports 100% utilization, sdoclk = 125mhz i tx 100base-tx (analog tx) v dda3.3 = +3.3v 0.032 a i rx 100base-tx (analog rx) v dda1.8 = +1.8v 0.072 a i ddio 100base-t (digital i/o) v dd3.3 = +3.3v 0.033 a i ddc 100base-t (digital core) v dd1.8 = +1.8v 0.235 a 10base-tx operation: all ports 100% utilization, sdoclk = 125mhz i tx 10base-t (analog tx) v dda3.3 = +3.3v 0.030 a i rx 10base-t (analog rx) v dda1.8 = +1.8v 0.072 a i ddio 10base-t (digital i/o) v dd3.3 = +3.3v 0.025 a i ddc 10base-t (digital core) v dd1.8 = +1.8v 0.234 a auto-negotiation mode: sdoclk = 125mhz i tx 10base-t (analog tx) v dda3.3 = +3.3v 0.032 a i rx 10base-t (analog rx) v dda1.8 = +1.8v 0.07 a i ddio 10base-t (digital i/o) v dd3.3 = +3.3v 0.021 a i ddc 10base-t (digital core) v dd1.8 = +1.8v 0.233 a ttl inputs (pci, led, memory interface, uart) v ih input high voltage 2.0 v v il input low voltage 0.8 v i in input current (excluding pull-up/pull-down) v in = gnd ~ v dd3.3 C10 10 a ttl outputs (pci, led, memory interface, uart) v oh output high voltage i oh = C8ma; v dd3.3 2.4 v v ol output low voltage i ol = 8ma 0.7 v i oz output tri-state leakage 10 a notes: 1. exceeding the absolute maximum rating may damage the device. 2. the device is not guarat to v dd ). 3. v dda or v dd can operate from either a 2.5v or 3.3v supply. 4. no heat spreader in package. 5. speci?cation for packaged product only. absolute maximum ratings (1) supply voltage (v dda1.8 , v dd1.8 ) ...................................... C0.5v to +2.4v (v dda3.3 , v dd3.3 ) ...................................... C0.5v to +4.0v input voltage (all inputs) ............................... C0.5v to +4.0v output voltage (all outputs) .......................... C0.5v to +4.0v lead temperature (soldering, 10sec.) ....................... 270c pb (lead) free temperature (soldering, 10sec) ........ 260c storage temperature (t s ) ........................ C55c to +150c operating ratings (2) supply voltage (v dda1.8 , v dd1.8 ....................................... +1.7v to +1.9v (v dda3.3 , v dd3.3 ) (3) .................................. +3.0v to +3.6v ambient temperature (t a ) ............................ C0c to +70c junction temperature (t j ) ......................................... 150c package thermal resistance (4) pbga ( ja ) no air flow .......................................... 29.86c/w 1m/s .............................................. 21.86c/w 2m/s ............................................. 21.54c/w ( jc ) no air flow ............................................. 8.34c/w
m9999-091605 35 september 2005 KS8695PX micrel symbol parameter condition min typ max units 100base-tx transmit (measured differentially after 1:1 transformer) v o peak differential output voltage 100 ? termination on the differential output 0.95 1.05 v v imb output voltage imbalance 100 ? termination on the differential output 2 % t r , t t rise/fall time 3 5 ns rise/fall time imbalance 0 0.5 ns duty cycle distortion 0.5 ns overshoot 5 % v set reference voltage of iset 0.5 v output jitters peak-to-peak 0.7 1.4 ns 10base-t receive v sq squelch threshold 5mhz square wave 400 mv 10base-t transmit (measured differentially after 1:1 transformer) v p peak differential output voltage 100 ? termination on the differential output 2.3 v jitters added 100 ? termination on the differential output 3.5 ns rise/fall time 28 30 ns
september 2005 36 m9999-091605 KS8695PX micrel timing diagrams for pci timing, please refer to the pci speci?cation, version 2.1. trc tch tcs tsr supply voltages resetn strap-in strap-in pin output figure 11. reset timing symbol parameter min typ max units t sr stable supply voltages to reset high 10 ms t cs con?guration set-up time 50 ns t ch con?guration hold time 50 ns t rc reset to strap-in pin output 50 ns table 2. reset timing parameters
m9999-091605 37 september 2005 KS8695PX micrel symbol parameter (1) registers rbitacc programmable bank i access time 0x4010 rbitpa programmable bank i page access time 0x4014 table 3. programmable static memory timing parameters note: 1. "i" refers to chip select parameters 0 and 1. rbitpa rbitpa rbitpa rbitacc rbitacc rbitacc addr0 d0 d0 d1 d2 d3 addr0 addr1 addr2 addr3 sdoclk rcsni addr[21:0] eroen erweni[3:0] data[31:0] figure 12. static memory read cycle rbitacc rbitacc data addr sdoclk rcsni addr[21:0] eroen erwen[3:0] data[31:0] figure 13. static memory write cycle
september 2005 38 m9999-091605 KS8695PX micrel ebitcoh ebitact ebitact ebitcos ebitcoh ebitact ebitact ebitcos ebitacs ebitacs rdata wdata read address write address sdocl k ecsn[i] addr[21:0] eroen erwen[3:0] ewaitn data[31:0] figure 14. external i/o read and write cycles symbol parameter min (1) typ (1) max (1) units t cta valid address to cs setup time ebitacs ebitacs ebitacs +0.8 +1.1 +1.3 ns t cos oe valid to cs setup time ebitcos ebitcos ebitcos +0.6 +0.6 +1.0 ns t dsu valid read data to oe setup time 2.0 ns t cws we valid to cs setup time ebitcos ebitcos ebitcos +0.6 +0.6 +1.0 ns t dh write data to cs hold time 0 ns t cah address to cs hold time ebitcoh ebitcoh ebitcoh +1.0 +1.0 +1.4 ns t oew oe/we pulsewidth ebitact ebitact ns t ocs, t csw rising edge cs to oe/we hold time 0 ns table 4. external i/o memory timing parameters note: 1. measurements for minimum were taken at 0 o c, typical at 25 o c, and maximum at 100 o c. symbol parameter (1) registers ebitacs programmable bank i address setup time before chip select 0x4000, 0x4004, 0x4008 ebitact programmable bank i write enable/output enable access time 0x4000, 0x4004, 0x4008 ebitcos programmable bank i chip select setup time before oen 0x4000, 0x4004, 0x4008 ebitcoh programmable bank i chip select hold time 0x4000, 0x4004, 0x4008 table 5. programmable external i/o timing parameters note: 1. "i" refers to chip select parameters 0, 1, or 2.
m9999-091605 39 september 2005 KS8695PX micrel sdtrc r c d0 d1 d2 d3 d4 d5 d6 d7 sdoclk sdcsni addr[21:0] sdrasn sdcasn sdwen sdqm[3:0] data[31:0] ??? figure 16. sdram write timing symbol parameter registers sdtrc programmable sdram ras to cas latency 0x4038 sdcas programmable sdram cas latency 0x4038 table 6. sdram timing parameters note: 1. "i" refers to chip select parameters 0,1. sdcas sdtrc r c d0 d1 d2 d3 d4 d5 d6 d7 sdoclk sdcsni (1) addr[21:0] sdrasn sdcasn sdwen sdqm[3:0] data[31:0] figure 15. sdram read timing
september 2005 40 m9999-091605 KS8695PX micrel package information micrel, inc. 2180 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 474-1000 web http://www.micrel.com the information furnished by micrel in this data sheet is believed to be accurate and reliable. however , no responsibility is assumed by micrel for its use. micrel reserves the right to change circuitry and speci?cations at any time without noti?cation to the customer. micrel products are noth reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a signi? cant injury to the user. a purchasers use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2005 micrel, incorporated. 289-pin pbga


▲Up To Search▲   

 
Price & Availability of KS8695PX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X