Part Number Hot Search : 
BUK76 550T003M SSD13 A1031 M3100 TAP2500 P60N1 1N982B
Product Description
Full Text Search
 

To Download GC120A48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification order no. dc voltage (typ.) safety model no. rated power output voltage range note.3 frequency range power factor (typ.) efficiency (typ.) ac current input environment inrush current (max.) leakage current (max.) safety standards safety & emc (note. 5) working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing protection gc120a24- GC120A48- gc120a24 GC120A48 gc120a12- gc120a12 27.2v 54.4v 13.6v led indicator charging(cc) : red floating charging(cv) : green 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz pf>0.97 / 230vac pf>0.99 / 115vac at full load 90% 29 ~ 33v 91% 59 ~ 69v 86.5% 1.4a / 115vac 0.7a / 230vac 70a / 230vac 0.75ma / 240vac withstand voltage isolation resistance i/p-o/p: 3kvac i/p-o/p / 25 / 70% rh :100m ohms / 500vdc 400.7k hrs min. mil-hdbk-217f(25 ) -30 ~ +70 (refer to "derating curve") 20% ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03% / (0~50 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 167*67*35mm (l*w*h) 0.62kg ; 20pcs/13.4kg/0.9cuft connecto r plug cable see page 2 ther type available by customer requested ; o see page 2 ther type available by customer requested ; o ?? ??? ?????????? ??? ????????? ????????? ??? ???????? ?? ?????? ?????? ????? ???? ??? ?? ?? ??????? ???????????? ?? ???? ?? ?????????? ????????? ?????? ?????? ??????? ???? ??????? ???????????? ??? ????? ??????????? ????? ?????? ? ???????? ??????? ??????????? ?? ???????? ??? ?? ?????? ????? ??? ????? ???????? ?????? ????? ??? ???????? ????? ??? ???? ???????? ?? ???????? ??????? ????????? ?????? ?? ?????? ??????? ????? ?????? ???????? ?? ??? ????? ?????? ?? ?????????? ? ????????? ????? ???? ?? ????????? ???? ? ????? ?????????? ??? ????? ????????? ???? ?? ???????????? ???? ?? ????? ???? ? ??? ??????????? ???????? ? compliance to en61000-4-2,3,4,5,6,8,11, light industry level, criteria a overload note .4 over voltage 90 ~ 110% rated output power protection type : constant current limitin g recovers automatically after fault con dition is removed protection type : hiccup mode, recovers automatica lly after fau lt condition is removed 14 ~ 16.5v 120.2w 120.2w 102w protection type : shut d own o /p voltage, re-power on to recover ul1012 (for gc120axx-ad1 only), tuv en60950-1 approved compliance to en55022 class b, fcc part 15 class b / cispr22 class b, en61000-3-2,3 ? ? ? ? ? ? ? ? ? ? ? ? ? ????? ???????? ?????????????? ????????? ?? ????? ? ???? ????? ?? ???? ????? ???????????????? ? ???? ?? ????? ?????????? ????? ? ????? ? ???? ????? ???? ???????????? ????? ??????? ? ???????? ? ???? ??????? ? ???? ??????????? ? ????? ???????? ??????? ???? ? ????? ??? ????????? ??? ???????? ?????? ?????????? ??? ? ?? ? ?? ? ??? ? ?? ? ????? ???????? ???????? ?????? ??? ????????? ??????? ?????? ?? ???? ??? ?????????? over temperature 1 00 10 (rth2) de tect o n inside ambient temperature protection type : shut d own o /p voltage, re-power on to recover g c1 2 0 s e r i e s 120w single output battery charger recommended battery capacity note.2 current (typ.) continuos output 20 ~ 65ah 4.42a 10 ~ 35ah 2.21a 40 ~ 100ah 7.5a short circuit f ile na me:gc120 -spec 2011-08- 09 order no. output connector safety gc120axx-r7b (standard model) 4pin power din tuv / cb / fcc / ce gc120axx-ad1 (optional model) =r7b,ad1 gc120axx- xx=12,24,48 ; anderson connector ul / tuv / cb / fcc / ce ? ??? ? ???? ?????? ? ????? emc immunity emc emission
mechanical specification derating curve static characteristics charging curve case no.gs12 0a unit:mm time v 100% 10% constant voltage area stage 2 float charging i (v,i) constant current area fast charging stage 1 red green color of l ed ambient temperature ( ) -30 20 10 30 40 20 40 80 60 100 60 50 45 70 input voltage (vac) 60hz 85 100 95 120 110 160 140 200 180 240 220 264 85 100 80 70 60 50 40 (horizontal) 50 230vac 100vac power led power led 35 35 167 167 ul2464 18awgx4c 1200 50mm sjtw 18awgx2c 1200 50mm 30 3mm 30 3mm plug assignment pin no. 1,4 2,3 dc output connector (standard) dc output connector (optional) r7b (kycon kpp-4s or equivalent) [ housing: anderson 1327fp(red), 1327g6fp(black) contacts : anderson 261g2 (45a) or equivalent ] ad1 red(+v) black(-v) output +v -v 2 3 1 4 (r7b) (ad1) ac fg -v connected to ac fg g c 1 2 0 s e r ie s 120w single output battery charger file name:gc120-spec 2011-08-09


▲Up To Search▲   

 
Price & Availability of GC120A48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X