Part Number Hot Search : 
ANSMXS CY7B99 P30N05 AN8538 10H2CNX SZ5A12 SFR151 SI7407DN
Product Description
Full Text Search
 

To Download DS3231MZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  + denotes a lead(pb)-free/rohs-compliant package. /v denotes an automotive qualified part. typical operating circuit general description the ds3231m is a low-cost, extremely accurate, i 2 c real- time clock (rtc). the device incorporates a battery input and maintains accurate timekeeping when main power to the device is interrupted. the integration of the microelec - tromechanical systems (mems) resonator enhances the long-term accuracy of the device and reduces the piece- part count in a manufacturing line. the ds3231m is avail - able in the same footprint as the popular ds3231 rtc. the rtc maintains seconds, minutes, hours, day, date, month, and year information. the date at the end of the month is automatically adjusted for months with fewer than 31 days, including corrections for leap year. the clock operates in either the 24-hour or 12-hour format with an am/pm indicator. two programmable time-of- day alarms and a 1hz output are provided. address and data are transferred serially through an i 2 c bidirectional bus. a precision temperature-compensated voltage refer - ence and comparator circuit monitors the status of v cc to detect power failures, to provide a reset output, and to automatically switch to the backup supply when neces - sary. additionally, the rst pin is monitored as a pushbutton input for generating a microprocessor reset. see the block diagram for more details. applications power metersindustrial applications ordering information beneits and features highly accurate rtc with integrated mems resonator completely manages all timekeeping functions ? complete clock calendar functionality including seconds, minutes, hours, day, date, month, and year, with leap-year compensation up to year 2100 ? timekeeping accuracy 5ppm (0.432 second/day) from -45c to +85c ? footprint and functionally compatible to ds3231 ? two time-of-day alarms ? 1hz and 32.768khz outputs ? reset output and pushbutton input with debounce ? digital temp sensor with 3c accuracy ? +2.3v to +5.5v supply voltage simple serial interface connects to most microcontrollers ? fast (400khz) i 2 c interface battery-backup input for continuous timekeeping ? low power operation extends battery-backup run time operating temperature range: -40c to +85c 8-pin or 16-pin so packages underwriters laboratories ? (ul) recognized 19-5312; rev 7; 3/15 underwriters laboratories is a registered certification mark of underwriters laboratories inc. ds3231m scl sda 32khz v bat int/sqw rst +3.3v +3.3v cpu i/o port interrupts part temp range pin-package DS3231MZ+ -45 n c to +85 n c 8 so DS3231MZ/v+ -45 n c to +85 n c 8 so ds3231m+ -45 n c to +85 n c 16 so ds3231m 5ppm, i 2 c real-time clock downloaded from: http:///
stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. voltage range on any pin relative to gnd ........ -0.3v to +6.0v operating temperature range .......................... -45 n c to +85 n c storage temperature range ............................ -55 n c to +125 n c junction temperature ..................................................... +150 n c lead temperature (soldering, 10s) ................................ +300 n c soldering temperature (reflow) ...................................... +260 n c recommended operating conditions (t a = -45 n c to +85 n c, unless otherwise noted.) (note 2) electrical characteristicsfrequency and timekeeping (v cc or v bat = +3.3v, t a = -45 n c to +85 n c, unless otherwise noted. typical values are at v cc = +3.3v, v bat = +3.0v, and t a = +25 n c, unless otherwise noted.) dc electrical characteristicsgeneral (v cc = +2.3v to +5.5v, t a = -45 n c to +85 n c, unless otherwise noted. typical values are at v cc = +3.3v, v bat = +3.0v, and t a = +25 n c, unless otherwise noted.) absolute maximum ratings 8 so junction-to-ambient thermal resistance ( q ja ) ........ 120c/w 16 so junction-to-ambient thermal resistance ( q ja ) .......... 90c/w note 1: package thermal resistances were obtained using the method described in jedec specification jesd51-7, using a four-layer board. for detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial . package thermal characteristics (note 1) parameter symbol conditions min typ max units supply voltage v cc 2.3 3.3 5.5 v v bat 2.3 3.0 5.5 logic 1 v ih 0.7 x v cc v cc + 0.3 v logic 0 v il -0.3 0.3 x v cc v parameter symbol conditions min typ max units 1hz frequency tolerance d f/f out measured over r 10s interval q 5 ppm 1hz frequency stability vs. v cc voltage d f/v q 1 ppm/v timekeeping accuracy tk a q 0.432 seconds/ day 32khz frequency tolerance d f/f out q 2.5 % parameter symbol conditions min typ max units active supply current(i 2 c active: includes temperature conversion current) i cca v cc = +3.63v 200 a v cc = v ccmax 300 standby supply current(i 2 c inactive: includes temperature conversion current) i ccs v cc = +3.63v 130 a v cc = v ccmax 200 temperature conversion current(i 2 c inactive) i ccsconv v cc = +3.63v 575 a v cc = v ccmax 650 ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 2 downloaded from: http:///
ac electrical characteristicspower switch (t a = -45 n c to +85 n c, unless otherwise noted.) (figure 2) dc electrical characteristicsgeneral (continued) (v cc = +2.3v to +5.5v, t a = -45 n c to +85 n c, unless otherwise noted. typical values are at v cc = +3.3v, v bat = +3.0v, and t a = +25 n c, unless otherwise noted.) dc electrical characteristicsv bat current consumption (v cc = 0v, v bat = +2.3v to +5.5v, t a = -45 n c to +85 n c, unless otherwise noted. typical values are at v cc = 0v, v bat = +3.0v, and t a = +25 n c, unless otherwise noted.) parameter symbol conditions min typ max units power-fail voltage v pf 2.45 2.575 2.70 v logic 0 output(32khz, int /sqw, sda) v ol i ol = 3ma 0.4 v logic 0 output( rst ) v ol i ol = 1ma 0.4 v output leakage(32khz, int /sqw, sda) i lo -0.1 +0.1 a input leakage(scl) i li -0.1 +0.1 a rst i/o leakage i ol -200 +10 a v bat leakage i batlkg 25 100 na temperature accuracy temp acc v cc or v bat = +3.3v q 3 n c temperature conversion time t conv 10 ms pushbutton debounce pb db 250 ms reset active time t rst 250 ms oscillator stop flag (osf) delay t osf (note 3) 125 200 ms parameter symbol conditions min typ max units active battery current(i 2 c active) (note 4) i bata v bat = +3.63v 70 a v bat = v batmax 150 timekeeping battery current(i 2 c inactive) (note 4) i batt v bat = +3.63v, en32khz = 0 2 3.0 a v bat = v batmax , en32khz = 0 2 3.5 temperature conversion current (i 2 c inactive) i battc v bat = +3.63v 575 a v bat = v batmax 650 data retention current(oscillator stopped and i 2 c inactive) i batdr t a = +25 n c 100 na parameter symbol conditions min typ max units v cc fall time, v pfmax to v pfmin t vccf 300 f s v cc rise time, v pfmin to v pfmax t vccr 0 f s recovery at power-up t rec (note 5) 250 300 ms ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 3 downloaded from: http:///
ac electrical characteristicsi 2 c interface (v cc or v bat = +2.3v to +5.5v, t a = -45 n c to +85 n c, unless otherwise noted. typical values are at v cc = +3.3v, v bat = +3.0v, and t a = +25 n c, unless otherwise noted.) (note 6, figure 1) note 2: all voltages are referenced to ground. note 3: the parameter t osf is the period of time the oscillator must be stopped for the osf flag to be set. note 4: includes the temperature conversion current (averaged). note 5: this delay applies only if the oscillator is enabled. if the eosc bit is 1, t rec is bypassed and rst immediately goes high. the state of rst does not affect the i 2 c interface or rtc functions. note 6: interface timing shown is for fast-mode (400khz) operation. this device is also backward-compatible with standard mode i 2 c timing. note 7: c b : total capacitance of one bus line in picofarads. note 8: guaranteed by design; not 100% production tested. parameter symbol conditions min typ max units scl clock frequency f scl 0 400 khz bus free time between stop and start conditions t buf 1.3 f s hold time (repeated) start condition t hd:sta 0.6 f s low period of scl t low 1.3 f s high period of scl t high 0.6 f s data hold time t hd:dat 0 0.9 f s data set-up time t su:dat 100 ns start set-up time t su:sta 0.6 f s sda and scl rise time t r (note 7) 20 + 0.1c b 300 ns sda and scl fall time t f (note 7) 20 + 0.1c b 300 ns stop set-up time t su:sto 0.6 f s sda, scl input capacitance c bin (note 8) 10 pf ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 4 downloaded from: http:///
timing diagrams figure 3. pushbutton reset timing figure 1. i 2 c timing figure 2. power switch timing sclnote: timing is referenced to v ilmax and v ihmin . sda stop start repeated start t buf t hd:sta t hd:dat t su:dat t su:sto t hd:sta t sp t su:sta t high t r t f t low t rst pb db rst t vccf t vccr t rec v pfmax v cc rst v pfmin ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 5 downloaded from: http:///
frequency error vs. temperature ds3231m toc06 temperature (c) frequency error (ppm) 50 0 -8 -6 -4 -2 0 2 4 6 8 10 -10 -50 100 limits v cc = 3.3v rst output voltage vs. power supply voltage ds3231m toc05 supply voltage (v) output voltage (v) 4 2 1 2 3 4 5 60 06 v bat = 3.0v, t a = +25c tracks with v cc rst output voltage vs. output current ds3231m toc04 output current (ma) output voltage (v) 4 3 2 1 0.1 0.2 0.3 0.4 0.5 0 05 v cc = 2.45v, v bat = 3.0v, t a = +25c int/sqw output voltage vs. output current ds3231m toc03 output current (ma) output voltage (v) 8 6 4 2 0.1 0.2 0.3 0.4 0.5 0 01 0 v cc = 2.3v, v bat = 0v, t a = +25c battery-supply current vs. battery-supply voltage ds3231m toc02 supply voltage (v) supply current (a) 5 4 3 1.5 2.0 2.5 3.0 3.5 4.01.0 26 v cc = 0v, en32khz = 1, bbsqw = 0 +85c +25c -40c power-supply current vs. power-supply voltage ds3231m toc01 supply voltage (v) supply current (a) 5 4 3 60 70 80 90 100 110 120 130 140 150 50 26 v bat = 2.3v, en32khz = 1, i out = 0ma increase below v pf due to internal pullupresistor on rst +85c +25c -40c power-supply current vs. scl frequency ds3231m toc07 scl frequency (khz) supply current (a) 300 200 100 90 100 110 120 130 140 150 160 170 180 190 200 80 0 400 t a = +25c +5.5v +2.7v +3.5v ds3231m 5ppm, i 2 c real-time clock maxim integrated 6 www.maximintegrated.com typical operating characteristics (t a = +25c, unless otherwise noted.) downloaded from: http:///
pin coniguration pin description 1615 14 13 12 11 10 9 12 34 5 6 7 8 32khz scl sdav bat gndn.c. n.c. n.c. n.c. top view so v cc int/sqw n.c. rst n.c.n.c. n.c. ds3231m ds3231m + v bat gnd rst 12 8 7 scl sda v cc int/sqw 32khz so top view 3 4 6 5 + pin name function 8 so 16 so 1 1 32khz 32.768khz output (50% duty cycle). this open-drain pin requires an external pullup resistor. when enabled with the en32khz bit in the status register (0fh), this output operates on either power supply. this pin can be left open circuit if not used. 2 2 v cc dc power pin for primary power supply. this pin should be decoupled using a 0.1 f f to 1.0 f f capacitor. connect to ground if not used. 3 3 int / sqw active-low interrupt or 1hz square-wave output. this open-drain pin requires an external pullup resistor connected to a supply at 5.5v or less. it can be left open if not used. this multifunction pin is determined by the state of the intcn bit in the control register (0eh). when intcn is set to logic 0, this pin outputs a 1hz square wave. when intcn is set to logic 1, a match between the timekeeping registers and either of the alarm registers activates the int /sqw pin (if the alarm is enabled). because the intcn bit is set to logic 1 when power is first applied, the pin defaults to an interrupt output with alarms disabled. 4 4 rst active-low reset. this pin is an open-drain input/output. it indicates the status of v cc relative to the v pf specification. as v cc falls below v pf , the rst pin is driven low. when v cc exceeds v pf , for t rst , the rst pin is pulled high by the internal pullup resistor. the active-low, open-drain output is combined with a debounced pushbutton input function. this pin can be activated by a pushbutton reset request. it has an internal 50k i (r pu ) nominal value pullup resistor to v cc . no external pullup resistors should be connected. if the oscillator is disabled, t rec is bypassed and rst immediately goes high. ? 5?12 n.c. no connection. these pins must be connected to ground. 5 13 gnd ground 6 14 v bat backup power-supply input. when using the device with the v bat input as the primary power source, this pin should be decoupled using a 0.1 f f to 1.0 f f low-leakage capacitor. when using the device with the v bat input as the backup power source, the capacitor is not required. if v bat is not used, connect to ground. the device is ul recognized to ensure against reverse charging when used with a primary lithium battery. go to www.maximintegrated.com/qa/info/ul for more information. ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 7 downloaded from: http:///
detailed description the ds3231m is a serial real-time clock (rtc) driven by an internal, temperature-compensated, microelectrome - chanical systems (mems) resonator. the oscillator pro - vides a stable and accurate reference clock and main - tains the rtc to within q 0.432 seconds-per-day accu - racy from -45 n c to +85 n c. the rtc is a low-power clock/ calendar with two programmable time-of-day alarms. int / sqw provides either an interrupt signal due to alarm conditions or a 1hz square wave. the clock/calendar provides seconds, minutes, hours, day, date, month, and year information. the date at the end of the month is auto - matically adjusted for months with fewer than 31 days, including corrections for leap year. the clock operates in either the 24-hour or 12-hour format with an am /pm indi - cator. the internal registers are accessible though an i 2 c bus interface. a temperature-compensated voltage refer - ence and comparator circuit monitors the level of v cc to detect power failures and to automatically switch to the backup supply when necessary. the rst pin provides an external pushbutton function and acts as an indicator of a power-fail event. operation the block diagram shows the device?s main elements. each of the major blocks is described separately in the following sections. block diagram pin description (continued) ds3231m n n time-base resonator temp sensor interrupt or 1hz select divider int/sqw 1hz digital adjustment factory trim n 32khz sda gnd scl v bat v cc rst r pu clock/calendar with alarm control and status registers i 2 c interface power control pin name function 8 so 16 so 7 15 sda serial-data input/output. this pin is the data input/output for the i 2 c serial interface. this open-drain pin requires an external pullup resistor. the pullup voltage can be up to 5.5v, regardless of the voltage on v cc . 8 16 scl serial-clock input. this pin is the clock input for the i 2 c serial interface and is used to synchronize data movement on the serial interface. the pullup voltage can be up to 5.5v, regardless of the voltage on v cc . ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 8 downloaded from: http:///
high-accuracy time base the temperature sensor, oscillator, and digital adjust - ment controller logic form the highly accurate time base. the controller reads the output of the on-board tempera - ture sensor and adjusts the final 1hz output to maintain the required accuracy. the device is trimmed at the factory to maintain a tight accuracy over the operating temperature range. when the device is powered by v cc , the adjustment occurs once a second. when the device is powered by v bat , the adjustment occurs once every 10s to conserve power. adjusting the 1hz time base less often does not affect the device?s long-term timekeeping accuracy. the device also contains an aging offset reg - ister that allows a constant offset (positive or negative) to be added to the factory-trimmed adjustment value. power-supply conigurations the ds3231m can be configured to operate on a single power supply (using either v cc or v bat ) or in a dual- supply configuration, which provides a backup supply source to keep the timekeeping circuits alive during absence of primary system power. figure 4 illustrates a single-supply configuration using v cc only, with the v bat input grounded. when v cc < v pf , the rst output is asserted (active low). temperature conversions are executed once per second.figure 5 illustrates a single-supply configuration using v bat only, with the v cc input grounded. the rst output is disabled and is held at ground through the connection of the internal pullup resistor. temperature conversions are executed once every 10s. figure 6 illustrates a dual-supply configuration, using the v cc supply for normal system operation and the v bat supply for backup power. in this configuration, the power-selection function is provided by a temperature- compensated voltage reference and a comparator circuit that monitors the v cc level. when v cc is greater than v pf , the device is powered by v cc . when v cc is less than v pf but greater than v bat , the device is powered figure 4. single supply (v cc only) figure 5. single supply (v bat only) figure 6. dual power supply table 1. power control v bat v cc +3.3v v bat v cc v bat v cc +3.3v configuration condition i/o active i/o inactive rst v cc only (figure 4) v cc > v pf i cca i ccs inactive (high) v cc < v pf active (low) v bat only (figure 5) eosc = 0 i bata i batt disabled (low) eosc = 1 i batdr dual supply (figure 6) v cc > v pf i cca i ccs inactive (high) v cc < v pf v cc > v bat i cca v cc > v bat i ccs active (low) v cc < v bat i bata v cc < v bat i batt ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 9 downloaded from: http:///
by v cc . if v cc is less than v pf and is less than v bat , the device is powered by v bat (see table 1). when v cc < v pf , the rst output is asserted (active low). when v cc is the presently selected power source, temperature conversions are executed once per second. when v bat is the presently selected power source, tem - perature conversions are executed once every 10s.to preserve the battery, the first time v bat is applied to the device the oscillator does not start up until v cc exceeds v pf or until a valid i 2 c address is written to the device. typical oscillator startup time is less than 1s. approximately 2s after v cc is applied, or a valid i 2 c address is written, the device makes a temperature measurement and applies the calculated correction to the oscillator. once the oscillator is running, it continues to run as long as a valid power source is available (v cc or v bat ), and the device continues to measure the tem - perature and correct the oscillator frequency. on the first application of v cc power, or (if v bat powered) when a valid i 2 c address is written to the device, the time and date registers are reset to 01/01/00 01 00:00:00 (dd/mm/yy dow hh:mm:ss). initial v bat attachment during the initial battery attachment to the ds3231m, it is important to eliminate the effects of contact bounce. contact bounce occurs when battery contact rapidly and repeatedly alternates between connected and dis - connected during the battery attachment before finally settling to the connected state. this bounce can cause a momentary power interruption to the ds3231m that can result in memory recall corruption in the device. there are two recommended ways to eliminate the effects of contact bounce on the device. the preferred way uses power sequencing by applying v cc to the part before performing the battery attachment. an alternate method to eliminate contact bounce is to filter the signal using a small capacitor between v bat and ground. for this method, capacitor values between 0.1nf and 1nf are recommended for the supply filtering. v bat operation there are several modes of operation that affect the amount of v bat current that is drawn. while the device is powered by v bat and the serial interface is active, the active battery current i bata is drawn. when the serial interface is inactive, the timekeeping current i batt (which includes the averaged temperature-conversion current i battc ) is used. the temperature-conversion current i battc is specified since the system must be able to support the periodic higher current pulse and still maintain a valid voltage level. the data-retention current i batdr is the current drawn by the device when the oscillator is stopped ( eosc = 1). this mode can be used to minimize battery requirements for periods when maintaining time and date information is not necessary, e.g., while the end system is waiting to be shipped to a customer. pushbutton reset function the device provides for a pushbutton switch to be con - nected to the rst input/output pin. when the device is not in a reset cycle, it continuously monitors rst for a low-going edge. if an edge transition is detected, the device debounces the switch by pulling rst low. after the internal timer has expired (pb db ), the device con - tinues to monitor the rst line. if the line is still low, the device continuously monitors the line looking for a rising edge. upon detecting release, the device forces rst low and holds it low for t rst . rst is also used to indi - cate a power-fail condition. when v cc is lower than v pf , an internal power-fail signal is generated, which forces rst low. when v cc returns to a level above v pf , rst is held low for approximately 250ms (t rec ) to allow the power supply to stabilize. if the oscillator is not running when v cc is applied, t rec is bypassed and rst imme - diately goes high. assertion of the rst output, whether by pushbutton or power-fail detection, does not affect the device?s internal operation. rst output operation and pushbutton monitoring are only available if v cc power is available. real-time clock (rtc) with the 1hz source from the temperature-compensated oscillator, the rtc provides seconds, minutes, hours, day, date, month, and year information. the date at the end of the month is automatically adjusted for months with fewer than 31 days, including corrections for leap year. the clock operates in either the 24-hour or the 12-hour format with an am/ pm indicator. the clock pro - vides two programmable time-of-day alarms. int /sqw can be enabled to generate either an interrupt due to an alarm condition or a 1hz square wave. this selection is controlled by the intcn bit in the control register. i 2 c interface the i 2 c interface is accessible whenever either v cc or v bat is at a valid level. if a microcontroller connected to the device resets because of a loss of v cc or other event, it is possible that the microcontroller and device?s i 2 c communications could become unsynchronized, ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 10 downloaded from: http:///
e.g., the microcontroller resets while reading data from the device. when the microcontroller resets, the device?s i 2 c interface can be placed into a known state by tog - gling scl until sda is observed to be at a high level. at that point the microcontroller should pull sda low while scl is high, generating a start condition. address maptable 2 shows the address map for the device?s time - keeping registers. during a multibyte access, when the address pointer reaches the end of the register space (12h), it wraps around to location 00h. on an i 2 c start or address pointer incrementing to location 00h, the cur - rent time is transferred to a second set of registers. the table 2. timekeeping registers note: unless otherwise specified, the registers? state is not defined when power is first applied. address bit 7 msb bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 lsb function range 00h 0 10 seconds seconds seconds 00?59 01h 0 10 minutes minutes minutes 00?59 02h 0 12/ 24 am /pm 10 hours hour hours 1?12 + am /pm 00?23 20 hours 03h 0 0 0 0 0 day day 1?7 04h 0 0 10 date date date 01?31 05h century 0 0 10 month month month/century 01?12 + century 06h 10 year year year 00?99 07h a1m1 10 seconds seconds alarm 1 seconds 00?59 08h a1m2 10 minutes minutes alarm 1 minutes 00?59 09h a1m3 12/ 24 am /pm 10 hours hour alarm 1 hours 1?12 + am /pm 00?23 20 hours 0ah a1m4 dy/ dt 10 date day alarm 1 day 1?7 date alarm 1 date 1?31 0bh a2m2 10 minutes minutes alarm 2 minutes 00?59 0ch a2m3 12/ 24 am /pm 10 hours hour alarm 2 hours 1?12 + am /pm 00?23 20 hours 0dh a2m4 dy/ dt 10 date day alarm 2 day 1?7 date alarm 2 date 1?31 0eh eosc bbsqw conv na na intcn a2ie a1ie control ? 0fh osf 0 0 0 en32khz bsy a2f a1f status ? 10h sign data data data data data data data aging offset 81h?7fh 11h sign data data data data data data data temperature msb ? 12h data data 0 0 0 0 0 0 temperature lsb ? ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 11 downloaded from: http:///
time information is read from these secondary registers, while the clock can continue to run. this eliminates the need to reread the registers in case the main registers update during a read. clock and calendar the time and calendar information is obtained by reading the appropriate register bytes. table 2 shows the rtc registers. the time and calendar data are set or initialized by writing the appropriate register bytes. the contents of the time and calendar registers are in the binary-coded decimal (bcd) format. the device can be run in either 12-hour or 24-hour mode. bit 6 of the hours register is defined as the 12-hour or 24-hour mode select bit. when high, the 12-hour mode is selected. in the 12-hour mode, bit 5 is the am /pm bit with logic-high being pm. in the 24-hour mode, bit 5 is the 20-hour bit (20?23 hours). the century bit (bit 7 of the month register) is toggled when the years register overflows from 99 to 00. the day-of-week register increments at midnight. values that correspond to the day of week are user-defined but must be sequential (i.e., if 1 equals sunday, then 2 equals monday, and so on). illogical time and date entries result in undefined operation. when reading or writing the time and date registers, secondary buffers are used to prevent errors when the internal registers update. when reading the time and date registers, the secondary buffers are synchronized to the internal registers on any i 2 c start and when the register pointer rolls over to zero. the time information is read from these secondary registers, while the clock continues to run. this eliminates the need to reread the registers in case the main registers update during a read. the countdown chain is reset whenever the seconds register is written. write transfers occur on the acknowledge from the device. once the countdown chain is reset, to avoid rollover issues the remaining time and date registers must be written within 1s. alarms the device contains two time-of-day/date alarms. alarm 1 can be set by writing to registers 07h?0ah. alarm 2 can be set by writing to registers 0bh?0dh. see table 2. the alarms can be programmed (by the alarm enable and intcn bits in the control register) to activate the int /sqw output on an alarm match condition. bit 7 of each of the time-of-day/date alarm registers are mask bits (table 2). when all the mask bits for each alarm are logic 0, an alarm only occurs when the values in the timekeeping registers match the corresponding values stored in the time-of-day/date alarm registers. the alarms can also be programmed to repeat every second, minute, hour, day, or date. table 3 shows the possible settings. configurations not listed in the table result in illogical operation. the dy/ dt bits (bit 6 of the alarm day/date registers) control whether the alarm value stored in bits 0?5 of that register reflects the day of the week or the date of the month. if dy/ dt is written to logic 0, the alarm is the result of a match with date of the month. if dy/ dt is written to logic 1, the alarm is the result of a match with day of the week. table 3. alarm mask bits dy/ dt alarm 1 register mask bits (bit 7) alarm rate a1m4 a1m3 a1m2 a1m1 x 1 1 1 1 alarm once a second x 1 1 1 0 alarm when seconds match x 1 1 0 0 alarm when minutes and seconds match x 1 0 0 0 alarm when hours, minutes, and seconds match 0 0 0 0 0 alarm when date, hours, minutes, and seconds match 1 0 0 0 0 alarm when day, hours, minutes, and seconds match dy/ dt alarm 2 register mask bits (bit 7) alarm rate a2m4 a2m3 a2m2 x 1 1 1 alarm once per minute (00 seconds of every minute) x 1 1 0 alarm when minutes match x 1 0 0 alarm when hours and minutes match 0 0 0 0 alarm when date, hours, and minutes match 1 0 0 0 alarm when day, hours, and minutes match ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 12 downloaded from: http:///
control register (0eh) bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 eosc bbsqw conv na na intcn a2ie a1ie 0 0 0 1 1 1 0 0 bit 7 eosc : enable oscillator. when set to logic 0, the oscillator is started. when set to logic 1, the oscillator is stopped when the device switches to v bat . this bit is clear (logic 0) when power is first applied. when the device is powered by v cc , the oscillator is always on regardless of the status of the eosc bit. when the oscil - lator is disabled, all register data is static. bit 6 bbsqw: battery-backed square-wave enable. when set to logic 1 with intcn = 0 and v cc < v pf , this bit enables the 1hz square wave. when bbsqw is logic 0, int /sqw goes high impedance when v cc falls below v pf . this bit is disabled (logic 0) when power is first applied. bit 5 conv: convert temperature. setting this bit to 1 forces the temperature sensor to convert the temperature into digital code and execute the temperature compensate algorithm to update the oscillator?s accuracy. the device cannot be forced to execute the temperature-compensate algorithm faster than once per second. a user-initiated temperature conversion does not affect the internal update cycle. the conv bit remains at a 1 from the time it is written until the temperature conversion is completed, at which time both conv and bsy go to 0. the conv bit should be used when monitoring the status of a user-initiated conversion. see figure 7 for more details. bits 4:3 na: not applicable. these bits have no affect on the device and can be set to either 0 or 1. bit 2 intcn: interrupt control. this bit controls the int /sqw output signal. when the intcn bit is set to logic 0, a 1hz square wave is output on int /sqw. when the intcn bit is set to logic 1, a match between the timekeep - ing registers and either of the alarm registers activates the int /sqw output (if the alarm is also enabled). the corresponding alarm flag is always set regardless of the state of the intcn bit. the intcn bit is set to a logic 1 when power is first applied. bit 1 a2ie: alarm 2 interrupt enable. when set to logic 1, this bit permits the alarm 2 flag (a2f) bit in the status reg - ister to assert int /sqw (when intcn = 1). when the a2ie bit is set to logic 0 or intcn is set to logic 0, the a2f bit does not initiate an interrupt signal. the a2ie bit is disabled (logic 0) when power is first applied. bit 0 a1ie: alarm 1 interrupt enable. when set to logic 1, this bit permits the alarm 1 flag (a1f) bit in the status reg - ister to assert int /sqw (when intcn = 1). when the a1ie bit is set to logic 0 or intcn is set to logic 0, the a1f bit does not initiate an interrupt signal. the a1ie bit is disabled (logic 0) when power is first applied . ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 13 downloaded from: http:///
figure 7. conv control bit and bsy status bit operation v cc powered v bat powered internal 1hz clock bsy conv internal 1hz clock bsy conv the user sets the conv bit the user sets the conv bit 10 seconds the device clears the conv bit after the temperature conversion has completed the device clears the conv bit after the temperature conversion has completed bsy is high during the temperature conversion ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 14 downloaded from: http:///
status register (0fh)aging offset register (10h) bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 osf 0 0 0 en32khz bsy a2f a1f 1 0 0 0 1 x x x bit 7 osf: oscillator stop flag. a logic 1 in this bit indicates that the oscillator either is stopped or was stopped for some period and could be used to judge the validity of the timekeeping data. this bit is set to logic 1 any time that the oscillator stops. this bit remains at logic 1 until written to logic 0. the following are examples of conditions that can cause the osf bit to be set:1) the first time power is applied. 2) the voltages present on both v cc and v bat are insufficient to support the oscillator. 3) the eosc bit is turned off in battery-backed mode. 4) external influences on the oscillator (i.e., noise, leakage, etc.). bits 6:4 unused (0). these bits have no meaning and are fixed at 0 when read. bit 3 en32khz: enabled 32.768khz output. this bit enables and disables the 32khz output. when set to a logic 0, the 32khz output is high impedance. on initial power-up, this bit is set to a logic 1 and the 32khz output is enabled and produces a 32.768khz square wave if the oscillator is enabled. bit 2 bsy: busy. this bit indicates the device is busy executing temperature conversion function. it goes to logic 1 when the conversion signal to the temperature sensor is asserted, and then it is cleared when the device has completed the temperature conversion. see the block diagram for more details. bit 1 a2f: alarm 2 flag. a logic 1 in the alarm 2 flag bit indicates that the time matched the alarm 2 registers. if the a2ie bit is logic 1 and the intcn bit is set to logic 1, int /sqw is also asserted. a2f is cleared when written to logic 0. this bit can only be written to logic 0. attempting to write to logic 1 leaves the value unchanged. bit 0 a1f: alarm 1 flag. a logic 1 in the alarm 1 flag bit indicates that the time matched the alarm 1 registers. if the a1ie bit is logic 1 and the intcn bit is set to logic 1, int /sqw is also asserted. a1f is cleared when written to logic 0. this bit can only be written to logic 0. attempting to write to logic 1 leaves the value unchanged. bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 sign data data data data data data data 0 0 0 0 0 0 0 0 the aging offset register takes a user-provided value to add to or subtract from the factory-trimmed value that adjusts the accuracy of the time base. use of the aging offset register is not needed to achieve the accuracy as defined in the electrical characteristics tables. the aging offset code is encoded in two?s complement, with bit 7 representing the sign bit and a valid range of 127. one lsb typically represents a 0.12ppm change in frequency. the change in ppm per lsb is the same over the operating tempera - ture range. positive offsets slow the time base and negative offsets quicken the time base. ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 15 downloaded from: http:///
when the rtc register values match alarm register set - tings, the corresponding alarm flag a1f or a2f bit is set to logic 1. if the corresponding alarm interrupt enable a1ie or a2ie bit is also set to logic 1, the alarm condi - tion activates the int /sqw signal if the intcn bit is set to logic 1. the match is tested on the once-per-second update of the time and date registers. i 2 c serial port operation i 2 c slave address the device?s slave address byte is d0h. the first byte sent to the device includes the device identifier, device address, and the r/ w bit (figure 8). the device address sent by the i 2 c master must match the address assigned to the device. i 2 c deinitions the following terminology is commonly used to describe i 2 c data transfers. master device: the master device controls the slave devices on the bus. the master device generates scl clock pulses and start and stop conditions. slave devices: slave devices send and receive data at the master?s request.bus idle or not busy: time between stop and start conditions when both sda and scl are inac - tive and in their logic-high states. when the bus is idle, it often initiates a low-power mode for slave devices. start condition: a start condition is generated by the master to initiate a new data transfer with a slave. transitioning sda from high to low while scl remains high generates a start condition. see figure 1 for applicable timing. stop condition: a stop condition is generated by the master to end a data transfer with a slave. transitioning sda from low to high while scl remains high generates a stop condition. see figure 1 for applicable timing. temperature registers (11h C 12h) figure 8. i 2 c slave address byte 11 1 0r /w 0 0 0 msb lsb read/ write bit device identifier temperature register (upper byte = 11h) bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 sign data data data data data data data 0 0 0 0 0 0 0 0 temperature register (lower byte = 12h) bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 data data 0 0 0 0 0 0 0 0 0 0 0 0 0 0 temperature is represented as a 10-bit code with a resolution of 0.25c and is accessible at location 11h and 12h. the tem - perature is encoded in two?s complement format. the upper 8 bits, the integer portion, are at location 11h and the lower 2 bits, the fractional portion, are at location 12h. for example, 00011001 01b = +25.25c. upon power reset, the registers are set to a default temperature of 0c and the controller starts a temperature conversion. the temperature is read upon initial applica - tion of v cc or i 2 c access on v bat and once every second afterwards with v cc power or once every 10s with v bat power. the temperature registers are also updated after each user-initiated conversion and are read only. ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 16 downloaded from: http:///
repeated start condition: the master can use a repeated start condition at the end of one data transfer to indicate that it immediately initiates a new data transfer following the current one. repeated starts are commonly used during read operations to identify a specific memory address to begin a data transfer. a repeated start condition is issued identi - cally to a normal start condition. see figure 1 for applicable timing. bit write: transitions of sda must occur during the low state of scl. the data on sda must remain valid and unchanged during the entire high pulse of scl plus the setup and hold time requirements (see figure 1). data is shifted into the device during the rising edge of the scl. bit read: at the end of a write operation, the master must release the sda bus line for the proper amount of setup time (see figure 1) before the next rising edge of scl during a bit read. the device shifts out each bit of data on sda at the falling edge of the pre - vious scl pulse and the data bit is valid at the rising edge of the current scl pulse. remember that the master generates all scl clock pulses including when it is reading bits from the slave. acknowledge (ack and nack): an acknowledge (ack) or not acknowledge (nack) is always the ninth bit transmitted during a byte transfer. the device receiving data (the master during a read or the slave during a write operation) performs an ack by trans - mitting a 0 during the ninth bit. a device performs a nack by transmitting a 1 during the ninth bit. timing for the ack and nack is identical to all other bit writes. an ack is the acknowledgment that the device is properly receiving data. a nack is used to terminate a read sequence or as an indication that the device is not receiving data. byte write: a byte write consists of 8 bits of informa - tion transferred from the master to the slave (most significant bit first) plus a 1-bit acknowledgment from the slave to the master. the 8 bits transmitted by the master are done according to the bit write definition and the acknowledgment is read using the bit read definition. byte read: a byte read is an 8-bit information transfer from the slave to the master plus a 1-bit ack or nack from the master to the slave. the 8 bits of information that are transferred (most significant bit first) from the slave to the master are read by the master using the bit read definition, and the master transmits an ack using the bit write definition to receive additional data bytes. the master must nack the last byte read to terminate communication so the slave returns control of sda to the master. slave address byte: each slave on the i 2 c bus responds to a slave address byte sent immediately following a start condition. the slave address byte contains the slave address in the most significant 7 bits and the r/ w bit in the least significant bit. the device?s slave address is d0h and cannot be modi - fied by the user. when the r/ w bit is 0 (such as in d0h), the master is indicating it writes data to the slave. if r/ w = 1 (d1h in this case), the master is indicating it wants to read from the slave. if an incor - rect slave address is written, the device assumes the master is communicating with another i 2 c device and ignore the communication until the next start condi - tion is sent.memory address: during an i 2 c write operation, the master must transmit a memory address to identify the memory location where the slave is to store the data. the memory address is always the second byte transmitted during a write operation following the slave address byte. i 2 c communication see figure 9 for an i 2 c communication example. writing a single byte to a slave: the master must generate a start condition, write the slave address byte (r/ w = 0), write the memory address, write the byte of data, and generate a stop condition. remember the master must read the slave?s acknowl - edgment during all byte write operations.writing multiple bytes to a slave: to write multiple bytes to a slave, the master generates a start con - dition, writes the slave address byte (r/ w = 0), writes the starting memory address, writes multiple data bytes, and generates a stop condition. reading a single byte from a slave: unlike the write operation that uses the specified memory address byte to define where the data is to be written, the read operation occurs at the present value of the memory address counter. to read a single byte from the slave, the master generates a start condition, writes the slave address byte with r/ w = 1, reads the data byte with a nack to indicate the end of the transfer, and generates a stop condition. however, since requir - ing the master to keep track of the memory address counter is impractical, use the method for manipulat - ing the address counter for reads. ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 17 downloaded from: http:///
manipulating the address counter for reads: a dummy write cycle can be used to force the address counter to a particular value. to do this the mas - ter generates a start condition, writes the slave address byte (r/ w = 0), writes the memory address where it desires to read, generates a repeated start condition, writes the slave address byte (r/ w = 1), reads data with ack or nack as applicable, and generates a stop condition. see figure 6 for a read example using the repeated start condition to specify the starting memory location. reading multiple bytes from a slave: the read operation can be used to read multiple bytes with a single transfer. when reading bytes from the slave, the master simply acks the data byte if it desires to read another byte before terminating the transaction. after the master reads the last byte it must nack to indicate the end of the transfer and then it generates a stop condition. applications information power-supply decouplingto achieve the best results when using the ds3231m, decouple the v cc and/or v bat power supplies with 0.1 f f and/or 1.0 f f capacitors. use a high-quality, ceramic, surface-mount capacitor if possible. surface-mount components minimize lead inductance, which improves performance, and ceramic capacitors tend to have adequate high-frequency response for decoupling applications. if communications during battery operation are not required, the v bat decoupling capacitor can be omitted. using open-drain outputsthe 32khz and int /sqw outputs are open drain and therefore require external pullup resistors to realize logic-high output levels. pullup resistor values between 1k i and 10m i are typical. the rst output is also open drain, but is provided with an internal 50k i pullup resistor (r pu ) to v cc . external pullup resistors should not be added. sda and scl pullup resistors sda is an open-drain output and requires an external pullup resistor to realize a logic-high level. because the device does not use clock cycle stretching, a master using either an open-drain output with a pullup resistor or cmos output driver (push-pull) could be used for scl. battery charge protection the device contains maxim integrated?s redundant bat - tery-charge protection circuit to prevent any charging of the external battery. figure 9. i 2 c transactions slave address start start 1 1 0 1 0 0 0 slave ack sl av e ack sl av e ack r/w msb lsb msb lsb msb lsb b7 b6 b5 b4 b3 b2 b1 b0 read/ write register address b7 b6 b5 b4 b3 b2 b1 b0 da ta stop single byte write-write control register to 44h multibyte write -write date register to "02" and month register to "11" single byte read-read control register multibyte read -read alarm 2 hours and date values start repeated start d1h master nack stop 1 1010000 00001110 0eh 1 1010001 1101000 0 0 000111 0 d0h 0eh stop va lue start 11010000 00000100 d0h 04h da ta master nack stop va lue da ta 02h 44h example i 2 c transactions typical i 2 c write transaction 01000100 00000010 d0h a)c) b)d) slave ack slave ack sl av e ack slave ack slave ack slave ack sl av e ack repeated start d1h master ack 1 1010001 va lue da ta sl av e ack slave ack sl av e ack start 11010000 00001100 d0h 0ch slave ack slave ack stop 11h 0001000 1 sl av e ack ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 18 downloaded from: http:///
package information for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a ?+?, ?#?, or ?-? in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. package type package code outline no. land pattern no. 16 so w16mk+1 21-0042 90-0107 8 so s8mk+1 21-0041 90-0096 ds3231m 5ppm, i 2 c real-time clock www.maximintegrated.com maxim integrated 19 downloaded from: http:///
revision history revision number revision date description pages changed 0 6/10 initial release ? 1 5/11 updated the features section; moved the temperature accuracy limit from 3c (max) to 3c (typ) in the dc electrical characteristics?general table ; added the power- supply current vs. scl frequency graph to the typical operating characteristics section; changed the initial date information to international format in the power-supply configuration section 1, 3, 6, 10 2 10/11 removed future status from the 8-pin so package in the ordering information table; updated the typical operating circuit ; added note 7 to the c bin parameter in the ac electrical characteristics?i 2 c interface table; clarified the 10h register range in table 2 and the aging offset register (10h) section; corrected the package codes for both so variants in the package information table 1, 4, 11, 15, 19 3 12/11 added the automotive qualified 8-pin so package to the ordering information table; changed the lead temperature from +260c to +300c in the absolute maximum ratings section 1, 2 4 9/12 changed the operating temperature range from -40c to +85c to -45c to +85c 1 - 4, 8 5 7/13 added junction temperature and package thermal data 2 6 8/14 added initial v bat attachment section 10 7 3/15 updated benefits and features section. 1 maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and speciications without n otice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products, inc. ds3231m 5ppm, i 2 c real-time clock ? 2015 maxim integrated products, inc. 20 for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim integrateds website at www.maximintegrated.com. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DS3231MZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X