Part Number Hot Search : 
2SC6011A 15N100 HV110 IRMCO201 AT495 HD64F3 1N3322 HD64F3
Product Description
Full Text Search
 

To Download DO-214AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0 0.15 4.7 0.25 3.6 0.3 2.3 0.15 1.3 0.2 0.203max 0.2 0.05 5.4 0.2 low cost low leakage low forward voltage drop high current capability case:jedec DO-214AA,molded plastic polarity: color band denotes cathode weight: 0.003 ounces,0.093 gr ams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms dc blocking voltage v r v average rectified forward current @tl=125 non-repetitive peak surge current maximum reverse current @t a =25 at rated dc blocking voltage @t a =125 thermal resistance,junction-to-lead r jl DO-214AA(smb) maximum ratings and electrical characteristics the plastic material carries u/l recognition 94v-0 note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. a a 5.0 easily cleaned with alcohol,isopropanol and similar solvents i f(av) units - 65 ---- + 175 a 35 i fsm murs260 600 600 v 600 2.0 (surge applied at rated load conditions halfwave,single phase,60hz) maximum instantaneous forward @t j =25 voltage at 2.0 a (note2) 1.45 f v maximum reverse recovery time (note1) 50 ns rr v t dimensions in millimeters mur 260 surface mount rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
75 25 0 50 single phase half wave 60h z resistive or inductive load 100 125 175 150 0.4 0.8 1.2 1.6 2.0 2.4 t j =25 pulse width=300us 10 4 2 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.01 0.02 0.04 0.06 0.1 0.2 0.4 1.0 100 amperes instantaneous reverse leakage current amperes average forward current amperes instantaneous forward voltage,volts percent of rated peak reverse voltage (%) number of cycles at 60hz fi g. 1 -- typi cal forward characteri stic fig.2 -- typical reverse leakage peak forward surge current instantaneous forward current fig. 3 -- peak forward surge current fig.4 -- forward derating curve lead temperature, characteristics t j =125 c o t j =75 c o t j =25 c o 1000 1 0.1 0.01 10 100 80 0 20 40 60 100 1 2 4 8 10 5 10 15 25 20 30 40 35 45 20 t j =125 8.3ms single half sine-wave 40 60 80 100 mur260 surface mount rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DO-214AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X