generated 6/15/2017 - 0589a30f-86a2-447d-a4e6-e067c2c87d46 kemet part number: C0603C102K2RACAUTO ceramic, auto-(cxxxxc-auto), 1000 pf, 10%, 200 v, 0603, x7r, smd, mlcc, temperature stable, automotive grade dimensions l 1.6mm +/-0.15mm w 0.8mm +/-0.15mm t 0.8mm +/-0.07mm s 0.7mm min b 0.35mm +/-0.15mm packaging specifications packaging: t&r, 180mm, paper tape packaging quantity: 4000 general information style: smd chip series: auto-(cxxxxc-auto) chip size: 0603 description: smd, mlcc, temperature stable, automotive grade features: temperature stable, automotive grade rohs: yes termination: tin marking: no failure rate: n/a approvals: aec-q200 aec-q200: yes miscellaneous: note: referee time for x7r dielectric for this part number is 1000 hours specifications capacitance: 1000 pf capacitance tolerance: 10% voltage dc: 200 vdc dielectric withstanding voltage: 500 v temperature range: -55/+125c temperature coefficient: x7r dissipation factor: 2.5% aging rate: 3% loss/decade hour insulation resistance: 100 gohms ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
|