Part Number Hot Search : 
2SC60 GP1006 JRC4558 MR852 C245M GP1006 UMH10N N5227
Product Description
Full Text Search
 

To Download BAV99BRW-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav99brw 200mw 75volt plastic-encapsulate diode features maximum ratings ? operating temperature: -65 c to +150 c ? storage temperature: -65 c to +150 c average rectified output current i o 150ma maximum instantaneous forward voltage v f 855mv i fm = 10ma; maximum dc reverse current at rated dc blocking voltage i r typical junction capacitance c j 2.0pf measured at 1.0mhz, v r =0v reverse recovery time t rr 4ns i f =i r =10ma i rr = 0.1*i r r c =100?  
 omponents 20736 marilla street chatsworth       
     mcc www. mccsemi .com revision: c 2014/08/22 1000mv i fm = 50ma; 1250mv i fm = 150ma; 715mv i fm = 1ma; tm micro commercial components power dissipation p tot 200mw 2.5a v r =75v 0.025a v r =20v sot-363 j m a c b g h k d l making:kgj dimensions 1 of 3 inches mm dim min max min max not e a . 006 .014 0.15 0.35 b .0 45 .053 1. 15 1.35 c . 085 . 096 2.15 2.45 d .0 26 0.65nom inal g . 047 .055 1.20 1.40 h .0 71 .0 87 1. 80 2.20 j --- .004 --- 0.10 k . 035 .043 0.90 1.10 l . 010 .018 0.26 0.46 m . 003 .006 0.08 0.15 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? low current leakage ? low cost ? small outline surface mount package lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information) ? halogen free available upon request by adding suffix "-hf" electrical characteristics @ 25 c unless otherwise specified reverse voltage v r 75v peak forward surge current i fsm 1.0a t=1s, non-repetitive 2.0a t=1us, non-repetitive
mcc www. mccsemi .com revision: c 2014 /08/22 tm micro commercial components 2 of 3 typical characteristics bav99brw
mcc revision: c 2014/08/22 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of BAV99BRW-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X