Part Number Hot Search : 
PS2701 2SC1729 B1580 UPD43256 C1411EPA DS1307 ISL6571 2SD2218
Product Description
Full Text Search
 

To Download ATE-4094I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t1/e1/cept/isdn-pri filter module ATE-4094I 15 allied components interna tional 949-356-1780 www.a lli edcom pon en ts .com rohs 11/25/14 t1/e1/cept/octal/quad port module designed to meet itu-t g.703 operating temperature range: -40oc to +85oc all specifications subject to change without notice. o electrical specificat i ons @25 c schematics mechanical maximum reflow temperature: 250oc/-5oc for 20-40 seconds (refer to ipc/jedec j-std-02c standard) turn rati o (tx+/-2% ) pri ocl @10 khz,0.1v dc resistance hi-pot (vrms min) dimension 1:2.4&1:1 sec 1.20 -0.9 1500v unit : mm/inch all tolerances are 0.25mm / 0.010 inch pri to sec cww @100 khz, 0.1v 35 (pf max) ll @100khz, 0.1v .60 (uh max) pri(mh min) crosstalk (db typ) -60 sec( max) a=25.50/1.004 b=7.50/0.295 c=7.50 max/0.295 max d=10.80/0.425 e=1.27/0.050 f=0.46/0.018 g=0.30/0.012 h=0.25/0.010 i=0.90/0.035 j=0-8 k=19.05/0.750 pad-a=19.05/0.750 pad-b=11.80/0.465 pad-c=2.54/0.100 pad-d=1.27/0.050 pad-e= 0.76/0.030 pad-a pad-b pad-c pad-d p ad-e suggested pcb pad layout a b c d e f g h i j k 32 pri pins (1-2,3-4,5-6,7-8,9-10,11-12,13-14,15-16) 1:2.4 4 3 1 2 5 6 1:1 1:1 1:2.4 10 9 7 8 11 12 1:2.4 1:1 13 14 1:1 15 16 1:2.4 29 30 32 31 28 27 23 24 26 25 22 21 20 19 18 17 pri sec


▲Up To Search▲   

 
Price & Availability of ATE-4094I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X