Part Number Hot Search : 
AP836 AN3922NS BZ5258 0GA12 C3842 15340 VUO50 256TI
Product Description
Full Text Search
 

To Download APTGT300DA120D3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT300DA120D3G APTGT300DA120D3G C rev 2 october 2012 www.microsemi.com 1-6 absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v t c = 25c 440 i c continuous collector current t c = 80c 300 i cm pulsed collector current t c = 25c 600 a v ge gate C emitter voltage 20 v p d maximum power dissipation t c = 25c 1450 w rbsoa reverse bias safe operating area t j = 125c 600a @ 1100v these devices are sensitiv e to electrostatic discharge. proper handling procedures should be followe d. see application note apt0502 on www.microsemi.com 1 2 3 q2 67 v ces = 1200v i c = 300a @ tc = 80c application ? ac and dc motor control ? switched mode power supplies ? power factor correction features ? trench + field stop igbt3 technology - low voltage drop - low tail current - switching frequency up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - rbsoa and scsoa rated ? kelvin emitter for easy drive ? high level of integration ? m6 power connectors benefits ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive t c of v cesat ? rohs compliant boost chopper trench + field stop igbt3 power module downloaded from: http:///
APTGT300DA120D3G APTGT300DA120D3G C rev 2 october 2012 www.microsemi.com 2-6 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 500 a t j = 25c 1.7 2.1 v ce(sat) collector emitter saturation voltage v ge = 15v i c = 300a t j = 125c 2.0 v v ge(th) gate threshold voltage v ge = v ce , i c = 12ma 5.0 5.8 6.5 v i ges gate C emitter leakage current v ge = 20v, v ce = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 21 c res reverse transfer capacitance v ge = 0v ; v ce = 25v f = 1mhz 1 nf q g gate charge v ge =15v, i c =300a v ce =600v 2.8 c t d(on) turn-on delay time 250 t r rise time 90 t d(off) turn-off delay time 550 t f fall time inductive switching (25c) v ge = 15v v bus = 600v i c = 300a r g = 2.2 ? 130 ns t d(on) turn-on delay time 300 t r rise time 100 t d(off) turn-off delay time 650 t f fall time inductive switching (125c) v ge = 15v v bus = 600v i c = 300a r g = 2.2 ? 180 ns e on turn on energy t j = 125c 25 e off turn off energy v ge = 15v v bus = 600v i c = 300a r g = 2.2 ? t j = 125c 44 mj i sc short circuit data v ge 15v ; v bus = 900v t p 10s ; t j = 125c 1200 a reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1200 v t j = 25c 750 i rrm maximum reverse leakage current v r =1200v t j = 125c 1000 a i f dc forward current tc = 80c 300 a t j = 25c 1.6 2.1 v f diode forward voltage i f = 300a v ge = 0v t j = 125c 1.6 v t j = 25c 170 t rr reverse recovery time t j = 125c 280 ns t j = 25c 28 q rr reverse recovery charge t j = 125c 56 c t j = 25c 12 e rr reverse recovery energy i f = 300a v r = 600v di/dt =3500a/s t j = 125c 22 mj downloaded from: http:///
APTGT300DA120D3G APTGT300DA120D3G C rev 2 october 2012 www.microsemi.com 3-6 thermal and package characteristics symbol characteristic min typ max unit igbt 0.085 r thjc junction to case thermal resistance diode 0.16 c/w v isol rms isolation voltage, any terminal to case t =1 min, 50/60hz 4000 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 125 c for terminals m6 3 5 torque mounting torque to heatsink m6 3 5 n.m wt package weight 350 g d3 package outline (dimensions in mm) downloaded from: http:///
APTGT300DA120D3G APTGT300DA120D3G C rev 2 october 2012 www.microsemi.com 4-6 typical performance curve output characteristics (v ge =15v) t j =25c t j =125c 0 100 200 300 400 500 600 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =17v v ge =9v 0 100 200 300 400 500 600 01234 v ce (v) i c (a) t j = 125c transfert characteristics t j =25c t j =125c 0 100 200 300 400 500 600 5 6 7 8 9 101112 v ge (v) i c (a) energy losses vs collector current eon eon eoff err 0 20 40 60 80 100 0 100 200 300 400 500 600 i c (a) e (mj) v ce = 600v v ge = 15v r g = 2.2 ? t j = 125c eon eoff err 0 25 50 75 100 125 150 0 4 8 12 16 20 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 300a t j = 125c switching energy losses vs gate resistance reverse bias safe operating area 0 100 200 300 400 500 600 700 0 300 600 900 1200 1500 v ce (v) i c (a) v ge =15v t j =125c r g =2.2 ? maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.02 0.04 0.06 0.08 0.1 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt downloaded from: http:///
APTGT300DA120D3G APTGT300DA120D3G C rev 2 october 2012 www.microsemi.com 5-6 forward characteristic of diode t j =25c t j =125c 0 100 200 300 400 500 600 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i f (a) hard switching zcs zvs 0 10 20 30 40 50 0 100 200 300 400 500 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =2.2 ? t j =125c t c =75c operating frequency vs collector current maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) diode downloaded from: http:///
APTGT300DA120D3G APTGT300DA120D3G C rev 2 october 2012 www.microsemi.com 6-6 disclaimer the information contained in the document (unless it is publicly available on the web without access restrictions) is proprietary and confidential information of microsemi and cannot be copied, published, uploaded, posted, transmitted, distributed or disclosed or used without the express duly signed written consent of microsemi. if the recipient of this document has entered into a disclosure agreement with microsemi, then the ter ms of such agreement will also apply. this document and the information contained herein may not be modified, by any person other than authorized personnel of microsemi. no license under any patent, copyright, trade secret or other intellectual property right is granted to or conferred upon you by disclosure or delivery of the information, either expressly, by implication , inducement, estoppels or otherwise. any license under such intellectual property rights must be approved by microsemi in writing signed by an officer of microsemi. microsemi reserves the right to change the configuration, functionality and performance of its products at anytime without any notice. this product has been subject to limited testing and should not be used in conjunction with li fe- support or other mission-critical equipment or applications. microsemi assumes no liability whatsoever, and microsemi disclaims any express or implied warranty, relating to sale and/or use of microsemi products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. any performance specifications believed to be reliable but are not verified and customer or user must conduct and complete all performance and other testing of this product as well as any user or custo mers final application. user or customer shall not rely on any data and performance specifications or parameters provided by microsemi. it is the customers and users responsibility to independently determine suitability of any microsemi product and to test and verify the same. the information contained herein is provided as is, where is and with all faults, and the entire risk associated with such information is entirely with the user. microsemi specifically disclaims any liability of any kind including for consequential, incidental and punitive damages as well as lost profit. the product is subject to other terms and conditions which can be located on the web at http://www.microsemi.com/legal/tnc.asp life support application seller's products are not designed, intended, or authorized for use as components in systems intended for space, aviation, surgical implant into the body, in other applications intended to support or sustain life, or for any other application in which the failure of the seller's product could create a situation where personal injury, death or property damage or loss may occur (collectively "life support applications"). buyer agrees not to use products in any life support applications and to the extent it does it shall conduct extensive testing of the product in such applications and further agrees to indemnify and hold seller, and its officers, employees, subsidiaries, affiliates, agents, sales representatives and distributors harmless against all claims, costs, dam ages and expenses, and attorneys' fees and costs arising, directly or directly, out of any claims of personal injury, death, damag e or otherwise associated with the use of the goods in life support applications, even if such claim includes allegations that seller was negligent regarding the design or manufacture of the goods. buyer must notify seller in writing before using sellers products in life support applications. seller will study with buyer alternative solutions to meet buyer application specification based on sellers sales conditions applicable for the new proposed specific part. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APTGT300DA120D3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X