Part Number Hot Search : 
KCF25A20 T1010 LTC12901 SP5654KG OCMS2X6 ICS91 ACT32 MR851GP
Product Description
Full Text Search
 

To Download AP8600P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss 80v ultra-low on-resistance r ds(on) 5m fast switching characteristic i d 3 105a rohs compliant & halogen-free description absolute maximum ratings@ t j =25 o c(unless otherwise specified) symbol units v ds v v gs v i d @t c =25 a i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w p d @t a =25 w e as single pulse avalanche energy 4 mj t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.2 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data and specifications subject to change without notice parameter 1 total power dissipation 2 storage temperature range operating junction temperature range -55 to 150 thermal data 28.8 total power dissipation 104 -55 to 150 gate-source voltage + 20 pulsed drain current 1 drain current, v gs @ 10v drain current (chip), v gs @ 10v 3 drain current, v gs @ 10v 3 80 parameter rating drain-source voltage 80 AP8600P halogen-free product 201602013 320 67 105 g d s g d s to-220(p) a p4604 series are from advanced power innovated design and silicon process technology to achieve the lowest possible on-resistance and fast switching performance. it provides the designer with an extreme efficient device for use in a wide range of power applications. the to-220 package is widely preferred for all commercial- industrial through hole applications. the low thermal resistance and low package cost contribute to the worldwide popular package. g d s g d s to-220(p) a p8600 series are from advanced power innovated design and silicon process technology to achieve the lowest possible on-resistance and fast switching performance. it provides the designer with an extreme efficient device for use in a wide range of power applications. the to-220 package is widely preferred for all commercial- industrial through hole applications. the low thermal resistance and low package cost contribute to the worldwide popular package. .
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 80 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =40a - - 5 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 5 v g fs forward transconductance v ds =10v, i d =40a - 75 - s i dss drain-source leakage current v ds =64v, v gs =0v - - 25 ua i gss gate-source leakage v gs = + 20v, v ds =0v - - + 300 na q g total gate charge i d =40a - 67 107.2 nc q gs gate-source charge v ds =64v - 17 - nc q gd gate-drain ("miller") charge v gs =10v - 28 - nc t d(on) turn-on delay time v ds =40v - 14 - ns t r rise time i d =40a - 63 - ns t d(off) turn-off delay time r g =3.3 -40- ns t f fall time v gs =10v - 95 - ns c iss input capacitance v gs =0v - 4000 6400 pf c oss output capacitance v ds =40v - 1570 - pf c rss reverse transfer capacitance f=1.0mhz - 60 - pf r g gate resistance f=1.0mhz - 2 4 ? source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =40a, v gs =0v - - 1.2 v t rr reverse recovery time i s =40a, v gs =0 v , - 60 - ns q rr reverse recovery charge di/dt=100a/s - 80 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.package limitation current is 80a. 4.starting t j =25 o c , v dd =40v , l=0.1mh , r g =25 this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP8600P .
fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 AP8600P 0 80 160 240 320 0 4 8 12 16 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 9.0v 8.0v 7.0v 6.0v v g =5.0v 0 40 80 120 160 200 0246810 v ds , drain-to-source voltage (v) i d , drain current (a) 10v 9.0v 8.0v 7.0v 6.0v v g =5.0v t c =150 o c 4 8 12 16 45678910 v gs gate-to-source voltage (v) r ds(on) (m ) i d =40a t c =25 o c 0.4 0.8 1.2 1.6 2.0 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =40a v g =10v 0 10 20 30 40 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j ,junction temperature ( o c) normalized v gs(th) i d =250ua .
AP8600P fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. drain current v.s. case fig 12. transfer characteristics temperature 4 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0 2000 4000 6000 8000 1 21416181101 v ds ,drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 0 20406080100 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =40a v ds =64v 0.1 1 10 100 1000 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t c =25 o c s in g le puls e 100us 1ms 10ms 100ms dc operation in this area limited by r ds(on) 0 20 40 60 80 100 120 25 50 75 100 125 150 t c , case temperature ( o c ) i d , drain current (a) limited by package 0 40 80 120 160 0246810 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v t j = -55 o c .
ap8600 p fig 13. typ. drain-source on state fig 14. total power dissipation resistance fig 15. normalized bv dss v.s. junction 5 2 4 6 8 10 12 14 0 1020304050607080 i d , drain current (a) r ds(on) (m ) t j =25 o c v gs =5.0v v gs =6v v gs =10v 0 40 80 120 160 0 50 100 150 t c , case temperature( o c) p d , power dissipation(w) 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss i d =1ma .
AP8600P marking information 6 part numbe r 8600 ywwsss date code (ywwsss) y last digit of the year ww week sss sequence .


▲Up To Search▲   

 
Price & Availability of AP8600P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X