Part Number Hot Search : 
74LCX11 4815D QF180 FQPF8N25 N5248 M62021 2SC3922 R13096
Product Description
Full Text Search
 

To Download AM20P06-175I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  analog power AM20P06-175I p-channel 60-v (d-s) mosfet v ds (v) i d (a) -14 -13 symbol limit units v ds -60 v gs 20 continuous drain current a t c =25c i d -14 i dm -50 i s -20 a power dissipation a t c =25c p d 50 w t j , t stg -55 to 175 c symbol maximum units r ja 40 r jc 3 notes a. surface mounted on 1 x 1 fr4 board. b. pulse width limited by maximum junction temperature pulsed drain current b continuous source current (diode conduction) a thermal resistance ratings c/w parameter operating junction and storage temperature range absolute maximum ratings (t a = 25c unless otherwise noted) v parameter drain-source voltage gate-source voltage product summary -60 r ds(on) (m) 175 @ v gs = -10v 200 @ v gs = -4.5v a maximum junction-to-ambient a maximum junction-to-case key features: ? low r ds(on) trench technology ? low thermal impedance ? fast switching speed typical applications: ? white led boost converters ? automotive systems ? industrial dc/dc conversion circuits to - 251 ? preliminary 1 publication order number: ds_AM20P06-175I_1a
analog power AM20P06-175I parameter symbol test conditions min typ max unit gate-source threshold voltage v gs(th) v ds = v gs , i d = -250 ua -1 v gate-body leakage i gss v ds = 0 v, v gs = 20 v 100 na v ds = -48 v, v gs = 0 v -1 v ds = -48 v, v gs = 0 v, t j = 55c -10 on-state drain current a i d(on) v ds = -5 v, v gs = -10 v -20 a v gs = -10 v, i d = -10 a 175 v gs = -4.5 v, i d = -8 a 200 forward transconductance a g fs v ds = -15 v, i d = -10 a 7 s diode forward voltage a v sd i s = -10 a, v gs = 0 v -0.75 v total gate charge q g 9 gate-source charge q gs 2.6 gate-drain charge q gd 4.6 turn-on delay time t d(on) 4 rise time t r 4 turn-off delay time t d(off) 23 fall time t f 10 input capacitance c iss 528 output capacitance c oss 65 reverse transfer capacitance c rss 45 notes a. pulse test: pw <= 300us duty cycle <= 2%. b. guaranteed by design, not subject to production testing. dynamic b ns static ua electrical characteristics i dss m r ds(on) nc v ds = -30 v, r l = 3 , i d = -10 a, v gen = -10 v, r gen = 6 v ds = -30 v, v gs = -4.5 v, i d = -10 a drain-source on-resistance a zero gate voltage drain current analog power (apl) reserves the right to make changes without further notice to any products herein. apl makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does apl assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. typical parameters which may be provided in apl data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including typicals must be validated for each customer application by customers technical experts. apl does not convey any license under its patent rights nor the rights of others. apl products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the apl product could create a situation where personal injury or death may occur. should buyer purchase or use apl products for any such unintended or unauthorized application, buyer shall indemnify and hold apl and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that apl was negligent regarding the design or manufacture of the part. apl is an equal opportunity/affirmative action employer. pf v ds = -15 v, v gs = 0 v, f = 1 mhz ? preliminary 2 publication order number: ds_AM20P06-175I_1a
analog power AM20P06-175I 1. on-resistance vs. drain current 2. transfer characteristics 3. on-resistance vs. gate-to-source voltage 4. drain-to-source forward voltage 5. output characteristics 6. capacitance typical electrical characteristics 0 0.1 0.2 0.3 0 2 4 6 8 10 rds(on) - on - resistance( ) id - drain current (a) 3.5v 4v,4.5v,6v,8v,10v 0 2 4 6 8 10 0 0.5 1 1.5 2 id - drain current (a) vds - drain - to - source voltage (v) 10v,8v,6v,4.5v,4v 3.5v 0 0.1 0.2 0.3 0.4 0.5 0 2 4 6 8 10 rds(on) - on - resistance( ) vgs - gate - to - source voltage (v) tj = 25 c tj = 25 c 0 2 4 6 8 10 0 1 2 3 4 5 id - drain current (a) vgs - gate - to - source voltage (v) tj = 25 c 0.01 0.1 1 10 0.2 0.4 0.6 0.8 1 1.2 is - source current (a) vsd - source - to - drain voltage (v) tj = 25 c 0 100 200 300 400 500 600 700 800 0 5 10 15 20 capacitance (pf) vds - drain - to - source voltage (v) ciss coss crss f = 1mhz id = - 10a ? preliminary 3 publication order number: ds_AM20P06-175I_1a
analog power AM20P06-175I 7. gate charge 9. safe operating area 10. single pulse maximum power dissipation 8. normalized on-resistance vs junction temperature 11. normalized thermal transient junction to ambient typical electrical characteristics 0 2 4 6 8 10 0 5 10 15 20 vgs - gate - to - source voltage (v) qg - total gate charge (nc) 0.01 0.1 1 10 100 0.1 1 10 100 1000 id current (a) vds drain to source voltage (v) 10 us 100 us 1 ms 10 ms 100 ms 1 sec 10 sec 100 sec dc idm limit limited by rds 1 0 20 40 60 0.001 0.01 0.1 1 10 100 1000 peak transient power (w) t1 time (sec) 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t1 time (sec) d = 0.5 0.2 0.1 0.05 0.02 single pulse r ja (t) = r(t) + r ja t j - t a = p * r ja (t) duty cycle, d = t 1 / t 2 0.5 1 1.5 2 -50 -25 0 25 50 75 100 125 150 rds(on) - on - resistance( ) (normalized) tj - junctiontemperature( c) p(pk) t 1 t 2 r ja = 40 c /w vds = - 30v id = - 10a ? preliminary 4 publication order number: ds_AM20P06-175I_1a
analog power AM20P06-175I package information ? preliminary 5 publication order number: ds_AM20P06-175I_1a


▲Up To Search▲   

 
Price & Availability of AM20P06-175I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X