Part Number Hot Search : 
A6505 90816 5KP13 1N4729 P20N10 RT9241 7MBP7 A6505
Product Description
Full Text Search
 

To Download AFBR-2529Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  afbr-16xxz and afbr-26x4z/25x9z dc-50mbd versatile link fiber optic transmitter and receiver for 1 mm pof and 200 ? m pcs data sheet description the afbr-16xxz transmitter utilizes a 650 nm led source with integrated optics and driver ic for effi cient coupling into 1 mm polymer optical fiber (pof). the afbr- 26x4z/25x9z receiver consists of an ic with an integrated photodiode to produce a logic compatible output. the transmitter input and receiver output are compatible with ttl logic families. the pair operates any type of signal from dc up to 50 mbd at distances up to 50 m with 1 mm pof, up to 200 m at 10 mbd and 120 m at 50 mbd with 200 ? m plastic-clad silica (pcs), respectively. the transmitter is a 3-pin and the receiver is a 4-pin device, packed in versatile link housing. versatile link compo- nents can be interlocked (n-plexed together) to minimize space and to provide dual connections with the duplex connectors. various simplex and duplex connectors, as well as pof cables are available for versatile link compo- nents. for details, contact avago technologies or visit our company website at www.avagotech.com afbr-xxx4z are delivering non-inverted output signals while afbr-xxx9z deliver inverted output signals. afbr-xxxxz - part number selection guide features ? rohs-compliant ? data transmission at signal rates from dc up to 50 mbd ? transmitter: integrated 650 nm led and driver ic with ttl input logic ? receiver: integrated pin diode and digitalizing ic with ttl output logic ? up to 50 m distance with 1 mm polymer optical fiber (pof) over operating temperature range ? up to 200 m (10 mbd) distance and 120 m (50 mbd) distance with 200 ? m plastic-clad silica (pcs) over operating temperature range ? operating temperature range of -40 ? c to +85 ? c ? compatible with avagos versatile link family of connectors, for easy termination of fi ber applications optical transmitter and receiver for 50 mbd systems and below: ? industrial control and factory automation ? extension of rs-232 and rs-485 ? high voltage isolation ? elimination of ground loops ? reduces voltage transient susceptibility available options horizontal package afbr-x624z afbr-1629z AFBR-2529Z vertical package afbr-x634z afbr-1639z afbr-2539z tilted (30) package afbr-x644z 5/6 = 650 nm products C x x x x z 1 = transmitter (tx) 2 = receiver (rx) 2 = horizontal package 3 = vertical package 4 = tilted (30) package z = extended temperature range, rohs compliant 4 = 50 mbd non-inverted 9 = 50 mbd inverted afbr
2 application literature application note 1035 (versatile link) - av02-0730en package and handling information the compact versatile link pack age is made of a fl ame- retardant material and uses the same pad layout as a standard, eight-pin dual-in-line package. horizontal, vertical, and tilted (30) packages are available. these low profi le versa tile link packages are stackable and are enclosed to provide a dust-resistant seal. snap action simplex, simplex latching, duplex, and duplex latching connectors are off ered with simplex or duplex cables. package orientation performance and pinouts for the horizontal, vertical, and tilted (30) packages are identical. to provide addi tional attachment support for the vertical versatile link housing, the designer has the option of using a self- tapping screw through a printed circuit board into a mounting hole at the bottom of the package. for most applications this is not necessary. package housing color versatile link components and simplex connectors are color coded to eliminate confusion when making con- nections. receiver packages are black and transmitter packages are gray in color respectively. handling versatile link components are auto-insertable. when wave soldering is performed with versatile link compo- nents, the optical port plug should be left in to prevent contamination of the port. do not use refl ow solder processes (i.e., infrared refl ow or vapor-phase refl ow). nonhalogenated water soluble fl uxes (i.e., 0% chloride), not rosin based fl uxes, are recom mended for use with versatile link components. versatile link components are moisture sensitive devices and are shipped in a moisture sealed bag. if the components are exposed to air for an extended period of time, they may require a baking step before the solder ing process. refer to the special labeling on the shipping tube for details. recommended chemicals for cleaning/degreasing alcohols: methyl, isopropyl, isobutyl. aliphatics: hexane, heptane. other: soap solution, naphtha. do not use partially halogenated hydrocarbons such as 1,1.1 trichloroethane, ketones such as mek, acetone, chloroform, ethyl acetate, methylene dichloride, phenol, methylene chloride, or n-methylpyrolldone. also, avago does not recommend the use of cleaners that use halogenated hydrocarbons because of their potential en- vironmental harm.
3 mechanical dimensions horizontal module vertical module tilted (30) module 2 [0.08] 6 .5 [0.2 6 ] 0.6 [0.03] 7.7 [0.30] 7 .6 [ 0 .30 ] 18.8 [0.74] 2.8 [0.11] 3 .8 [ 0.15 ] max . 3 . 6 [ 0 .1 4 ] m in. 5.1 [0.20] 4 .2 [0.1 7 ] 1.3 [0.05] 2.54 [0.100] 1.7 [0.07] 0.5 [0.02] notes: 1) dimensions: mm [in] ? 0 . 6 [ ? 0 . 0 3 ] 10.2 [0.40] 2 [0.08] 1 8.9 [ 0 .75] 3 . 3 [ 0.1 3 ] max 2 .8 [ 0 .1 1 ] m in 0.5 [0.02] 2.54 [0.100] 1.3 [0.05] 7.6 [0.30] 1.7 [0.07] 0.6 [0.02] 3.8 [0.15] 3.8 [ 0 .1 5 ] 7.62 [0.300] 2) 18.1 [0.71] 5.1 [0 . 2 0] 10.2 [ 0 .4 0 ] 1 [0.04] 3.6 [0.14] ? 0 . 6 [ ? 0 . 0 3 ] notes: 1) dimensions: mm [in] 2) optional mounting hole for #2 self-tapping-screw (metric equivalent m2.2 x 0.45) 6.5 [0.26] a a notes: 1) dimensions: mm [in] 6 .5 [0 .2 6] 2 [0 .08 ] 10 .2 [0 .4 0] 1 8 . 7 [ 0. 7 4] 6 .6 [0 .26 ] 15 .2 [0 .60 ] 7.62 [0.300] 2.54 [0.100] 0.5 [0.02] 1.3 [0.05] 4 .6 [0 .18 ] 0. 6 [0 .03 ] 10.1 [0.40] 8.7 [0.34] 19.3 [0.76] 1.1 [0.05] 2.2 [0.09] 4. 6 [0 .18 ] 0.4 [0.02] 3 0 0.7 [0.03]
4 versatile link printed board layout dimensions horizontal module vertical module tilted (30) module 7.62 [0.300] 2.54 [0.100] 7.7 [0.30 ] 1.9 [0.07] pcb edge min. 1 2 3 4 8 5 footprint - top view 1 [ ? 0 .0 4 ] notes: 1) dimensions: mm [in] ? 7.62 [0.300] 3.8 [0.15] 3.8 [0.15] 7.62 [0.300] 2.54 [0.100] 2.25 [0.09] clearance hole for optional vertical mount self-tapping-screw #2 pcb edge 1.7 [0.07] min. 1 2 3 4 5 8 footprint - top view ? 1 [ 0 . 0 4 ] notes: 1) dimensions: mm [in] ? 2.54 [0.100] 7.62 [0.300] 8.7 [0.34] pcb edge 43 2 1 8 5 footprint - top view 2.2 [0.09] min. 1 [ 0 . 0 4 ] notes: 1) dimensions: mm [in] ? ?
5 interlocked (stacked) assemblies (refer to figure 1) horizontal packages may be stacked by placing units with pins facing upward. initially engage the inter - locking mechanism by sliding the l bracket body from above into the l slot body of the lower package. use a straight edge, such as a ruler, to bring all stacked units into uniform alignment. this tech nique prevents potential harm that could occur to fi ngers and hands of assemblers from the package pins. stacked horizontal packages can be disengaged if necessary. repeated stacking and unstack ing causes no damage to individual units. to stack vertical packages, hold one unit in each hand, with the pins facing away and the optical ports on the bottom. slide the l bracket unit into the l slot unit. the straigh t edge used for horizontal package alignment is not needed. stacking horizontal modules stacking vertical modules figure 1. interlocked (stacked) horizontal, vertical and tilted (30) packages tilted (30) module
6 pin description transmitter fiber port facing front, pins downward, 1 = rightmost pin to 4 = leftmost pin pin name function/description notes 1v cct transmitter power 3.3 v 5% or 5 v 5% 2 no pin no physical pin is available 3v eet transmitter ground 4 data in transmitter data input 1, 2 5 housing pin physical pin is available, recommended to chassis gnd 3 8 housing pin physical pin is available, recommended to chassis gnd 3 pin description receiver fiber port facing front, pins downward, 1 = rightmost pin to 4 = leftmost pin pin name function/description notes 1 data out receiver data output 2 2v eer receiver ground 3v ccr receiver power 3.3 v 5% or 5 v 5% 4 pin no function, physical pin is available, recommended to signal gnd 4 5 housing pin physical pin is available, recommended to chassis gnd 3 8 housing pin physical pin is available, recommended to chassis gnd 3 notes: 1. logic 1 input will turn the light on and the logic 0 will turn the light off for afbr-16x4z. logic 1 input will turn the light off and the logic 0 will turn the light on for afbr-16x9z. 2. ttl compatible data input and output. 3. pin 5 and 8 are for mounting and retaining purposes, and should be connected to chassis gnd. 4. it is recommended to connect this pin to signal gnd. tx 3 4 21 rx 3 4 21
7 regulatory compliance feature test method performance electrostatic discharge (esd) to the electrical pins human body model mil-std-883 method 3015 min ?? 2000 v eye safety iec 60825-1, 2, class 1 specifi ed link performance, t a = -40 ? c to +85 ? c, 50 mbd parameter min max unit condition notes link distance with standard pof cable 0.1 50 meters -40 ? c to +85 ? c 1, 3 link distance with 200 ? m pcs (10 mbd) 0.1 200 meters -40 ? c to +85 ? c 2, 3 link distance with 200 ? m pcs (50 mbd) 0.1 120 meters -40 ? c to +85 ? c 2, 3 notes: 1. hfbr-r/exxyyyz is the part number for 1 mm pof. worst-case attenuation used (0.27 db/m for standard loss pof cable from -40 ? c to +85 ? c at 660 nm). 2. pcs, worst-case attenuation (12 db/km from -40 ? c to +85 ? c at 650 nm). 3. the optical link performance is guaranteed only with transmitters afbr-16xxz and receivers afbr-26x4z/25x9z. figure 2. recommended transmitter and receiver application circuit 4 vee tx data in vcc nc 3 2 1 10 p f c5 1 p h l1 gnd gnd 8 gnd gnd vcc 10 p f c1 gnd 100 nf c3 gnd gnd ttl input ttl output gnd 5 pull down resistor 4.7 kohm 4 vcc rx nc data out vee 2 3 1 10 p f c6 1 p h l2 gnd gnd 8 gnd gnd vcc 10 p f c2 gnd 100 nf c4 gnd gnd gnd 5
8 absolute maximum ratings parameter symbol min typical max unit notes storage temperature ts -40 85 c 1 ambient temperature tc -40 85 c 1 relative humidity rh 0 85 % 1 supply voltage v cct /v ccr -0.5 6 v 1 data input voltage v in -0.5 vcc+0.5 v 1 data output current i o 10 ma 1 data rate dc 50 mbd notes: 1. absolute maximum ratings are those values beyond which damage to the device may occur if these limits are exceeded for other than a short period of time. recommended operating conditions parameter symbol min typical max unit notes ambient temp t a -40 25 85 c 2 supply voltage v cct /v ccr 3.135 3.3 3.465 v 2 4.75 5 5.25 v 2 notes: 2. recommended operating conditions are those values outside of which functional performance is not intended, device reliabilit y is not implied, and damage to the device may occur over an extended period of time. see reliability data sheet for specifi c reliability performance. process compatibility parameter symbol min typical max unit notes solder environment t sold 260 c 3, 5, 6 t sold 10 sec 4, 5, 6 notes: 3. maximum temperature refers to peak temperature. 4. maximum time refers to time spent at peak temperature. 5. solder surface to be at least 1mm below lead frame stops. 6. product is moisture sensitive level 3.
9 afbr-16xxz transmitter the afbr-16xxz transmitter incorporates a 650 nm led and integrated driver ic in a light gray, nonconductive plastic versatile link housing. its input data is compatible with ttl logic level. this transmitter can operate from dc to 50 mbd with any kind of data pattern using 1 mm polymer optical fiber (pof). within the specifi ed ranges afbr-16x4z and afbr-16x9z devices will support a ber < 10e-9. transmitter electrical characteristics (t a = -40 ? c to +85 ? c, v cct = 3.3 v 5% or 5 v 5%) parameter symbol min typical max unit notes supply current (optical power on) i cct 21 31 ma 1 input voltage C low v il -0.3 0.8 v 2 input voltage C high v ih 2.0 vcc+0.3 v 2 data input capacitance c in 7pf data input resistance r in 2k ? propagation delay t td 30 ns transmitter optical characteristics (t a = -40 ? c to +85 ? c, v cct = 3.3 v 5% or 5 v 5%) parameter symbol min typical max unit notes output optical power (peak), 1 mm pof p n -4.5 -2 +2 dbm 3 output optical power (peak), pcs (200 m) p n -16.5 -13 -9 dbm 3 output optical power (average), off p s -50 dbm extinction ratio er 10 db peak wavelength ? c 630 685 nm rise time (20%C80%) t rt 5ns fall time (20%C80%) t ft 5ns pulse width distortion pwd -3 +3 ns 4, 5 pulse width distortion of fi rst pulse pwd -5 +3 ns 5, 6 notes: 1. for any type of data between dc and 50 mbd. typical value 21 ma for prbs-7 pattern at 25 ? c at 5 v and 50 mbaud. 2. standard ttl compatible input. 3. measured with polished connector end face: after 1 meter 1 mm pof, na = 0.5, or 200 ? m pcs, na = 0.37. 4. pulse width is measured at 50% threshold using a rising edge trigger tested with prbs-7 pattern 5. electrical input pulse width is determined at 1.5 v and du/dt between 1 v and 2 v shall not be less than 1 v/ns. 6. the fi rst pulse is shorter as the led is completely discharged. this helps to mitigate the increase of pulse width of the fi rst pulse of the receiver
afbr-26x4z/25x9z receiver the afbr-26x4z/25x9z receiver consists of a digitalizing ic with integrated photodiode to produce an output level that is compatible with ttl logic. the integrated photodiode and the following amplifi er uses a fully diff erential approach with an active and a passive area for an improved emi performance. within the specifi ed ranges afbr-25x9z and afbr- 26x4z devices will support a ber <10e-9. receiver electrical characteristics (t a = -40 c to +85 c, v cct = 3.3 v 5% or 5 v 5%) parameter symbol min typical max unit notes supply current i ccr 20 30 ma data output voltage C low v ol -0.3 0.4 v 1, 3 data output voltage C high v oh 2.5 v ccr +0.3 v 1, 3 rise time (10%C90%) t rr 5 ns 2, 3 fall time (10%C90%) t fr 5 ns 2, 3 pulse width distortion pwd -4 +4 ns 3, 6, 7, 8, 11 pulse width distortion 1 st to 3 rd pulse pwd init -5 +8 ns 3, 8, 9, 11 propagation delay t rd 30 ns max. initiation time after power up t int 15 ms 12 receiver optical characteristics (t a = -40 c to +85 c, v cct = 3.3 v 5% or 5 v 5%) parameter symbol min typical max unit notes input optical power (peak), 1 mm pof p in -22 +2 dbm 3 input optical power (peak) off -state, 1 mm pof p in _off -40 dbm 3, 10 input optical power (peak), pcs (200 ? m) p in -25 -1 dbm 3 input optical power (peak) off -state, pcs (200 ? m) p in _off -44 dbm 3 optical spectrum range ? 630 685 nm notes: 1. standard ttl output. 2. measured with r l = 50 k ? and c l = 15 pf 3. guaranteed only if optical input signal to the receiver is generated by afbr-16xxz, with ideal alignment to photo diode usin g 1mm pof (na=0.5). 6. optical input signal of 50 mbd, prbs 2 7 -1 pattern and 50% duty cycle. 7. pulse width is measured at 50% threshold using a rising edge trigger and prbs 2 7 -1 pattern. 8. if data rate is below 1mbd the pulse width distortion would be equal to the pulse width distortion of the 1st to 3rd pulses for higher datarates. 9. the threshold of the 1st pulse of a data sequence is diffi cult to adjust and therefore the pulse width distortion up to the 3rd pulse is higher than for all other pulses (worst case for the 1st pulse). this strongly depends on the quality of the rising and falling edge of the optical input. the faster the edges the smaller the pulse width variation. furthermore lower data rates would result in the same issue as all the pulse b ecome 1st pulses. 10. output low for afbr-26x4z and output high for afbr-25x9z. 11. because of optical pulse width spreading, the pwd limits have to be increased by ? 0.1 ns for each 10 m fi ber length. 12. starting point is when supply voltage passes ~2.8 v.
for product information and a complete list of distributors, please go to our web site: www.broadcom.com. broadcom, the pulse logo, connecting everything, avago technologies, and the a logo are the trademarks of broadcom in the unite d states, certain other countries and/or the eu. copyright ? 2005-2016 broadcom. all rights reserved. the term "broadcom" refers to broadcom limited and/or its subsidiaries. for more information, please visit www.broadcom.com. broadcom reserves the right to make changes without further notice to any products or data herein to improve reliability, funct ion, or design. information furnished by broadcom is believed to be accurate and reliable. however, broadcom does not assume any liability aris ing out of the application or use of this information, nor the application or use of any product or circuit described herein, neither d oes it convey any license under its patent rights nor the rights of others. av02-4369en - july 25, 2016


▲Up To Search▲   

 
Price & Availability of AFBR-2529Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X