Part Number Hot Search : 
9160B201 HTA10 A2702 TX14D HC253 UP307 851933 14NM50N
Product Description
Full Text Search
 

To Download 74LVCH244A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74LVCH244A document number: ds35889 rev. 1 - 2 1 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A octal buffer/line dr iver with bus hold / 3 state outputs notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporated?s definitions of halogen- and antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defin ed as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. description the 74LVCH244A provides two 4-bit line drivers with separate output-enable (oe) inputs. when oe is low, the device passes data from the a inputs to the y outputs. when oe is high, the outputs are in the high-impedance state. the device is designed for operation with a power supply range of 1.65v to 3.6v. the inputs are tolerant to 5.5v allowing this device to be used in a mixed voltage environment. the device is fully specified for partial power down applications using i off . the i off circuitry disables the output preventing damaging current backflow when the device is powered down. bus hold circuitry holds unused or un -driven inputs at a high or low logic state. the use of external pull-up or pull down resistors is not recommended. features ? supply voltage range from 1.65v to 3.6v ? sinks or sources 24ma at v cc = 3v ? cmos low power consumption ? i off supports partial-power down operation ? inputs or outputs accept up to 5.5v ? inputs can be driven by 3.3v or 5v allowing for mixed voltage applications ? schmitt trigger action at all inputs ? typical v olp (quiet output ground bounce) less than 0.8v with v cc = 3.3v and t a = +25c ? typical v ohv (quiet output dynamic voh) greater than 2.0v with v cc = 3.3v and t a = +25c ? esd protection tested per jesd 22 ? exceeds 200-v machine model (a115) ? exceeds 2000-v human body model (a114) ? exceeds 1000-v charged device model (c101) ? latch-up exceeds 250ma per jesd 78, class i ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. green? device (note 3) pin assignments 11 20 1 10 vcc 2a1 gnd 1oe applications ? general purpose logic ? bus driving ? power down signal isolation ? wide array of products such as: ? pcs, notebooks, netbooks, ultrabooks ? networking computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box
74LVCH244A document number: ds35889 rev. 1 - 2 2 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A ordering information 74 lvc h244a xxx -13 logic device function package packing 74 : logic prefix h244 : octal buffer/line driver with bus hold / 3 state outputs t20 : tssop-20 -13 : 13? tape & reel q20 : qfn-20 part number package code package (notes 4 & 5) package size 13? tape and reel quantity part number suffix 74LVCH244At20-13 t20 tssop-20 6.4mm x 6.5mm x 1.2mm 0.65 mm lead pitch 2500/tape & reel -13 74LVCH244Aq20-13 q20 v-qfn4525-20 2.5mm x 4.5mm x 0.95mm 0.50 mm lead pitch 2500/tape & reel -13 notes: 4. pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.c om/datasheets/ap02001.pdf. 5. v-qfn4525-20 is a jedec recognized nami ng convention that specifies the package thickness category as v and the number 4525 describes the package as 4.5mm x 2.5mm. pin descriptions pin number pin name description 1 oe 1 output enable 1 2 1a1 data input 3 2y4 data output 4 1a2 data input 5 2y3 data output 6 1a3 data input 7 2y2 data output 8 1a4 data input 9 2y1 data output 10 gnd ground 11 2a1 data input 12 1y4 data output 13 2a2 data input 14 1y3 data output 15 2a3 data input 16 1y2 data output 17 2a4 data input 18 1y1 data output 19 oe 2 output enable 2 20 v cc supply voltage logic diagram function table (each 4-bit buffer) inputs output oe a y l h h l l l h x z
74LVCH244A document number: ds35889 rev. 1 - 2 3 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A absolute maximum ratings (notes 6 & 7) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to +7.0 v v i input voltage range -0.5 to +7.0 v i ik input clamp current v i < 0v -20 ma i ok output clamp current v o < 0v -50 ma i o continuous output current -0.5v < v o v cc +0.5v 50 ma i cc continuous current through v cc 100 ma i gnd continuous current through gnd -100 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c p tot total power dissipation 500 mw notes: 6. stresses beyond the absolute maximum may result in imm ediate failure or reduced reliab ility. these are stress values and device operation should be within recommend values. 7. forcing the maximum allowed voltage could cause a condition ex ceeding the maximum current or conversely forcing the maximum current could cause a condition exceeding the maximum voltage. the ratings of both current and voltage must be maintained within the con trolled range. recommended operating conditions symbol parameter conditions min max unit v cc supply voltage operating 1.65 3.6 v data retention only 1.5 ? v v i input voltage ? 0 5.5 v v o output voltage ? 0 v cc v i oh high-level output current v cc = 1.65v ? -4 ma v cc = 2.3v ? -8 v cc = 2.7v ? -12 v cc = 3.0v ? -24 i ol low-level output current v cc = 1.65v ? 4 ma v cc = 2.3v ? 8 v cc = 2.7v ? 12 v cc = 3.0v ? 24 ? t/ ? v input transition rise or fall rate ? 10 ns/v t a operating free-air temperature -40 +125 c
74LVCH244A document number: ds35889 rev. 1 - 2 4 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A electrical characteristics symbol parameter test conditions v cc t a = -40c to +85c t a = -40c to +125c unit min max min max v ih high-level input voltage 1.65v to 1.95v v cc x 0.65 ? v cc x 0.65 ? v 2.3v to 2.7v 1.7 ? 1.7 ? 3.0v to 3.6v 2 ? 2 ? v il low-level input voltage 1.65v to 1.95v ? v cc x 0.35 ? v cc x 0.35 v 2.3v to 2.7v ? 0.7 ? 0.7 3.0v to 3.6v ? 0.8 ? 0.8 v oh high-level output voltage i oh = -5 a 1.65v to 5.5v v cc -0.2 ? v cc -0.3 ? i oh = -4ma 1.65v 1.2 ? 1.05 ? i oh = -8ma 2.3 v 1.7 ? 1.65 ? v i oh = -12ma 2.7v 2.2 ? 2.05 ? 3.0v 2.4 ? 2.48 ? i oh = -24ma 3.0v 2.3 ? 2.0 ? v ol low-level output voltage i ol = 100 a 1.65v to 5.5v ? 0.2 ? 0.3 v i ol = 4ma 1.65v ? 0.45 ? 0.65 i ol = 8ma 2.3v ? 0.60 ? 0.80 i ol = 12ma 2.7v ? 0.40 ? 0.60 i ol = 24ma 3.0v ? 0.55 ? 0.80 i off power down leakage current v i or v o = 0 or 5.5v 0 ? 10 ? 20 a i i input current control pins v i = gnd or 5.5v 0 to 5.5v ? 5 ? 20 a i i(hold) input current required to change state v i = 0.58v 1.65v 25 ? 15 ? a v i = 1.07 -25 ? -15 ? v i = 0.7v 2.3v 45 ? 35 ? v i = 1.7v -45 ? -35 ? v i = 0.8v 3.0v 75 ? 60 ? v i = 2.0v -75 ? -60 ? v i = 0 or 3.6v 3.6v ? 500 ? 500 i oz z-state current v i =gnd or 5.5v v o = 0 or 5.5v 3.6v ? 5 ? 20 ua i cc supply current v i = gnd or v cc, i o = 0 6.0v ? 10 ? 40 a ? i cc additional supply current one input at v cc -0.6v i o = 0a 2.7v to 3.6v ? 500 ? 5000 a c i input capacitance v i = gnd or v cc 3.3v 4.0 typical 4.0 typical pf c o output capacitance v o = gnd or v cc 3.3v 5.5 typical 5.5 typical
74LVCH244A document number: ds35889 rev. 1 - 2 5 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A switching characteristics symbol parameter test conditions v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd propagation delay a n to y n figure 1 1.8v 0.15v 1 5.9 12 1 12.2 1 12.4 ns 2.5v 0.2v 1 4.2 7.8 1 8.4 1 10 2.7v 1 4.2 8.2 1 8.9 1 9 3.3v 0.3v 1.5 3.9 7.7 1.5 8.2 1.5 8.3 t en enable time oe to y n figure 1 1.8v 0.15v 1 6.4 12.1 1 12.6 1 14.1 ns 2.5v 0.2v 1 4.6 9.1 1 9.6 1 11.7 2.7v 1 5 8.4 1 8.6 1 10.3 3.3v 0.3v 1.5 4.5 7.4 1.5 7.6 1.5 9.4 t dis disable time oe to y n figure 1 1.8v 0.15v 1 5.8 11.6 1 12.1 1 13.6 ns 2.5v 0.2v 1 3.7 7.3 1 7.8 1 9.9 2.7v 1 3.8 6.6 1 6.8 1 8.6 3.3v 0.3v 1.5 3.8 6.3 1.5 6.5 1.5 8 t sk(0) output skew time 3.3v 0.3v ? ? 1.0 ? ? ? 1.5 ns operating characteristics t a = +25c symbol parameter test conditions v cc typ unit c pd power dissipation capacitance per gate f = 10 mhz outputs enabled 1.8v 0.15v 9.9 pf 2.5v 0.2v 10.2 3.3v 0.3v 10.6 package characteristics symbol parameter package test conditions min typ max unit ja thermal resistance junction-to-ambient tssop-20 (note 8) ? 74 ? c/w jc thermal resistance junction-to-case tssop-20 (note 8) ? 15 ? c/w ja thermal resistance junction-to-ambient v-qfn4525-20 (note 8) ? 67 ? c/w jc thermal resistance junction-to-case v-qfn4525-20 (note 8) ? 20 ? c/w note: 8. test conditions for tssop-20 and v-qfn4525-20: devices m ounted on 4 layer fr-4 substrate pc board, 2oz copper, with mi nimum recommended pad layout per jesd 51-7.
74LVCH244A document number: ds35889 rev. 1 - 2 6 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A parameter measurement information v cc inputs v m v load c l r l v ? v i t r /t f 1.8v 0.15v v cc 2ns v cc /2 2 x v cc 30pf 1k ? 0.15v 2.5v 0.2v v cc 2ns v cc /2 2 x v cc 30pf 500 ? 0.15v 2.7v 2.7v 2.5ns 1.5v 6v 50pf 500 ? 0.3v 3.3v 0.3v 2.7v 2.5ns 1.5v 6v 50pf 500 ? 0.3v voltage waveform enable and disable times low and high level enabling voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz. c. inputs are measured separately one transition per measurement. d. t plz and t phz are the same as t dis. e. t pzl and t pzh are the same as t en0 f. t plh and t phl are the same as t pd. figure 1 load circuit and voltage waveforms test s1 t plh /t phl open t plz /t pzl v load t phz /t pzh gnd
74LVCH244A document number: ds35889 rev. 1 - 2 7 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A marking information (1) tssop20 part number package 74LVCH244At20 tssop-20 (2) qfn-20 (v-qfn4525-20) terminal 1 index area (top view ) yy ww x x logo part number (top view ) logo part number ww : week : 01~52; 52 yy : year : 08, 09,10~ x represents 52 and 53 week ww : week : 01~52; 52 yy : year : 08, 09,10~ x represents 52 and 53 week : internal codes part number package 74LVCH244Aq20 v-qfn4525-20 74LVCH244A 74LVCH244A
74LVCH244A document number: ds35889 rev. 1 - 2 8 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A package outline dimensions please see ap02002 at http://www.diodes.com/dat asheets/ap02002.pdf for the latest version. (1) tssop-20 (2) qfn-20 (v-qfn4525-20) tssop-20 dim min max typ a - 1.20 - a1 0.05 0.15 - a2 0.80 1.05 - b 0.19 0.30 - c 0.09 0.20 - d 6.40 6.60 6.50 e 6.20 6.60 6.40 e1 4.30 4.50 4.40 e 0.65 bsc l 0.45 0.75 0.60 l1 1.0 ref 1 0 8 - 2 10 14 12 3 10 14 12 all dimensions in mm v-qfn4525-20 dim min max typ a 0.75 0.85 0.80 a1 0.00 0.05 0.02 a3 - - 0.15 b 0.18 0.30 0.23 d 4.45 4.55 4.50 d2 2.85 3.15 3.00 e 2.45 2.55 2.50 e2 0.85 1.15 1.00 e 0.50bsc l 0.30 0.50 0.40 z - - 0.385 z1 - - 0.885 all dimensions in mm id mark pin 1 e d e e1 a2 a a1 b detail seating plane 1 gauge plane 0.25 l l1 2 3 a a 3 s e a t i n g p l a n e a 1 p i n # 1 i d d e b 2 0 x e 2 l 2 0 x d 2 e z 4 x z 1 4 x
74LVCH244A document number: ds35889 rev. 1 - 2 9 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. (1) tssop-20 (2) qfn-20 (v-qfn4525-20) dimensions value (in mm) c 0.650 x 0.420 x1 6.270 y 1.789 y1 4.160 y2 7.720 dimensions value (in mm) c 0.500 x 0.330 x1 0.600 x2 3.200 x3 3.830 x4 4.800 y 0.600 y1 1.200 y2 0.830 y3 2.800 y1 y2 y (20x) x (20x) c x1 x 4 y 3 y 2 x 3 x 2 y 1 y x c x 1
74LVCH244A document number: ds35889 rev. 1 - 2 10 of 10 www.diodes.com july 2014 ? diodes incorporated new product 74LVCH244A important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incor porated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose pr oducts are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or un authorized application, customers shall i ndemnify and hold diodes incorporated and its representat ives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when prope rly used in accordance with instructions for use provided in the labeling can be reasonably expected to re sult in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74LVCH244A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X