Part Number Hot Search : 
TS29151 LXT325NE 13210 KTA1705 12000 U74HC32 6X315 IR2213S
Product Description
Full Text Search
 

To Download 70072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 5/14/2013 - 5e8e05cc-5f07-4be4-bc28-39963e3272b0 kemet part number: t495b107m006ahe7007280 capacitor, tantalum, 100 uf, 3528, +/-20% tol, 6.3v@85c dimensions (mm) symbol dimension tolerance l 3.5 +/-0.2 w 2.8 +/-0.2 h 1.9 +/-0.2 f 2.2 +/-0.1 s 0.8 +/-0.3 b 0.4 +/-0.15 x 0.1 +/-0.1 p 0.5 ref r 1 ref t 0.13 ref a 2.1 min g 1.8 ref e 2.2 ref notes: -in polarity stripe, at kemet's option, type may be indicated: no symbol = standard (or low leakage) mno2 tantalum chip, o = lowesr t494, r = low esr t495, f = fused t496, ht = 150c rated t498 (or b45196p, b45198p), h = 175c rated t499, m = multiple anode construction t510 (and b45396r), ko = organic cathode t520 or t521, kt = high temp organic cathode t525, km = multiple anode organic cathode t530, fd= organic cathode face down terminals t528. general information supplier: kemet construction: standard chip-mno2 specifications capacitance: 100 uf voltage dc @ 85c: 6.3v voltage dc @ 105c: 5.2v voltage dc @ 125c: 4v tolerance: +/-20% application: general purpose/low esr temperature range: -55/+125c body type: molded chip esr: 700 mohm footprint: 3528 termination: solder coated leakage current: 6.3 ua dissipation factor: 15% ripple @ 25c: 0.348 a ripple @ 85c: 0.3132 a ripple @ 105c: 0.2262 a ripple @ 125c: 0.1392 a packaging specifications package kind: t&r package size: 13in package quantity: 8000 ? 2006-2013 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of 70072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X