Part Number Hot Search : 
313375P RXXP09D MPC5553 C847B AQZ264 00390 STP432S UF07B
Product Description
Full Text Search
 

To Download 6322HPU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc axial fans series 630 u 60 x 60 x 25 mm highlights: C motor protection against reverse polarity and locking. C air exhaust over struts C connection via 310 mm strands awg 22, tr 64, bared and tin-plated C ingress protection rating of ip68 material: housing: fiberglass-reinforced pbt composite impeller: fiberglass-reinforced pa composite direction of rotation: clockwise, seen on rotor nominal data air fow nominal voltage voltage range sound pressure level sound power level ball bearings power input speed temperature range mass ingress protection rating ul approval curves type cfm vdc vdc db(a) bel(a) watts rpm o c g 632 nu 23.5 12 6...15 34 5.1 yes 1.8 5900 -20...70 70 ip68 yes 1 634 nu-004* 23.5 24 12...30 34 5.1 yes 1.6 5900 -20...70 70 ip68 yes 1 632/2hpu 25.9 12 11...13 35 5.4 yes 1.5 6300 -20...70 70 ip68 yes 2 634 hhu 34.1 24 18...28 44 6.1 yes 3.2 8500 -20...70 70 ip68 yes 3 1.0 (25.4 0.3 ) 0.12 (30.2) 0.12 (30.2) 310 (12.2)* 0.24 (61) 1.97 (50 0.2 ) 2.36 (60 0.3 ) 0.17 (4.3 0.15 ) 0.17 (4.3 0.15 ) ?2.52 (64) 2.28 (58) 1.97 (50 0.2 ) *634 nu-004 has 400mm lead wires. [in. h 2 o] [cfm ] p v ? 0. 0 0. 1 0. 2 0. 3 0. 4 0. 5 0. 6 0. 7 05 10 15 20 25 30 35 3 1 2 7 ip 68 rating curves


▲Up To Search▲   

 
Price & Availability of 6322HPU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X