Part Number Hot Search : 
MUR1540 SP6683EB 7161N 3GWJ42C MJW0281 0K6TR FSH05A04 P9212
Product Description
Full Text Search
 

To Download 1750001980 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  intel ? atom? processor n455/d525 etx cpu module som-4463 b2 ? embedded intel ? atom? processor n455 1.66 ghz single core?/ d525 1.80 ghz dual-core? + ich8m ? intel ? gen 3.5 dx9, mpeg2 hardware decoder, multiple display: vga, 18/24-bit lvds ? supports ddr3-667 for n455 up to 2gb and ddr3-800 for d525 up to 4gb ? supports 4 pci, isa, 2 ide, 2 sataii, 4 usb 2.0 ? supports susiaccess and embedded software apis specifcations form factor etx 3.0 processor system cpu intel atom n455 1.67 ghz (single core), 512 kb l2 cache intel atom d525 1.80 ghz (dual core), 1 mb l2 cache system chipset ich8m bios ami 16 mbit flash bios memory technology ddr3 667 mhz (n455) and 800 mhz (d525) max. capacity up to 2 gb (n455); up to 4 gb (d525) socket 1 x 204-pin sodimm socket display chipset intel atom n455 or intel atom d525 graphic engine intel gen 3.5 dx9, mpeg2 hardware decoder lvds 18/24-bit single channel lvds vga intel atom n455 single core up to 1400 x 1050 (sxga) intel atom d525 dual core up to 2048 x 1536 dvi - tv out - sdvo - dual display crt + lvds ethernet chipset realtek rtl8106e-cg 10/100 mbps ethernet speed 10/100 mbps watchdog timer 256 level timer interval, from 0 to 255 sec or min setup by software, jumperless selection, generates system reset expansion isa, 4 pci masters i/o pata 2 x eide (udma 100) sata 2 x sataii (300 mb/s) usb 4 x usb 2.0 audio alc892 audio gpio 1-bit gpio, 2-bit gpe com 2 x com ports fdd/lpt 1 x fdd or lpt power power type atx, at power supply voltage +5 v (+5vsb is required for atx power scheme) power consumption (typical) 4463n (2 gb ddriii 1333) +5 v @ 1.82 a 4463d (2 gb ddriii 1333) +5 v @ 2.18 a power consumption (max, test in hct) 4463n (2 gb ddriii 1333) +5 v @ 2.25 a 4463d (2 gb ddriii 1333) +5 v @ 2.73 a environment operating temperature 0 ~ 60 c (32 ~ 140 f) humidity operating: 40 c @ 95% relative humidity, non-condensing storage: 60 c @ 95%relative humidity, non-condensing mechanical dimensions 114 x 95 mm (3.74" x 4.5") backlight on/off watchdog gpio h/w monitor i 2 c smbus brightness software apis: all product specifications are subject to change without notice last updated : 21-jul-2014 computer on modules features
som-4463 b2 ordering information part no. cpu l2 cache chipset lvds vga 10/100 lan hd audio pci usb 2.0 sata pata smbus atx power at power thermal solution operating temp. som-4463n-s6b2e atom n455 512kb ich8m 18/24-bit yes 1 yes 4 4 2 sata ii 2 1 yes yes passive 0 ~ 60 c som-4463d-s8b2e atom d525 1mb ich8m 18/24-bit yes 1 yes 4 4 2 sata ii 2 1 yes yes active 0 ~ 60 c note: passive = fanless; active = with fan development board part no. description som-db4700-00a1e development board for etx rev.a1 packing list part no. description quantity - som-4463 b2 cpu module 1 optional accessories part no. description 1960012091t00s semi-heatsink 114 x 96 x 15 mm 1750001980 semi-cooler 114 x 96 x 15 mm embedded os os part no. description wes (xpe) 2070012909 wes2009 wince wince 6.0 wince wince 7.0 qnx v6.4.1 share with com2 ethernet connector x1 one channel ddr3 204-pin sodimm 667 mhz up to 2gb (n455) 800 mhz up to 4gb (d525) pcie x 1 connector x2 connector x3 connector x4 lpc bus dmi analog rgb lan (rtl8106e-cg) irda usb 2.0 x 4 smbus hd codec alc892 azalia audio pci bus it8888g pci to isa isa bus sata ii x 2 super i/o w83627dhg lpt / fdd com x 2 kb/ms spi bios spi bus sata 7p connector x 2 ich8m (82801hbm) pcie connector 4 pcie x1 line-in line-out mic intel cpu n455/d525 18/24-bit lvds ide (pri. & sec.) www.advantech.com/products online download block diagram


▲Up To Search▲   

 
Price & Availability of 1750001980

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X