Part Number Hot Search : 
SK3528 MB2245 2SC3157 T63309A OPB854B1 K1536BDB STYN225S DS2808
Product Description
Full Text Search
 

To Download 1750001980 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amd g-series processor etx cpu module som-4466 ? amd g-series processor + fch a55e ? supports dx11, ogl3.2, and h.264/avc, vc-1 hw acceleration ? supports ddr3-1066 up to 4gb ? supports pci, isa, smbus, i 2 c ? supports 10/100 lan, sata, msata socket, ide, usb2.0 specifcations compliance pin defne etx v3.02 form factor etx module 114 x 95 mm (3.74" x 4.5") processor system cpu frequency/core/l2 cache amd t16r 615 mhz/single core/512 kb amd t40e 1ghz/dual core/512kb amd t56n 1.65ghz/dual core/512kb chipset amd a55e bios ami 32 mbit, spi memory technology ddr3-1066 mhz non-ecc unbuffered capacity 1 sodimm up to 4 gb display graphic engine amd radeon hd 6320 / hd 6250 graphic memory share with system memory up to 512mb capacity support dx11, ogl3.2, ocl1.1 and hw acceleration for h.264/avc, vc-1, mpeg2 vga resolution up to 1920 x 1200 @ 30 bpp lcd ttl version: 18-bit up to 800 x 600 lvds version: 24-bit up to 1024 x 768 dual display vga + lcd expansion i/f pci pci v2.3, up to 4 masters isa support memory and i/o decode serial bus smbus yes i 2 c bus yes i/o ethernet realtek rtl8105e 10/100 lan sata 2 port on etx module , sata gen3 600 mb/s compliant. support ide/ahci mode, raid 0, 1 msata socket 1 half-size msata socket on etx module, sata gen 3 600 mb/s compliant ide 2 channels, each channel support up to 1 ide device. ata/atapi-7 (udma133) compliant usb2.0 4 ports audio realtek alc262. support line-in(l/r), line-out(l/r), mic com port 2 ports lpt/floppy 1 port shared keyboard & mouse 1 keyboard and 1 mouse gpio/gpe 1 gpio, 2 gpe watchdog timer 256 level timer interval, from 0 to 255 sec or min setup by software, jumperless selection, generates system reset power type atx, at supply voltage atx: +5 v and +5 vsb, at: +5 v power consumption (idle) +5 v @ 1.22 a power consumption (max.) +5 v @ 1.55 a environment temperature operating: 0 ~ 60 c (32 ~ 140 f) storage: -40 ~ 85 c (-40 ~ 185 f) humidity operating: 40 c @ 95% relative humidity, non-condensing storage: 60 c @ 95%relative humidity, non-condensing backlight on/off watchdog gpio h/w monitor i 2 c smbus brightness software apis: all product specifications are subject to change without notice last updated : 14-jan-2016 computer on modules features
som-4466 ordering information part no. cpu l2 cache chipset bundled ddr lvds ttl pci master isa gbe sata msata socket ide usb 2.0 thermal solution operating temperature som-4466l-m0a1e t16r 512kb a55e n/a 24-bit n/a 4 1 1 2 1 2 4 passive 0 ~ 60 c som-4466t-m0a1e t16r 512kb a55e n/a n/a 18-bit 4 1 1 2 1 2 4 passive 0 ~ 60 c som-4466l-s0a1e t40e 512kb a55e n/a 24-bit n/a 4 1 1 2 1 2 4 active 0 ~ 60 c som-4466l-s6a1e t56n 512kb a55e n/a 24-bit n/a 4 1 1 2 1 2 4 active 0 ~ 60 c som-4466lz-m0a1e t16r 512kb a55e n/a 24-bit n/a 4 1 1 2 1 2 4 passive -20 ~ 80 c som-4466lz2-m0a1e t16r 512kb a55e n/a 24-bit n/a 4 1 1 2 1 2 4 passive -40 ~ 85 c som-4466tz-m0a1e t16r 512kb a55e n/a n/a 18-bit 4 1 1 2 1 2 4 passive -20 ~ 80 c som-4466tz2-m0a1e t16r 512kb a55e n/a n/a 18-bit 4 1 1 2 1 2 4 passive -40 ~ 85 c note: passive = fanless; active = with fan development board part no. description som-db4700-00a1e development board for etx packing list part no. description quantity - som-4466 etx module 1 1960058558n001 heatspreader 1 optional accessories part no. description 1960012091t00s semi-heatsink 114 x 96 x 15 mm 1750001980 cooler i-pm-m95w 114 x 96 x 15-sc 12v0.3a-35c 96ledk-a084sv45nb2 8.4" led panel 450n 800 x 600(g) g084sn05 v9 96ledk-c150xg40ng1 15" led panel 400n 1024 x 768(g) g150xge-l04 embedded os os part no. description wes2009 2070011641 image xpe wes2009 som-4466 v4.3 eng; sa wes7 2070011640 image wes7e som-4466 v5.1.4 eng; sa wec7 2070013746 image wec7 som-4466 v1.1 eng (rtl8105e only) analog rgb 18-bit lvds displayport 1 lvds to ttl 18-bit dp to lvds 24-bit 24-bit lvds/ 18-bit ttl option share with com2 primary ide 1066 mhz up to 4gb sata x 1 lpc bus dmi sata to ide irda usb 2.0 x 4 smbus hda codec azalia audio pci bus pci to isa msata socket isa bus sata x 2 super i/o lpt / fdd com x 2 kb/ms spi bios spi bus sata 7p connector x 2 line-in line-out mic amd g-series bga 413 19 x 19 mm amd fch a55e bga 605 23 x 23 mm sata x 1 secondary ide sata x 1 sata to ide 10/100 ethernet pcie x 1 lan connector x3 connector x1 lcd irda lpt/fdd ethernet miscellaneous com x 2 kb/ms vga audio usb pci bus connector x2 isa bus connector x4 ide one channel ddr3 www.advantech.com/products online download block diagram


▲Up To Search▲   

 
Price & Availability of 1750001980

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X