Part Number Hot Search : 
EG8306 2A710 60H3A2H SCL5604 E220A AN6612S ACTR433T S00DC13
Product Description
Full Text Search
 

To Download 1703403020-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/07/2017 please check www.molex.com for latest part information part number: 1703403020 status: active overview: impact? backplane connector and cable assembly system description: impact? 85 ohm plus 4 pair, right angle daughtercard, left guided, 10 columns, 120 circuits, plated through hole dimension 0.39mm, lead free documents: 3d model application specification as-76060-990-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-170540-999-001 (pdf) agency certification ul e29179 general product family backplane connectors series 170340 application conventional, coplanar, daughtercard application tooling documents tm-622018799 component type pcb receptacle overview impact? backplane connector and cable assembly system product name impact? upc 884982888449 physical circuits (loaded) 120 circuits (maximum) 120 color - resin gray durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 17.125/g number of columns 10 number of pairs 4 number of rows 12 orientation right angle pc tail length 1.20mm pcb locator no pcb retention none pcb thickness - recommended 1.00mm packaging type tray pitch - mating interface 1.35mm, 1.90mm pitch - termination interface 1.35mm, 1.90mm plating min - mating 0.762m polarized to pcb no stackable no surface mount compatible (smc) no temperature range - operating -55c to +85c termination interface: style through hole - compliant pin series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2017 (12 january 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 170340 series mates with 170335 impact? 85 ohm plus vertical header application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # daughter card module installation press-in tool 0622018641
electrical current - maximum per contact 0.75a data rate 25.0 gbps impedance 85? shield type n/a shielded no voltage - maximum 30v ac (rms)/dc solder process data lead-freeprocess capability n/a material info reference - drawing numbers application specification as-76060-990-001 electrical model document ee-170340-001 product specification ps-170540-999-001 s-parameter model sp-170340-001 sales drawing sd-170340-0002 symbol/footprint data sym-170340-3020 this document was generated on 03/07/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 1703403020-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X