Part Number Hot Search : 
4051B HMC1055 SK343 1D17AH ER306 T54FC T54FC DC9001
Product Description
Full Text Search
 

To Download 150224GS73100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions: [mm] recommended land pattern: [mm] schematic: properties test conditions value unit power dissipation p diss 102 mw peak forward current duty/ 10 @ 1 khz i f peak 100 ma continuous forward current i f 30 ma reverse current i rev 5 ma esd threshold/ human body model v esd hbm 2000 v absolute maximum ratings (ambient temperature 25c): chip technology ingan emitting color green lens type waterclear optical properties: operating temperature -40 c up to +85 c storage temperature (in original packaging) -40 c up to +85 c moisture sensitive level msl 3 general information: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas pld din iso 2768-1m description wl-smtw smd mono-color top led waterclear order code 150224GS73100 size revision status date business unit page 2214 001.000 valid 2016-04-25 eipal 1/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 0 , 9 0,55 1 , 3 1 2,3 2,0 1 , 4 1 2 polarity (cathode) 1 , 0 0,8 1,2 0,8 2 + 1 -
properties test conditions value unit min. typ. max. peak wavelength 20 ma peak 519 nm dominant wavelength 20 ma dom 528 nm luminous intensity 20 ma i v 935 1200 mcd forward voltage 20 ma v f 3 3.4 v spectral bandwidth 20 ma ? 30 nm reverse voltage 5 ma v rev 1.5 v viewing angle 20 ma 2 50% 120 electrical & optical properties: viewing angle: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas pld din iso 2768-1m description wl-smtw smd mono-color top led waterclear order code 150224GS73100 size revision status date business unit page 2214 001.000 valid 2016-04-25 eipal 2/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 100 100 90 90 80 80 70 70 60 60 50 50 40 40 30 30 20 20 10 10 0 0 10 20 30 40 50 60 70 80 90 - 45 - 90 60 relative luminous intensity (%)
spectral: forward current vs. forward voltage: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas pld din iso 2768-1m description wl-smtw smd mono-color top led waterclear order code 150224GS73100 size revision status date business unit page 2214 001.000 valid 2016-04-25 eipal 3/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 0 20 40 60 80 100 400 450 500 550 600 650 700 750 relative intensity [%] wavelength [nm] 0 5 10 15 20 25 30 35 0,0 0,5 1,0 1,5 2,0 2,5 3,0 3,5 4,0 forward current [ma] forward voltage [v]
luminous intensity vs. forward current: derating curve: wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas pld din iso 2768-1m description wl-smtw smd mono-color top led waterclear order code 150224GS73100 size revision status date business unit page 2214 001.000 valid 2016-04-25 eipal 4/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 0 5 10 15 20 25 30 35 luminous intensity [mcd] forward current [ma] 0 5 10 15 20 25 30 35 40 0 20 40 60 80 100 120 ambient temperature [ c] forward current [ma] ambient temperature [ c] forward current [ma]
classification reflow profile for smt components: profile feature value preheat temperature min t s min 150 c preheat temperature max t s max 200 c preheat time t s from t s min to t s max t s max. 60 - 120 seconds ramp-up rate (t l to t p ) 3 c/ second max. liquidous temperature t l 217 c time t l maintained above t l t l max. 60 seconds peak package body temperature t p see table time within 5c of actual peak temperaure t p max. 10 seconds ramp-down rate (t l to t p ) 6 c/ second max. time 25c to peak temperature max. 220 seconds classification reflow soldering profile: refer to ipc/ jedec j-std-020e properties volume mm3 <350 volume mm3 350-2000 volume mm3 >2000 pb-free assembly | package thickness < 1.6 mm 260 c 260 c 260 c pb-free assembly | package thickness 1.6 mm - 2.5 mm 260 c 250 c 245 c pb-free assembly | package thickness 2.5 mm 250 c 245 c 245 c applied cycles 2 cycles max. package classification reflow temperature: refer to ipc/ jedec j-std-020e wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas pld din iso 2768-1m description wl-smtw smd mono-color top led waterclear order code 150224GS73100 size revision status date business unit page 2214 001.000 valid 2016-04-25 eipal 5/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. time temperature t p t p t l t s t s max t s min t c ?5c t l 25 time 25c to peak preheat area max. ramp up rate = 3c/s max. ramp down rate = 6c/s
cautions and warnings: the following conditions apply to all goods within the product series of wl-smtw of wrth elektronik eisos gmbh & co. kg: general: all recommendations according to the general technical specifications of the data sheet have to be complied with. the usage and operation of the product within ambient conditions, which probably alloy or harm the component surface, has to be avoided. if the product is potted in customer applications, the potting material might shrink during and after hardening. the product is exposed to the pressure of the potting material with the effect that the led body, pins or termination is possibly damaged by this pressure and so the electrical as well as the mechanical characteristics are endangered to be affected. after the potting material is cured, the led body, pins or termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred. the responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of the customer. all technical specifications for standard products do also apply to customer specific products. washing varnish agent that is used during the production to clean the customer application might damage or change the characteristics of the led body, pins or termination. the washing varnish agent could have a negative effect on the long term function of the product. direct mechanical impact to the product shall be prevented as the material of the led body, pins or termination could flake or in the worst case it could break. the standard deliveries include values in the range and limitation as defined in the electrical optical properties specified in the datasheet. on each reel, only one bin is sorted and taped. the bin is defined on intensity, chromaticity coordinate or wavelength and forward voltage. in order to ensure highest availability, the reel binning of standard deliveries can vary. a single bin cannot be ordered. please contact us in advance, if you need a particular bin sorting before placing your order to clarify the lead time, moq and pricing. product specific: follow all instructions mentioned in the data sheet, especially: ? the soldering profile has to be complied with according to the technical reflow/ or wave soldering specification, otherwise this will void the warranty. ? all products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability cant be ensured. ? violation of the technical product specifications such as exceeding the absolute maximum ratings will void the warranty. ? it is also recommended to return the leds to the original moisture proof bag and reseal the moisture proof bag again. ? certain led surfaces consist of soft material. pressure on the top surface has to be handeled carefully to prevent negative influence to the function and reliability of the leds. ? esd prevention methods need to be applicated for manual handling and processing by machinery. ? resistors for protection are obligatory. ? luminaires in operation could harm human vision or skin on a photo-biological level, therefore direct light impact has to be avoided. all products are additionally certified as risk groups 0 to 2 according to din en 62471:2008. the general and prodcut specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and reliable; however, no responsibility is assumed for inaccuracies or incompleteness. wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas pld din iso 2768-1m description wl-smtw smd mono-color top led waterclear order code 150224GS73100 size revision status date business unit page 2214 001.000 valid 2016-04-25 eipal 6/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
important notes the following conditions apply to all goods within the product range of wrth elektronik eisos gmbh & co. kg: 1. general customer responsibility some goods within the product range of wrth elektronik eisos gmbh & co. kg contain statements regarding general suitability for certain application areas. these statements about suitability are based on our knowledge and experience of typical requirements concerning the areas, serve as general guidance and cannot be estimated as binding statements about the suitability for a customer application. the responsibility for the applicability and use in a particular customer design is always solely within the authority of the customer. due to this fact it is up to the customer to evaluate, where appropriate to investigate and decide whether the device with the specific product characteristics described in the product specification is valid and suitable for the respective customer application or not. 2. customer responsibility related to specific, in particular safety-relevant applications it has to be clearly pointed out that the possibility of a malfunction of electronic components or failure before the end of the usual lifetime cannot be completely eliminated in the current state of the art, even if the products are operated within the range of the specifications. in certain customer applications requiring a very high level of safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health it must be ensured by most advanced technological aid of suitable design of the customer application that no injury or damage is caused to third parties in the event of malfunction or failure of an electronic component. therefore, customer is cautioned to verify that data sheets are current before placing orders. the current data sheets can be downloaded at www.we-online.com. 3. best care and attention any product-specific notes, cautions and warnings must be strictly observed. any disregard will result in the loss of warranty. 4. customer support for product specifications some products within the product range may contain substances which are subject to restrictions in certain jurisdictions in order to serve specific technical requirements. necessary information is available on request. in this case the field sales engineer or the internal sales person in charge should be contacted who will be happy to support in this matter. 5. product r&d due to constant product improvement product specifications may change from time to time. as a standard reporting procedure of the product change notification (pcn) according to the jedec-standard inform about minor and major changes. in case of further queries regarding the pcn, the field sales engineer or the internal sales person in charge should be contacted. the basic responsibility of the customer as per section 1 and 2 remains unaffected. 6. product life cycle due to technical progress and economical evaluation we also reserve the right to discontinue production and delivery of products. as a standard reporting procedure of the product termination notification (ptn) according to the jedec-standard we will inform at an early stage about inevitable product discontinuance. according to this we cannot guarantee that all products within our product range will always be available. therefore it needs to be verified with the field sales engineer or the internal sales person in charge about the current product availability expectancy before or when the product for application design-in disposal is considered. the approach named above does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 7. property rights all the rights for contractual products produced by wrth elektronik eisos gmbh & co. kg on the basis of ideas, development contracts as well as models or templates that are subject to copyright, patent or commercial protection supplied to the customer will remain with wrth elektronik eisos gmbh & co. kg. wrth elektronik eisos gmbh & co. kg does not warrant or represent that any license, either expressed or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right relating to any combination, application, or process in which wrth elektronik eisos gmbh & co. kg components or services are used. 8. general terms and conditions unless otherwise agreed in individual contracts, all orders are subject to the current version of the general terms and conditions of wrth elektronik eisos group, last version available at www.we-online.com. wrth elektronik eisos gmbh & co. kg emc & inductive solutions max-eyth-str. 1 74638 waldenburg germany tel. +49 (0) 79 42 945 - 0 www.we-online.com eisos@we-online.com created checked general tolerance projection method kas pld din iso 2768-1m description wl-smtw smd mono-color top led waterclear order code 150224GS73100 size revision status date business unit page 2214 001.000 valid 2016-04-25 eipal 7/7 this electronic component has been designed and developed for usage in general electronic equipment only. this product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. moreover wrth elektronik eisos gmbh & co kg products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. wrth elektronik eisos gmbh & co kg must be informed about the intent of such usage before the design-in stage. in addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


▲Up To Search▲   

 
Price & Availability of 150224GS73100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X