|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
00800000 & 00800060 connectors ibbc C implement bus breakaway connector ? iso 11783-2 specifcations overview voltage: 12v standards: iso 11783-2 web resources download technical resources at: littelfuse.com/connectors description the new bus breakaway connector (ibbc) is an innovative connector for can based implement systems. the ibbc makes it possible to connect and power all implements and systems that require isobus communication. the necessary electronics to enable communication on a highly intelligent level are fully integrated. the ibbc maintains full compatibility with iso 11783-2 standard insuring the implement communication with tractor or construction vehicle. features and benefts ? fast assembly even with the cover closed. ? open/lock handle system can be used left or right. ? perfect sealing (water and dust). ? lock in a click exclusive system. ? maximum reliability even under the toughest conditions. ? the fastest one hand open/lock system ? less assembly and mounting time required ordering information part number voltage operating temperature ip body material type 00800000 12v -40 to +85 69k termoplastic master 00800060 12v -40 to +85 69k termoplastic slave 00800000 00800060 1 2 3 4 7 5 6 accessories part number img. description of accessories 00228500 1 corrugated tube cap for nw17 straight 00228560 2 adapter nw17 to nw13 00228600 3 corrugated tube cap for nw17 90 00228700 5 contact sleeves cables 510 mm 2 00228800 4 contact sleeves cables 23 mm 2 00229000 6 4p connector ecu/pass-through for tractor 00229600 7 terminating bias circuit (tbc) connector acc. to iso 11783-2 ? 2017 littelfuse commercial vehicle products rev: 090117 littelfuse.com commercial vehicle product datasheet 1 of 1
|
Price & Availability of 00800000 |