kemet part number: Z1206C501BPWZT k e m e t , z - p w z , f e r r i t e b e a d s , p o w e r , 7 0 m o h m s dimensions chip size 1206 l 3.2mm +/-0.3mm w 1.6mm +/-0.2mm t 1.6mm +/-0.2mm b 0.5mm +/-0.3mm packaging specifications packaging: t&r packaging quantity: 2000 general information series: z-pwz style: smd chip description: chip bead, power line features: for mhz range applications rohs: y e s specifications impedance: 500 ohms (100 mhz) i m p e d a n c e t o l e r a n c e : 30% current: 2000 mamps (max) t e m p e r a t u r e r a n g e : -40/+125c resistance: 0.07 ohms ? 2006 - 2018 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. generated 2/13/2018 - dd95baa8-4147-47ad-9233-b7c78ab7ebfb
|