Part Number Hot Search : 
KA2822 SB200 FS50SM MMSTA92 BI400 74ACT3 0M25V B3A30VD
Product Description
Full Text Search
 

To Download STEVAL-IDP003V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  october 2017 docid030643 rev 2 1 / 10 www.st.com steval - idp003v1 io - link industrial modular sensor board based on l6362a data brief features ? main supply voltage : 32 v maximum ? stm32l071cz microcontroller ? io - link phy using the l6362a device for data communication with host unit ? dc - dc converter and linear regulator on board ? inte grated reverse polarity protection on l6362a ics ? multi - sensor connection ? 400 khz i2c communication ? pcb designed to accept real industrial sensors (8 mm x 70 mm, with 0.8 mm thickness) ? designed to meet iec industrial standard requirements ? rohs compli ant description the steval - idp003v1 kit includes the steval - idp003v1d evaluation board based on the l6362a io - link device transceiver and stm32l071cz microcontroller for data pr ocessing , and the following sensor daughter boards: temperature sensor stts751 hosted on the steval - idp003v1t, mems sensor iis2dh hosted on the steval - idp003v1tv, mems sensor iis328dq hosted on the steval - idp003v1a and proximity sensor vl6180x hosted on the steval - idp003v 1p. the evaluation board is equipped with an industrial m12 connector (required by the standard) for connection with a single master ic using a 20 - meter cable. the wire is a normal three - pole wire: one for io - link data, one for the l+ line (positive supply voltage pole) and one for the l - line (negative supply voltage pole). the layout is designed to meet iec61000 - 4 - 2/4 and en60947 requirements for the industrial sector.
block identification steval - idp003v1 2 / 10 docid030643 rev 2 1 block identificatio n in the kit, the main board is the steval - idp003v1. figure 1 : steval - idp003v1 block identification the picture below shows the sensor daughter boards, from the top left corner in a clockwise direction: steval - idp003v1t, steval - idp003v1p, steval - idp003v1a and steval - idp003v1tv. the corresponding sensor part numbers are also shown. figure 2 : sensor boards
steval - idp003v1 schematic diagrams docid030643 rev 2 3 / 10 2 schematic diagrams figure 3 : steval - idp003v1 circuit schematic (1 of 6) 8 v vdfpn10 v c c c 6 18 n f 1 6 v c 2 2 . 2 f 5 0 v c 1 22 f 1 0 v r 1 4 3 r c 3 r2 4 k 7 c 5 82 p f 1 6 v r4 36 0 r l 1 470 h u 1 l798 6 t r o u t 1 1 3 s y n c h e n 4 5 c o m p f b 6 7 f s w 8 g n d v c c 2 2 o u t 2 1 0 9 v c c 1 1 1 e x _ p a d d 1 r3 5 . 6 k c 4 22 n f 1 6 v 220 n f 5 0 v
schematic diagrams steval - idp003v1 4 / 10 docid030643 rev 2 figure 4 : steval - idp003v1 circuit schematic (2 of 6) vibration sensor 3 v 3_a x 3 v 3_a x 3 v 3_a x 3 v 3_a x c 3 0 10u f 6 . 3 v r 4 0 10 k r 4 1 10 k r 4 2 10 k u 2 ii s 2 d h vdd_ i o 1 0 i 2 c _ sc l 1 gnd 1 6 i 2 c _ sd a 4 s a 0 3 c s 2 i n t 2 1 1 i n t 1 1 2 gnd 2 7 re s 5 vd d 9 gnd 3 8 c 2 9 100n f 10 v j 5 con 10 a 1 2 3 4 5 6 7 8 9 1 0 r 3 9 10 k i n t e rr up t 1_a x i 2 c _s c l_ m e m s_a x gnd _ a x gnd _ a x gnd _ a x i 2 c _s da _ m e m s_a x g n d_ a x i n t e rr up t 1_a x i 2 c _ sc l_ m e m s_a x i 2 c _ sda _ m e m s_a x gnd _ a x i n t e rr up t 1_a x i 2 c _ sda _ m e m s_a x i 2 c _ sc l_ m e m s_a x gnd _ a x
steval - idp003v1 schematic diagrams docid030643 rev 2 5 / 10 figure 5 : steval - idp003v1 circuit schematic (3 of 6) accelerometer sensor 3 v 3_ a 3 v 3_ a 3 v 3_ a 3 v 3_ a 3 v 3_ a r 2 9 10 k u 8 ii s328 d q vdd_ i o 1 4 nc 1 1 nc 2 2 i 2 c _s c l 1 1 gnd 1 6 i 2 c _s d a 1 6 s a 0 1 5 c s 1 2 r es 2 4 i n t 2 3 i n t 1 7 gnd 2 8 r es 1 1 3 vd d 5 nc 3 1 7 nc 4 1 8 gnd 3 9 gnd 4 1 0 n c 7 2 1 n c 6 2 0 n c 5 1 9 n c 1 0 2 4 n c 9 2 3 n c 8 2 2 r 3 0 10 k j 4 con 10 a 1 2 3 4 5 6 7 8 9 1 0 c 1 1 100n f 10 v r 3 3 10 k c 2 4 100n f 10 v r 3 4 10 k c 2 3 10u f 6 . 3 v i n t e rr up t 1_ a gnd _ a i n t e rr up t 1_ a gnd _ a i 2 c _s c l_ m e m s i 2 c _s d a_ m e m s i 2 c _s d a_ m e m s i 2 c _s c l_ m e m s gnd _ a gnd _ a gnd _ a gnd _ a i n t e rr up t 1_ a i 2 c _s d a_ m e m s i 2 c _s c l_ m e m s gnd _ a
schematic diagrams steval - idp003v1 6 / 10 docid030643 rev 2 figure 6 : steval - idp003v1 circuit schematic (4 of 6) temperature sensor 3 v 3_ t 3 v 3_ t 3 v 3_ t 3 v 3_ t 3 v 3_ t 3 v 3_ t r 3 7 10 k r 3 1 20 k r 3 8 10 k u 7 s tt s75 1 s c l 1 eve n t 2 s d a 6 vd d 3 gn d 5 add r / t her m 4 c 2 1 10p f 10 v j 3 con 10 a 1 2 3 4 5 6 7 8 9 1 0 r3 2 20 k g p i o _ t h e r m i 2 c _ sc l_ t h e r m i 2 c _ sd a_ t h e r m i 2c_s d a_ t h e r m i 2c_s c l_ t h e r m g p i o _ t h e r m i 2 c _s c l_ t h e r m i 2 c _s d a_ t her m g p i o _ t her m
steval - idp003v1 schematic diagrams docid030643 rev 2 7 / 10 figure 7 : steval - idp003v1 circuit schematic (5 of 6) proximity sensor 3 v 3_p r x 3 v 3_p r x 3 v 3_ pr x r 2 3 47 k c 2 0 4 . 7u f 6 . 3 v r 2 6 47 k u 6 vl6180 x g p i o - 1 1 nc 1 2 nc 2 3 g p i o - 0 4 s c l 5 s d a 6 nc 3 7 av dd _v c se l 8 avss_v c se l 9 av d d 1 0 nc 4 1 1 avs s 1 2 c 2 2 100n f 10 v j 6 con 10 a 1 2 3 4 5 6 7 8 9 1 0 i 2 c _s c l_p r x i 2 c _s d a_p r x gnd _p r x gnd _ pr x i 2 c _ sc l_p r x i 2 c _ sd a_p r x gnd _p r x g p i o - 1_p r x g p i o - 1_p r x g p i o - 1_p r x i 2 c _s d a_p r x i 2 c _s c l_ pr x gnd _p r x
schematic diagrams steval - idp003v1 8 / 10 docid030643 rev 2 figure 8 : steval - idp003v1 circuit schematic (6 of 6) microcontroller linear regulator vl6180x vdfpn 6 vc c vc c 8 v 3 v 3 3 v 3- ic 3 v 3-e x t 3 v 3 3 v 3-e x t 3 v 3 3 v 3 3 v 3 3 v 3 3 v 3 3 v 3 3 v 3 3 v 3-e x t 3 v 3 3 v 3 3 v 3 j p 1 conn av 4- j 1 4 3 2 d 5 red le d c3 1 10pf 10 v r 6 4k 7 y 1 24 m h z s w 1 rese t r1 3 100 r r1 0 10 k r 9 10 k r 5 22 k c1 4 47nf 10 v j2 con10 a 1 2 3 4 5 6 7 8 9 1 0 r1 5 100 r r2 0 2k 2 c1 7 10pf 10 v r 7 4k 7 c1 3 100nf 10 v r1 2 100 r d 4 nsr05 t 40p 2 r1 6 100 r c2 8 100nf 10 v r2 1 4k 7 c2 7 100nf 10 v c 9 10p f c1 8 1uf 16 v d 2 nsr05 t 40p 2 c1 6 10pf 10 v d 3 green le d c 7 10p f r1 9 4k 7 u 3 l6362 a vd d 1 i n 1 2 i n 2 3 en / diag 4 ou t /iq 5 o l 6 gn d 7 se l 8 ou t l 9 iq 1 0 ou t h 1 1 vc c 1 2 c1 0 10p f j1 con 5 1 2 3 4 5 r4 3 0 r2 4 0 n . m . r1 8 2k 2 c1 5 10pf 6 v c 8 10p f c2 6 100nf 10 v r 8 0 n . m . r2 7 31 . 6k 1 % r2 5 100k n. m . c2 5 100nf 10 v c1 9 2 . 2uf 10v c1 2 1uf 50 v r1 7 0 u 5 ldfpu r p g 3 e n 5 gn d 4 ad j 2 vou t 1 v in 6 gnd 2 7 r1 4 100 r r3 5 0 n. m . r1 1 100 r u 4 s t m 32l071 x vdd 3 b 6 pc14 osc32_ in c 6 pc15 osc32_ou t c 7 nrs t d 5 pc1 3 b 7 pa 4 f 5 pa 1 e 4 pa 2 f 6 pa 3 g 7 pa 0 e 5 pa5 / adc 5 g 6 pa6 / adc 6 g 5 pa7 / adc 7 f 4 pb 0 g 4 pb 1 d 3 vs s d 4 vdd 1 a 7 pa 8 d 1 pa9 /i 2c1sc l e 2 pa10 /i 2c1sd a c 1 pa1 1 d 2 pa1 2 b 1 pa1 3 c 2 pa1 4 b 2 pa15 / ns s a 2 pb3 / sc k a 3 pb4 / spi1 m i s o b 3 pb5 / spi1 m os i a 4 pb 6 b 4 pb 7 c 3 boo t a 5 pb 8 b 5 pc 1 c 4 pc 2 e 7 vre f + e 6 vdd a f 7 pb 2 e 3 pb1 0 g 3 pb1 1 f 3 vdd 2 g 2 pb1 2 g 1 pb1 3 f 2 pb1 4 f 1 pb1 5 e 1 pc 6 a 6 pc 0 c 5 ph1 osc_ou t d 7 vdd i o 2 a 1 ph0 osc in d 6 r2 8 10k 1 % nrs t gn d en / diag gn d s w d io s w cl k nrs t en / diag i 2c_sd a i 2c_sc l s w cl k s w d io i n t errupt1 osc_ in osc_ou t osc_ in osc_ou t i 2c_sc l i 2c_sd a gn d i 2c_sc l i 2c_sd a i n t errupt1 i 2c_sc l i 2c_sd a i n t errupt1
steval - idp003v1 revision history docid030643 rev 2 9 / 10 3 revision history table 1: document revision history date version changes 09 - jun - 2017 1 initial release. 25 - oct - 2017 2 updated figure 3: "steval - idp003v1 circuit schematic (1 of 6)" . minor text changes.
steval - idp003v1 10 / 10 docid030643 rev 2 important notice C please read carefully stmicroelectronics nv and its subsidiaries (st) reserve the right to make changes, corrections, enhancements, modifications, and improvements to st products and/or to this document at any time without notice. purchasers should obtain the latest relevant information on st products before placing orders. st products are sold pursuant to sts terms and conditions of sale in place at the time of order acknowledgement. purchasers are solely responsible for the choice, selection, and use of st products and st assumes no liability for applicati on assistance or the design of purchasers products. no lice nse, express or implied, to any intellectual property right is granted by st herein. resale of st products with provisions different from the information set forth herein shall void any warranty granted by st f or such product. st and the st logo are trademarks of st. all other product or service names are the property of their respective owners. information in this document supersedes and replaces information previously supplied in any prior versions of this document. ? 2017 stmicroelectronics C a ll rights reserved


▲Up To Search▲   

 
Price & Availability of STEVAL-IDP003V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X