Part Number Hot Search : 
VUO105 RFU37 40A11 MOC208 MAX5481 LT2178A BAS20 2SC17
Product Description
Full Text Search
 

To Download SR5200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date:2014/10/20 http://www.dgniuhang.com page: 1 of 3 rev.:aa do-27/do-201ad voltage 20 thru 200volts 5.0 ampers current unit:(mm) features mechanical data production data sheet niu hang electronic co. ltd sr520 thru SR5200 schottky barrier rectifier maximum ratings and electrical characteristics (ta=25c(unless otherwise noted) single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. the plastic package carries underwriters laboratory flammability classification 94v-0 high temperature soldering guaranteed: low power loss,high efficiency metal silicon junction,majority carrier conduction 250c/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension high forward surge current capability case terminals polarity mounting position : any weight : 0.04 ounce, 1.10 grams : jedec do-27 molded plastic body : color band denotes cathode end : plated axial leads, solderable per mil-std-750, method 2026 0.220 (5.6) 0.197(5.0) dia. 0.052 (1.3) 0.035(0.9) dia. 0.375(9.5) 0.285(7.2) 1.0 (25.4) min. 1.0 (25.4) min. note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.thermal resistance from junction to ambient at 0.375 ? (9.5mm)lead length,p.c.b. mounted 20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 sr 520 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm v f 5.0 150.0 0.70 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 ? (9.5mm) lead length(see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 5.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 r q ja c j t j , t stg 25.0 400 pf c ma typical thermal resistance (note 2) c/w sr 530 sr 550 sr 540 sr 560 sr 580 sr 570 sr 590 100 70 100 sr 5100 70 49 70 90 63 90 storage temperature range c -65 to +150 -65 to +125 -65 to +150 20.0 10.0 0.55 0.85 500 150 105 150 sr 5150 200 140 200 sr 5200 0.95 2.0 0.2 mdd catalog number
production data sheet niu hang electronic co. ltd http://www.dgniuhang.com page: 2 of 3 date:2014/10/20 rev.:aa rating and characteristic curves fig.4- typical junction capacitance fig.3- typical reverse characteristics fig.2-typical instantaneous forward fig.5- maximum non - repetitive surge current a m b i e n t t e m p e r a t u r e , ( c ) average forward rectified current, amperes number of cycles at 60 hz peak forward surge current, amperes instantaneous forward current,amperes instantaneous forward voleage, volts percent of peak reverse voltage,% instantaneous reverse current, milliamperes reverse voltage,volts junction capacitance, pf fig. 6-typical transient thermal impedance t,pulse duration,sec. transient thermal impedance, c/w schottky barrier rectifier sr520 thru SR5200 5 4 3 2 1 0 0 25 50 75 100 125 150 175 single phase half wave 60hz resistive or inductive load sr570-SR5200 sr520-sr560 fig-forward current de-rating curve 0.2 0.4 0.6 0.8 1.0 1.1 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle sr550-sr560 sr520-sr540 sr570-sr5150 SR5200 0 30 60 90 120 150 100 10 1.0 0.1 0.01 0.001 tj=100 c tj=25 c 0.1 1.0 10 100 t j =25 c 10 100 1000 2000 sr550-SR5200 sr520-sr540 0.01 0.1 1 10 100 100 10 1 0.1 150 125 100 75 50 25 1 10 100 8.3ms single half sine-wave (jedec method)
page: 3 of 3 date:2014/10/20 rev.:aa production data sheet niu hang electronic co. ltd http://www.niuhang.com order information ? packing information t/r - 1.25k per box schottky barrier rectifier sr520 thru SR5200


▲Up To Search▲   

 
Price & Availability of SR5200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X