Part Number Hot Search : 
F1002 2560G APC77156 PD610 5KE40 VSC872 44200 GN202K
Product Description
Full Text Search
 

To Download SR3150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.0 amp schottky barrier rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t l =100 c fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 3.0a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note1) notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to lead vertical pc board mounting 0.5"(12.7mm) lead length. * low forward voltage drop * high current capability * high reliability * high surge current capability * epitaxial construction * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any typical thermal resistance r jl (note 2) vol t age range current 3.0 amperes a a v ma ma pf 3.0 80 0.5 10 10 -65 +150 -65 +150 250 0.92 operating storage temperature range t stg temperature range t j c c c /w SR3150 sr3200 units 150 200 v 150 200 v 105 140 v do-27 dimensions in inches and (millimeters) 1.0(25.4) min. 1.0(25.4) min. .375(9.5) .285(7.2) .052(1.3) .048(1.2) dia. .220(5.6) .197(5.0) dia. SR3150 thru sr3200 150 to 200 volts 26
0.1 1.0 .01 10 50 fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.5 1.0 1.5 2.0 2.5 3.0 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 tj=25 c 0 fig.2-typical forward characteristics fig.3-maximum non-repetitive forward surge current fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 500 600 700 400 300 200 100 0 .01 .05 .1 .5 1 5 10 50 100 40 20 0 60 100 80 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) p e a k f o r w a r d s u r g e c u r r e n t , ( a ) rating and characteristic curves (SR3150 thru sr3200) lead temperature,( c) fig.5 - typical reverse characteristics .1 1.0 10 100 r e v e r s e l e a k a g e c u r r e n t , ( m a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 tj=25 c tj=100 c 27 0 20 40 60 80 100 120 140 160 180 200


▲Up To Search▲   

 
Price & Availability of SR3150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X