Part Number Hot Search : 
91100 8M1012 N4751 SMB36 N4751 3404A 15530 2SC5323
Product Description
Full Text Search
 

To Download SMBJ300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  weight: 0.1 grams ( approx.) case: smb/do-214aa, transfer molded plastic 5.0 to 440volts 600watts smd transient voltage suppressors term inals :solderable per 40 a 600 w f a d b smbj series features    e maximum ratings and el ectrical characteristics @t a =25c unless ot herw ise specified smb / do-214 a a dim m in m ax a 3.30 3.94 b 4. 06 4. 70 c 1.91 2.21 d 0.15 0. 31 e 5. 00 5.59 f 2.00 2.62 g 0. 051 0.203 h 0.76 1.52 all dime nsions in mm 1 of 5 c g h characteristic sy m bol value unit peak p u lse power dissipation at t a = 25c (note 1 , 2, 5) figure 3 p ppm peak forward s urge current (note 3) i fsm peak p ul se current on 10/1000s waveform (note 1) figure 1 i ppm see table 1 a steady s tate power dissipation (note 2, 4) p m(av) 5.0 w operating and st orage t emperature range t j , t stg -55 to +150 c note: 1. non-repeti t ive current pulse, per figure 1 and derated above t a = 25c per figure 4 . 2. mounted on 40mm 2 copper pad. 3. 8.3m s si ngle half sine-wave duty cycle = 4 pulses per minutes maximum. 4. lead temperature at 75c = t l . 5. peak pul s e power waveform is 10/1000s. smbj series ! glas s passivated die construction ! 600w peak pulse power dissipation ! ! uni- and bi-directional versions available ! excellent clamping capability ! fast response time ! plastic case material has ul flammability mechanical dat a ! ! mil- std-202, method 208 ! polarity: cathode band or cathode notch ! marking: unidirectional ? device code and cathode band bidirectional ? device code only ! ! lead free: for rohs / lead free version z ibo seno electronic engineering co., ltd. www.senocn.com ?c? s u f f i x des i gnat es bi-directional devices ?a? suffix designates 5% tolerance devices no suffix designates 10% tolerance devices 5.0v-440v standoff voltage alldatasheet
0.11.0 t , pulse width (s) fig. 3 pulse rating curve p 0.1 10100 1.0 10 100 100010000 impulse t = 25c c p , peak pulse power (kw) p 012 3 100 50 0 i,peakpulsecurrent(%) pp p t=10ms r peak value i pp half value i /2 pp 10 x 1000 waveform as defined by r.e.a. t p t, time (ms) fig. 1 pulse w aveform 1 10 100 1000 10 100 1000 10,000 v , reverse st andoff voltage (v) fig. 2 typical junction capacitance rwm c , capacitance (pf) j measured at stand-off voltage measured at zero bias t = 25c j f = 1.0 mhz v = 50mv p-p sig 2 of 5 smbj series smbj series z ibo seno electronic engineering co., ltd. www.senocn.com 10 x 1000 waveform as defined by rea 0 25 50 75 100 125 150 175 200 100 75 50 25 0 t , ambient temperature (c) fig. 4 pulse derating curve a pk pulse derating (% pk pwr or current) alldatasheet
3. for bi-directional devices having v 2. v notes: 1. suffix c denotes bi-directional device. uni/bi-directional 5.0 to 440volts 600w smd transient voltage suppressors 3 of 5 smbj series smbj series br measured with i t current pulse = 300  s rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com type n u mber marking reverse stand-off voltage breakdown voltage min. @i t breakdow n v oltage max. @ i t test current maximum clam ping volt ag e @i pp peak pulse current rev ers e l eakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) smbj5.0 smbj5.0c kd ad 5.0 6.40 7.55 10 9.6 62.5 800.0 smbj5.0a smbj5.0ca ke ae 5. 0 6.40 7.25 10 9.2 65.2 800.0 smbj6.0 smbj6.0c kf af 6. 0 6.67 8.45 10 11.4 52.6 800.0 smbj6.0a smbj6.0ca kg ag 6.0 6.67 7.67 10 10.3 58.3 800.0 smbj6.5 smbj6.5c kh ah 6.5 7.22 9.14 10 12.3 48.8 500.0 smbj6.5a smbj6.5ca kk ak 6. 5 7.22 8.30 10 11.2 53.6 500.0 smbj7.0 smbj7.0c kl al 7.0 7.78 9.86 10 13.3 45.1 200.0 smbj7.0a smbj7.0ca km am 7.0 7.78 8.95 10 12.0 50.0 200.0 smbj7.5 smbj7.5c kn an 7. 5 8.33 10.67 1.0 14.3 42.0 100.0 smbj7.5a smbj7.5ca kp ap 7. 5 8.33 9.58 1.0 12.9 46.5 100.0 smbj8.0 smbj8.0c kq aq 8. 0 8.89 11.3 1.0 15.0 40.0 50.0 smbj8.0a smbj8.0ca kr ar 8.0 8.89 10.23 1. 0 13.6 44.1 50.0 smbj8.5 smbj8.5c ks as 8.5 9.44 1 1.92 1.0 15.9 37.7 20.0 smbj8.5a smbj8.5ca kt a t 8.5 9.44 10.82 1. 0 14.4 41.7 20.0 smbj9.0 smbj9.0c ku au 9. 0 10.0 12.6 1.0 16.9 35.5 10.0 smbj9.0a smbj9.0ca kv a v 9. 0 10.0 11.5 1.0 15.4 39.0 10.0 smbj10 smbj10c kw a w 10 11 .1 14.1 1.0 18.8 31.9 5.0 smbj10a smbj10ca kx ax 10 11.1 12.8 1.0 17.0 35.3 5.0 smbj11 smbj11 c ky ay 11 12.2 15.4 1.0 20.1 29.9 5.0 smbj11a smbj11 ca kz az 11 12.2 14.0 1.0 18.2 33.0 5.0 smbj12 smbj12c ld bd 12 13.3 16.9 1.0 22.0 27.3 5.0 smbj12a smbj12ca le be 12 13.3 15.3 1.0 19.9 30.2 5.0 smbj13 smbj13c lf bf 13 14.4 18.2 1.0 23.8 25.2 5.0 smbj13a smbj13ca lg bg 13 14.4 16.5 1.0 21.5 27.9 5.0 smbj14 smbj14c lh bh 14 15.6 19.8 1.0 25.8 23.3 5.0 smbj14a smbj14ca lk bk 14 15.6 17.9 1.0 23.2 25.9 5.0 smbj15 smbj15c ll bl 15 16. 7 21.1 1.0 26.9 22.3 5.0 smbj15a smbj15ca lm bm 15 16.7 19.2 1.0 24.4 24.6 5.0 smbj16 smbj16c ln bn 16 17.8 22.6 1.0 28.8 20.8 5.0 smbj16a smbj16ca lp bp 16 17.8 20.5 1.0 26.0 23.1 5.0 smbj17 smbj17c lq bq 17 18.9 23.9 1.0 30.5 19.7 5.0 smbj17a smbj17ca lr br 17 18.9 21.7 1.0 27.6 21.7 5.0 smbj18 smbj18c ls bs 18 20. 0 25.3 1.0 32.2 18.6 5.0 smbj18a smbj18ca lt bt 18 20.0 23.3 1.0 29.2 20.5 5.0 smbj20 smbj20c lu bu 20 22.2 28.1 1.0 35.8 16.8 5.0 smbj20a smbj20ca lv bv 20 22.2 25.5 1.0 32.4 18.5 5.0 for bi-directional type having vrwm of 10 vo lt s and less, the ir limit is double alldatasheet
3. for bi-directional devices having v 2. v notes: 1. suffix c denotes bi-directional device. uni/bi-directional 5.0 to 440volts 600w smd transient voltage suppressors 3 of 5 smbj series smbj series br measured with i t current pulse = 300  s rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com type n u mber marking reverse stand-off voltage breakdown voltage min. @i t breakdow n v oltage max. @ i t test current maximum clamping volt ag e @i pp peak pulse current rev ers e l eakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) smbj22 smbj22c lw bw 22 24.4 30.9 1.0 39.4 15.2 5.0 smbj22a smbj22ca lx bx 22 24.4 28.0 1.0 35.5 16.9 5.0 smbj24 smbj24c ly by 24 26. 7 33.8 1.0 43.0 14.0 5.0 smbj24a smbj24ca lz bz 24 26.7 30.7 1.0 38.9 15.4 5.0 smbj26 smbj26c md cd 26 28. 9 36.6 1.0 46.6 12.9 5.0 smbj26a smbj26ca me ce 26 28.9 33.2 1.0 42.1 14.3 5.0 smbj28 smbj28c mf cf 28 31.1 39.4 1.0 50.0 12.0 5.0 smbj28a smbj28ca mg cg 28 31.1 35.8 1.0 45.4 13.2 5.0 smbj30 smbj30c mh ch 30 33. 3 42.2 1.0 53.5 11.2 5.0 smbj30a smbj30ca mk ck 30 33.3 38.3 1.0 48.4 12.4 5.0 smbj33 smbj33c ml cl 33 36.7 46.5 1.0 59.0 10.2 5.0 smbj33a smbj33ca mm cm 33 36. 7 42.2 1.0 53.3 11.3 5.0 smbj36 smbj36c mn cn 36 40. 0 50.7 1.0 64.3 9.3 5.0 smbj36a smbj36ca mp cp 36 40.0 46.0 1.0 58.1 10.3 5.0 smbj40 smbj40c mq cq 40 44. 4 56.3 1.0 71.4 8.4 5.0 smbj40a smbj40ca mr cr 40 44. 4 51.1 1.0 64.5 9.3 5.0 smbj43 smbj43c ms cs 43 47. 8 60.5 1.0 76.7 7.8 5.0 smbj43a smbj43ca mt ct 43 47.8 54.9 1.0 69. 4 8.6 5.0 smbj45 smbj45c mu cu 45 50. 0 63.3 1.0 80.3 7.5 5.0 smbj45a smbj45ca mv cv 45 50.0 57.5 1.0 72. 7 8.3 5.0 smbj48 smbj48c mw cw 48 53. 3 67.5 1.0 85.5 7.0 5.0 smbj48a smbj48ca mx cx 48 53.3 61.3 1.0 77. 4 7.8 5.0 smbj51 smbj51c my cy 51 56. 7 71.8 1.0 91.1 6.6 5.0 smbj51a smbj51ca mz cz 51 56.7 65.2 1.0 82. 4 7.3 5.0 smbj54 smbj54c nd dd 54 60.0 76.0 1.0 96.3 6.2 5.0 smbj54a smbj54ca ne de 54 60.0 69.0 1.0 87. 1 6.9 5.0 smbj58 smbj58c nf df 58 64.4 81.6 1.0 103 5.8 5.0 smbj58a smbj58ca ng dg 58 64.4 74.1 1.0 93. 6 6.4 5.0 smbj60 smbj60c nh dh 60 66. 7 84.5 1.0 107 5.6 5.0 smbj60a smbj60ca nk dk 60 66.7 76.7 1.0 96. 8 6.2 5.0 smbj64 smbj64c nl dl 64 71. 1 90.1 1.0 114 5.3 5.0 smbj64a smbj64ca nm dm 64 71.1 81.8 1.0 103 5.8 5.0 smbj70 smbj70c nn dn 70 77. 8 98.6 1.0 125 4.8 5.0 smbj70a smbj70ca np dp 70 77.8 89.5 1.0 113 5.3 5.0 smbj75 smbj75c nq dq 75 83.0 105.7 1.0 134 4.5 5.0 smbj75a smbj75ca nr dr 75 83. 0 95.8 1.0 121 5.0 5.0 smbj78 smbj78c ns ds 78 86.0 109.8 1.0 139 4.3 5.0 smbj78a smbj78ca nt dt 78 86.0 99.7 1.0 126 4.8 5.0 for bi-directional type having vrwm of 10 vo lt s and less, the ir limit is double alldatasheet
3. for bi-directional devices having v 2. v notes: 1. suffix c denotes bi-directional device. uni/bi-directional 5.0 to 440volts 600w smd transient voltage suppressors 4 of 5 smbj series smbj series br measured with i t current pulse = 300  s rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com ty p e n u mber ma rking reverse s tand-off voltage breakdown v oltage min. @i t breakdow n v o ltage max. @ i t t est current maximum clam ping vo lt ag e @i pp peak pu lse current revers e l eakag e @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (m a ) v c (v) i pp (a ) i r (u a ) smbj85 smbj85c nu du 85 94.0 119.2 1.0 151 4.0 5.0 smbj85a smbj85ca nv dv 85 94.0 108.2 1.0 137 4.4 5.0 smbj90 smbj90c nw dw 90 100 126.5 1.0 160 3.8 5.0 smbj90a smbj90ca nx dx 90 100 1 15.5 1.0 146 4.1 5.0 smbj100 smbj100c ny dy 100 1 11 141.0 1.0 179 3.4 5.0 smbj100a smbj100 ca nz dz 100 111 128.0 1.0 162 3.7 5.0 smbj110 smbj110c pd ed 1 10 122 154.5 1.0 196 3.1 5.0 smbj110a smbj110ca pe ee 1 10 122 140.5 1.0 177 3.4 5.0 smbj120 smbj120c pf ef 120 133 169.0 1.0 214 2.8 5.0 smbj120a smbj120ca pg eg 120 133 153.0 1.0 193 3.1 5.0 smbj130 smbj130 c ph eh 130 144 182.5 1.0 231 2.6 5.0 smbj130a smbj130ca pk ek 130 144 165.5 1.0 209 2.9 5.0 smbj150 smbj150 c pl el 150 167 21 1.5 1.0 268 2.2 5.0 smbj150a smbj150 ca pm em 150 167 192.5 1.0 243 2.5 5.0 smbj160 smbj160c pn en 160 178 226.0 1.0 287 2.1 5.0 smbj160a smbj160ca pp ep 160 178 205.0 1.0 259 2.3 5.0 smbj170 smbj170c pq eq 170 189 239.5 1.0 304 2.0 5.0 smbj170a smbj170ca pr er 170 189 217.5 1.0 275 2.2 5.0 smbj180 smbj180 c ps es 180 200 253.8 1.0 321 1.9 5.0 smbj180a smbj180ca pt et 180 200 230.4 1.0 290 2.1 5.0 smbj190 smbj190 c pu eu 190 21 1 267.9 1.0 339 1.8 5.0 smbj190a smbj190ca pv ev 190 21 1 243.2 1.0 306 2.0 5.0 smbj200 smbj200c pw ew 200 222 282.0 1.0 356 1.7 5.0 smbj200a smbj200 ca px ex 200 222 256.0 1.0 322 1.9 5.0 smbj210 smbj210c py ey 210 233 296.1 1.0 375 1.6 5.0 smbj210a smbj210ca pz ez 210 233 268.8 1.0 339 1.8 5.0 smbj220 smbj220 c qd f d 220 244 310.2 1.0 392 1.5 5.0 smbj220a smbj220ca qe f e 220 244 281.6 1.0 355 1.7 5.0 smbj250 smbj250 c qf f f 250 278 342.5 1.0 447 1.3 5.0 smbj250a smbj250ca qg f g 250 278 309.0 1.0 403 1.5 5.0 SMBJ300 SMBJ300c qh f h 300 333 411.0 1.0 535 1.1 5.0 SMBJ300a SMBJ300 ca qk f k 300 333 371.0 1.0 484 1.2 5.0 smbj350 smbj350c ql f l 350 389 479.5 1.0 624 1.0 5.0 smbj350a smbj350 ca qm f m 350 389 432.0 1.0 565 1.1 5.0 smbj400 smbj400c qn f n 400 444 548.0 1.0 687 0.9 5.0 smbj400a smbj400ca qp f p 400 444 494.0 1.0 645 0.9 5.0 smbj440 smbj440c qq f q 440 489 602.8 1.0 786 0.8 5.0 smbj440a smbj440ca qr f r 440 489 543.0 1.0 710 0.8 5.0 for bi-directional type having vrwm of 10 vo lt s and less, the ir limit is double alldatasheet


▲Up To Search▲   

 
Price & Availability of SMBJ300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X