Part Number Hot Search : 
DTA124T 09100 DTC144E 1N4751A AC125 0512E 78MXX SR208
Product Description
Full Text Search
 

To Download SLC1049-101ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C slc1049 document 498-1 document 498-1 revised 09/15/15 1. when ordering, please specify termination and packaging codes: slc1049-151m lc termination: l = rohs compliant matte tin over nickel over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (250 per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape (1000 per full reel). factory order only, not stocked. 2. inductance tested at 100 khz, 0.1 vrms using an agilent/hp 4263b lcr meter or equivalent. 3. dcr is measured on a micro-ohmmeter at points indicated in the dimensional diagram. 4. srf measured with coils connected in series using an agilent/hp 8753es network analyzer or equivalent. 5. dc current at 25c that causes a 20% (typ) inductance drop from its value without current. click for temperature derating information . 6. current that causes a 40c temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. l dcr srf 20% 2 (mohms) 3 typ 4 i sat 5 i rms 6 part number 1 (h) typ max (mhz) (a) (a) slc1049-750ml_ 0.075 0.230 0.246 200 61.0 43.0 SLC1049-101ML_ 0.100 0.230 0.246 145 50.0 43.0 slc1049-121ml_ 0.125 0.230 0.246 140 37.0 43.0 slc1049-151ml_ 0.150 0.230 0.246 133 30.0 43.0 slc1049-231ml_ 0.230 0.230 0.246 70 25.5 43.0 recommended land p attern 0.401 10,20 max 0.203 5,16 0.118 3,00 0.148 3,76 0.130 3,30 0.311 7,90 max 0.100 2,54 min 0.271 6,88 max dash number inter nal code p oints used f or measur ing dcr xxx x dimensions are in inches mm core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant matte tin over nickel over copper. other terminations available at additional cost. weight 1.25 C 1.30 g ambient temperature C40c to +85c with (40c rise) i rms current. maximum part temperature +125c (ambient + temp rise). derating . storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 250/7 reel; 1000/13 reel plastic tape: 24 mm wide, 0.35 mm thick, 12 mm pocket spacing, 5.08 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . ? designed foruse in multi-phase vrm/vrd regulators and high current/high frequency dc/dc converters. ? requires only 70 mm 2 of board space; can handle up to 61 a.
document 498-2 document 498-2 revised 09/15/15 l vs frequency esr vs frequency typical temperature rise vs current 80 70 60 50 40 30 20 0 10 t emperature r ise (f ro m 2 5c) current (a rms) 10 03 04 0 20 50 60 70 l vs current 0 50 40 30 20 10 1 0.1 10 100 1000 equiv alent series resistance (ohms) frequency (mhz ) 0.125 h 0.230 h 0.100 h 0.150 h 0.075 h 0.1 11 0 100 frequency (mhz ) 0.25 0.20 0.15 0.10 0.05 inductance (h ) 0.150 h 0.230 h 0.125 h 0.100 h 0.075 h 0.20 0.25 0.15 0.10 0.05 0 0.1 11 0 100 inductance (h ) current (a) 0.150 h 0.230 h 0.125 h 0.100 h 0.075 h shielded power inductors - slc1049 series


▲Up To Search▲   

 
Price & Availability of SLC1049-101ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X