Part Number Hot Search : 
MKP1837 16386 BAS40W MK1432S 68HC11 F1750 FGD4536 N4002
Product Description
Full Text Search
 

To Download RR4-1215D08A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1) these are stress ratngs. exposure of devices to any of these conditons may adversely afect long-term reliability. 2) (1.5mm from case 10sec max.) 3) all specifcatons typical at ta= 25c, nominal input voltage and full load unless otherwise specifed. 4) the informaton and specifcaton contained in this data sheet are believed to be correct at tme of publicaton. however rsg accepts no responsibility for consequences arising from printng errors or inaccuracies. specifcatons are subject to change without notce. dc/dc-converter rr4-s08/d08 8.0w 2:1 regulated sing - le & dual output ? 24 pin dil package ? wide 2:1 input range ? 1500vdc isolaton ? high power density ? contnuous short circuit protecton ? low ripple and noise ? efciency up to 85% ? operatng temperature range -40 ~ +85c ? metal case output specification voltage accuracy: 1% line regulaton: single &dual 0.5% max. load regulation: from 0% to 100% load: 0.5 - 1% max. output 3.3v model: 1.5% cross regulaton (dual output): 5% over current protecton: 150%of fl, typ.. short circuit protecton : indefnite (automatc recovery) ripple noise (20mhz bandwidth): 75mv pk-pk temperature coefcient: 0.02%/c capacitor load: see table input specifications voltage range: see table max. input current: see table no-load/full-load input current: see table input filter: pi type input refected ripple current : 35ma pk-pk typ. general specifications efciency: see table typ. i/o isolaton voltage (60sec): 1500vdc i/o isolaton voltage metal case: 1000vdc i/o isolaton capacitance: 1000pf typ. i/o isolaton resistance: 1000m ohm switching frequency: 330khz, typ. humidity: 95% rel h reliability calculated mtbf : > 0.91mhrs (mil-hdbk-217 f) safety standard: (designed to meet): iec 60950-1 environmental specification operatng temperature range: -40c ~+85c (see deratng curve) maximum case temperature: 100c storage temperature : -40c ~+125c cooling : nature convecton physical specifications: case material: nickel-coated copper pin material: 0.5mm brass solder coated potng material: epoxy (ul94v-0 rated) weight case-dip: 17.0g dimmension dip: 1.25 x 0.8 x 0.4 absolute maximum ratings (1) input surge voltage (100ms)/ 12v models: 25vdc max. 24v models: 50vdc max. 48v models: 100vdc max. soldering temperature: 260c max. emc specifications (2) radiated-/conducted emissions: en55022 class a see emi filter esd: iec 61000-4-2 perf.criteria a rs: iec 61000-4-3 perf.criteria a eft: iec 61000-4-4 perf.criteria a surge: iec 61000-4-5 perf.criteria a cs: iec 61000-4-6 perf.criteria a pfmf iec 61000-4-8 perf.criteria a dc/dc-converter 8.0w 2:1 regulated single & dual output we energize electronics! an acal group company we energize electronics! rsg electronic components gmbh ? sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ? rsg-electronic.de page 1 (4) stand juni 2016 rev 01
dc/dc-converter rr4-s08/d08 6.0w regulated single & dual output dc/dc-converter 8.0w 2:1 regulated single & dual output we energize electronics! an acal group company we energize electronics! rsg electronic components gmbh ? sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ? rsg-electronic.de page 2 (4) stand juni 2016 rev 01 vd - 8w 2:1 regulated single & dual output part number structure the models listed above is just for standard type. if you need the s pecial specification product, please contact our service member by telephone presented in shortform cover or e-mail to : sales@motien.com.tw model selection guide vd - 24 05 s 8 8 watt se r ies name output type s - single output d - dual output output voltage 3r3 - 3.3v 5 - 5v 12 - 12v 15 - 15v input voltage range 12 - 9 ~ 18v 24 - 18 ~ 36v 48 - 36 ~ 72v 50% 25% 75% 100% output power -40 -20 0 20 40 60 80 100 120 ambient temperature( c ) derating curve 85 s.o.a. input output model number voltage range no-load full load voltage min. load full load efficiency capacitor (vdc) (ma) (ma) (vdc) (ma) (ma) @fl(%) load(uf) rr4-1203s08a1 9-18 20 687 3.3 0 2000 80 3300 rr4-1205s08a1 9-18 20 762 5 0 1500 82 2200 rr4-1212s08a1 9-18 20 784 12 0 665 85 470 rr4-1215s08a1 9-18 20 803 15 0 535 83 220 rr4-1205d08a1 9-18 20 813 5 0 800 82 1000 rr4-1212d08a1 9-18 20 794 12 0 335 84 220 rr4-1215d08a1 9-18 20 794 15 0 265 84 100 rr4-2403s08a1 18-36 15 344 3.3 0 2000 80 3300 rr4-2405s08a1 18-36 15 381 5 0 1500 82 2200 rr4-2412s08a1 18-36 15 392 12 0 665 85 470 rr4-2415s08a1 18-36 15 397 15 0 535 84 220 rr4-2405d08a1 18-36 15 407 5 0 800 82 1000 rr4-2412d08a1 18-36 15 402 12 0 335 83 220 rr4-2415d08a1 18-36 15 392 15 0 265 85 100 rr4-4803s08a1 36-72 15 172 3.3 0 2000 80 3300 rr4-4805s08a1 36-72 15 191 5 0 1500 82 2200 rr4-4812s08a1 36-72 15 198 12 0 665 84 470 rr4-4815s08a1 36-72 15 198 15 0 535 84 220 rr4-4805d08a1 36-72 15 203 5 0 800 82 1000 rr4-4812d08a1 36-72 15 196 12 0 335 85 220 rr4-4815d08a1 36-72 15 196 15 0 265 85 100 input current output cur rent 1. one load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within 5%. 2. 3. test by nominal input voltage and constant resistor load. 4. measured input reflected ripple current with a simulated source inductance of 12uh. 5. operation under no-load and 10% conditions will not damage these devices, however they may not meet all listed specifications. 6. it s necessary to add minimum capacitor in output for some models, please check single model datasheet for detail value. 7. input filter components (c1, l) are used to help meet conducted emissions requirement for the module. these components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. 8. an external filter capacitor is required if the module has to meet iec61000-4-4 and iec61000-4-5. the filter capacitor rsg suggest: nippon - chemi - con ky series, 220uf/100v. 9. exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. ripple/noise measured with a 1uf ceramic capacitor. dc/dc converter +vout -vout +vin -vin c1 load l c1 l 100uf, 100v 12uh rr4-12xxxxx 10 0uf, 100v 12uh rr4-24xxxxx 10 0uf, 100v 12uh rr4-48xxxxx note r r 4 - xx xx s/d xx power (w) input t ype a x code inter nal isolation (kvdc)
dc/dc-converter rr4-s08/d08 6.0w regulated single & dual output dc/dc-converter 8.0w 2:1 regulated single & dual output we energize electronics! an acal group company we energize electronics! rsg electronic components gmbh ? sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ? rsg-electronic.de page 3 (4) stand juni 2016 rev 01 vd - 8w 2:1 regulated single & dual output efficiency vs output current 70 75 80 85 90 0% 20% 40% 60% 80% 100% 120% load efficiency(%) hi line lo line nominal 48 models efficiency vs output current 70 75 80 85 90 0% 20% 40% 60% 80% 100% 120% load efficiency(%) efficiency vs output current 70 75 80 85 90 0% 20% 40% 60% 80% 100% 120% load efficiency(%) hi line lo line nominal hi line lo line nominal 12 models 24 models note input reflected ripple current test step input reflected ripple current is measured through a source inductor lin(12uh) and a source capacitor cin(47uf, esr<1.0? at 100khz) at nominal input and full load. output ripple & noise measurement test use a capacitor cout(1.0uf) measurement. the scope measurement bandwidth is 0-20mhz. dc/dc converter +vout -vout +vin -vin load lin cin current probe test configurations +vout -vout cout 1uf resistive load scope copper strip single dc/dc converter the models listed above is just for standard type. if you need the special specification product, please contact our serv ice member by telephone presented in shortform cover or e-ma il to : sales@motien.com.tw 3 test configurations
dc/dc-converter rr4-s08/d08 6.0w regulated single & dual output dc/dc-converter 8.0w 2:1 regulated single & dual output we energize electronics! an acal group company we energize electronics! rsg electronic components gmbh ? sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ? rsg-electronic.de page 4 (4) stand juni 2016 rev 01 mechanical specifications pin connections pin number 2 3 11 9 14 16 22 23 single - v input - v input - v input - v input + v output + v output n . p. common n.c. - v output - v output c ommon + v input + v input + v input + v input d ual vd - 8w 2:1 regulated single & dual output 24 pin dil package nickel-coated copper bottom view 31.75 (1.25) 20.32 (0.8) 22.86 (0.9) 2.54 (0.10) dia 0.50 (0.02) 15.24 (0.60) printed face 10.16 (0.40) 3.00 (0.12) built-in stand-offs help air convection dc-dc converter rr4-xxxxxx r s g xxxx 23 11 16 14 23 22 9 notes: all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) 4 motien iso 9001 . iso 14001 . iecq qc080000 last update : aug.26.2014 no. 9, keji 2nd rd., tainan technology industrial park, taina n city 70955, taiwan te l : 886-6-384 2366 (rep.) fax: 886-6-384 2399 website : email : www.motien.com.tw sales@motien.com.tw approved: drawing: d,e/>^w/&/d/ke^            the models listed here are just standard type. if you need a product with special specifcaton or you have questons regarding packing standards (tube oder tape/reel) as well as applicaton support, please contact our specialists: sales @ rsg-electronic.de or +49 69-984047-41/-28


▲Up To Search▲   

 
Price & Availability of RR4-1215D08A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X