Part Number Hot Search : 
LVC244 PT5S7TD0 D7677 TDA10045 MRF485 IRFP254 BZT52C18 JRC0178
Product Description
Full Text Search
 

To Download RIF-4-RPT-LV-120AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2903274 3/7/14???page? 1 ?/? 7 relay module?-?RIF-4-RPT-LV-120AC/3x1?-?2903274 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket. contact type: 3 n/o contacts. input voltage: 120 v ac the figure shows the 24 v dc version key commercial data packing unit 1 pc weight per piece (excluding packing) 208.0 grm custom tariff number 85364900 country of origin germany technical data dimensions width 43 mm height 111 mm depth 90 mm ambient conditions ambient temperature (operation) -40 c ... 40 c ambient temperature (storage/transport) -40 c ... 85 c coil side nominal input voltage u n 120 v ac input voltage range in reference to u n (see diagram) nominal input current at u in 24 ma typical response time 5 ms ... 25 ms typical release time range 5 ms ... 20 ms operating voltage display yellow led a2 a1 14 34 24 11 31 21 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coilac coil 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 4 10 4 10 5 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/us/products/2903274 3/7/14???page? 2 ?/? 7 relay module?-?RIF-4-RPT-LV-120AC/3x1?-?2903274 technical data coil side protective circuit varistor contact side contact type 3 n/o contacts contact material agni maximum switching voltage 440 v ac 250 v dc minimum switching voltage 10 v (at 24 ma) maximum inrush current 50 a (20 ms, n/o contact) min. switching current 10 ma (at 24 v) limiting continuous current 8 a (see diagram) interrupting rating (ohmic load) max. 216 w (at 24 v dc) 480 w (at 48 v dc) 600 w (at 60 v dc) 660 w (at 110 v dc) 183 w (at 220 v dc) 2250 va (for 250 v ac) 4000 va (at 440 v ac) switching capacity in acc. with din vde 0660/iec 60947 1 a (24 v (dc13)) 1.5 a (230 v (ac 15)) motor load according to ul 508 1/3 hp, 120 v ac (single-phase ac motor) 1/2 hp, 240 v ac (single-phase ac motor) 1/2 hp, 240 v ac (three-phase induction motor) connection data connection method push-in connection connection name input connection method push-in connection conductor cross section solid min. 0.14 mm2 conductor cross section solid max. 1.5 mm2 conductor cross section stranded min. 0.14 mm2 conductor cross section stranded max. 1.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.14 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 1.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve min. 0.14 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm2 conductor cross section awg/kcmil min. 26 conductor cross section awg/kcmil max 16 a2 a1 14 34 24 11 31 21 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coilac coil 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 4 10 4 10 5 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/us/products/2903274 3/7/14???page? 3 ?/? 7 relay module?-?RIF-4-RPT-LV-120AC/3x1?-?2903274 technical data connection data stripping length 8 mm connection name output connection method push-in connection conductor cross section solid min. 0.14 mm2 conductor cross section solid max. 2.5 mm2 conductor cross section stranded min. 0.14 mm2 conductor cross section stranded max. 2.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.14 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 2.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve min. 0.14 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm2 conductor cross section awg/kcmil min. 26 conductor cross section awg/kcmil max 14 stripping length 10 mm general test voltage relay winding/relay contact 2.5 kv rms (50 hz, 1 min.) test voltage relay contact/relay contact 2.5 kv rms (50 hz, 1 min.) operating mode 100% operating factor degree of protection ip20 (relay socket) rt i (relay) mechanical service life approx. 10 7 cycles standards/regulations din en 50178 iec 62103 rated insulation voltage 250 v ac pollution degree 2 surge voltage category iii mounting position any assembly instructions in rows with zero spacing articles in set relay socket?-?rif-4-bpt/3x21?-?2900961 rif-4... relay base, for high-power relay with 2 or 3 pdts or 3 n/o contacts, push-in connection, plug-in option for input/ suppressor modules, for mounting on ns 35/7,5 ? ? a2 a1 14 34 24 11 31 21 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coilac coil 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 4 10 4 10 5 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/us/products/2903274 3/7/14???page? 4 ?/? 7 relay module?-?RIF-4-RPT-LV-120AC/3x1?-?2903274 articles in set single relay?-?rel-pr3-120ac/3x1?-?2903708 plug-in high-power relay with power contacts, 3 n/o contacts, coil voltage: 120 v ac ? ? plug-in module?-?rif-lv-120-230 ac/110 dc?-?2900944 plug-in module, for mounting on rif-1, rif-2, rif-3, and rif-4, with varistor and yellow led, input voltage: 120 - 230 v ac/110 v dc 20% ? ? retaining bracket?-?rif-rh-4?-?2900956 relay retaining bracket, with holder for marking material, suitable for rif-4 relay base, for high-power relay ? ? classifications ecl@ss ecl@ss 4.0 27371102 ecl@ss 4.1 27371102 ecl@ss 5.0 27371601 ecl@ss 5.1 27371601 ecl@ss 6.0 27371601 ecl@ss 7.0 27371601 ecl@ss 8.0 27371601 etim etim 3.0 ec001456 etim 4.0 ec001456 etim 5.0 ec001437 a2 a1 14 34 24 11 31 21 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coilac coil 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 4 10 4 10 5 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/us/products/2903274 3/7/14???page? 5 ?/? 7 relay module?-?RIF-4-RPT-LV-120AC/3x1?-?2903274 classifications unspsc unspsc 6.01 30211917 unspsc 7.0901 39121516 unspsc 11 39121516 unspsc 12.01 39121516 unspsc 13.2 39121516 approvals approvals approvals csa ex approvals approvals submitted approval details csa? drawings a2 a1 14 34 24 11 31 21 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coilac coil 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 4 10 4 10 5 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/us/products/2903274 3/7/14???page? 6 ?/? 7 relay module?-?RIF-4-RPT-LV-120AC/3x1?-?2903274 circuit diagram ac coils diagram operating voltage range diagram interrupting rating diagram contact derating diagram electrical service life diagram service life reduction factor a2 a1 14 34 24 11 31 21 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coilac coil 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 4 10 4 10 5 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]
https://www.phoenixcontact.com/us/products/2903274 3/7/14???page? 7 ?/? 7 ? phoenix contact 2013 - all rights reserved http://www.phoenixcontact.com a2 a1 14 34 24 11 31 21 20 30 40 50 60 70 80 1 2 3 4 5 6 7 8 9 10 11 ambient temperature [c] limiting continuous current per contact [a] dc coilac coil 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n dc coil (observe contact derating)ac coil (observe contact derating) cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2 0,1 0,2 0,3 0,5 1 2 4 6 10 20 10 20 30 50 70 100 300 200 switching voltage [v] switching current [a] ac, ohmic load dc, ohmic load ! 0 1 2 3 4 10 4 10 5 10 5 10 6 10 7 250 v ac, ohmic load cycles switching capacity [kva]


▲Up To Search▲   

 
Price & Availability of RIF-4-RPT-LV-120AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X