Part Number Hot Search : 
AMIS30 SSW524 AN6480 TEVAL S78L18 RM4190 HD29412 LS120
Product Description
Full Text Search
 

To Download RIF-0-RPT-24DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2903359 3/7/14???page? 1 ?/? 5 relay module?-?RIF-0-RPT-24DC/ 1au?-?2903359 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. contact type: 1 n/o contact. input voltage: 24 v dc key commercial data packing unit 1 pc weight per piece (excluding packing) 26.0 grm custom tariff number 85364110 country of origin germany technical data dimensions width 6.2 mm height 93 mm depth 66 mm ambient conditions ambient temperature (operation) -40 c ... 60 c ambient temperature (storage/transport) -40 c ... 85 c coil side nominal input voltage u n 24 v dc input voltage range in reference to u n (see diagram) nominal input current at u in 9 ma typical response time 5 ms typical release time 8 ms operating voltage display yellow led protective circuit damping diode 0,1 0,2 0,3 0,5 1 2 4 10 20 10 20 30 50 70 100 300 200 12 1 2 6 ac, ohmic loaddc, ohmic load switching voltage [v] switching current [a] cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 0 10 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n maximum continuous voltage at limiting continuous current = 6 aminimum operate voltage for pre-excitation with u and limiting continuous current = 6 a n a2- a1+ 14 13 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2
https://www.phoenixcontact.com/us/products/2903359 3/7/14???page? 2 ?/? 5 relay module?-?RIF-0-RPT-24DC/ 1au?-?2903359 technical data contact side contact type 1 n/o contact contact material agsno, hard gold-plated maximum switching voltage 30 v ac 36 v dc minimum switching voltage 100 mv (at 10 ma) maximum inrush current 50 ma min. switching current 1 ma (at 12 v) limiting continuous current 50 ma interrupting rating (ohmic load) max. 1.2 w (at 24 v dc) switching capacity in acc. with din vde 0660/iec 60947 1 a (24 v (dc13)) 3 a (230 v (ac 15)) note the following values are applicable if a gold layer is destroyed maximum switching voltage 250 v ac/dc minimum switching voltage 5 v (at 100 ma) limiting continuous current 6 a min. switching current 10 ma (at 12 v) interrupting rating (ohmic load) max. 140 w (at 24 v dc) 20 w (at 48 v dc) 18 w (at 60 v dc) 23 w (at 110 v dc) 40 w (at 220 v dc) 1500 va (for 250 v ac) connection data connection method push-in connection conductor cross section solid min. 0.14 mm2 conductor cross section solid max. 1.5 mm2 conductor cross section stranded min. 0.14 mm2 conductor cross section stranded max. 1.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.14 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 1.5 mm2 conductor cross section stranded, with ferrule without plastic sleeve min. 0.14 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 1.5 mm2 conductor cross section awg/kcmil min. 26 conductor cross section awg/kcmil max 16 stripping length 8 mm general 0,1 0,2 0,3 0,5 1 2 4 10 20 10 20 30 50 70 100 300 200 12 1 2 6 ac, ohmic loaddc, ohmic load switching voltage [v] switching current [a] cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 0 10 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n maximum continuous voltage at limiting continuous current = 6 aminimum operate voltage for pre-excitation with u and limiting continuous current = 6 a n a2- a1+ 14 13 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2
https://www.phoenixcontact.com/us/products/2903359 3/7/14???page? 3 ?/? 5 relay module?-?RIF-0-RPT-24DC/ 1au?-?2903359 technical data general test voltage relay winding/relay contact 4 kv rms (50 hz, 1 min.) operating mode 100% operating factor degree of protection ip20 (relay socket) rt iii (relay) mechanical service life approx. 2 x 10 7 cycles standards/regulations din en 50178 iec 62103 rated insulation voltage 250 v ac pollution degree 2 surge voltage category iii mounting position any assembly instructions in rows with zero spacing articles in set single relay?-?rel-mr- 24dc/21au?-?2961121 pluggable miniature relays, with multi-layer contact, 1 pdt, input voltage 24 v dc ? ? relay socket?-?rif-0-bpt/1?-?2901873 rif-0... relay base, for miniature power relay with 1 n/o contact or solid-state relays of the same design, push-in connection, for mounting on ns 35/7,5 ? ? classifications ecl@ss ecl@ss 4.0 27371102 ecl@ss 4.1 27371102 ecl@ss 5.0 27371603 ecl@ss 5.1 27371603 ecl@ss 6.0 27371603 0,1 0,2 0,3 0,5 1 2 4 10 20 10 20 30 50 70 100 300 200 12 1 2 6 ac, ohmic loaddc, ohmic load switching voltage [v] switching current [a] cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 0 10 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n maximum continuous voltage at limiting continuous current = 6 aminimum operate voltage for pre-excitation with u and limiting continuous current = 6 a n a2- a1+ 14 13 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2
https://www.phoenixcontact.com/us/products/2903359 3/7/14???page? 4 ?/? 5 relay module?-?RIF-0-RPT-24DC/ 1au?-?2903359 classifications ecl@ss ecl@ss 7.0 27371603 ecl@ss 8.0 27371603 etim etim 3.0 ec001456 etim 4.0 ec001456 etim 5.0 ec001437 unspsc unspsc 6.01 30211917 unspsc 7.0901 39121516 unspsc 11 39121516 unspsc 12.01 39121516 unspsc 13.2 39121516 drawings circuit diagram dc coils diagram operating voltage range 0,1 0,2 0,3 0,5 1 2 4 10 20 10 20 30 50 70 100 300 200 12 1 2 6 ac, ohmic loaddc, ohmic load switching voltage [v] switching current [a] cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 0 10 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n maximum continuous voltage at limiting continuous current = 6 aminimum operate voltage for pre-excitation with u and limiting continuous current = 6 a n a2- a1+ 14 13 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2
https://www.phoenixcontact.com/us/products/2903359 3/7/14???page? 5 ?/? 5 relay module?-?RIF-0-RPT-24DC/ 1au?-?2903359 diagram interrupting rating diagram service life reduction factor diagram electrical service life ? phoenix contact 2013 - all rights reserved http://www.phoenixcontact.com 0,1 0,2 0,3 0,5 1 2 4 10 20 10 20 30 50 70 100 300 200 12 1 2 6 ac, ohmic loaddc, ohmic load switching voltage [v] switching current [a] cycles switching current [a] 250 v ac, ohmic load 10 6 10 5 0 2 4 6 8 10 4 1 1 0,6 0,7 0,8 0,9 1,0 1,1 1,2 1,3 1,4 1,5 1,6 1,7 1,8 0 10 20 30 40 50 60 70 80 ambient temperature [c] coil voltage u/u n maximum continuous voltage at limiting continuous current = 6 aminimum operate voltage for pre-excitation with u and limiting continuous current = 6 a n a2- a1+ 14 13 cos j reduction factor 1 0,9 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 0,8 0,7 0,6 0,5 0,4 0,3 0,2


▲Up To Search▲   

 
Price & Availability of RIF-0-RPT-24DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X