Part Number Hot Search : 
0512S 1000AG MA2Z360 1N4407 PE44426 20A10FC LXXXNC Z08530
Product Description
Full Text Search
 

To Download RG1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sanken electric co., ltd. RG1C 030108 1 61426 - 01 scope the present specifications shall apply to an RG1C . outline high frequency rectification type silicon rectifier diode structure resin molded applications high frequency rectification, etc. flammability ul94v - 0(equivalent) absolute maximum ratings no. item symbol unit rating conditions 1 transient peak reverse voltage v rsm v 1000 2 peak reverse voltage v rm v 1000 3 average forward current i f(av) a 0.7 refer to derating curve in section 7 4 peak surge forward current i fsm a 10 10ms. half sine wave, one shot 5 i 2 t limiting value i 2 t a 2 s 0.5 1ms Q Q j c - 40 stg c - 40 electrical characteristics (ta=25c, unless otherwise specified) no. item symbol unit rating conditions 1 forward voltage drop v f v 3.3 max. i f =0.7a 2 reverse lea kage current i r a 20 max. v r =v rm 3 reverse leakage current under high temperature h ? r ma 250 max. v r =v rm , t j =150 c 4 reverse recovery time trr1 ns 100 max. i f =i rp =100ma 90% recovery point, t j =25 c trr2 ns 50 max. i f =100ma,i rp =200ma 75% recovery point ,t j =25 c 5 thermal resistance r th(j - c) c /w 15 max. between junction and lead
sanken electric co., ltd. RG1C 030108 2 61426 - 01 characteristics i f(av) f forward power dissipation, p f (w) average forward current, i f(av) (a) v r r reverse power dissipation , p r (w) reverse voltage, v r (v) tj= 150 c t/t=1/6 t/t=1/3,sinewave t/t=1/2 dc tj= 150 c 1 - t/t=5/6 sinewave 1 - t/t=2/3 1 - t/t=1/2 0 0.1 0.2 0.3 0 200 400 600 800 1000 0.0 1.0 2.0 3.0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 t t
sanken electric co., ltd. RG1C 030108 3 61426 - 01 derating tl f(av) average forward current, i f(av) (a) lead temperature , tl ( c ) t/t=1/6 t/t=1/2 dc t/t=1/3 tj= 150 c sinewave 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 100 110 120 130 140 150 t t
sanken electric co., ltd. RG1C 030108 4 61426 - 01 package information - package type, physical dimensions and material *1 the allowance position of body against the center of whole lead wire is 0.5mm(max.) *2 the centric allowance of lead wire against center of physical body is 0.2mm(max.) *3 the burr may exit up to 2mm from the body of lead dimensions in mm - appearance the body shall be clean and shall not bear any stain, rust or flaw. - marking type number RG1C lot number 1 first digit: last digit of year second digit: month from 1 to 9 for jan. to sep. o for oct., n for nov., and d for dec. lot number 2 (ten days) ? top of the month ?? middle of month ??? end of month cathode mark `?? cathode band 62.5 0.7 0.78 0.05 7.2 0.2 4.0 0.2 1 3 2


▲Up To Search▲   

 
Price & Availability of RG1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X