Part Number Hot Search : 
300NS TA143 BTNRYR1 6KE24 LC89585 LM626 AN011 LG3360
Product Description
Full Text Search
 

To Download QID0630006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  QID0630006 powerex inc., 200 hillis st., youngwood, pa 15697 (724) 925-7272 dual igbt h-series hermetic module 300 amperes/600 volts page 1 4/11/2001 description: powerex igbt hermetic modules are designed for use in switching applications. each module consists of two igbt transistors in a half bridge configuration with each transistor having a reverse connected super fast recovery free wheel diode. all components are located in a hermetically sealed chamber and are electrically isolated from the heat sinking base plate, offering simplified system assembly and thermal management. features: ? low drive power ? low v ce(sat) ? discrete fast recovery free-wheel diode ? high frequency operation (20- 25khz) ? isolated base plate for easy heat sinking ? fully hermetic package ? package design capable of use at high altitudes schematic: applications: ? ac motor control ? motion/servo control ? air craft applications ordering information: contact powerex custom modules
QID0630006 powerex inc., 200 hillis st., youngwood, pa 15697 (724) 925-7272 dual igbt h-series hermetic module 300 amperes/600 volts page 2 4/11/2001 maximum ratings, tj=25 c unless otherwise specified ratings symbol units collector emitter voltage v ces 600 volts gate emitter voltage v ges 20 volts collector current i c 300 amperes peak collector current i cm 600* amperes diode forward current i fm 300 amperes diode forward surge current i fm 600* amperes power dissipation p d 1100 watts v isolation v rms 2500 volts static electrical characteristics, tj=25 c unless otherwise specified characteristic symbol test conditions min typ max units collector cutoff current i ces v ce =v ces 1.0 ma gate leakage current i ges v ce =0v 0.5 a gate-emitter threshold voltage v ge(th) i c =30ma, v ce =10v 4.5 6.0 7.5 volts collector-emitter saturation voltage v ce(sat) i c =300a, v ge =15v 2.1 2.8 volts v ce(sat) i c =300a, v ge =15v, t j =150 c 2.15 volts total gate charge q g v cc =300v, i c =300a, v gs =15v 900 nc diode forward voltage v fm i e =300a, v gs =0v 2.8 volts dynamic electrical characteristics, tj=25 c unless otherwise specified characteristic symbol test conditions min typ max units input capacitance c ies v ge =0v 30 nf output capacitance c oes v ce =10v 10.5 nf reverse transfer capacitance c res f=1mhz 6 nf turn on delay time t d(on) v cc =300v 350 ns rise time t r i c =300a 600 ns turn off delay time t d(off) v ge1 =v ge2 =15 v 350 ns fall time t f r g =2.1 ? 300 ns diode reverse recovery time trr i e =300a 150 ns diode reverse recovery charge qrr di e /dt=- 600a/ s 0.81 c thermal and mechanical characteristics, tj=25 c unless otherwise specified characteristic symbol test conditions min typ max units thermal resistance, junction to case r jc per igbt 0.11 c/w thermal resistance, junction to case r jc per diode 0.24 c/w
QID0630006 powerex inc., 200 hillis st., youngwood, pa 15697 (724) 925-7272 dual igbt h-series hermetic module 300 amperes/600 volts page 3 4/11/2001
QID0630006 powerex inc., 200 hillis st., youngwood, pa 15697 (724) 925-7272 dual igbt h-series hermetic module 300 amperes/600 volts page 4 4/11/2001


▲Up To Search▲   

 
Price & Availability of QID0630006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X