|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. general description the PCU9654 is a ufm i 2 c-bus controlled 8-bit led driver optimized for voltage switch dimming and blinking 100 ma red/green/blue /amber (rgba) leds. each led output has its own 8-bit resolution (256 steps) fi xed frequency individual pwm controller that operates at 97 khz with a duty cycle that is adjustable from 0 % to 99.6 % to allow the led to be set to a specific brightness value. an additional 8-bit resolution (256 steps) group pwm controller has both a fixed frequency of 190 hz and an adjustable frequency between 24 hz to once every 10.73 seconds with a duty cycle that is adjustable from 0 % to 99.6 % that is used to either dim or blink all leds with the same value. each led output can be off, on (no pwm control), set at its individual pwm controller value or at both individual and group pwm controller values. the PCU9654 operates with a supply voltage range of 2.3 v to 5.5 v and the 100 ma open-drain outputs allow voltages up to 40 v for led supply. the PCU9654 is one of the first led controller devices in a new ultra fast-mode (ufm) family. ufm devices offer higher frequency (up to 5 mhz). the active low output enable input pin (oe ) blinks all the led outputs and can be used to externally pwm the outputs, which is usef ul when multiple devices need to be dimmed or blinked together without using software control. software programmable led group and three sub call i 2 c-bus addresses allow all or defined groups of PCU9654 devices to respond to a common i 2 c-bus address, allowing for example, all red leds to be turned on or off at the same time, thus minimizing i 2 c-bus commands. six hardware address pins allow up to 64 devices on the same bus. the software reset (swrst) call allows the master to perform a reset of the PCU9654 through the i 2 c-bus, identical to the power-on reset (por) that initializes the registers to their default state causing the outputs to be se t high (led off). this allows an easy and quick way to reconfigure all device registers to the same condition. PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver rev. 1 ? 2 july 2012 product data sheet
PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 2 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 2. features and benefits ? 8 led drivers. each output programmable at: ? off ? on ? programmable led brightness ? programmable group dimming/blinking mi xed with individual led brightness ? 5 mhz ultra fast-mode i 2 c-bus interface ? 256-step (8-bit) linear programmable brightness per led output varying from fully off (default) to maximum brightne ss using a 97 khz pwm signal ? 256-step group brightness control allows general dimming (using a 190 hz pwm signal) from fully off to maximum brightness (default) ? 256-step group blinking with frequency programmable from 24 hz to 10.73 s and duty cycle from 0 % to 99.6 % ? eight open-drain outputs can sink between 0 ma to 100 ma and are tolerant to a maximum off state voltage of 40 v. no input function. ? output state change programmable on the ack nowledge (bit 9, this bit is always set to 1 by ufm i 2 c-bus master) or the stop command to update outputs byte-by-byte or all at the same time (default to ?change on stop?). ? active low output enable (oe ) input pin allows for hardwa re blinking and dimming of the leds when led driver output state is fully on (ldrx = 01 in ledout0/1 registers) ? six hardware address pins allow 64 PCU9654 devices to be connected to the same ufm i 2 c-bus and to be individually programmed ? 4 software programmable ufm i 2 c-bus addresses (one led group call address and three led sub call addresses) allow groups of devices to be addressed at the same time in any combination (for example, one re gister used for ?all call? so that all the PCU9654s on the i 2 c-bus can be addressed at the same time and the second register used for three different addresses so that 1 3 of all devices on the bus can be addressed at the same time in a group). software enable and disable for i 2 c-bus address. ? software reset feature (swr st call) allows the device to be reset through the ufm i 2 c-bus ? 25 mhz internal oscillator requ ires no external components ? internal power-on reset ? noise filter on usda/uscl inputs ? glitch free led outputs on power-up ? supports hot insertion ? low standby current ? operating power supply voltage (v dd ) range of 2.3 v to 5.5 v ? 5.5 v tolerant inputs on non-led pins ? ? 40 ? c to +85 ? c operation ? esd protection exceeds 2000 v hbm per jesd22-a114 and 1000 v cdm per jesd22-c101 ? latch-up testing is done to jedec standard jesd78 which exceeds 100 ma ? packages offered: tssop24 PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 3 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 3. applications ? rgb or rgba led drivers ? led status information ? led displays ? lcd backlights ? keypad backlights for cellular phones or handheld devices 4. ordering information table 1. ordering information type number topside mark package name description version PCU9654pw PCU9654 tssop24 plastic thin shrink small outline package; 24 leads; body width 4.4 mm sot355-1 xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 4 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 5. block diagram fig 1. block diagram of PCU9654 a0 a1 a2 a3 a4 a5 002aag320 ufm i 2 c-bus control input filter PCU9654 power-on reset uscl usda v dd v ss led state select register pwm register x brightness control grpfreq register grppwm register mux/ control oe '0' C permanently off '1' C permanently on led1 190 hz 24.3 khz 97 khz 25 mhz oscillator fet driver led0 led7 PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 5 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 6. pinning information 6.1 pinning 6.2 pin description fig 2. pin configuration for tssop24 v dd usda uscl n.c. a5 oe v ss led7 led6 led5 led4 v ss v ss a0 a1 a2 a3 a4 v ss led0 led1 led2 led3 v ss PCU9654pw 002aag321 1 2 3 4 5 6 7 8 9 10 11 12 14 13 16 15 18 17 20 19 22 21 24 23 table 2. pin description symbol pin type description v ss 1, 7, 12, 13, 18 power supply supply ground a0 2 i address input 0 a1 3 i address input 1 a2 4 i address input 2 a3 5 i address input 3 a4 6 i address input 4 led0 8 o led driver 0 led1 9 o led driver 1 led2 10 o led driver 2 led3 11 o led driver 3 led4 14 o led driver 4 led5 15 o led driver 5 led6 16 o led driver 6 led7 17 o led driver 7 oe 19 i active low output enable for leds a5 20 i address input 5 n.c. 21 i do not connect; reserved input uscl 22 i ufm serial clock line usda 23 i ufm serial data line v dd 24 power supply supply voltage PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 6 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 7. functional description refer to figure 1 ? block diagram of PCU9654 ? . 7.1 device addresses following a start condition, the bus master must output the address of the slave it is accessing. there are a maximum of 64 possible programmable addresses using the six hardware address pins. one of these addresses cannot be used as it is reserved for software reset (swrst), leaving a maximum of 63 addre sses. using other reserved addresses can reduce the total number of possible addresses even further. 7.1.1 regular ufm i 2 c-bus slave address the ufm i 2 c-bus slave address of the PCU9654 is shown in figure 3 . to conserve power, no internal pull-up resistors are incorporated on the hardware selectable address pins and they must be pulled high or low. remark: using reserved i 2 c-bus addresses will interfere wit h other devices, but only if the devices are on the bus and/or the bus will be open to other i 2 c-bus systems at some later date. in a closed system where the designer controls the address assignment these addresses can be used since the PCU9654 treats them like any other address. the led all call, software reset and pca9564 or pca9665 slave address (if on the bus) can never be used for individual device addresses. ? PCU9654 led all call address (1110 000) and software reset (0000 0110) which are active on start-up ? pca9564 (0000 000) or pca9665 (1110 000 ) slave address which is active on start-up ? ?reserved for future use? i 2 c-bus addresses (0000 011, 1111 1xx) ? slave devices that use the 10-bit addressing scheme (1111 0xx) ? slave devices that are designed to resp ond to the general call address (0000 000) ? high-speed mode (hs-mode) master code (0000 1xx) the last bit of the address byte defines the operation to be performed. for ufm i 2 c-bus, there is only write operation in slave device. fig 3. slave address w (write only) 002aag322 0 a5 a4 a3 a2 a1 a0 hardware selectable slave address 0 PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 7 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 7.1.2 led all call ufm i 2 c-bus address ? default power-up value (allcalladr register): e0h or 1110 000 ? programmable through i 2 c-bus (volatile programming) ? at power-up, led all call i 2 c-bus address is enabled. see section 7.3.8 ? allcalladr, led all call ufm i 2 c-bus address ? for more detail. remark: the default led all call i 2 c-bus address (e0h or 1110 000) must not be used as a regular i 2 c-bus slave address since this address is enabled at power-up. all the PCU9654s on the i 2 c-bus will respond to the ad dress if sent by the i 2 c-bus master. 7.1.3 led sub call ufm i 2 c-bus addresses ? 3 different ufm i 2 c-bus addresses can be used ? default power-up values: ? subadr1 register: e2h or 1110 001 ? subadr2 register: e4h or 1110 010 ? subadr3 register: e8h or 1110 100 ? programmable through i 2 c-bus (volatile programming) ? at power-up, sub call i 2 c-bus addresses are disabled. see section 7.3.7 ? subadr1 to subadr3, ufm i 2 c-bus subaddress 1 to 3 ? for more detail. 7.1.4 software reset ufm i 2 c-bus address the address shown in figure 4 is used when a reset of the PCU9654 needs to be performed by the master. the software reset address (swrst call) must be used with w =logic0. if w = logic 1, the PCU9654 does not recognize the swrst. see section 7.6 ? software reset ? for more detail. remark: the software reset ufm i 2 c-bus address is a reserved address and cannot be used as a regular ufm i 2 c-bus slave address or as an led all call or led sub call address. fig 4. software reset address 0 002aag323 0 0 0 0 0 1 1 w (write only) PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 8 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 7.2 control register following the successful recognition of the slave address, led all call address or led sub call address, the bu s master will send a byte to the p cu9654, which will be stored in the control register. the lowest 5 bits are used as a pointer to determine which re gister will be accessed (d[4:0]). the highest 3 bits are used as auto-increment flag (aif) and auto-increment options (ai[1:0]). when the auto-increment flag is set (aif = logic 1), the five low order bits of the control register are automatically incremented after a write. this allows the user to program the registers sequentially. four different types of auto-increment are possible, depending on ai1 and ai0 values. remark: other combinations not shown in ta b l e 3 (aif + ai[1:0] = 001b, 010b, and 011b) are reserved and must not be used for proper device operation. aif + ai[1:0] = 000b is used when the same register must be accessed several times during a single i 2 c-bus communication, for example, changes the brightness of a single led. data is overwritten each time the register is accessed during a write operation. aif + ai[1:0] = 100b is used when all the registers must be sequentially accessed, for example, power-up programming. aif + ai[1:0] = 101b is used when the eight le d drivers must be individually programmed with different values during the same i 2 c-bus communication, for example, changing color setting to another color setting. reset state = 80h remark: the control register does not apply to the software reset i 2 c-bus address. fig 5. control register table 3. auto-increment options aif ai1 ai0 function 0 0 0 no auto-increment 1 0 0 auto-increment for all registers. d[ 4:0] roll over to 00h after the last register (11h) is accessed. 1 0 1 auto-increment for individual brightne ss registers only. d[ 4:0] roll over to 02h after the last register (09h) is accessed. 1 1 0 auto-increment for global control regi sters only. d[4:0] roll over to 0ah? after the last register (0bh) is accessed. 1 1 1 auto-increment for individual and gl obal control register s only. d[4:0] roll over to 02h after the last register (0bh) is accessed. 002aag324 aif ai1 ai0 d4 d3 d2 d1 d0 auto-increment flag register address auto-increment options PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 9 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver aif + ai[1:0] = 110b is used when the led drivers must be globally programmed with different settings during the same i 2 c-bus communication, for example, global brightness or blinking change. aif + ai[1:0] = 111b is used when individual and global changes must be performed during the same i 2 c-bus communication, for example, changing a color and global brightness at the same time. only the 5 least significant bits d[4:0] ar e affected by the aif, ai1 and ai0 bits. when the control register is written, the regi ster entry point determined by d[4:0] is the first register that will be addressed (write operation), and can be anywhere between 0 0000 and 1 0001 (as defined in ta b l e 4 ). when aif = 1, the auto-increment flag is set and the rollover value at which the register increment stops and goes to the next one is determined by ai[1:0]. see table 3 for rollover values. for exampl e, if the control register = 1110 0100 (e4h), then the register addressing sequence will be (in hex): 04 ? ? ? 0b ? 02 ? ? ? 0b ? 02 ? ? ? 0b ? 02 ? ? ? 0b ? 02 ? ? as long as the master keeps sending data. 7.3 register definitions [1] only d[4:0] = 0 0000 to 1 0001 are allowed and will be recognized. d[4:0] = 1 0010 to 1 1111 are reserved and will not be recognized. table 4. register summary [1] register number (hex) d4 d3 d2 d1 d0 name type function 00 0 0 0 0 0 mode1 write only mode register 1 01 0 0 0 0 1 mode2 write only mode register 2 02 0 0 0 1 0 pwm0 write only brightness control led0 03 0 0 0 1 1 pwm1 write only brightness control led1 04 0 0 1 0 0 pwm2 write only brightness control led2 05 0 0 1 0 1 pwm3 write only brightness control led3 06 0 0 1 1 0 pwm4 write only brightness control led4 07 0 0 1 1 1 pwm5 write only brightness control led5 08 0 1 0 0 0 pwm6 write only brightness control led6 09 0 1 0 0 1 pwm7 write only brightness control led7 0a 0 1 0 1 0 grppwm write only g roup duty cycle control 0b 0 1 0 1 1 grpfreq write only group frequency 0c 0 1 1 0 0 ledout0 write only led output state 0 0d 0 1 1 0 1 ledout1 write only led output state 1 0e 0 1 1 1 0 subadr1 write only i 2 c-bus subaddress 1 0f 0 1 1 1 1 subadr2 write only i 2 c-bus subaddress 2 10 1 0 0 0 0 subadr3 write only i 2 c-bus subaddress 3 11 1 0 0 0 1 allcalladr write only led all call i 2 c-bus address PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 10 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 7.3.1 mode register 1, mode1 [1] it takes 500 ? s max. for the oscillator to be up and running once sleep bit has been set to logic 1. timings on ledn outputs are not guaranteed if pwmx, grppwm or grpfreq registers are accessed within the 500 ? s window. [2] no blinking or dimming is possib le when the oscillator is off. 7.3.2 mode register 2, mode2 table 5. mode1 - mode register 1 (address 00h) bit description legend: * default value. bit symbol access value description 7 aif not user programmable 0 register auto-increment disabled. 1* register auto-increment enabled. remark: set by control register ( figure 5 ) in bit 7. 6 ai1 not user programmable 0* auto-increment bit 1 = 0. 1 auto-increment bit 1 = 1. remark: set by control register ( figure 5 ) in bit 6. 5 ai0 not user programmable 0* auto-increment bit 0 = 0. 1 auto-increment bit 0 = 1. remark: set by control register ( figure 5 ) in bit 5. 4 sleep w 0 normal mode [1] . 1* low power mode. oscillator off [2] . 3 sub1 w 0* PCU9654 does not respond to i 2 c-bus subaddress 1. 1 PCU9654 responds to i 2 c-bus subaddress 1. 2 sub2 w 0* PCU9654 does not respond to i 2 c-bus subaddress 2. 1 PCU9654 responds to i 2 c-bus subaddress 2. 1 sub3 w 0* PCU9654 does not respond to i 2 c-bus subaddress 3. 1 PCU9654 responds to i 2 c-bus subaddress 3. 0 allcall w 0 PCU9654 does not respond to led all call i 2 c-bus address. 1* PCU9654 responds to led all call i 2 c-bus address. table 6. mode2 - mode register 2 (address 01h) bit description legend: * default value. bit symbol access value description 7 - not user programmable 0* reserved, write must always be a logic 0 6 - not user programmable 0* reserved, write must always be a logic 0 5 dmblnk w 0* group control = dimming. 1 group control = blinking. 4 - w 0* reserved; write must always be a logic 0 3 och w 0* outputs change on stop command [1] 1 outputs change on ninth clock cycle (uscl) PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 11 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver [1] change of the outputs at the stop command allows synchronizing outputs of more than one PCU9654. applicable to registers from 02h (pwm0) to 0dh (ledout1) only. [2] remark: if you change these bits from their default values , the device will not perform as expected. 7.3.3 pwm0 to pwm7, individual brightness control a 97 khz fixed frequency signal is used for ea ch output. duty cycle is controlled through 256 linear steps from 00h (0 % duty cycle = led output off) to ffh (99.6 % duty cycle = led output at maximum brightness). applicable to led outputs programmed with ldrx = 10 or 11 (ledout0 to ledout1 registers). (1) 7.3.4 grppwm, group duty cycle control when dmblnk bit (mode2 register) is programmed with logic 0, a 190 hz fixed frequency signal is superimposed with the 97 khz individual brightness control signal. grppwm is then used as a global brightness control allowing the led outputs to be dimmed with the same value. the value in grpfreq is then a ?don?t care?. general brightness for the eight outputs is controlled through 256 linear steps from 00h (0 % duty cycle = led output off) to ffh (9 9.6 % duty cycle = maximum brightness). applicable to led outputs programmed with ldrx = 11 (ledout0 to ledout1 registers). 2 - w 1* reserved; write must always be a logic 1 [2] 1 - w 0* reserved; write must always be a logic 0 [2] 0 - w 1* reserved; write must always be a logic 1 [2] table 6. mode2 - mode register 2 (address 01h) bit description ?continued legend: * default value. bit symbol access value description table 7. pwm0 to pwm7 - pwm registers 0 to 7 (address 02h to 09h) bit description legend: * default value. address register bit symbol access value description 02h pwm0 7:0 idc0[7:0] w 0000 0000* pwm0 individual duty cycle 03h pwm1 7:0 idc1[7:0] w 0000 0000* pwm1 individual duty cycle 04h pwm2 7:0 idc2[7:0] w 0000 0000* pwm2 individual duty cycle 05h pwm3 7:0 idc3[7:0] w 0000 0000* pwm3 individual duty cycle 06h pwm4 7:0 idc4[7:0] w 0000 0000* pwm4 individual duty cycle 07h pwm5 7:0 idc5[7:0] w 0000 0000* pwm5 individual duty cycle 08h pwm6 7:0 idc6[7:0] w 0000 0000* pwm6 individual duty cycle 09h pwm7 7:0 idc7[7:0] w 0000 0000* pwm7 individual duty cycle duty cycle idcx 7 : 0 ?? 256 --------------------------- = table 8. grppwm - group brightness control register (address 0ah) bit description legend: * default value address register bit symbol access value description 0ah grppwm 7:0 gdc[7:0] w 1111 1111* grppwm register PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 12 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver when dmblnk bit is programmed with logic 1, grppwm and grpfreq registers define a global blinking pattern, where grpfreq contains the blinking period (from 24 hz to 10.73 s) and grppwm the duty cycle (on/off ratio in %). (2) 7.3.5 grpfreq, group frequency grpfreq is used to program the global blinking period when dmblnk bit (mode2 register) is equal to 1. value in this re gister is a ?don?t care? when dmblnk = 0. applicable to led outputs programmed with ldrx = 11 (ledout0 to ledout1 registers). blinking period is controlled through 256 linear steps from 00h (41 ms, frequency 24 hz) to ffh (10.73 s). (3) 7.3.6 ledout0 and ledout1, led driver output state ldrx = 00 ? led driver x is off (default power-up state, x = 0 to 7). ldrx = 01 ? led driver x is fully on (individual brightness and group dimming/blinking not controlled). the oe pin can be used as external dimming/blinking control in this state. ldrx = 10 ? led driver x individual brightness can be controlled through its pwmx register. ldrx = 11 ? led driver x individual brightness and group dimming/blinking can be controlled through its pwmx registers, the grppwm registers and the grpfreq register. duty cycle gdc 7 : 0 ?? 256 -------------------------- = table 9. grpfreq - group frequency regi ster (address 0bh) bit description legend: * default value. address register bit symbol access value description 0bh grpfreq 7:0 gfrq[7:0] w 0000 0000* grpfreq register global blinking period gfrq 7 : 0 ?? 1 + 24 --------------------------------------- - s ?? = table 10. ledout0 to ledout1 - led driver ou tput state register (address 0ch to 0dh) bit description legend: * default value. address register bit symbol access value description 0ch ledout0 7:6 ldr3 w 00* led3 output state control 5:4 ldr2 w 00* led2 output state control 3:2 ldr1 w 00* led1 output state control 1:0 ldr0 w 00* led0 output state control 0dh ledout1 7:6 ldr7 w 00* led7 output state control 5:4 ldr6 w 00* led6 output state control 3:2 ldr5 w 00* led5 output state control 1:0 ldr4 w 00* led4 output state control PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 13 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 7.3.7 subadr1 to subadr3, ufm i 2 c-bus subaddress 1 to 3 subaddresses are programmable through the ufm i 2 c-bus. default power-up values are e2h, e4h, e8h, and the device(s) will not res pond to these addresses right after power-up (the corresponding subx bit in mode1 register is equal to 0). once subaddresses have been programmed to their right values, subx bits need to be set to logic 1 in order to have the device respond to these addresses (mode1 register). only the seven msbs representing the ufm i 2 c-bus subaddress are valid. the lsb in subadrx register is a reserved bit and must write logic 0. when subx is set to logic 1 in mode1 register, the corresponding ufm i 2 c-bus subaddress can be used during a ufm i 2 c-bus write sequence. 7.3.8 allcalladr, led all call ufm i 2 c-bus address the led all call i 2 c-bus address allows all the PCU9654s on the bus to be programmed at the same time (allcall bit in register mode1 must be equal to 1 (power-up default state)). this address is programmable through the i 2 c-bus and can be used during an i 2 c-bus write sequence. the register address can also be programmed as a sub call. only the 7 msbs representing the all call i 2 c-bus address are valid. the lsb in allcalladr register is a reserved bit and must write logic 0. if allcall bit = 0 in the mode1 register, the device does not respond to the address programmed in register allcalladr. table 11. subadr1 to subadr3 - i 2 c-bus subaddress registers 1 to 3 (address 0eh to 10h) bit description legend: * default value. address register bit symbol access value description 0eh subadr1 7:1 a1[7:1] w 1110 001* i 2 c-bus subaddress 1 0 a1[0] w only 0* reserved (must write 0) 0fh subadr2 7:1 a2[7:1] w 1110 010* i 2 c-bus subaddress 2 0 a2[0] w only 0* reserved (must write 0) 10h subadr3 7:1 a3[7:1] w 1110 100* i 2 c-bus subaddress 3 0 a3[0] w only 0* reserved (must write 0) table 12. allcalladr - led all call ufm i 2 c-bus address register (address 11h) bit description legend: * default value. address register bit symbol access value description 11h allcalladr 7:1 ac[7:1] w 1110 000* allcall i 2 c-bus address register 0 ac[0] w only 0* reserved (must write 0) PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 14 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 7.4 active low out put enable input the active low output enable (oe ) pin, allows to enable or disable all the led outputs at the same time, so user can drive all the led outputs to off state by setting the oe pin to high. ? when a low level is applied to oe pin, all the led outputs are enabled. ? when a high level is applied to oe pin, all the led outputs are high-impedance. the oe pin can be used as a synchronization signal to switch on/off several PCU9654 devices at the same time. when led driver output state is set fully on (ldrx = 01 in ledoutx register) in these devices. this requires an external clock reference that provides blinking period and the duty cycle. the oe pin can also be used as an external dimming control signal. the frequency of the external clock must be high enough not to be seen by the human eye, and the duty cycle value determines the brightness of the leds. remark: do not use oe as an external blinking control signal when internal global blinking is selected (dmblnk = 1, mode2 register) since it will result in an undefined blinking pattern. do not use oe as an external dimming control signal when internal global dimming is selected (dmblnk = 0, mode2 register) since it will result in an undefined dimming pattern. remark: during power-down, slow decay of volt age supplies may keep leds illuminated. consider disabling led outputs using high level applied to oe pin. 7.5 power-on reset when power is applied to v dd , an internal power-on reset holds the PCU9654 in a reset condition until v dd has reached v por . at this point, the reset condition is released and the PCU9654 registers and i 2 c-bus state machine are initializ ed to their default states (all zeroes) causing all the channels to be deselected. thereafter, v dd must be lowered below 0.2 v to reset the device. 7.6 software reset the software reset call (swrst call) allows all the devices in the ufm i 2 c-bus to be reset to the power-up state value through a specific formatted i 2 c-bus command. the swrst call function is defined as the following: 1. a start command is sent by the ufm i 2 c-bus master. 2. the reserved swrst i 2 c-bus address ?0000 011? with the w bit set to ?0? (write) is sent by the i 2 c-bus master. 3. the PCU9654 device(s) is(are) recogniz ed after seeing the swrst call address ?0000 0110? (06h) only. if the w bit is set to ?1?, no ac tion is taken in PCU9654. 4. once the swrst call address has been sent, the master sends 2 bytes with two specific values (swrst data byte 1 and byte 2): byte 1 = a5h, byte 2 = 5ah. if more than 2 bytes of data are sent , they will be igno red by the PCU9654. PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 15 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 5. once the right 2 bytes (swrst data byte 1 and byte 2 only) have been sent, the master sends a stop command to end the swrst call: the PCU9654 then resets to the default value (power-up value) and is ready to be addressed again within the specified bus free time (t buf ). remark: the reset stage is also the standby stat e with the internal oscillator turned off. it takes 500 ? s for the oscillator to be up and running on ce the sleep bit has been set to a logic 1. pwm registers should not be accessed within the 500 ? s window. 7.7 individual brightness contro l with group dimming/blinking a 97 khz fixed frequency signal with programmabl e duty cycle (8 bits, 256 steps) is used to control individually the brightness for each led. on top of this signal, one of the following si gnals can be superimposed (this signal can be applied to the 8 led outputs): ? a lower 190 hz fixed frequency signal with programmable duty cycle (8 bits, 256 steps) is used to provide a global brightness control. ? a programmable frequency signal from 24 hz to 1 10.73 hz (8 bits, 256 steps) with programmable duty cycle (8 bits, 256 steps) is used to provide a global blinking control. minimum pulse width for ledn brightness control is 40 ns. minimum pulse width for group dimming is 20.48 ? s. when m = 1 (grppwm register value), the resulting ledn br ightness control + group dimming signal will have 2 pulses of the led brightness control signal (pulse width = n ? 40 ns, with ?n? defined in pwmx register). this resulting brightness + group dimming signal above shows a resulting control signal with m = 4 (8 pulses). fig 6. brightness + group dimming signals 123456789101112 507 508 509 510 511 512 1234567891011 brightness control signal (ledn) m 256 2 40 ns with m = (0 to 255) (grppwm register) n 40 ns with n = (0 to 255) (pwmx register) 256 40 ns = 10.24 s (97.6 khz) 12345678 12345678 group dimming signal resulting brightness + group dimming signal 256 2 256 40 ns = 5.24 ms (190.7 hz) 002aab417 PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 16 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 8. characteristics of the ufm i 2 c-bus the PCU9654 led controller uses the new ultra fast-mode (ufm) i 2 c-bus to communicate with the ufm i 2 c-bus capable host controller. it uses two lines for communication. they are a serial data line (usda) and a serial clock line (uscl). the ufm is a unidirectional bus that is capable of higher frequency (up to 5 mhz). the ufm i 2 c-bus slave devices operate in re ceive-only mode. that is, only i 2 c writes to PCU9654 are supported. 8.1 bit transfer one data bit is transferred during each cl ock pulse. the data on the usda line must remain stable during the high period of the cl ock pulse as changes in the data line at this time will be interpreted as control signals (see figure 7 ). 8.1.1 start and stop conditions both data and clock lines remain high when the bus is not busy. a high-to-low transition of the data line while the clock is hi gh is defined as the start condition (s). a low-to-high transition of the data line while the clock is high is defined as the stop condition (p) (see figure 8 ). fig 7. bit transfer 002aaf113 data line stable; data valid change of data allowed usda uscl fig 8. definition of start and stop conditions 002aaf114 usda uscl p stop condition s start condition PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 17 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 8.2 system configuration a device generating a message is a ?transmitter ?; a device receiving is the ?receiver?. the device that controls the message is the ?master? and the devices which are controlled by the master are the ?slaves? (see figure 9 ). 8.3 data transfer the number of data bytes transferred betwe en the start and the stop conditions from transmitter to receiver is not limited. each byte of eight bits is followed by one bit that is always set to 1. the master gene rates an extra related clock pulse. fig 9. system configuration 002aaf100 slave ufm receiver usda uscl master ufm transmitter slave ufm receiver slave ufm receiver fig 10. data transfer 002aag325 s start condition 9 8 2 1 usda data output by master ufm transmitter uscl clock from master master drives the line high on the 9th clock cycle. slave never drives the usda line. PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 18 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 9. bus transactions (1) see table 4 for register definition. fig 11. write to a specific register a5 a4 a3 a2 a1 a0 0 1 s 0 slave address start condition w this bit always = 1 002aag326 data for register d[7:0] 0 0 d4 d3 d2 d1 d0 0 control register auto-increment flag auto- increment options 1 1 p stop condition register address (1) this bit always = 1 this bit always = 1 fig 12. write to all registers using the auto-increment feature a5 a4 a3 a2 a1 a0 0 1 s 0 slave address start condition w this bit always = 1 002aag327 mode1 register 0 0 0 0 0 0 0 1 control register auto-increment on auto-increment on all registers 1 this bit always = 1 1 this bit always = 1 p stop condition (cont.) (cont.) mode1 register selection mode2 register 1 this bit always = 1 subadr3 register 1 this bit always = 1 allcalladr register 1 this bit always = 1 fig 13. multiple writes to indivi dual brightness registers only using the auto-increment feature a5 a4 a3 a2 a1 a0 0 1 s 0 slave address start condition w this bit always = 1 002aag328 pwm0 register 0 1 0 0 0 1 0 1 control register auto-increment on increment on individual brightness registers only 1 this bit always = 1 1 this bit always = 1 p stop condition (cont.) (cont.) pwm0 register selection pwm1 register 1 this bit always = 1 pwm6 register 1 this bit always = 1 pwm7 register 1 this bit always = 1 pwm0 register 1 this bit always = 1 pwmx register 1 this bit always = 1 PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 19 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver (1) in this example, several PCU9654s are used and the same sequence (a) (above) is sent to each of them. (2) allcall bit in mode1 register is equal to 1 for this example. (3) och bit in mode2 register is equal to 1 for this example. fig 14. led all call ufm i 2 c-bus address programming and led all call sequence example a5 a4 a3 a2 a1 a0 0 1 s 0 slave address (1) start condition w this bit always = 1 002aag329 0 0 1 0 0 0 1 1 control register auto-increment on 1 this bit always = 1 allcalladr register selection 0 1 0 1 0 1 0 1 new led all call i 2 c address (2) p stop condition 1 this bit always = 1 0 1 0 1 0 1 0 1 s 1 led all call i 2 c address start condition w this bit always = 1 0 0 0 1 1 0 0 1 control register 1 this bit always = 1 ledout0 register selection 1 0 1 0 1 0 1 0 ledout0 register (led fully on) p stop condition 1 this bit always = 1 the led[3:0] bits are on at the ninth bit (3) sequence (a) sequence (b) PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 20 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 10. application design-in information (1) oe requires pull-up resistor if control signal from the master is open-drain. i 2 c-bus address = 0010 101x. remark: during power-down, slow decay of voltage supplies may keep leds illuminated. consider disabling led outputs using high level applied to oe pin. fig 15. typical application PCU9654 led0 led1 usda uscl oe v dd = 2.5 v, 3.3 v or 5.0 v ufm i 2 c-bus/ smbus master usda uscl oe led2 led3 a0 a1 a2 v dd a3 a4 a5 v ss 10 k (1) up to 40 v led4 led5 led6 led7 002aag330 v ss up to 40 v PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 21 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 10.1 junction temperature calculation a device junction temperature can be calculated when the ambient temperature or the case temperature is known. when the ambient temperature is known, the junction temperature is calculated using equation 4 and the ambient temperature, junction to ambient thermal resistance and power dissipation. (4) where: t j = junction temperature t amb = ambient temperature r th(j-a) = junction to ambient thermal resistance p tot = (device) total power dissipation when the case temperature is known, the junction temperature is calculated using equation 5 and the case temperature, junction to case thermal resistance and power dissipation. (5) where: t j = junction temperature t case = case temperature r th(j-c) = junction to case thermal resistance p tot = (device) total power dissipation here are two examples regarding how to calc ulate the junction temperature using junction to case and junction to ambient thermal resistance. in the first example ( section 10.1.1 ), given the operating condition and the junction to ambient thermal resistance, the junction temperature of PCU9654pw, in the tssop2 4 package, is calculated for a system operating condition in 50 ? c 1 ambient temperature. in the second example ( section 10.1.2 ), based on a specific customer ap plication requirement where only the case temperature is known, applying the juncti on to case thermal resistance equation, the junction temperature of the PCU9654, in the tssop24 package, is calculated. 1. 50 ? c is a typical temperature inside an enclosed system. the designers should feel free, as needed, to perform their own calculation using the examples. t j t amb r th j - a ?? p tot ? += t j t case r th j - c ?? p tot ? += PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 22 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 10.1.1 example 1: t j calculation of PCU9654pw, in tssop24 package, when t amb is known r th(j-a) = 108 ? c/w t amb = 50 ? c led output low voltage (led v ol ) = 0.5 v led output current per channel = 80 ma number of outputs = 8 i dd(max) = 10 ma v dd(max) = 5.5 v 1. find p tot (device total power dissipation): ? output total power = 80 ma ? 8 ? 0.5 v = 320 mw ? chip core power consumption = 10 ma ? 5.5 v = 55 mw p tot = (320 + 55) mw = 375 mw 2. find t j (junction temperature): t j = (t amb +r th(j-a) ? p tot ) = (50 ? c + 108 ? c/w ? 375 mw) = 90.5 ? c 10.1.2 example 2: t j calculation where only t case is known this example uses a customer?s specific application of the PCU9654, 8-channel led controller in the tssop24 package, where only the case temperature (t case ) is known. t j = t case + r th(j-c) ? p tot , where: r th(j-c) = 30 ? c/w t case (measured) = 94.6 ? c v ol of led ~ 0.5 v i dd(max) = 10 ma v dd(max) = 5.5 v led output voltage low = 0.5 v led output current per channel = 80 ma 1. find p tot (device total power dissipation) ? output total power = 80 ma ? 8 ? 0.5 v = 320 mw ? chip core power consumption = 10 ma ? 5.5 v = 55 mw p tot (device total power dissipation) = 375 mw 2. find t j (junction temperature): t j = t case + r th(j-a) ? p tot = 94.6 ? c + 30 ? c/w ? 375 mw = 105.85 ? c PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 23 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 11. limiting values [1] each bit must be limited to a maximum of 100 ma and the total package limited to 800 ma due to internal busing limits. the pull-up (current limiting) resistor must be of sufficient size (w) and value ( ? ) to guarantee that the 100 ma limit is not exceeded on any output. [2] refer to section 10.1 for calculation. [1] this value signifies package?s abi lity to handle more than 100 ma per output driver. the device?s maximum current rating per output is 100 ma. table 13. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v dd supply voltage ? 0.5 +6.0 v v i/o voltage on an input/output pin v ss ? 0.5 5.5 v v drv(led) led driver voltage v ss ? 0.5 40 v i o(ledn) output current on pin ledn - 100 ma i ol(tot) total low-level output current led driver outputs; v ol =0.5v [1] 800 - ma i ss ground supply current per v ss pin - 800 ma p tot total power dissipation t amb =25 ? c-1 . 8w t amb =85 ?c - 0.72 w p/ch power dissipation per channel t amb =25 ? c-1 0 0m w t amb =85 ? c-4 5m w t j junction temperature [2] - +125 ?c t stg storage temperature ? 65 +150 ?c t amb ambient temperature operating ? 40 +85 ?c table 14. tssop24 power dissipation and output current capability measurement tssop24 t amb = 25 ?c maximum power dissipation (chip + output drivers) 926 mw maximum power dissipation (output drivers only) 851 mw maximum drive current per channel [1] t amb = 60 ?c maximum power dissipation (chip + output drivers) 602 mw maximum power dissipation (output drivers only) 527 mw maximum drive current per channel [1] t amb = 80 ?c maximum power dissipation (chip + output drivers) 417 mw maximum power dissipation (output drivers only) 342 mw maximum drive current per channel 851 mw 8 - bit 0.5 v ? ------------------------------- - ? 212.75 ma = 527 mw 8 - bit 0.5 v ? ------------------------------- - ? 131.8 ma = 342 mw 8 - bit 0.5 v ? ------------------------------- - ? 85.5 ma = PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 24 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 12. thermal characteristics [1] calculated in accordance with jesd 51-7. 13. static characteristics [1] v dd must be lowered to 0.2 v in order to reset part. [2] each bit must be limited to a maximum of 100 ma and the total package limited to 800 ma due to internal busing limits. table 15. thermal characteristics symbol parameter conditions typ unit r th(j-a) thermal resistance from junction to ambient tssop24 [1] 108 ? c/w r th(j-c) thermal resistance from junction to case tssop24 [1] 30 ? c/w table 16. static characteristics v dd = 2.3 v to 5.5 v; v ss =0v; t amb = ? 40 ? cto+85 ? c; unless otherwise specified. symbol parameter conditions min typ max unit supply v dd supply voltage 2.3 - 5.5 v i dd supply current on pin v dd ; operating mode; no load; f uscl = 5 mhz; v dd =5.5v -5.510 ma i stb standby current on pin v dd ; no load; f uscl =0hz; i/o = inputs; v i =v dd ; v dd =5.5v -2.17 ? a v por power-on reset voltage no load; v i =v dd or v ss [1] -1.702.0v ufm i 2 c-bus inputs uscl and usda v il low-level input voltage ? 0.5 - +0.3v dd v v ih high-level input voltage 0.7v dd -5.5v i l leakage current v i =v dd or v ss ? 1- +1 ? a c i input capacitance v i =v ss - 6 10 pf led driver outputs led[7:0] v drv(led) led driver voltage 0 - 40 v i ol low-level output current v ol =0.5v [2] 100 - - ma i loh high-level output leakage current v drv(led) =5v - - ? 1 ? a v drv(led) =40v - ? 115 ? a c o output capacitance [3] -1540 pf oe input v il low-level input voltage ? 0.5 - +0.3v dd v v ih high-level input voltage 0.7v dd -5.5v i li input leakage current ? 1- +1 ? a c i input capacitance - 3.7 5 pf address inputs a[5:0] v il low-level input voltage ? 0.5 - +0.3v dd v v ih high-level input voltage 0.7v dd -5.5v i li input leakage current ? 1- +1 ? a c i input capacitance - 3.7 5 pf PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 25 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver [3] tested with outputs off. a. t amb = ? 40 ?cb . t amb =25 ?c c. t amb =85 ?c fig 16. v ol versus i ol v ol (v) ?0.05 0.55 0.35 0.15 002aae510 0.05 0.25 0.35 i ol (a) ?0.05 0.15 v dd = 5.5 v 4.5 v 3.0 v 2.3 v v ol (v) ?0.05 0.55 0.35 0.15 002aae511 0.05 0.15 0.25 i ol (a) ?0.05 v dd = 5.5 v 4.5 v 3.0 v 2.3 v v ol (v) ?0.05 0.55 0.35 0.15 002aae512 0.05 0.15 0.25 i ol (a) ?0.05 v dd = 5.5 v 4.5 v 3.0 v 2.3 v PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 26 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 14. dynamic characteristics [1] from led off to fully on, led fully on to off, or led individual brightness control to off. [2] for led off state to on with individual brightness control or for changes in the individual brightness control value, there is a synchronization that may take up to 15 ? s for the change to take effect. table 17. dynamic characteristics symbol parameter conditions min typ max unit f uscl uscl clock frequency - - 5 mhz t buf bus free time between a stop and start condition 0.08 - - ? s t hd;sta hold time (repeated) start condition 0.05 - - ? s t su;sta set-up time for a repeated start condition 0.05 - - ? s t su;sto set-up time for stop condition 0.05 - - ? s t hd;dat data hold time 10 - - ns t su;dat data set-up time 30 - - ns t low low period of the uscl clock 0.05 - - ? s t high high period of the uscl clock 0.05 - - ? s t f fall time of both usda and uscl signals - - 50 ns t r rise time of both usda and uscl signals - - 50 ns t sp pulse width of spikes that must be suppressed by the input filter - - 10 ns output propagation delay t plh low to high propagation delay oe to ledn; mode2[1:0] = 01 --150ns t phl high to low propagation delay oe to ledn; mode2[1:0] = 01 --150ns output port timing [1] [2] t d(uscl-q) delay time from uscl to data output uscl to ledn; mode2[3] = 1; ledoutx = 01; outputs change on ninth clock cycle (uscl) --450ns t d(usda-q) delay time from usda to data output usda to ledn; mode2[3] = 0; ledoutx = 01; outputs change on stop condition --450ns PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 27 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver fig 17. definition of timing t sp t buf t hd;sta p p s t low t r t hd;dat t f t high t su;dat t su;sta sr t hd;sta t su;sto usda uscl 002aag331 0.7 v dd 0.3 v dd 0.7 v dd 0.3 v dd rise and fall times refer to v il and v ih . fig 18. ufm i 2 c-bus timing and output timing diagram uscl usda t hd;sta t su;dat t hd;dat t f t buf t su;sta t low t high 002aag615 t su;sto protocol start condition (s) bit 7 msb bit 6 bit 1 (d1) bit 0 (d0) 1 / f uscl t r (always set to 1 by master) stop condition (p) 9th clock 0.3 v dd 0.7 v dd 0.3 v dd 0.7 v dd output data led[0:7] t d(uscl-q) output data led[0:7] t d(usda-q) fig 19. output propagation delay 002aag604 oe t plh output data t phl PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 28 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 15. test information r l = load resistor for ledn. c l = load capacitance includes jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generators. fig 20. test circuitry for switching times pulse generator v o c l 50 pf r l 500 002aab284 r t v i v dd dut v dd open gnd PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 29 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 16. package outline fig 21. package outline sot355-1 (tssop24) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 7.9 7.7 4.5 4.3 0.65 6.6 6.2 0.4 0.3 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot355-1 mo-153 99-12-27 03-02-19 0.25 0.5 0.2 w m b p z e 11 2 24 13 pin 1 index a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a d y 0 2.5 5 mm scale tssop24: plastic thin shrink small outline package; 24 leads; body width 4.4 mm sot355-1 a max. 1.1 PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 30 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 17. handling information all input and output pins are protected ag ainst electrostatic discharge (esd) under normal handling. when handling ensure that the appropriate precautions are taken as described in jesd625-a or equivalent standards. 18. soldering of smd packages this text provides a very brief insight into a complex technology. a more in-depth account of soldering ics can be found in application note an10365 ?surface mount reflow soldering description? . 18.1 introduction to soldering soldering is one of the most common methods through which packages are attached to printed circuit boards (pcbs), to form electr ical circuits. the soldered joint provides both the mechanical and the electrical connection. th ere is no single sold ering method that is ideal for all ic packages. wave soldering is often preferred when through-hole and surface mount devices (smds) are mixed on one printed wiring board; however, it is not suitable for fine pitch smds. reflow soldering is ideal for the small pitches and high densities that come with increased miniaturization. 18.2 wave and reflow soldering wave soldering is a joining technology in which the joints are made by solder coming from a standing wave of liquid solder. the wave soldering process is suitable for the following: ? through-hole components ? leaded or leadless smds, which are glued to the surface of the printed circuit board not all smds can be wave soldered. packages with solder balls, and some leadless packages which have solder lands underneath the body, cannot be wave soldered. also, leaded smds with leads having a pitch smaller than ~0.6 mm cannot be wave soldered, due to an increased pr obability of bridging. the reflow soldering process involves applying solder paste to a board, followed by component placement and exposure to a temperature profile. leaded packages, packages with solder balls, and leadless packages are all reflow solderable. key characteristics in both wave and reflow soldering are: ? board specifications, in cluding the board finish , solder masks and vias ? package footprints, including solder thieves and orientation ? the moisture sensitivit y level of the packages ? package placement ? inspection and repair ? lead-free soldering versus snpb soldering 18.3 wave soldering key characteristics in wave soldering are: PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 31 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver ? process issues, such as application of adhe sive and flux, clinching of leads, board transport, the solder wave parameters, and the time during which components are exposed to the wave ? solder bath specifications, including temperature and impurities 18.4 reflow soldering key characteristics in reflow soldering are: ? lead-free versus snpb solderi ng; note that a lead-free reflow process usually leads to higher minimum peak temperatures (see figure 22 ) than a snpb process, thus reducing the process window ? solder paste printing issues including smearing, release, and adjusting the process window for a mix of large and small components on one board ? reflow temperature profile; this profile includ es preheat, reflow (in which the board is heated to the peak temperature) and cooling down. it is imperative that the peak temperature is high enough for the solder to make reliable solder joints (a solder paste characteristic). in addition, the peak temperature must be low enough that the packages and/or boards are not damaged. the peak temperature of the package depends on package thickness and volume and is classified in accordance with ta b l e 1 8 and 19 moisture sensitivity precautions, as indicat ed on the packing, must be respected at all times. studies have shown that small packages reach higher temperatures during reflow soldering, see figure 22 . table 18. snpb eutectic process (from j-std-020c) package thickness (mm) package reflow temperature ( ?c) volume (mm 3 ) < 350 ? 350 < 2.5 235 220 ? 2.5 220 220 table 19. lead-free process (from j-std-020c) package thickness (mm) package reflow temperature ( ?c) volume (mm 3 ) < 350 350 to 2000 > 2000 < 1.6 260 260 260 1.6 to 2.5 260 250 245 > 2.5 250 245 245 PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 32 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver for further information on temperature profiles, refer to application note an10365 ?surface mount reflow soldering description? . 19. abbreviations msl: moisture sensitivity level fig 22. temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = msl limit, damage level peak temperature table 20. abbreviations acronym description cdm charged-device model esd electrostatic discharge fet field-effect transistor hbm human body model i 2 c-bus inter-integrated circuit bus i/o input/output lcd liquid crystal display led light emitting diode lsb least significant bit msb most significant bit nmos negative-channel metal-oxide semiconductor npn bipolar transistor with n-type em itter and collector and a p-type base pcb printed-circuit board pmos positive-channel metal-oxide semiconductor pnp bipolar transistor with p-type emit ter and collector and an n-type base pwm pulse width modulation rgb red/green/blue rgba red/green/blue/amber smbus system management bus PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 33 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 20. revision history table 21. revision history document id release date data sheet status change notice supersedes PCU9654 v.1 20120702 product data sheet - - PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 34 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver 21. legal information 21.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 21.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 21.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. PCU9654 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 1 ? 2 july 2012 35 of 36 nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 21.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. i 2 c-bus ? logo is a trademark of nxp b.v. 22. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com nxp semiconductors PCU9654 8-bit ufm 5 mhz i 2 c-bus 100 ma 40 v led driver ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 2 july 2012 document identifier: PCU9654 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 23. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 2 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 4 ordering information . . . . . . . . . . . . . . . . . . . . . 3 5 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 5 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 functional description . . . . . . . . . . . . . . . . . . . 6 7.1 device addresses . . . . . . . . . . . . . . . . . . . . . . . 6 7.1.1 regular ufm i 2 c-bus slave address . . . . . . . . 6 7.1.2 led all call ufm i 2 c-bus address. . . . . . . . . . 7 7.1.3 led sub call ufm i 2 c-bus addresses. . . . . . . 7 7.1.4 software reset ufm i 2 c-bus address . . . . . . . 7 7.2 control register . . . . . . . . . . . . . . . . . . . . . . . . . 8 7.3 register definitions . . . . . . . . . . . . . . . . . . . . . . 9 7.3.1 mode register 1, mode1 . . . . . . . . . . . . . . . . 10 7.3.2 mode register 2, mode2 . . . . . . . . . . . . . . . . 10 7.3.3 pwm0 to pwm7, individual brightness control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 7.3.4 grppwm, group duty cycle control . . . . . . . . 11 7.3.5 grpfreq, group frequency . . . . . . . . . . . . . 12 7.3.6 ledout0 and ledout1, led driver output state . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 7.3.7 subadr1 to subadr3, ufm i 2 c-bus subaddress 1 to 3 . . . . . . . . . . . . . . . . . . . . . . 13 7.3.8 allcalladr, led all call ufm i 2 c-bus address . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 7.4 active low output enable input . . . . . . . . . . . 14 7.5 power-on reset . . . . . . . . . . . . . . . . . . . . . . . . 14 7.6 software reset. . . . . . . . . . . . . . . . . . . . . . . . . 14 7.7 individual brightness control with group dimming/blinking . . . . . . . . . . . . . . . . . . . . . . . 15 8 characteristics of the ufm i 2 c-bus . . . . . . . . 16 8.1 bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 8.1.1 start and stop conditions . . . . . . . . . . . . . 16 8.2 system configuration . . . . . . . . . . . . . . . . . . . 17 8.3 data transfer . . . . . . . . . . . . . . . . . . . . . . . . . . 17 9 bus transactions . . . . . . . . . . . . . . . . . . . . . . . 18 10 application design-in information . . . . . . . . . 20 10.1 junction temperature calculation . . . . . . . . . . 21 10.1.1 example 1: t j calculation of PCU9654pw, in tssop24 package, when t amb is known . . . . 22 10.1.2 example 2: t j calculation where only t case is known . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 11 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 23 12 thermal characteristics . . . . . . . . . . . . . . . . . 24 13 static characteristics . . . . . . . . . . . . . . . . . . . 24 14 dynamic characteristics. . . . . . . . . . . . . . . . . 26 15 test information . . . . . . . . . . . . . . . . . . . . . . . 28 16 package outline. . . . . . . . . . . . . . . . . . . . . . . . 29 17 handling information . . . . . . . . . . . . . . . . . . . 30 18 soldering of smd packages . . . . . . . . . . . . . . 30 18.1 introduction to soldering. . . . . . . . . . . . . . . . . 30 18.2 wave and reflow soldering. . . . . . . . . . . . . . . 30 18.3 wave soldering . . . . . . . . . . . . . . . . . . . . . . . 30 18.4 reflow soldering . . . . . . . . . . . . . . . . . . . . . . 31 19 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 32 20 revision history . . . . . . . . . . . . . . . . . . . . . . . 33 21 legal information . . . . . . . . . . . . . . . . . . . . . . 34 21.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 34 21.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 21.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 34 21.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 35 22 contact information . . . . . . . . . . . . . . . . . . . . 35 23 contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 |
Price & Availability of PCU9654 |