Part Number Hot Search : 
05472G0 240GFRAC D1001 AU680 CAT522 19DD21 AN650 CAT955
Product Description
Full Text Search
 

To Download PC322-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713 - 6272 (888) 997 - 3933 fax: (972)735 - 0964 e - mail: sales@pickercomponents.com dimensions are listed for reference purposes only. sp ecifications and availability subject to change without notice. pc322 rev f 7/08/2016 1 of 2 subminiature pcb signal relay pc322 features ? subminiature design ? dil package for pc board or socket ? contact capacity from 50 ma to 3 a ? meets fcc part 68 voltage surge ? class b insulation standard ? three coil sensitivities available ? rohs compliant: contact data max. switching power 84 w 125 va max. switching voltage 30 vdc 220 vac max, switching current 3 a material agni+au (clad); agpd+au (clad) initial contact resistance 50 m? max service life mechanical 1 x 10 7 operations electrical 1 x 10 5 operations e86876 contact form 2 form c, dpdt(b - m) (crossbar contacts) rated load voltage amps general purpose 50k cycles 24 vdc 1 a resistive 50k cycles 125 vac 1 a resistive 50k cycles 30 vdc 2 a characteristic operate time 6.0 ms. max. release time 5.0 ms. max. min. switching current 50 ma min. switching voltage 6 vdc insulation resistance 1,000 m? min, at 500 vdc dielectric strength 500 vac, 50 hz, between contacts 1000 vac, 50 hz, between coil and contacts surge withstand voltage fcc part.68 1,500 v, between open contacts 1,500 v, between coil and contacts 1,500 v, between contacts poles power consumption 150 mw, 200 mw, 360 mw, 510 mw characteristic continued shock resistance functional 100 m/s 2 11 ms survival 500 m/s 2 11 ms vibration resistance functional 10 hz - 70 hz double amplitude 1.5 mm survival 10 hz - 70 hz double amplitude 5 mm terminal strength 5n solderability 235 oc 2c 3 s 0.5 s temperature range - 30c ~ 70c ( - 22 f ~ 158 f) weight 5 gr ordering information example: pc322 - 12 p h - x model: pc322 coil voltage: 4.5 , 5 , 6 , 12 , 24 , 48 contact material: nil: agni + au; p : agpd + au sensitivity: nil : standard 360 mw; .51 : 510 mw; h : 200 mw; l : 150 mw rohs compliant: - x box quantity: 2,000 ; inner box 1,000
3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713 - 6272 (888) 997 - 3933 fax: (972)735 - 0964 e - mail: sales@pickercomponents.com dimensions are listed for reference purposes only. sp ecifications and availability subject to change without notice. pc322 rev f 7/08/2016 2 of 2 pc322 pc322 coil data coil voltage (vdc) coil power must operate voltage max. (vdc) must release voltage min. (vdc) resistance ohms 10% rated max .15 w .20 w .36 w .51 w 3 3.9 60 45 25 2.25 .3 17.6 4.5 5.9 135 101 56 3.15 .45 39.7 5 6.5 166.7 125 70 3.50 .5 49 6 7.8 240 180 100 4.20 .6 70.6 9 11.7 na 405 na 6.75 .9 na 12 15.6 960 720 400 8.40 1.2 282.4 24 31.2 3840 2880 1600 18.00 2.4 1129.4 48 62.4 na na na 36.0 4.8 4517.6 dimensions inches/mm wire diagram (2c) terminal layout (bottom view) relay pc board mounting (top view)


▲Up To Search▲   

 
Price & Availability of PC322-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X