Part Number Hot Search : 
AS1720 4C686 M66011FP AD8531 TC74H TDA21201 AN1464 TC74H
Product Description
Full Text Search
 

To Download P-UE76-3GA20-X600T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  title b c d 12 a 3 2 1 4 b a 56 updated P-UE76-3GA20-X600T jul19/13 j.si 03554 code ident. no. c 4:1 c 1 of 3 designed see notes material and finish b c 0.15 preliminary stamp removed oct24/14 x.xx x decimals angles 1 tolerances are: dwg app'd ie app'd qa appd checked drawn approvals date dimensions are in millimeters (25/32g) rev. sheet a4 dwg. no. project size scale ref. 1x1 ultraport sfp connector a division of amphenol corp. www.am phenol-highspeed.com amphenol high speed interconnects unless otherwise specified amphenol canada corp. do not scale drawing 3 ecn approved date description rev. revisions x a preliminary x.x 0.25 this document contains proprietary information and such information may not be disclosed to others for any purpose or used for manufacturing purposes without permission from nov11/14 t 6 0 0 material: connector - smt amphenol part number configuration ue76 - 3ga 20 - x temprature range: -40c to +85c contact: packaging: tape and reel (500 per) number lcp, flammability rating ul94-v0 plating: see amphenol part phosphor bronze plastic housing: packaging t = tape and reel packaging plating 2 = 0.76um gold at mating area gold flash in termination 3 = 0.76um gold at mating area 3.0-7.62um matte tin in termination 5 = 0.38um gold at mating area gold flash in termination 6 = 0.38um gold at mating area 3.0-7.62um matte tin in termination
b c d 12 a 3 2 1 4 b a 56 c P-UE76-3GA20-X600T jul19/13 j.si 03554 code ident. no. c 5:1 title 2 of 3 designed see notes material and finish x.xx 0.15 x.x 0.25 1 decimals angles unless otherwise specified dimensions are in millimeters tolerances are: dwg app'd ie app'd qa appd checked drawn approvals date 1x1 ultraport sfp connector (25/32g) rev. sheet a4 dwg. no. project size scale ref. amphenol high speed interconnects a division of amphenol corp. www.am phenol-highspeed.com this document contains proprietary information and such information may not be disclosed to others for any purpose or used for manufacturing purposes without permission from amphenol canada corp. do not scale drawing 3 ecn approved date description rev. revisions x a preliminary x oct24/14 preliminary stamp removed b c updated nov11/14 pin 11 pin 1 pin 10 pin 20 9.60 11.00 a a date cade part number section a-a 0.500.08 2.88 8.95 5.37 4.50 1.40 1.40
note: some of ultrapor t cages pcb layout not allowed having signal traces on the top of the surface. please contact amphenol high speed interconnects for cages availability for the applications. b c d 12 a 3 2 1 4 b a 56 c P-UE76-3GA20-X600T jul19/13 j.si 03554 code ident. no. c 2:1 title 3 of 3 designed see notes material and finish x.xx 0.15 x.x 0.25 1 decimals angles unless otherwise specified dimensions are in millimeters tolerances are: dwg app'd ie app'd qa appd checked drawn approvals date 1x1 ultraport sfp connector (25/32g) rev. sheet a4 dwg. no. project size scale ref. amphenol high speed interconnects a division of amphenol corp. www.am phenol-highspeed.com this document contains proprietary information and such information may not be disclosed to others for any purpose or used for manufacturing purposes without permission from amphenol canada corp. do not scale drawing 3 ecn approved date description rev. revisions x a preliminary x oct24/14 preliminary stamp removed b c updated nov11/14 b x 9.60 8.60 5.90 6.90 scale 4 : 1 detail b (traces allowed) componets keep-out this area denotes (except chassis ground) 0.06 and trace keep-out denotes component cross-hatched area l a w l w v l x w x l z l 0.1 v 0.1 0.06 l w v 0.850.05 4.10 4.10 1.40 2.000.03 (20 plcs) 0.500.03 (20 plcs) 0.80 (typ) 1.00 2.33 0.90 1.00 3.68 5.38 8.48 10.18 13.25 2.00 (typ) 1.550.05 1.550.05


▲Up To Search▲   

 
Price & Availability of P-UE76-3GA20-X600T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X